Part Number Hot Search : 
150200 10M20 SI470 TLP3022S 00410 C100E1 BAT54A RFP2N12L
Product Description
Full Text Search
 

To Download MG2C-8012 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 4287 Technology Drive Fremont, CA 94538 USA Tel: (510) 580-5181 Fax: (510) 445-6349 Email: sales@luxnetcorp.com www.luxnetcorp.com
2.5 Gbps 850 nm PIN-TIA
Product Description:
The LuxNet MG2C-8012 PIN-TIA is designed for high-speed, high-performance data communication and telecommunication applications. This device integrates our high-speed 850 nm PIN detector with a 2.5Gbps trans-impedence amplifier (TIA) and capacitors into a TO-46 header with a lens cap window. The product is designed for 2.125Gbps to 2.5Gbps Fiber Channel, Gigabit Ethernet, and ATM/SONET transceiver modules and systems. The PIN-TIA assembly can be integrated with different types of ports engaged with a fiber connector to transmit the light from fiber through receptacle into the PIN detector with high coupling efficiency.
Product Specifications:
Absolute Maximum Ratings (T = 25C): Parameter Symbol Operating Temperature Top Storage Temperature Tstg Solder Reflow Temperature Tstg Power Supply Voltage VP Forward Current If Reverse Voltage Vr Reverse Current Ir Unit C C C V mA V mA Min. 0 -40 Max. 85 85 260 3.8 10 40 1 Note 10 seconds max.
Electro-Optical Characteristics (T = 25C, unless noted otherwise): Parameter Supply Voltage Supply Current Output Voltage (differential) Responsivity Upper -3dB Bandwidth Peak Wavelength Rise/Fall Time Symbol Vcc Icc Vout R BWupper p r/f Unit Volts mA mV V/W GHz nm ps Min. 3 Typ. 3.3 25 Max. Test Condition P=0 W, Rload=50 Ohm P=100 W, Rload=50 Ohm P=20 W, Rload=50 Ohm 860 150/150
200 1600 2.0 850
Vcc=3.3V; 20%-80%
* Specifications are subject to change without notice. * Screening per customer-specified reject limits is available.
September 19, 2002
4287 Technology Drive Fremont, CA 94538 USA Tel: (510) 580-5181 Fax: (510) 445-6349 Email: sales@luxnetcorp.com www.luxnetcorp.com
Dimensions: (mm) All dimensions are nominal
PINOUT MG2C-8012 Number 1 2 3 4 Function Gnd Non-Inverted Output Vcc Inverted Output
* Specifications are subject to change without notice. * Screening per customer-specified reject limits is available.
September 19, 2002


▲Up To Search▲   

 
Price & Availability of MG2C-8012

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X