Part Number Hot Search : 
004000 N4687 XR120 157HGP W91352AN TRH0703 L1027 MC68HC0
Product Description
Full Text Search
 

To Download MF400XSL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CYStech Electronics Corp.
SURFACE MOUNT DIODES
Spec. No. : C327SL Issued Date : 2003.05.21 Revised Date : Page No. : 1/3
MF400XSL
Description
The MF400XSL is designed for general purpose rectification application in hybrid thick-and thin-film circuits.
Features
* Low forward voltage drop and low leakage current * High current capability * High surge current capability * Plastic material used carries UL flammability classification 94V-0 utilizing flame retardant epoxy molding compound. * High reliability * Small surface mount package
Maximum Ratings and Electrical Characteristics
Rating at 25C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
Type Number Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current Peak Forward Surge Current, 8.3ms Single Half Sine-wave Superimposed on Rated Load(JEDEC method) Maximum Instantaneous Forward Voltage @ 1.0A Maximum DC Reverse Current at Rated DC Blocking Voltage Typical Junction Capacitance (Note 1) Thermal Resistance, Junction to Ambient Operating Temperature Range Tj Storage Temperature Range Tstg Notes: 1. Measured at 1 MHz and applied reverse voltage of 4.0Volts MF 4001 50 35 50 MF 4002 100 70 100 MF 4003 200 140 200 MF 4004 400 280 400 1 30 1 5 (@Ta=25C) 50 (@Ta=125C) 15 50 -65 to +175 -65 to +175 MF 4005 600 420 600 MF 4006 800 560 800 MF 4007 1000 700 1000 Units V V V A A V A pF /W C C
MF400XSL
CYStek Product Specification
CYStech Electronics Corp.
Characteristic Curves
Forward Current Derating Curve
1.2
Spec. No. : C327SL Issued Date : 2003.05.21 Revised Date : Page No. : 2/3
Maximum Non-Repetitive Forward Surge Current 35 Peak Forward Surge Current---IFSM(A) 30 25 20 15 10 5 0 Tj=25, 8.3ms Single Half Sine Wave JEDEC method
Average Forward Current---Io(A)
1 0.8 0.6 0.4 0.2 0 0 20 40 60 80 100 120 140 160 180 200 Ambient Temperature---TA( ) Single phase, half wave, 60Hz. Resistive or inductive load
1
10
100
Number of Cycles at 60Hz
Forward Current vs Forward Voltage
100 Junction Capacitance---CJ(pF) 0.9 1 1.1 1.2 1.3 Tj=25, Pulse width=300s 1% Duty cycle 35 30 25 20 15 10 5
Junction Capacitance vs Reverse Voltage
Forward Current---IF(A)
10
1
0.1
0.01 0.6 0.7 0.8
0 0.01
0.1
1
10
100
Forward Voltage---VF(V)
Reverse Voltage---VR(V)
Reverse Leakage Current vs Reverse Voltage
100 Reverse Leakage Current---IR(A)
10
Tj=100
1
0.1
Tj=25
0.01 0 20 40 60 80 100 120 140 Percent of Rated Peak Reverse Voltage---(%)
MF400XSL
CYStek Product Specification
CYStech Electronics Corp.
Melf Dimension
Spec. No. : C327SL Issued Date : 2003.05.21 Revised Date : Page No. : 3/3
Cathode Mark
A
Melf plastic package CYStek package code:SL
B
D
C
*:Typical
DIM A B
Inches Min. Max. 0.095 0.105 0.018 0.024
Millimeters Min. Max. 2.40 2.70 0.46 0.60
DIM C D
Inches Min. Max. 0.018 0.024 0.190 0.205
Millimeters Min. Max. 0.46 0.60 4.8 5.2
Notes : 1.Controlling dimension : millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek. * CYStek reserves the right to make changes to its products without notice. * CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
MF400XSL
CYStek Product Specification


▲Up To Search▲   

 
Price & Availability of MF400XSL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X