Part Number Hot Search : 
LB1930 IRF73 BD9211F DSR1D PS21212 3EZ28D5 NTE2356 2SD2582
Product Description
Full Text Search
 

To Download MF1ICS2005W7D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MF1 IC S20 05
Sawn bumped 120m wafer addendum
Rev. 3.0 -- 18 July 2007
141130
Product data sheet
PUBLIC
1. General description
The MF1 IC S20 05 is a contactless Smart Card IC designed for card IC coils following the "Mifare card IC coil design guide" and is qualified to work properly in NXP reader environment, which is built according to NXP specification. This specification describes electrical, physical and dimensional properties of wafers.
2. Ordering information
Table 1. Ordering information Package Name Description Ordering Code Type number
MF1ICS2005W/U7D
Die on sawn wafer
9352 851 56005
3. Mechanical specification
3.1 Wafer * * * *
Diameter: Thickness: Flatness: PGDW: 8" 120 m 15 m not applicable 24892
3.2 Wafer backside * Material: * Treatment: 3.3 Chip dimensions * Chip size: * Scribe lines:
1.11 x 1.06 mm x-line: 80 m y-line: 80 m Si ground and stress relieve
3.4 Passivation * Type: * Material:
sandwich structure PSG / Nitride
NXP Semiconductors
MF1 IC S20 05
Sawn bumped 120m wafer addendum 500 nm / 600 nm
* Thickness: 3.5 Au bump * * * * *
Bump material: Bump hardness: Bump shear strength: Bump height: Bump height uniformity: - within a die: - within a wafer: - wafer to wafer:
> 99.9% pure Au 35 - 80 HV 0.005 > 70 MPa 18 m 2 m 3 m 4 m 1.5 m 104 x 104 m 89 x 104 m 5 m sputtered TiW
* Bump flatness: * Bump size:
- LA, LB, VSS1 - TESTIO1
* Bump size variation: * Under bump metallization:
Remark: Substrate is connected to VSS.
3.6 Fail die identification
Electronic wafer mapping covers the electrical test results and additionally the results of mechanical/ visual inspection. No inkdots are applied.
1.Pads VSS and TESTIO are disconnected when wafer is sawn.
141130 (c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 3.0 -- 18 July 2007
2 of 7
NXP Semiconductors
MF1 IC S20 05
Sawn bumped 120m wafer addendum
4. Limiting values
Table 2. Limiting values[1][2][3] In accordance with the Absolute Maximum Rating System (IEC 134) Symbol IIN PTOT TSTOR TOP VESD ILU
[1] [2] [3] [4]
Parameter Input Current Total power dissipation per package Storage temperature Operating temperature Electrostatic discharge voltage Latch-up current
[4]
Min -55 -25 2 100
Max 30 200 125 70 -
Unit mA mW C C kV mA
Stresses above one or more of the limiting values may cause permanent damage to the device These are stress ratings only. Operation of the device at these or any other conditions above those given in the Characteristics section of the specification is not implied Exposure to limiting values for extended periods may affect device reliability MIL Standard 883-C method 3015; Human body model: C = 100 pF, R = 1.5 kW
5. Characteristics
Table 3. Symbol fIN CIN tW tRET NWE
[1] [2] [3]
Electrical characteristics [1][2][3] Parameter Input frequency Input capacitance (LCR meter HP4258) EEPROM write time EEPROM data retention EEPROM write endurance 22 C, Cp-D, 13.56 MHz, 2 V 10 105 2.9 ms years cycles Conditions Min 14.4 Typ 13.56 16.1 Max 17.4 Unit MHz pF
Stresses above one or more of the limiting values may cause permanent damage to the device These are stress ratings only. Operation of the device at these or any other conditions above those given in the Characteristics section of the specification is not implied Exposure to limiting values for extended periods may affect device reliability
141130
(c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 3.0 -- 18 July 2007
3 of 7
NXP Semiconductors
MF1 IC S20 05
Sawn bumped 120m wafer addendum
6. Chip orientation and bond pad locations
PAD (center) x [m] VSS TESTIO LA Y LB 0.0 252.2 17.4 712.4
y [m] 0.0 602.3 596.1 0.0
(1) (5)
(6)
LA
TESTIO
(4)
VSS
MF1ICS2005
LB
(8)
X
(7)
(2)
(3)
(1) (2) (3) (4)
X - Scribeline width: Y- Scribeline width: Chip step, x -length: Chip step, y -length:
80 m 80 m 1.11 mm 1.06 mm
(5) (6) (7) (8)
LA LA LB LB
bump bump bump bump
edge edge edge edge
to to to to
chip chip chip chip
edge, edge, edge, edge,
y-length: 106.5 m x-length: 103.0 m y-length: 133.4 m x-length: 88.6 m
Fig 1. Chip orientation and bond pad locations
141130
(c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 3.0 -- 18 July 2007
4 of 7
NXP Semiconductors
MF1 IC S20 05
Sawn bumped 120m wafer addendum
7. References
* * * * *
Data sheet "General wafer specification for 8" wafers" Data sheet "Standard card IC MF1 IC S50 memory contents after test" Data sheet "Standard card IC MF1 IC S50 functional Specification" Product qualification package "Standard card IC MF1 IC S50 05" Application note "Mifare card IC coil design guide"
8. Revision history
Table 4. 141130 Modifications: Revision history Data sheet status Product data sheet Change notice Supersedes July 2007 Document ID Release date
* *
The format of this data sheet has been redesigned to comply with the new identity guidelines of NXP Semiconductors. Legal texts have been adapted to the new company name.
141130
(c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 3.0 -- 18 July 2007
5 of 7
NXP Semiconductors
MF1 IC S20 05
Sawn bumped 120m wafer addendum
9. Legal information
9.1 Data sheet status
Product status[3] Development Qualification Production Definition This document contains data from the objective specification for product development. This document contains data from the preliminary specification. This document contains the product specification.
Document status[1][2] Objective [short] data sheet Preliminary [short] data sheet Product [short] data sheet
[1] [2] [3]
Please consult the most recently issued document before initiating or completing a design. The term `short data sheet' is explained in section "Definitions". The product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple devices. The latest product status information is available on the Internet at URL http://www.nxp.com.
9.2
Definitions
Draft -- The document is a draft version only. The content is still under internal review and subject to formal approval, which may result in modifications or additions. NXP Semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall have no liability for the consequences of use of such information. Short data sheet -- A short data sheet is an extract from a full data sheet with the same product type number(s) and title. A short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. For detailed and full information see the relevant full data sheet, which is available on request via the local NXP Semiconductors sales office. In case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail.
result in personal injury, death or severe property or environmental damage. NXP Semiconductors accepts no liability for inclusion and/or use of NXP Semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customer's own risk. Applications -- Applications that are described herein for any of these products are for illustrative purposes only. NXP Semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. Limiting values -- Stress above one or more limiting values (as defined in the Absolute Maximum Ratings System of IEC 60134) may cause permanent damage to the device. Limiting values are stress ratings only and operation of the device at these or any other conditions above those given in the Characteristics sections of this document is not implied. Exposure to limiting values for extended periods may affect device reliability. Terms and conditions of sale -- NXP Semiconductors products are sold subject to the general terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms, including those pertaining to warranty, intellectual property rights infringement and limitation of liability, unless explicitly otherwise agreed to in writing by NXP Semiconductors. In case of any inconsistency or conflict between information in this document and such terms and conditions, the latter will prevail. No offer to sell or license -- Nothing in this document may be interpreted or construed as an offer to sell products that is open for acceptance or the grant, conveyance or implication of any license under any copyrights, patents or other industrial or intellectual property rights.
9.3
Disclaimers
General -- Information in this document is believed to be accurate and reliable. However, NXP Semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. Right to make changes -- NXP Semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. This document supersedes and replaces all information supplied prior to the publication hereof. Suitability for use -- NXP Semiconductors products are not designed, authorized or warranted to be suitable for use in medical, military, aircraft, space or life support equipment, nor in applications where failure or malfunction of a NXP Semiconductors product can reasonably be expected to
9.4
Trademarks
Notice: All referenced brands, product names, service names and trademarks are the property of their respective owners. Mifare -- is a trademark of NXP B.V.
10. Contact information
For additional information, please visit: http://www.nxp.com For sales office addresses, send an email to: salesaddresses@nxp.com
141130
(c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 3.0 -- 18 July 2007
6 of 7
NXP Semiconductors
MF1 IC S20 05
Sawn bumped 120m wafer addendum
11. Tables
Table 1. Table 2. Ordering information . . . . . . . . . . . . . . . . . . . . .1 Limiting values[1][2][3] . . . . . . . . . . . . . . . . . . . . . .3 Table 3. Table 4. Electrical characteristics [1][2][3] . . . . . . . . . . . . . 3 Revision history . . . . . . . . . . . . . . . . . . . . . . . . . 5
12. Contents
1 2 3 3.1 3.2 3.3 3.4 3.5 4 5 6 7 8 9 9.1 9.2 9.3 9.4 10 11 12 General description . . . . . . . . . . . . . . . . . . . . . . Ordering information . . . . . . . . . . . . . . . . . . . . . Mechanical specification . . . . . . . . . . . . . . . . . Wafer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Wafer backside . . . . . . . . . . . . . . . . . . . . . . . . . Chip dimensions . . . . . . . . . . . . . . . . . . . . . . . Passivation . . . . . . . . . . . . . . . . . . . . . . . . . . . . Au bump . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . Chip orientation and bond pad locations . . . . References . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Revision history . . . . . . . . . . . . . . . . . . . . . . . . . Legal information. . . . . . . . . . . . . . . . . . . . . . . . Data sheet status . . . . . . . . . . . . . . . . . . . . . . . Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . . Trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . . Contact information. . . . . . . . . . . . . . . . . . . . . . Tables . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 1 1 1 1 1 1 2 3 3 4 5 5 6 6 6 6 6 6 7 7
Please be aware that important notices concerning this document and the product(s) described herein, have been included in section `Legal information'.
(c) NXP B.V. 2007.
All rights reserved.
For more information, please visit: http://www.nxp.com For sales office addresses, please send an email to: salesaddresses@nxp.com Date of release: 18 July 2007 Document identifier: 141130


▲Up To Search▲   

 
Price & Availability of MF1ICS2005W7D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X