Part Number Hot Search : 
4AUP1G 743SURD 2SK3948G ADP130 IRF84 E330M HP2601 15T60
Product Description
Full Text Search
 

To Download MF-622DS-R13-242 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MITSUBISHI (OPTICAL DEVICES)
MF-622DF-T12-43x/45x/46x MF-622DS-R13-24x
SONET/SDH TRANSMITTER & RECEIVER
DESCRIPTION
Transmitter uses uncooled laser in a hermetic pigtail coaxial module with drivered by specific integrated circuit. Receiver uses PIN preamp in a hermetic pigtail coaxial module and integrated circuits for reshaping, retiming and regenerating optical signal.
FEATURES
SONET,SDH system from intra-office to longleach application fully line up Low cost and Low power consumption Multisourced 20-Pin DIP with pigtail fiber Single +5V power supply and P-ECL compatible input and output Operating case temperature range -40 to 85 C. With clock recovery and digital alarm function
APPLICATION
Short haul and long haul telecommunication systems for SDH STM-4 / SONET OC-12.
ABSOLUTE MAXIMUM RATINGS
Stress below listed absolute maximum rating may cause permanent damage to the module. This is a stress only and functional operation of the module at these or any other conditions in excess of those given in the operational sections of this data sheet. Exposure to Absolute Maximum Rating for extended periods may affect module reliability.
Ta=25C Parameters Supply voltage PECL high output current PECL input voltage Storage temperature Operating case temperature Soldering Temperature Soldering Time Relative humidity(non condensation) Fiber bend radius from package Symbol Vcc Tstg Tc rF Ratings +6 to 0 -50 to 0 0 to Vcc+0.4 -40 to 85 -40 to 85 +260 10 10 to 80 32 Unit V mA V
C C C
sec % mm
MITSUBISHI (OPTICAL DEVICES)
MF-622DS-T12-43x/45x/46x MF-622DS-R13-24x
SONET/SDH TRANSMITTER & RECEIVER
ELECTRICAL CHARACTERISTICS
All parameters are specified over the operating case temperature. Measurement conditions are at 622.08Mb/s+/-20ppm, NRZ PN223 -1 and 50%duty cycle data signal. The DATA input/output and CLOCK output signal levels are PECL compatible. The transmitter disable input signal level is CMOS/TTL compatible. The Signal Detect output signal level is PECL level compatible.
Transmitter
Parameters Supply voltage Power consumption PECL input voltage Transmitter Disable voltage Transmitter Enable voltage Laser bias monitor voltage Laser backface monitor voltage Condition note 1 note 2 note 2 note 3 note 3 Symbol Vcc Pc Vd Ve Vb Vbf Vcc-2.0V 0 0.01 0.01 Min. 4.75 Typ. 5.0 0.75 PECL Vcc 0.8 0.70 0.20 Max. 5.25 1.5 Unit V W V V V V
Receiver
Parameters Condition Symbol Min. Typ. Max. Unit
Supply voltage Power consumption PECL input voltage Data/Clock external Load Data to clock phase Clock duty Jitter Signal Detect Response Time: Decreasing Light Input Signal Detect Response Time: Increasing Light Input Photo Bias Current Responsity note 5,7 note 5,7 note 8 note 4,5 note 4 note 6 note 6
Vcc Pc RI Tcda SDRTd SDRTi PBr
4.75 -
5.0 1.2 PECL 50
5.25 1.5
V W ohm
-200 45
ITU Rec.compliant
200 55
psec. % -
0.6
-
100 100 -
us us A/W
MITSUBISHI (OPTICAL DEVICES)
MF-622DS-T12-43x/45x/46x MF-622DS-R13-24x
SONET/SDH TRANSMITTER & RECEIVER
OPTICAL CHARACTERISTICS
Parameter ITU code Min. Optical Budget Transmitter Wavelength Optical source Optical power at pigtail Optical power when disable Spectral width(rms) Spectral width(-20dB) SMSR Extinction ratio Optical wave form Path penalty (dispersion=ITU-T compliant) Receiver Min. Wavelength Sensitivity Overload 1260 -8 -33 -3 Typ. Max. 1580 -31 nm dBm dBm 1 -14 8.2 1274 MLM -8 -45 2.5 -2.5 30 10 1356 1280 SLM +2 -45 1 -2 30 10 1335 1480 SLM +2 -45 1 1580 nm dBm dBm nm nm dB dB 1 dB 0 S-4.1 Max. 17 Min. 10 Specification L-4.1 Max. 28.5 Min. 10 L-4.2 Max. 29 dB Unit
SONET/SDH Mask compliant 1
ORDERING INFORMATION Transmitter
Part number MF-622DF-T12-430 MF-622DF-T12-431 MF-622DF-T12-432 MF-622DF-T12-450 MF-622DF-T12-451 MF-622DF-T12-452 MF-622DF-T12-460 MF-622DF-T12-461 MF-622DF-T12-462 ITU-code S-4.1 S-4.1 S-4.1 L-4.1 L-4.1 L-4.1 L-4.2 L-4.2 L-4.2 Optical connector type FC SC ST FC SC ST FC SC ST
Receiver
Part number MF-622DS-R13-240 MF-622DS-R13-241 MF-622DS-R13-242 ITU-code STM-4 STM-4 STM-4 Optical connector type FC SC ST
MITSUBISHI (OPTICAL DEVICES)
MF-622DS-T12-43x/45x/46x MF-622DS-R13-24x
SONET/SDH TRANSMITTER & RECEIVER
TRANSMITTER PIN ALLOCATION
No. 1 2 3 4 5 6 7 8 9 10 Symbol NC Lbs(+) NC Lbs(-) GND Vcc Td Vcc Vcc NC Description No user connection Laser-bias monitor(+) No user connection Laser-bias monitor(-) Ground Vcc Transmitter disable Vcc Vcc No user connection No. 20 19 18 17 16 15 14 13 12 11 Symbol NC Lbf(+) Vcc Lbf(-) Data Data GND GND Vcc GND Description No user connection Laser-backface monitor(+) Vcc Laser-backface monitor(-) Data Data Ground Ground Vcc Ground
PIN DESCRIPTIONS
Pin No. 5,11, 13,14 6,8,9, 12,18 15,16 Function GND Vcc Data & Data I/O I I I Pin description These pin are the module's ground connections. They should be connected to a low impedance ground plane (0V). This is the power supply pin for the module. It should be connected to +5.0V. Recommended power supply decoupling. This data input pin modulates the laser diode. When the Data input is asserted, the laser diode is turned on. Signal level of these pin are PECL level and internal Vbb bias. Refer to electrical interface in NOTE1. The transmitter is nomally enabled and only requires an external voltage to disable. Refer to electrical interface in NOTE2. The laser bias current is calculated as a ratio of the voltage to an internal 10-ohm sensing resistor. Ib[mA]={Lbs(+)-Lbs(-)}[mV]/10 Refer to electrical interface in NOTE3. The laser backface monitor is calculated as a ratio of the voltage to an internal 200ohm sensing resistor. Ibf[mA]={Lbf(+)-Lbf(-)}[mV]/200 Refer to electrical interface in NOTE3. These pin are No user connection and should be left open.
7 2,4
Transmitter disable Laser-bias monitor(+), Laser-bias monitor(-) Laser-backface monitor(+), Laser-backface monitor(-) NC
I O
17,19
O
1,3, 10,20
-
MITSUBISHI (OPTICAL DEVICES)
MF-622DS-T12-43x/45x/46x MF-622DS-R13-24x
SONET/SDH TRANSMITTER & RECEIVER
RECEIVER PIN ALLOCATION
No. 1 2 3 4 5 6 7 8 9 10 Symbol GND GND GND CLK CLK GND Data GND Data PDB Description Ground Ground Ground Clock Clock Ground Data Ground Data Photo Detector Bias No. 20 19 18 17 16 15 14 13 12 11 Symbol NC NC NC NC GND GND SD GND SD Vcc Description No user connection No user connection No user connection No user connection Ground Ground Signal Detect Ground Signal Detect Vcc
RECEIVER PIN DESCRIPTIONS
Pin No. 1,2,3, 6,8,13, 15,16 11 7,9 4,5 12,14 Function GND Vcc Data & Data Clock & Clock Signal Detect & Signal Detect Photo Detector Bias I/O I I O O O Pin description These pin are the module's ground connections. They should be connected to a low impedance ground plane (0V). This is the power supply pin for the module. It should be connected to +5.0V. Recommended power supply decoupling. There are Data output pin (Differential PECL output). Signal level of these pin are PECL level. Refer to electrical interface in NOTE4. There are recovered clock output pin (Differential PECL output). Signal level of these pin are PECL level. Refer to electrical interface in NOTE4. When the optical input signal fall bellow the SD threshold level, The Signal Detect is deasserted and its output logic level changes form a PECL HIGH to PECL LOW. Signal Detect pin is differential PECL output pin. Refer to electrical interface in NOTE5. This pin supplies the bias for the PIN Photo Detector and it should be connected to +5.0V. Additionally, by using External Resistor in series with this pin, it is possible to measure the photocurrent. Refer to electrical interface in NOTE8. These pin are No user connection and should be left open.
10
I
17,18, 19,20
NC
-
MITSUBISHI (OPTICAL DEVICES)
MF-622DS-T12-43x/45x/46x MF-622DS-R13-24x
SONET/SDH TRANSMITTER & RECEIVER
GENERAL OUTLINE DRAWING
Transmitter / Receiver (FC/PC, SC/PC and ST/PC connector are available) NOTE: TOLERANCES UNLESS NOTED +/-0.5 DIMENSIONS ARE IN MILLIMETERS L=900+/-100
MITSUBISHI (OPTICAL DEVICES)
MF-622DS-T12-43x/45x/46x MF-622DS-R13-24x
SONET/SDH TRANSMITTER & RECEIVER
BLOCK DIAGRAM
LD Module
PD LD Integrated device
OPT.OUT DRIVER IC
Laser-backface monitor(+) Laser-backface monitor(-) Laser-bias monitor(+) A.P.C. Curcuit
DATA IN DATA IN
Driver IC
Laser-bias monitor(-) Transmitter disable
Transmitter Block Diagram
Limiting IC
PD Preamp
Clock recovery IC
Amp Decider
DATA Out DATA Out CLK Out
OPT.IN
Rt PD-Preamp Module
CLK Out
Alarm
PLL
Signal Detect
Receiver Block Diagram
MITSUBISHI (OPTICAL DEVICES)
MF-622DS-T12-43x/45x/46x MF-622DS-R13-24x
SONET/SDH TRANSMITTER & RECEIVER
NOTE
NOTE1: PECL Input Interface
13Kohm Data
PECL
Data
47Kohm
NOTE2: Transmitter disable Interface
Transmitter
Td HCMOS comparator 51Kohm
Transmitter Disable Input
Vcc 0V ON OFF
Optical Output
The transmitter is normally enabled and only requires an external voltage to disable.
MITSUBISHI (OPTICAL DEVICES)
MF-622DS-T12-43x/45x/46x MF-622DS-R13-24x
SONET/SDH TRANSMITTER & RECEIVER
NOTE3: Laser bias / Laser backface monitor Interface. Transmitter PD LD
LD Module
3Kohm Laser backface 200ohm 3Kohm 3Kohm 10ohm 3Kohm current monitor current monitor Laser bias A.P.C. Curcuit
NOTE4: PECL Output interface DC-coupled Receiver AC-coupled Receiver
Data / Clock Data / Clock 50ohm Vcc-2V NOTE5: Signal Detect Interface Receiver 330ohm 330ohm 50ohm 0.1uF Signal Detect Signal Detect PECL PECL
Data / Clock Data / Clock 330ohm Optical Signal Signal Detect Signal Detect 330ohm OFF
0.1uF 0.1uF 50ohm ON
MITSUBISHI (OPTICAL DEVICES)
MF-622DS-T12-43x/45x/46x MF-622DS-R13-24x
SONET/SDH TRANSMITTER & RECEIVER
NOTE6: Data and Clock relationship
Data
Clock
45% < Clock duty < 55%
Td
Td < +/-200psec.
NOTE7: Signal Detect Response time: Decreasing Light Input / Increasing Light Input Optical wave Optical wave
SDRTd
SDRTi
SDRTd < 100usec. SDRTi < 100usec.
NOTE8: Photo current monitor method Vcc External resister (R=<100ohm) Photo Detector Bias Receiver
PD OPT.IN Preamp
Rt
PD-Preamp Module
The photocurrent will be calculated based on the voltage drop across on external resistor connected between the monitoring pin and +5V.


▲Up To Search▲   

 
Price & Availability of MF-622DS-R13-242

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X