Part Number Hot Search : 
M67799LA 2N7051 SB340 DA112S P6KE150A SMV2022 UM66T05S LT1086IM
Product Description
Full Text Search
 

To Download MDD26-18N1B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MDD 26
Diode Modules
IFRMS = 2x 60 A IFAVM = 2x 36 A VRRM = 800-1800 V
VRSM V 900 1300 1500 1700 1900
VRRM V 800 1200 1400 1600 1800
Type
3
1
2
TO-240 AA
2 1
3
MDD 26-08N1 B MDD 26-12N1 B MDD 26-14N1 B MDD 26-16N1 B MDD 26-18N1 B
Symbol IFRMS IFAVM IFSM
Test Conditions TVJ = TVJM TC = 100C; 180 sine TVJ = 45C; VR = 0 TVJ = TVJM VR = 0 TVJ = 45C VR = 0 TVJ = TVJM VR = 0 t = 10 ms t = 8.3 ms t = 10 ms t = 8.3 ms t = 10 ms t = 8.3 ms t = 10 ms t = 8.3 ms (50 Hz), sine (60 Hz), sine (50 Hz), sine (60 Hz), sine (50 Hz), sine (60 Hz), sine (50 Hz), sine (60 Hz), sine
Maximum Ratings 60 A 36 A 650 760 580 630 2100 2400 1700 1900 -40...+150 150 -40...+125 A A A A As A2s A2s A2s C C C V~ V~
2
Features International standard package JEDEC TO-240 AA Direct copper bonded Al2O3 -ceramic base plate Planar passivated chips Isolation voltage 3600 V~ UL registered, E 72873
q q q q q
oi dt
2
TVJ TVJM Tstg VISOL Md Weight Symbol IR VF VT0 rT QS IRM RthJC RthJK dS dA a 50/60 Hz, RMS IISOL 1 mA t = 1 min t=1s
Applications Supplies for DC power equipment DC supply for PWM inverter Field supply for DC motors Battery DC power supplies
q q q q
3000 3600
q q q
Mounting torque (M5) Terminal connection torque (M5) Typical including screws Test Conditions TVJ = TVJM; VR = VRRM IF = 80 A; TVJ = 25C For power-loss calculations only TVJ = TVJM TVJ = 125C; IF = 25 A, -di/dt = 0.6 A/ms per diode; DC current per module per diode; DC current per module
2.5-4/22-35 Nm/lb.in. 2.5-4/22-35 Nm/lb.in. 90 g Characteristic Values 10 mA 1.38 0.8 6.1 50 6 1.0 0.5 1.2 0.6 12.7 9.6 50 V V mW mC A K/W K/W K/W K/W mm mm m/s2
q
Advantages Space and weight savings Simple mounting Improved temperature and power cycling Reduced protection circuits Dimensions in mm (1 mm = 0.0394")
other values see Fig. 6/7
Creepage distance on surface Strike distance through air Maximum allowable acceleration
Data according to IEC 60747 and refer to a single diode unless otherwise stated. IXYS reserves the right to change limits, test conditions and dimensions
(c) 2000 IXYS All rights reserved
1-3
MDD 26
Fig. 1 Surge overload current IFSM: Crest value, t: duration
Fig. 2 oi2dt versus time (1-10 ms)
Fig. 2a Maximum forward current at case temperature Fig. 3 Power dissipation versus forward current and ambient temperature (per diode)
Fig. 4 Single phase rectifier bridge: Power dissipation versus direct output current and ambient temperature R = resistive load L = inductive load
(c) 2000 IXYS All rights reserved
2-3
MDD 26
Fig. 5 Three phase rectifier bridge: Power dissipation versus direct output current and ambient temperature
Fig. 6 Transient thermal impedance junction to case (per diode) RthJC for various conduction angles d: d DC 180 120 60 30 RthJC (K/W) 1.00 1.02 1.04 1.07 1.10
Constants for ZthJC calculation: i 1 2 3 Rthi (K/W) 0.01 0.03 0.96 ti (s) 0.0012 0.095 0.455
Fig. 7 Transient thermal impedance junction to heatsink (per diode) RthJK for various conduction angles d: d DC 180 120 60 30 RthJK (K/W) 1.20 1.22 1.24 1.27 1.30
Constants for ZthJK calculation: i 1 2 3 4 (c) 2000 IXYS All rights reserved Rthi (K/W) 0.01 0.03 0.96 0.2 ti (s) 0.0012 0.095 0.455 0.495
3-3


▲Up To Search▲   

 
Price & Availability of MDD26-18N1B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X