Part Number Hot Search : 
ER206 MIC809MU RM0033 18F66 104K00 8RM18X N2540 75047
Product Description
Full Text Search
 

To Download MD3524 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WTE
POWER SEMICONDUCTORS
MD3520 & MD3524
Pb
35A AVALANCHE MOTOROLA TYPE PRESS-FIT DIODE
Features
! Diffused Junction
Anode +
! Low Leakage ! Low Cost ! High Surge Current Capability ! Typical IR less than 200nA
C
E
13mm Motorola Dim Min Max 12.80 13.20 A 7.70 8.10 B 1.25 1.31 C 25.00 -- D 11.10 11.50 E All Dimensions in mm
Mechanical Data
! ! ! Case: 13mm Motorola Type Press-Fit Terminals: Contact Areas Readily Solderable Polarity: Cathode to Case (Reverse Units Are Available Upon Request and Are Designated By A "R" Suffix, i.e. MD3520R or MD3524R) Polarity: Red Color Equals Standard, Black Color Equals Reverse Polarity Mounting Position: Any Lead Free: For RoHS / Lead Free Version, Add "-LF" Suffix to Part Number, See Page 2
D
B
A
! ! !
Maximum Ratings and Electrical Characteristics
Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage Average Rectified Output Current Breakdown Voltage Min. Breakdown Voltage Max. @TC = 150C @IR = 100mA @IR = 100mA Symbol VRRM VRWM VR IO VBR
@TA=25C unless otherwise specified
MD3520 16 35 20 26 400 1.0 200 300 1.2 -65 to +175
MD3524 20
Unit V A
24 32
V
Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage Peak Reverse Current At Rated DC Blocking Voltage Typical Junction Capacitance (Note 1) Typical Thermal Resistance (Note 2) Operating and Storage Temperature Range @IF = 35A @TA = 25C
IFSM VFM IRM Cj RJC TJ, TSTG
A V nA pF C/W C
Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C. 2. Thermal Resistance: Junction to case, single side cooled.
MD3520 & MD3524
1 of 2
(c) 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
MD3520 MD3524
1. 2.
Package Type
13mm Motorola Press-Fit 13mm Motorola Press-Fit
Shipping Quantity
100 Units/Box 100 Units/Box
Shipping quantity given is for minimum packing quantity only. For minimum order quantity, please consult the Sales Department. To order Lead Free version (with Lead Free finish), add "-LF" suffix to part number above. For example, MD3520-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein without further notice. WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life support devices or systems without the express written approval.
Won-Top Electronics Co., Ltd. No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan Phone: 886-7-822-5408 or 886-7-822-5410 Fax: 886-7-822-5417 Email: sales@wontop.com Internet: http://www.wontop.com
We power your everyday.
MD3520 & MD3524
2 of 2
(c) 2006 Won-Top Electronics


▲Up To Search▲   

 
Price & Availability of MD3524

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X