Part Number Hot Search : 
STA463C HMP37H 342A138 U74HC373 KBPC10 R1A10 MAX15022 2SC3379
Product Description
Full Text Search
 

To Download MD20-0016-S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MD20-0016-S
Double Balanced Mixer 0.5 - 500 MHz
Features
* * * * * Space Qualified version of MD-124 Designed to meet the Stringent Reliability Standards of Space Hardware Negative DC Polarity 7 dB Conversion Loss Usable Down to 200 KHz
FP-2
PIN 0.015 DIA 0.005 (0.38 0.13) 8 PLACES 1 2 3 4 0.385 0.020 (9.8 0.5) 5 6 7 8 0.312 MIN TYP (7.9 MIN)
Description
M/A-COM's MD20-0016-S is a Space Designed Double Balanced Mixer.
0.080 (2.0) 0.100 (2.5)
Absolute Maximum Ratings1
Parameter Max. Input Power 0.5-500 MHz Operating Temperature Storage Temperature Absolute Maximum 300 milliWatt -40C to +85C -65C to +125C
0.250 (6.3) 0.350 (8.9) 0.051 (12.9 0.5)) 0.150 MAX (3.8 MAX) 0.060 (1.5)
1. Operation of this device above any one of these parameters may cause permanent damage.
Dimensions in ( ) are in mm. Unless Otherwise Noted: .xxx = 0.010 (.xx = 0.25) .xx = 0.02 (.x = 0.5) WEIGHT (APPROX.): 0.09 OUNCES 2.5 GRAMS
Electrical Specifications, TA = +25C
Parameter Conversion Loss Isolation Test Conditions LO-RF Frequency 0.5-500 MHz 0.5-10 MHz 10-200 MHz LO-IF 200-500 MHz 0.5-10 MHz 10-200 MHz 200-500 MHz 0.5-10 MHz 10-200 MHz 200-500 MHz 1 dB Compression Noise Figure Two-Tone IM Ratio 0.5-500 MHz 0.5-500 MHz 100-400 400-500 Units dB dB dB dB dB dB dB dB dB dB dBm dB dBc dBc Min. 35 30 20 30 25 20 25 15 15 Typ. +1 50 40 Max. 7 +8 -
RF-IF
Specifications subject to change without notice. North America: Tel. (800) 366-2266, Fax (800) 618-8883 Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298 Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020 Visit www.macom.com for additional data sheets and product information.
V 2.0
1


▲Up To Search▲   

 
Price & Availability of MD20-0016-S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X