Part Number Hot Search : 
HI31C MA1215 82C50A 10015 AN1031 MTSS330G VRE402 M74HC651
Product Description
Full Text Search
 

To Download MCSOHTAJ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 5V CMOS Oscillator Mil Temp
MCSO & MCSOH
Specifications
MCSO: 10.0kHz ~ 20.0MHz MCSOH: 20.0 ~ 160MHz
Parameters
14.10
Product MCSO MCSOH
Option Codes
Frequency range: 10.0kHz ~ 20.0MHz 20.0 ~ 160MHz Frequency stability*:
9.30
100ppm 50ppm tighter stabilities on request
T specify A B C
ACTUAL SIZE
PAD 1 2.40 2 3 5.08 4 CONNECTION
Not connected or Enable/Disable
Operating temperature range: 0 to +70C -40 to +85C -55 to +125C Operable temperature range: -55 to +125C
2.00
Ground Output Supply
Storage temperature range: -65 to +125C Supply voltage (VDD): +5.0V (10%) Supply current (max): Driving ability: 15mA 50mA
1 1.30
2 7.30
4 1
3 5.62 2 2.00
4 1.30
3
2.00 3.08 2.00 TOP VIEW
CMOS / 10 LSTTL
Scale 2:1
Features
Logic levels: `0' level = +0.4V max `1' level = 90%VDD min Start up time: 5ms max

Military temperature range option Excellent shock & vibration resistance Enable / disable tristate option (> 500kHz) J-leads option
Waveform symmetry: 40:60 max @ 50%VDD Rise / fall times: 7ns max 3ns max
Standard Frequencies
Frequencies in MHz 10.00000* 10.15000* 10.23000* 10.24000* 11.05920* 12.00000* 12.28800* 12.80000* 13.00000* 14.74560* 16.00000* 16.38400* 18.43200* 19.20000* 19.66080* 20.00000* 40.00000 40.60000 40.96000 44.23680 48.00000 49.15200 50.00000 50.75000 51.15000 51.20000 52.00000 55.29600 58.98240 60.00000 60.90000 61.38000 61.44000 64.00000 65.00000 65.53600 66.35520 72.00000 73.72800 76.80000 78.00000 80.00000 81.20000 81.84000 81.92000 88.47360 90.00000 96.00000 98.30400 100.00000 102.40000 104.00000 108.00000 110.59200 117.96400 120.00000 125.00000 128.00000 131.07200 132.71040 144.00000 150.00000 160.00000
Enable / disable function: None (pad 1 NC) Tristate* (control via pad 1) * not available under 500kHz Terminations: Stand-offs J-leads (drawing on request) Shock resistance: 5,000G, 0.3ms, 1/2 sine Vibration resistance: 10G rms 10.0 ~ 2,000Hz Soldering condition: 260C, 10 sec max Standard. Optional - Please specify required code(s) when ordering
E
J
* Frequency stability is inclusive of calibration @ 25C, operating temperature range, supply voltage change, load change and ageing over 10 years.
* Binary divisions of the above frequencies also available.
Ordering Information
Product name + option codes (if any) + frequency eg: MCSO/BE 16.0MHz 100ppm -40 to +85C Enable / disable MCSOH/TAJ 80.0MHz 50ppm 0 to +70C, J-leads Option code X (eg MCSO/X) denotes a custom specification.
Available on T&R (1k pcs/reel) or trays (50pcs/tray). Refer to our website for T&R and soldering details.
Enable / Disable Function
Input (pad 1) Open `1' level `0' level Output (pad 3) Enabled Enabled High Impedance
Tel: +44 1460 256 100
18 Oct 2004
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com


▲Up To Search▲   

 
Price & Availability of MCSOHTAJ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X