Part Number Hot Search : 
K5104 MMBZ4707 AO3401 E2955 QSH57181 C847B 3DD2498 D1718A
Product Description
Full Text Search
 

To Download MCO500-18IO1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCO 500
High Power Thyristor Modules
ITRMS = 880 A IT(AV)M = 560 A VRRM = 1200-1800 V
3 2
VRSM VDSM V 1300 1500 1700 1900
VRRM VDRM V 1200 1400 1600 1800
Type
3
54
2
5
4
MCO 500-12io1 MCO 500-14io1 MCO 500-16io1 MCO 500-18io1
Symbol ITRMS IT(AV)M ITSM
Test Conditions TVJ = TVJM TC = 85C; 180 sine TVJ = 45C VR = 0 TVJ = TVJM VR = 0 t = 10 ms (50 Hz) t = 8.3 ms (60 Hz) t = 10 ms (50 Hz) t = 8.3 ms (60 Hz) t = 10 ms (50 Hz) t = 8.3 ms (60 Hz) t = 10 ms (50 Hz) t = 8.3 ms (60 Hz)
Maximum Ratings 880 560 17000 16000 13000 14400 1445000 1062000 845000 813000 100 A A A A A A A2s A2s As A2s A/ms
2
Features International standard package Direct copper bonded Al2O3-ceramic with copper base plate Planar passivated chips Isolation voltage 3600 V~ UL registered E 72873 Keyed gate/cathode twin pins
q q q q q q
I2t
TVJ = 45C VR = 0 TVJ = TVJM VR = 0
(di/dt)cr
TVJ = TVJM repetitive, IT = 960 A f = 50 Hz, tP = 200 ms VD = 2/3 VDRM IG = 1 A, non repetitive, IT = IT(AV)M diG/dt = 1 A/ms TVJ = TVJM; VDR = 2/3 VDRM RGK = ; method 1 (linear voltage rise) TVJ = TVJM IT = IT(AV)M tP = 30 ms tP = 500 ms
Applications Motor control, softstarter Power converter Heat and temperature control for industrial furnaces and chemical processes Lighting control Solid state switches
q q q q q
500 1000 120 60 30 10 -40...140 140 -40...125
A/ms V/ms W W W V C C C V~ V~ Advantages Simple mounting Improved temperature and power cycling Reduced protection circuits
q q q
(dv/dt)cr PGM PGAV VRGM TVJ TVJM Tstg VISOL Md Weight
50/60 Hz, RMS IISOL 1 mA
t = 1 min t=1s
3000 3600
Mounting torque (M6) Terminal connection torque (M8) Typical including screws
4.5-7/40-62 Nm/lb.in. 11-13/97-115 Nm/lb.in. 650 g
Data according to IEC 60747 refer to a single thyristor/diode unless otherwise stated. IXYS reserves the right to change limits, test conditions and dimensions
030
(c) 2000 IXYS All rights reserved
1-4
MCO 500
Symbol IRRM VT VT0 rT VGT IGT VGD IGD IL IH tgd tq RthJC RthJK dS dA a Test Conditions TVJ = TVJM; VR = VRRM IT = 1200 A; TVJ = 25C Characteristic Values 40 1.3 0.8 0.38 2 3 300 400 0.25 10 400 300 2 typ. 350 0.072 0.096 12.7 9.6 50 mA V V mW V V mA mA V mA mA mA ms ms K/W K/W mm mm m/s2
tgd typ. Limit 0.1 10-3 IGD, TVJ = 140C 10-2 10-1 4: PGM = 20 W 5: PGM = 60 W 6: PGM = 120 W 100 IG 101 A 102 1 1 4 VG 10 1: IGT, TVJ = 140C
V
2: IGT, TVJ = 25C 3: IGT, TVJ = -40C 3 2 5 6
For power-loss calculations only (TVJ = TVJM) VD = 6 V; VD = 6 V; TVJ = TVJ = TVJ = TVJ = 25C -40C 25C -40C
TVJ = TVJM; VD = 2/3 VDRM TVJ = TVJM; VD = 2/3 VDRM TVJ = 25C; VD = 6 V; tP = 30 ms 1 A/ms; IG = 1A diG/dt = TVJ = 25C; VD = 6 V; RGK = TVJ = 25C; VD = 1/2 VDRM diG/dt = 1 A/ms; IG = 1A TVJ = TVJM; VR = 100 V; VD = 2/3 VDRM; tP = 200 ms dv/dt = 50 V/ms; IT = 500 A; -di/dt = 10 A/ms DC current DC current Creeping distance on surface Creepage distance in air Maximum allowable acceleration
Fig. 1 Gate trigger characteristics
100 TVJ = 25C
s
Optional accessories for modules Keyed Gate/Cathode twin plugs with wire length = 350 mm, gate = yellow, cathode = red UL 758, style 1385, Type ZY 180 L (L = Left for pin pair 4/5) CSA class 5851, guide 460-1-1
10
1
Dimensions in mm (1 mm = 0.0394")
0.01
0.1
1 IG
A
10
Fig. 2 Gate trigger delay time
M8x20
52
49 10
(c) 2000 IXYS All rights reserved
2-4
MCO 500
14000 107 1000
VR = 0V
ITSM
12000 A 10000 8000
I2t 50 Hz 80 % VRRM TVJ = 45C TVJ = 140C
A2s
ITAVM
A 900 800 700 600
DC 180 sin 120 60 30
106 6000
TVJ = 45C
500 400
TVJ = 140C
4000 2000
300 200 100
0 0.001
10 0.01 0.1
5
0 1 t ms 10 0 25 50 75 100
TC
s t
1
125 C 150
Fig. 3 Surge overload current ITSM, IFSM: Crest value, t: duration
1200 Ptot W 1000
Fig. 4 oi2dt versus time (1-10 ms)
Fig. 5 Maximum forward current at case temperature Fig. 6 Power dissipation versus onstate current and ambient temperature
RthKA K/W
800
0.03 0.07 0.12 0.2 0.3 0.4 0.6
DC 180 sin 120 60 30
600
400
200
0 0 200 400 600 800 A 0 25 50 75 100 ITAVM / IFAVM 125 C TA 150
5000 W 4500 4000 Ptot 3500 3000 2500 2000 1500 1000 500 0 0 300 600 900 1200 1500 A 0 IdAVM 25 50 75 100 Circuit B6 6xMCO500
RthKA K/W
0.01 0.02 0.03 0.045 0.06 0.08 0.12
Fig. 7 Three phase rectifier bridge: Power dissipation versus direct output current and ambient temperature
C 125 TA
150
(c) 2000 IXYS All rights reserved
3-4
MCO 500
5000 W 4500 Ptot 4000 3500 3000 2500 2000 1500 1000 500 0 0 300 600 900 1200 A IRMS 0 25 50 75 100 125 C 150 TA Circuit W3 6xMCO500
RthKA K/W
0.01 0.02 0.03 0.045 0.06 0.08 0.12
Fig. 8 Three phase AC-controller: Power dissipation versus RMS output current and ambient temperature
0.12 K/W 0.10
Fig. 9 Transient thermal impedance junction to case (per thyristor) RthJC for various conduction angles d:
ZthJC
0.08
d DC 180 120 60 30
RthJC (K/W) 0.072 0.0768 0.081 0.092 0.111
0.06 30 60 120 180 DC
0.04
0.02
Constants for ZthJC calculation: i Rthi (K/W) 0.0035 0.0186 0.0432 0.0067 ti (s) 0.0054 0.098 0.54 12 1 2 3 4
0.00 10-3
10-2
10-1
100
101 t
s
102
0.14 K/W 0.12 ZthJK
Fig.10 Transient thermal impedance junction to heatsink (per thyristor) RthJK for various conduction angles d:
0.10 0.08 0.06 0.04 0.02 0.00 10-3 30 60 120 180 DC
d DC 180 120 60 30
RthJK (K/W) 0.096 0.1 0.105 0.116 0.135
Constants for ZthJK calculation: i Rthi (K/W) 0.0035 0.0186 0.0432 0.0067 0.024 ti (s) 0.0054 0.098 0.54 12 12 1 2 3 4 5
10-2
10-1
100
101 t
s
102
(c) 2000 IXYS All rights reserved
4-4


▲Up To Search▲   

 
Price & Availability of MCO500-18IO1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X