|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MOTOROLA SEMICONDUCTOR TECHNICAL DATA Order this document by MCM69F735/D Product Preview MCM69F735 128K x 36 Bit Flow-Through BurstRAMTM Synchronous Fast Static RAM The MCM69F735 is a 4M bit synchronous fast static RAM designed to provide a burstable, high performance, secondary cache for the PowerPCTM and other high performance microprocessors. It is organized as 128K words of 36 bits each. This device integrates input registers, a 2-bit address counter, and high speed SRAM onto a single monolithic circuit for reduced parts count in cache data RAM applications. Synchronous design allows precise cycle control with the use of an external clock (K). Addresses (SA), data inputs (DQx), and all control signals except output enable (G) and linear burst order (LBO) are clock (K) controlled through positive- edge-triggered noninverting registers. Bursts can be initiated with either ADSP or ADSC input pins. Subsequent burst addresses can be generated internally by the MCM69F735 (burst sequence operates in linear or interleaved mode dependent upon the state of LBO) and controlled by the burst address advance (ADV) input pin. Write cycles are internally self-timed and are initiated by the rising edge of the clock (K) input. This feature eliminates complex off-chip write pulse generation and provides increased timing flexibility for incoming signals. Synchronous byte write (SBx), synchronous global write (SGW), and synchronous write enable (SW) are provided to allow writes to either individual bytes or to all bytes. The four bytes are designated as "a", "b", "c", and "d". SBa controls DQa, SBb controls DQb, etc. Individual bytes are written if the selected byte writes SBx are asserted with SW. All bytes are written if either SGW is asserted or if all SBx and SW are asserted. For read cycles, a flow-through SRAM allows output data to simply flow freely from the memory array. The MCM69F735 operates from a 3.3 V core power supply and all outputs operate on a 3.3 V or 2.5 V power supply. All inputs and outputs are JEDEC standard JESD8-5 compatible. * MCM69F735 Speed Options Speed 150 MHz 133 MHz 117 MHz tKHKH 6.7 ns 7.5 ns 8.5 ns Flow-Through tKHQV 6 ns 6.5 ns 7 ns Setup 0.5 ns 0.5 ns 0.5 ns Hold 1 ns 1 ns 1 ns IDD 400 mA 375 mA 350 mA ZP PACKAGE PBGA CASE 999-01 * 3.3 V + 10%, - 5% Core Power Supply, Operates with a 3.3 V or 2.5 V I/O Supply * ADSP, ADSC, and ADV Burst Control Pins * Selectable Burst Sequencing Order (Linear/Interleaved) * Single-Cycle Deselect Timing * Internally Self-Timed Write Cycle * Byte Write and Global Write Control * PB1 Version 2.0 Compatible * JEDEC Standard 119-Pin PBGA Package BurstRAM is a trademark of Motorola, Inc. The PowerPC name is a trademark of IBM Corp., used under license therefrom. This document contains information on a product under development. Motorola reserves the right to change or discontinue this product without notice. 5/23/97 (c) Motorola, Inc. 1997 MOTOROLA FAST SRAM MCM69F735 1 FUNCTIONAL BLOCK DIAGRAM LBO ADV K ADSC ADSP K2 BURST COUNTER CLR 2 2 17 128K x 36 ARRAY SA SA1 SA0 ADDRESS REGISTER 17 15 SGW SW WRITE REGISTER a 36 36 SBa SBb WRITE REGISTER b 4 WRITE REGISTER c DATA-IN REGISTER K SBc SBd WRITE REGISTER d K2 SE1 SE2 SE3 G ENABLE REGISTER DQa - DQd MCM69F735 2 MOTOROLA FAST SRAM PIN ASSIGNMENT 1 A B C D E DQc F G DQc H J K L M VDDQ DQd N P R T U DQd DQd NC NC VDDQ DQd DQd SA NC NC VSS VSS VSS LBO SA NC SW SA1 SA0 VDD SA NC VSS VSS VSS NC SA NC DQa VDDQ DQa DQa SA NC NC DQa DQa NC NC VDDQ DQc DQc DQc SBc VSS NC VSS SBd ADV SGW VDD K NC SBb VSS NC VSS SBa DQb DQb DQb DQb DQc VSS VSS SE1 G VSS VSS DQb DQb VDDQ DQc DQb VDDQ VDDQ NC NC DQc 2 SA SE2 SA DQc 3 SA SA SA VSS 4 ADSP ADSC VDD NC 5 SA SA SA VSS 6 SA SE3 SA DQb 7 VDDQ NC NC DQb VDDQ VDD DQd DQd DQd DQd VDD VDDQ DQa DQa DQa DQa TOP VIEW 119 BUMP PBGA Not to Scale MOTOROLA FAST SRAM MCM69F735 3 PBGA PIN DESCRIPTIONS Pin Locations 4B Symbol ADSC Type Input Description Synchronous Address Status Controller: Active low, interrupts any ongoing burst and latches a new external address. Used to initiate a READ, WRITE, or chip deselect. Synchronous Address Status Processor: Active low, interrupts any ongoing burst and latches a new external address used to initiate a new READ or chip deselect (exception -- chip deselect does not occur when ADSP is asserted and SE1 is high). Synchronous Address Advance: Increments address count in accordance with counter type selected (linear/interleaved). Synchronous Data I/O: "x" refers to the byte being read or written (byte a, b, c, d). 4A ADSP Input 4G (a) 6K, 7K, 6L, 7L, 6M, 6N, 7N, 6P, 7P (b) 6D, 7D, 6E, 7E, 6F, 6G, 7G, 6H, 7H (c) 1D, 2D, 1E, 2E, 2F, 1G, 2G, 1H, 2H (d) 1K, 2K, 1L, 2L, 2M, 1N, 2N, 1P, 2P 4F ADV DQx Input I/O G Input Asynchronous Output Enable Input: Low -- enables output buffers (DQx pins). High -- DQx pins are high impedance. Clock: This signal registers the address, data in, and all control signals except G and LBO. Linear Burst Order Input: This pin must remain in steady state (this signal not registered or latched). It must be tied high or low. Low -- linear burst counter (68K/PowerPC). High -- interleaved burst counter (486/i960/Pentium). Synchronous Address Inputs: These inputs are registered and must meet setup and hold times. Synchronous Address Inputs: These pins must be wired to the two LSBs of the address bus for proper burst operation. These inputs are registered and must meet setup and hold times. Synchronous Byte Write Inputs: "x" refers to the byte being written (byte a, b, c, d). SGW overrides SBx. Synchronous Chip Enable: Active low to enable chip. Negated high -- blocks ADSP or deselects chip when ADSC is asserted. Synchronous Chip Enable: Active high for depth expansion. Synchronous Chip Enable: Active low for depth expansion. Synchronous Global Write: This signal writes all bytes regardless of the status of the SBx and SW signals. If only byte write signals SBx are being used, tie this pin high. Synchronous Write: This signal writes only those bytes that have been selected using the byte write SBx pins. If only byte write signals SBx are being used, tie this pin low. Core Power Supply. I/O Power Supply. Ground. No Connection: There is no connection to the chip. 4K 3R K LBO Input Input 2A, 3A, 5A, 6A, 3B, 5B, 2C, 3C, 5C, 6C, 2R, 6R, 3T, 4T, 5T 4N, 4P SA SA1, SA0 Input Input 5L, 5G, 3G, 3L (a) (b) (c) (d) 4E SBx SE1 Input Input 2B 6B 4H SE2 SE3 SGW Input Input Input 4M SW Input 4C, 2J, 4J, 6J, 4R 1A, 7A, 1F, 7F, 1J, 7J, 1M, 7M, 1U, 7U 3D, 5D, 3E, 5E, 3F, 5F, 3H, 5H, 3K, 5K, 3M, 5M, 3N, 5N, 3P, 5P 1B, 7B, 1C, 7C, 4D, 3J, 5J, 4L, 1R, 5R, 7R, 1T, 2T, 6T, 7T, 2U, 3U, 4U, 5U, 6U VDD VDDQ VSS NC Supply Supply Supply -- MCM69F735 4 MOTOROLA FAST SRAM TRUTH TABLE (See Notes 1 Through 5) Next Cycle Deselect Deselect Deselect Deselect Deselect Begin Read Begin Read Continue Read Continue Read Continue Read Continue Read Suspend Read Suspend Read Suspend Read Suspend Read Begin Write Continue Write Continue Write Suspend Write Suspend Write Address Used None None None None None External External Next Next Next Next Current Current Current Current External Next Next Current Current SE1 1 0 0 X X 0 0 X X 1 1 X X 1 1 0 X 1 X 1 SE2 X X 0 X 0 1 1 X X X X X X X X 1 X X X X SE3 X 1 X 1 X 0 0 X X X X X X X X 0 X X X X ADSP X 0 0 1 1 0 1 1 1 X X 1 1 X X 1 1 X 1 X ADSC 0 X X 0 0 X 0 1 1 1 1 1 1 1 1 0 1 1 1 1 ADV X X X X X X X 0 0 0 0 1 1 1 1 X 0 0 1 1 G3 X X X X X X X 1 0 1 0 1 0 1 0 X X X X X DQx High-Z High-Z High-Z High-Z High-Z High-Z High-Z High-Z DQ High-Z DQ High-Z DQ High-Z DQ High-Z High-Z High-Z High-Z High-Z Write 2, 4 X X X X X X5 READ5 READ READ READ READ READ READ READ READ WRITE WRITE WRITE WRITE WRITE NOTES: 1. X = don't care. 1 = logic high. 0 = logic low. 2. Write is defined as either 1) any SBx and SW low or 2) SGW is low. 3. G is an asynchronous signal and is not sampled by the clock K. G drives the bus immediately (tGLQX) following G going low. 4. On write cycles that follow read cycles, G must be negated prior to the start of the write cycle to ensure proper write data setup times. G must also remain negated at the completion of the write cycle to ensure proper write data hold times. 5. This read assumes the RAM was previously deselected. LINEAR BURST ADDRESS TABLE (LBO = VSS) 1st Address (External) X . . . X00 X . . . X01 X . . . X10 X . . . X11 2nd Address (Internal) X . . . X01 X . . . X10 X . . . X11 X . . . X00 3rd Address (Internal) X . . . X10 X . . . X11 X . . . X00 X . . . X01 4th Address (Internal) X . . . X11 X . . . X00 X . . . X01 X . . . X10 INTERLEAVED BURST ADDRESS TABLE (LBO = VDD) 1st Address (External) X . . . X00 X . . . X01 X . . . X10 X . . . X11 2nd Address (Internal) X . . . X01 X . . . X00 X . . . X11 X . . . X10 3rd Address (Internal) X . . . X10 X . . . X11 X . . . X00 X . . . X01 4th Address (Internal) X . . . X11 X . . . X10 X . . . X01 X . . . X00 WRITE TRUTH TABLE Cycle Type Read Read Write Byte a Write Byte b Write Byte c Write Byte d Write All Bytes Write All Bytes SGW H H H H H H H L SW H L L L L L L X SBa X H L H L H L X SBb X H H L H L L X SBc X H H H L H L X SBd X H H H H L L X MOTOROLA FAST SRAM MCM69F735 5 ABSOLUTE MAXIMUM RATINGS (See Note 1) Rating Power Supply Voltage I/O Supply Voltage (See Note 2) Input Voltage Relative to VSS for Any Pin Except VDD (See Note 2) Input Voltage (Three-State I/O) (See Note 2) Output Current (per I/O) Package Power Dissipation (See Note 3) Temperature Under Bias Storage Temperature Symbol VDD VDDQ Vin, Vout VIT Iout PD Tbias Tstg Value VSS - 0.5 to + 4.6 VSS - 0.5 to VDD VSS - 0.5 to VDD + 0.5 VSS - 0.5 to VDDQ + 0.5 20 1.6 - 10 to 85 - 55 to 125 Unit V V V V mA W C C This device contains circuitry to protect the inputs against damage due to high static voltages or electric fields; however, it is advised that normal precautions be taken to avoid application of any voltage higher than maximum rated voltages to this high-impedance circuit. NOTES: 1. Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are exceeded. Functional operation should be restricted to RECOMMENDED OPERATING CONDITIONS. Exposure to higher than recommended voltages for extended periods of time could affect device reliability. 2. This is a steady-state DC parameter that is in effect after the power supply has achieved its nominal operating level. Power sequencing can not be controlled and is not allowed. 3. Power dissipation capability is dependent upon package characteristics and use environment. See Package Thermal Characteristics. PACKAGE THERMAL CHARACTERISTICS -- PBGA Rating Junction to Ambient (@ 200 lfm) Junction to Board (Bottom) Junction to Case (Top) Single Layer Board Four Layer Board Symbol RJA RJB RJC Max 41 19 11 9 Unit C/W C/W C/W Notes 1, 2 3 4 NOTES: 1. Junction temperature is a function of on-chip power dissipation, package thermal resistance, mounting site (board) temperature, ambient temperature, air flow, board population, and board thermal resistance. 2. Per SEMI G38-87. 3. Indicates the average thermal resistance between the die and the printed circuit board. 4. Indicates the average thermal resistance between the die and the case top surface via the cold plate method (MIL SPEC-883 Method 1012.1). MCM69F735 6 MOTOROLA FAST SRAM DC OPERATING CONDITIONS AND CHARACTERISTICS (3.6 V VDD 3.135 V, 70C TA 0C, Unless Otherwise Noted) RECOMMENDED OPERATING CONDITIONS (Voltages Referenced to VSS = 0 V) Parameter Supply Voltage I/O Supply Voltage Ambient Temperature Input Low Voltage Input High Voltage Input High Voltage I/O Pins VIH Symbol VDD VDDQ TA VIL VIH VIH2 Min 3.135 2.375 0 - 0.3 2.0 2.0 Typ 3.3 3.3 -- -- -- -- Max 3.6 VDD 70 0.8 VDD + 0.3 VDDQ + 0.3 Unit V V C V V V VSS VSS - 1.0 V 20% tKHKH (MIN) Figure 1. Undershoot Voltage DC CHARACTERISTICS AND SUPPLY CURRENTS Parameter Input Leakage Current (0 V Vin VDD) Output Leakage Current (0 V Vin VDD) AC Supply Current (Device Selected, All Outputs Open, Freq = Max) Includes VDD and VDDQ MCM69F735-6 MCM69F735-6.5 MCM69F735-7 Symbol Ilkg(I) Ilkg(O) IDDA Min -- -- -- -- -- -- Typ -- -- -- -- -- -- Max 1 1 400 375 350 TBD Unit A A mA 2, 3, 4 Notes 1 CMOS Standby Supply Current (Device Deselected, Freq = 0, VDD = Max, All Inputs Static at CMOS Levels Vin VSS + 0.2 V or VDD - 0.2 V) TTL Standby Supply Current (Device Deselected, Freq = 0, VDD = Max, All Inputs Static at Vin VIL or VIH) Clock Running (Device Deselected, Freq = Max, VDD = Max, All Inputs Toggling at CMOS Levels Vin VSS + 0.2 or VDD - 0.2) MCM69F735-6 ISB2 mA 5 ISB3 ISB4 -- -- -- -- TBD TBD mA mA 5 5 Static Clock Running (Device Deselected, MCM69F735-6 Freq = Max, VDD = Max, All Inputs Static at VIL or VIH) Output Low Voltage (IOL = 2 mA) VDDQ = 2.5 V Output High Voltage (IOH = - 2 mA) VDDQ = 2.5 V Output Low Voltage (IOL = 8 mA) VDDQ = 3.3 V Output High Voltage (IOH = - 4 mA) VDDQ = 3.3 V ISB5 VOL1 VOH1 VOL2 VOH2 -- -- 1.7 -- 2.4 -- -- -- -- -- TBD 0.7 -- 0.4 -- mA V V V V 5 NOTES: 1. LBO pin has an internal pullup and will exhibit leakage currents of 5 A. 2. Reference AC Operating Conditions and Characteristics for input and timing (VIH/VIL, tr / tf, pulse level 0 to 3.0 V). 3. All addresses transition simultaneously low (LSB) and then high (MSB). 4. Data states are all zero. 5. Device in Deselected mode as defined by the Truth Table. CAPACITANCE (f = 1.0 MHz, dV = 3.0 V, 70C TA 0C, Periodically Sampled Rather Than 100% Tested) Parameter Input Capacitance Input/Output Capacitance Symbol Cin CI/O Min -- -- Typ 4 7 Max 5 8 Unit pF pF MOTOROLA FAST SRAM MCM69F735 7 AC OPERATING CONDITIONS AND CHARACTERISTICS (3.6 V VDD 3.135 V, 70C TA 0C, Unless Otherwise Noted) Input Timing Measurement Reference Level . . . . . . . . . . . . . . . 1.5 V Input Pulse Levels . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 to 3.0 V Input Slew Rate (See Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . 1.0 V/ns Output Timing Reference Level . . . . . . . . . . . . . . . . . . . . . . . . . . 1.5 V Output Load . . . . . . . . . . . . . . See Figure 2 Unless Otherwise Noted Output Rise/Fall Times (Max) . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.0 ns READ/WRITE CYCLE TIMING (See Notes 1 and 2) MCM69F735-6 150 MHz Parameter P Cycle Time Clock High Pulse Width Clock Low Pulse Width Clock Access Time Output Enable to Output Valid Clock High to Output Active Clock High to Output Change Output Enable to Output Active Output Disable to Q High-Z Clock High to Q High-Z Setup Times: Address Data In Write Chip Enable ADSP, ADSC, ADV Address ADSP, ADSC, ADV Data In Write Chip Enable Symbol S bl tKHKH tKHKL tKLKH tKHQV tGLQV tKHQX1 tKHQX2 tGLQX tGHQZ tKHQZ tADKH tDVKH tWVKH tEVKH tADSKH tKHAX tKHADSX tKHDX tKHWX tKHEX Min 6.7 2.5 2.5 -- -- 0 2 0 -- 1 0.5 0.5 0.5 0.5 1.5 1.0 Max -- -- -- 6 3.5 -- -- -- 3.5 3.5 -- MCM69F735-6.5 133 MHz Min 7.5 2.5 2.5 -- -- 0 2 0 -- 1 0.5 0.5 0.5 0.5 1.5 1.0 Max -- -- -- 6.5 3.5 -- -- -- 3.5 3.5 -- MCM69F735-7 117 MHz Min 8.5 3 3 -- -- 0 2 0 -- 1 0.5 0.5 0.5 0.5 1.5 1.0 Max -- -- -- 7 3.5 -- -- -- 3.5 3.5 -- Unit Ui ns ns ns ns ns ns ns ns ns ns ns 3 3 3, 4, 5 4, 5 3, 4, 5 3, 4, 5 3, 4, 5 Notes N Hold Times: -- -- -- ns NOTES: 1. Write is defined as either any SBx and SW low or SGW is low. Chip Enable is defined as SE1 low, SE2 high, and SE3 low whenever ADSP or ADSC is asserted. 2. All read and write cycle timings are referenced from K or G. 3. Tested per AC Test Load, Figure 2. 4. Measured at 200 mV from steady state. 5. This parameter is sampled and not 100% tested. MCM69F735 8 MOTOROLA FAST SRAM OUTPUT Z0 = 50 RL = 50 1.5 V Figure 2. AC Test Load OUTPUT LOAD OUTPUT BUFFER TEST POINT UNLOADED RISE AND FALL TIME MEASUREMENT INPUT WAVEFORM 2.4 0.4 2.4 0.4 OUTPUT WAVEFORM 2.4 0.4 tr tf 2.4 0.4 NOTES: 1. Input waveform has a slew rate of 1 V/ns. 2. Rise time is measured from 0.4 to 2.4 V unloaded. 3. Fall time is measured from 2.4 to 0.4 V unloaded. Figure 3. Unloaded Rise and Fall Time Characterization MOTOROLA FAST SRAM MCM69F735 9 3.6 3.135 PULL-UP VOLTAGE (V) - 0.5 0 1.4 1.65 2.0 3.135 3.6 I (mA) MIN - 40 - 40 - 40 - 37 - 28 0 0 I (mA) MAX - 120 - 120 - 120 - 104 1.4 - 81 - 20 0 0 0 - 40 CURRENT (mA) - 120 VOLTAGE (V) VOLTAGE (V) 2.8 1.65 (a) Pull-Up for 3.3 V I/O Supply 2.9 2.5 PULL-UP VOLTAGE (V) - 0.5 0 0.8 1.25 1.5 2.3 2.7 2.9 I (mA) MIN - 26 - 26 - 26 - 18 - 14 0 0 0 I (mA) MAX - 75 - 75 - 75 - 58 - 49 - 21 -7 0 0 0 - 26 CURRENT (mA) - 75 2.3 2.1 1.25 0.8 (b) Pull-Up for 2.5 V I/O Supply VDD PULL-DOWN VOLTAGE (V) - 0.5 0 0.5 1 1.65 1.8 3.6 4 I (mA) MIN - 34 0 17 35 45 46 46 46 I (mA) MAX - 126 0 47 90 114 120 120 120 0.3 0 0 46 CURRENT (mA) 120 VOLTAGE (V) 1.8 1.65 (c) Pull-Down for 3.3 V and 2.5 V I/O Supply Figure 4. Typical Output Buffer Characteristics MCM69F735 10 MOTOROLA FAST SRAM READ/WRITE CYCLES tKHKL tKLKH tKHKH K MOTOROLA FAST SRAM B C D tKHQV BURST WRAPS AROUND tGLQV Q(A) tKHQX1 tKHQX2 Q(B) Q(B+1) Q(B+2) Q(B+3) tGHQZ Q(B) D(C) ADSP, SA SE2, SE3 IGNORED BURST READ BURST WRITE D(C+1) D(C+2) D(C+3) tGLQX Q(D) SINGLE READ SA A ADSP ADSC ADV SE1 E W G DQx Q(n) tKHQZ DESELECTED SINGLE READ MCM69F735 11 NOTE: E low = SE2 high and SE3 low. W low = SGW low and/or SW and SBx low. APPLICATION INFORMATION STOP CLOCK OPERATION In the stop clock mode of operation, the SRAM will hold all state and data values even though the clock is not running (full static operation). The SRAM design allows the clock to start with ADSP and ADSC, and stops the clock after the last write data is latched, or the last read data is driven out. When starting and stopping the clock, the AC clock timing and parametrics must be strictly maintained. For example, clock pulse width and edge rates must be guaranteed when starting and stopping the clocks. To achieve the lowest power operation for all three stop clock modes, stop read, stop write, and stop deselect: 1. Force the clock to a low state. 2. Force the control signals to an inactive state (this guarantees any potential source of noise on the clock input will not start an unplanned on activity). 3. Force the address inputs to a low state (VIL), preferably < 0.2 V. STOP CLOCK WITH READ TIMING K ADSP ADDRESS A1 A2 ADV DQx Q(A1) Q(A2) Q(A2+1) ADSP (INITIATES BURST READ) CLOCK STOP (CONTINUE BURST READ) WAKE UP ADSP (INITIATES BURST READ) NOTE: For lowest possible power consumption during stop clock, the addresses should be driven to a low state (VIL). Best results are obtained if VIL < 0.2 V. MCM69F735 12 MOTOROLA FAST SRAM STOP CLOCK WITH WRITE TIMING K ADSC ADDRESS A1 A2 WRITE ADV DATA IN D(A1) D(A1+1) VIH OR VIL FIXED (SEE NOTE) D(A2) HIGH-Z DQx ADSC (INITIATES BURST WRITE) CLOCK STOP (CONTINUE BURST WRITE) WAKE UP ADSC (INITIATES BURST WRITE) NOTE: While the clock is stopped, DATA IN must be fixed in a high (VIH) or low (VIL) state to reduce the DC current of the input buffers. For lowest power operation, all data and address lines should be held in a low (VIL) state and control lines held in an inactive state. MOTOROLA FAST SRAM MCM69F735 13 STOP CLOCK WITH DESELECT OPERATION TIMING K ADSC SE1 DATA IN VIH OR VIL FIXED (SEE NOTE) HIGH-Z DQx DATA DATA CONTINUE BURST READ CLOCK STOP (DESELECTED) WAKE UP (DESELECTED) NOTE: While the clock is stopped, DATA IN must be fixed in a high (VIH) or low (VIL) state to reduce the DC current of the input buffers. For lowest power operation, all data and address lines should be held in a low (VIL) state and control lines held in an inactive state. MCM69F735 14 MOTOROLA FAST SRAM NON-BURST SYNCHRONOUS OPERATION Although this BurstRAM has been designed for PowerPC- based and other high end MPU-based systems, these SRAMs can be used in other high speed L2 cache or memory applications that do not require the burst address feature. Most L2 caches designed with a synchronous interface can make use of the MCM69F735. The burst counter feature of the BurstRAM can be disabled, and the SRAM can be configured to act upon a continuous stream of addresses. See Figure 5. CONTROL PIN TIE VALUES (H VIH, L VIL) Non-Burst Sync Non-Burst, Flow-Through SRAM ADSP H ADSC L ADV H SE1 L LBO X NOTE: Although X is specified in the table as a don't care, the pin must be tied either high or low. K ADDR A B C D E F G H W G DQ Q(A) Q(B) Q(C) Q(D) D(E) D(F) D(G) D(H) READS WRITES Figure 5. Configured as Non-Burst Synchronous SRAM ORDERING INFORMATION (Order by Full Part Number) MCM Motorola Memory Prefix Part Number 69F735 XX X X Blank = Trays, R = Tape and Reel Speed (6 = 6.0 ns, 6.5 = 6.5 ns, 7 = 7.0 ns) Package (ZP = PBGA) Full Part Numbers -- MCM69F735ZP6 MCM69F735ZP6R MCM69F735ZP6.5 MCM69F735ZP6.5R MCM69F735ZP7 MCM69F735ZP7R MOTOROLA FAST SRAM MCM69F735 15 PACKAGE DIMENSIONS ZP PACKAGE 7 x 17 BUMP PBGA CASE 999-01 4X PIN 1A IDENTIFIER 0.20 (0.008) A -W- NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 7 6 54 3 2 1 A B C D E F G H J K L M N P R T U P B -L- S 16X G DIM A B C D E F G K N P R S 119X MILLIMETERS MIN MAX 14.00 BSC 22.00 BSC --- 2.40 0.60 0.90 0.50 0.70 1.30 1.70 1.27 BSC 0.80 1.00 11.90 12.10 19.40 19.60 7.62 BSC 20.32 BSC INCHES MIN MAX 0.551 BSC 0.866 BSC --- 0.094 0.024 0.035 0.020 0.028 0.051 0.067 0.050 BSC 0.031 0.039 0.469 0.476 0.764 0.772 0.300 BSC 0.800 BSC N TOP VIEW 6X G R BOTTOM VIEW D 0.30 (0.012) 0.10 (0.004) S S TW T S L S F C 0.25 (0.010) T 0.35 (0.014) T 0.15 (0.006) T -T- K E SIDE VIEW Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. Mfax is a trademark of Motorola, Inc. How to reach us: USA / EUROPE / Locations Not Listed: Motorola Literature Distribution; P.O. Box 5405, Denver, Colorado, 80217. 303-675-2140 or 1-800-441-2447 MfaxTM : RMFAX0@email.sps.mot.com - TOUCHTONE 602-244-6609 - US & Canada ONLY 1-800-774-1848 INTERNET : http: / / motorola.com/sps JAPAN: Nippon Motorola Ltd.; SPD, Strategic Planning Office; 4-32-1, Nishi-Gotanda; Shinagawa-ku, Tokyo 141, Japan. 81-3-5487-8488 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298 MCM69F735 16 MCM69F735/D MOTOROLA FAST SRAM |
Price & Availability of MCM69F735ZP7R |