Part Number Hot Search : 
BTA204W NK60Z 2SC383 NTXV1N TMPF43XX 12S100 CFD611 AC500
Product Description
Full Text Search
 

To Download MCH022A4R7DK Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCH02
Ceramic capacitors
Multi-layer ceramic chip capacitors
MCH02 (0402 (01005) size, chip capacitor)
Features 1) The world's smallest (0.4mm x 0.2mm), Ultra thin (0.2mm), Ultra light (0.08mg) 2) Suitable for mobile end products 3) Lead-free plating terminal 4) No polarity
Quick Reference The design and specifications are subject to change without prior notice. Please check the most recent technical specifications prior to placing orders or using the product. For more detail information regarding packaging style code, please check product designation. Thermal compensation
Part No. Size code Temperature characteristics code (ppm/C)
0250(CK) MCH02 0402 A 0120(CJ) 060(CH)
Operating temp. range (C)
Rated voltage (V)
Capacitance(pF)
Capacitance tolerance
C(0.25pF)
Thickness (mm)
0.5 to 2.0
-55 to +125
25
3.0 4.0 to 5.0 6.0 to 7.0
0.20.02 D(0.5pF)
External dimensions (Unit : mm)
0.05Min. 0.12Min.
0.40.02
0.20.02
0.20.02
1/6
MCH02
Ceramic capacitors
Product designation
Code Prduct thickness K 0.2mm Packing specification Paper tape(width 8mm, pitch 2mm) Reel 180mm (7in.) Basic ordering unit(pcs.) 15,000
Part No.
Packaging Style
MCH
Rated voltage
Code Voltage 2 25V
02
2
A
4R7
C
K
Nominal capacitance
3-digit designation according to IEC
Temperature characteristic code :Refer to quick reference table.
Capacitance tolerance Code Tolerance C D
0.25pF(0.5 to 5pF) 0.5pF(6.0to 7pF)
Product No. list Capacitance range Thermal compensation
Capacitance (pF)
0.5 1.0 2.0 3.0 4.0 5.0 6.0 7.0
Temperature Rated voltage (V) Tolerance Product thickness (mm)
C(0.25PF)
0.2 0.02
D(0.5PF)
A (CH) (CJ) (CK)Characteristics 25V Product No. MCH022A 0R5CK MCH022A 010CK MCH022A 020CK MCH022A 030CK MCH022A 040CK MCH022A 050CK MCH022A 060DK MCH022A 070DK
2/6
MCH02
Ceramic capacitors
Performance and test method
No. 1 Items Appearance and dimensions Performance No marked defects shall be allowed for appearance. Dimensions shall be as specified in the clause 4. No dielectrical breakdown or other damage shall be allowed. Test Method (As per JIS C 5101-1, JIS C 5101-10) As per 4.4 of JIS C 5101-1. As per 4.5 of JIS C 5101-10 Using a Magnifier. As per 4.6 of JIS C 5101-1. As per 4.6.4 of JIS C 5101-10 Voltage shall be applied as per Table1. Table 1 Voltage 300% Rated voltage Voltage shall be applied for 1 to 5s with 50mA charging and discharging curent. 3 Insulation resistance More than 10000M As per 4.5 of JIS C 5101-1. As per 4.6.3 of JIS C 5101-10 Measurements shall be made after 60+/-5s period of the rated voltage applied. As per 4.7 of JIS C 5101-1. As per 4.6.1 of JIS C 5101-10 Measurements shall be made under the conditions specified in Table 2. Table 2 Frequency 1+/-0.1MHz 1+/-0.1Vrms. Voltage
2
Withstanding voltage
4
Capacitance
Capacitance shall be within specified tolerance range.
5 Dielectric loss tangent
tan < 100/(400+20 C) - C=Capacitance(pF)
As per 4.8 of JIS C 5101-1 As per 4.6.2 of JIS C 5101-10 Measurements shall be made under the conditions specified in Table 2. As per 4.24 of JIS C 5101-1. As per 4.7 of JIS C 5101-10 Temperature coefficient shall be calculated at 20C and 85C.
6 Temperature characteristic
0+/-250ppm / C (0.5 to +2pF) 0+/-120ppm / C (3pF) 0+/-60ppm / C (4 to +7pF) (-55C to +125CpF)
7 Solderability
More than 3/4 of each end termination shall be covered with new solder.
As per 4.15.2 of JIS C 5101-1. As per 4.11 of JIS C 5101-10 The solder specified in JIS Z 3282 H63A shall be used. And the flux containing 25% rosin and ethanol solution shall be used. The specimens shall be immersed into the solder at 235+/-5C for 2+/-0.5s So that both end terminations are completely under solder.
3/6
MCH02
Ceramic capacitors
No.
Items Performance Test Method (As per JIS C 5101-1, JIS C 5101-10) As per 4.14 of JIS C 5101-1. As per 4.10 of JIS C 5101-10 The solder specified in JIS Z 3282. H63A shall be used. The specimens shall be immersed into the solder at 260+/-5C for 5+/-0.5s so that both end terminations are completely under the solder. Pre-heating at 150+/-10C for 1 to 2min Initial measurements prior to test shall be performed after the thermal Pre-conditioning specified in Remarks (1). Final measurements shall be made after the specimens have been left at room temperature as per Table3. Table3 Time 24+/-2 h 9 End termination adherence
8 Resistance to solderin heat
Appearance Without mechanical damage.
Change rate from initial value Dielectric loss tangent Insulation resistance
Within +/-0.25pF
Within specified initial value.
Within specified initial value.
Withstanding No defects shall be allowed. voltage
Without peeling or sign of peeling shall be allowed on the end terminations.
As per 4.13 of JIS C 5101-1. As per 4.8 ofJIS C 5101-10 A 1N weight for 10+/-1s shall be applied to the soldered specimens as shown by the arrow mark in the below sketch.
Applied pressure
Substrate
Capacitor
10 Bending strength
Appearance Change rate from initial value
Without mechanical damage.
Within +/-0.5pF
As per 4.35 of JIS C 5101-1. As per 4.9 of JIS C 5101-10 Glass epoxy board with soldered specimens shall be bent till 1mm by 1.0mm/s. As per 4.17 of JIS C 5101-1. The specimens shall be soldered on the specified test jig. Final measurements shall be made after the specimens have been left at room temperature as per Table3. [Condition] Directions : 2h each X, Y and Z directions Total : 6h Frequency range : 10 to 55 to 10Hz(1min) Applitude : 1.5mm (shall not exceed acceleration196m/s2) Table3 Time 24+/-2 h
11 Vibration
Appearance Change rate from initial value Dielectric loss tangent
Without mechanical damage.
Within +/-0.25pF
Within specified initial value.
4/6
MCH02
Ceramic capacitors
No.
Items Performance Test Method (As per JIS C 5101-1, JIS C 5101-10) As per 4.16 of JIS C 5101-1. As per 4.12 of JIS C 5101-10 The specimens shall be soldered on the test jig shown in Remarks. Temperature cycle : 100cycles. Final measurements shall be made after the specimens have been left at room temperature as per Table3. Test condition Step Temp. (C) Min operating temp. Room temp. Max operating temp. Room temp. Table3 Time 24+/-2 h Time (min) 30+/-3 < -3 30+/-3 <3 -
12 Temperature Appearance Without mechanical damage. cycling
Change rate from initial value Dielectric loss tangent Insulation resistance Withstanding voltage
Within +/-0.25pF
Within specified initial value.
Within specified initial value.
1 2 3 4
No defects shall be allowed.
13 Humidity (Steady)
Appearance Without mechanical damage. Change rate from initial value Dielectric tangent Insulation resistance
Within +/-5.0pF
tan < 100/(200+10 C) -
C=Capacitance(pF)
As per 4.22 of JIS C 5101-1 JIS C 5101-10 Test temperature : 60+/-2C Relative humidity : 90 to 95% Test time : 500 +24/-0 h Final measurements have been left at room temperature as per Table3. Table3
More than 1000M
Time 24+/-2 h
14 Humidity life test
Appearance Without mechanical damage. Change rate from initial value Dielectric tangent Insulation resistance
Within +/-0.75pF
tan < 100/(100+10 C/3) -
C=Capacitance(pF)
More than 500M
As per 4.22 of JIS C 5101-1 As per 4.14 of JIS C 5101-10 Test temperature : 60+/-2C Relative humidity : 90 to 95% Voltage : Rated voltage : 500 +24/-0 h Test time Final measurements shall be made after the specimens have been left at room temperature as per Table3. Table3 Time 24+/-2 h
15 Heat life test
Appearance Without mechanical damage. Change rate from initial value Dielectric tangent Insulation resistance
Within +/-0.3pF
As per 4.23 of JIS C 5101-1. As per 4.15 of JIS C 5101-10
Test Voltage temperature(C) Test time (h)
tan < 100/(100+10 C) -
C=Capacitance(pF)
125
200% 1000 Rated +48/-0 voltage
More than 1000M
Final measurements shall be made after the specimens have been left at room temperature Table3 Time 24+/-2 h
5/6
MCH02
Ceramic capacitors
[Remarks]

Soldering
Glass epoxy substrate
Packaging specification
Taping dimensions Reel dimensions
J E
A
t
D
B
Pulling direction
C
+1.0 9.0 -0
13.0 + 0.2 -
F
G
H
Pulling direction
Symbol
C
D
E
F
G
H
J
t
d
0.3 0.25 8.0 3.5 1.75 2.0 2.0 4.0 1.5 Dimensions +/ -0.1 +/ -0.05 +/ -0.05 +/ -0.05 +/ -0.05 +/ -0.08 +0.1/ -0 +/ -0.02 +/ -0.02
Symbol Style MCH02
A
B
Label pasting
As per EIAJ ET-7002A
0.24 +/ -0.03
0.45 +/ -0.03
(Unit : mm)
Electrical characteristics curves
2
Capacitance change (%)
1
0
-1
-2
-60 -40 -20 0 20 40 60 80 100 120 140
Fig.1 Temperature (C)
+0 180 -1.5
d
60.0+1.0 -0
(Unit : mm)
6/6
Appendix
Notes
No technical content pages of this document may be reproduced in any form or transmitted by any means without prior permission of ROHM CO.,LTD. The contents described herein are subject to change without notice. The specifications for the product described in this document are for reference only. Upon actual use, therefore, please request that specifications to be separately delivered. Application circuit diagrams and circuit constants contained herein are shown as examples of standard use and operation. Please pay careful attention to the peripheral conditions when designing circuits and deciding upon circuit constants in the set. Any data, including, but not limited to application circuit diagrams information, described herein are intended only as illustrations of such devices and not as the specifications for such devices. ROHM CO.,LTD. disclaims any warranty that any use of such devices shall be free from infringement of any third party's intellectual property rights or other proprietary rights, and further, assumes no liability of whatsoever nature in the event of any such infringement, or arising from or connected with or related to the use of such devices. Upon the sale of any such devices, other than for buyer's right to use such devices itself, resell or otherwise dispose of the same, no express or implied right or license to practice or commercially exploit any intellectual property rights or other proprietary rights owned or controlled by ROHM CO., LTD. is granted to any such buyer. Products listed in this document are no antiradiation design.
The products listed in this document are designed to be used with ordinary electronic equipment or devices (such as audio visual equipment, office-automation equipment, communications devices, electrical appliances and electronic toys). Should you intend to use these products with equipment or devices which require an extremely high level of reliability and the malfunction of with would directly endanger human life (such as medical instruments, transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controllers and other safety devices), please be sure to consult with our sales representative in advance. About Export Control Order in Japan Products described herein are the objects of controlled goods in Annex 1 (Item 16) of Export Trade Control Order in Japan. In case of export from Japan, please confirm if it applies to "objective" criteria or an "informed" (by MITI clause) on the basis of "catch all controls for Non-Proliferation of Weapons of Mass Destruction.
Appendix1-Rev1.1


▲Up To Search▲   

 
Price & Availability of MCH022A4R7DK

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X