Part Number Hot Search : 
8HC08 MV5309 HC245 A102M ST2204 FS10UM 241907B SW12120
Product Description
Full Text Search
 

To Download MCC122-18IO1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC 122
Thyristor Module
Preliminary data
ITRMS = 2x300 A = 2x128 A ITAVM VRRM, DRM = 800-1800 V
VRSM VDSM V 900 1300 1500 1700 1900 Symbol ITRMS ITAVM ITSM
VRRM VDRM V 800 1200 1400 1600 1800
Type
3
671
542 2 1
3
67 5 4
MCC MCC MCC MCC MCC
122-08io1 122-12io1 122-14io1 122-16io1 122-18io1 Maximum Ratings 300 128 t = 10 ms (50 Hz), sine t = 8.3 ms (60 Hz), sine t = 10 ms (50 Hz), sine t = 8.3 ms (60 Hz), sine t = 10 ms (50 Hz), sine t = 8.3 ms (60 Hz), sine t = 10 ms (50 Hz), sine t = 8.3 ms (60 Hz), sine 3600 3850 3200 3420 64800 62300 51200 49100 150 A A A A A A As A2s A2s A2s A/s
2
Conditions TC = 85C; 180 sine TVJ = 45C VR = 0 TVJ = TVJM VR = 0
Features * International standard package * Direct copper bonded Al2O3-ceramic base plate * Planar passivated chips * Isolation voltage 3600 V~ * UL registered, E 72873 * Keyed gate/cathode twin pins Applications * Motor control * Power converter * Heat and temperature control for industrial furnaces and chemical processes * Lighting control * Contactless switches Advantages
I dt
2
TVJ = 45C VR = 0 TVJ = TVJM VR = 0
(di/dt)cr
TVJ = TVJM repetitive, IT = 500 A f = 50Hz, tP = 200s VD = 2/3 VDRM IG = 0.5 A non repetitive, IT = 500 A diG/dt = 0.5 A/s TVJ = TVJM; VDR = 2/3 VDRM RGK = ; method 1 (linear voltage rise) TVJ = TVJM IT = ITAVM tP = 30 s tP = 500 s
500 1000 120 60 8 10 -40...+125 125 -40...+125
A/s V/s W W W V C C C V~ V~
(dv/dt)cr PGM PGAV VRGM TVJ TVJM Tstg VISOL Md Weight
* Space and weight savings * Simple mounting * Improved temperature and power cycling * Reduced protection circuits
Dimensions in mm (1 mm = 0.0394")
50/60 Hz, RMS IISOL 1 mA
t = 1 min t=1s
3000 3600
Mounting torque (M6) Terminal connection torque (M6) Typical including screws
2.25-2.75/20-25 Nm/lb.in. 4.5-5.5/40-48 Nm/lb.in. 125 g
948
Data according to IEC 60747 and refer to a single thyristor/diode unless otherwise stated.
(c) 2000 IXYS All rights reserved
1-2
MCC 122
Symbol IRRM, IDRM VT, VF VT0 rT VGT IGT VGD IGD IL IH tgd tq QS IRM RthJC RthCH dS dA a Conditions TVJ = TVJM; VR = VRRM; VD = VDRM IT, IF = 120 A; TVJ = 25C TVJ = 125C; For power-loss calculations only TVJ = TVJM VD = 6 V; VD = 6 V; TVJ = 25C TVJ = -40C TVJ = 25C TVJ = -40C Characteristic Values 10 1.13 0.85 2 1.4 1.6 150 200 0.2 10 300 200 2 150 330 180 0.2 0.1 0.1 12.7 9.6 50 mA V V mW V V mA mA V mA mA mA s s C A K/W K/W K/W mm mm m/s2
TVJ = TVJM; VD = 2/3 VDRM TVJ = 25C; tP = 10 s, VD = 6 V IG = 0.45 A; diG/dt = 0.45 A/s TVJ = 25C; VD = 6 V; RGK = TVJ = 25C; VD = 1/2 VDRM IG = 0.45 A; diG/dt = 0.45 A/s TVJ = TVJM; IT = 120 A, tP = 200 s; -di/dt = 10 A/styp. VR = 100 V; dv/dt = 20 V/s; VD = 2/3 VDRM TVJ = TVJM; IT, IF = 200 A, -di/dt = 50 A/s per thyristor/diode; DC current per module per thyristor/diode; DC current Creepage distance on surface Strike distance through air Maximum allowable acceleration
typ.
Optional accessories for modules Keyed gate/cathode twin plugs with wire length = 350 mm, gate = yellow, cathode = red Type ZY 180L (L = Left for pin pair 4/5) UL Styles 1385, Type ZY 180R (R = right for pin pair 6/7) CSA Class 5851, File 41234
(c) 2000 IXYS All rights reserved
2-2


▲Up To Search▲   

 
Price & Availability of MCC122-18IO1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X