Part Number Hot Search : 
SMV1406 4AHC1G RC207 MAX6482B CSE2450 133TQI Z08530 PD55FG40
Product Description
Full Text Search
 

To Download MC79L08F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Micro Commercial Components
TM
omponents 20736 Marilla Street Chatsworth !"# $
% !"#
MC79L08F
Features
* * *
Internal Short Circuit Current Limiting Internal Thermal Overload Protection No External Components Required
Case Material: Molded Plastic. Classification Rating 94V-0 Marking : Type number
UL Flammability
Three-Terminal Low Current Negative Voltage Regulator
Unit V
o o
Absolute Maximum Ratings
Parameter Input Voltage Operating Junction Temperature Storage Temperature Range Symbol V1 TOPR TSTG Value 30 -30---+75 -40---+125
SOT-89



A B K
C C
Electrical Characteristics( V i=14V, IO=40mA, 0 oC Parameter
Output Voltage Load Regulation Line regulation Quiescent Current Output Noise Voltage Ripple Rejection
E C D G F H J
Sym
V0 Vo -IO Vo - Vi Iq VN
Min
7.68V
Typ
8.0V 10mV 24mV 3.5mA 190V
Max
8.32V 80mV 175mV 6.0mA
Test conditions
Vi=14V, IO=40mA Io=1mA-100mA, Vi=14V 10.5V Vi 23V, IO=40mA Vi=14V, IO=40mA 10Hz f 100KHz Vi=14V, IO=40mA 11V V1 21V, IO=40mA o f=120Hz, Tj=25 C eiN=1VP-P
1
2
3
1. GND 2. IN (Case) 3. OUT
RR
39dB
68dB
*Note: Bypass Capacitors are recommended for optimum stability and transient response and should be located as close as possible to the regulators

Typical Application:
Input Cin 0.33F Output CO 0.1F
MC79L08F

www.mccsemi.com
Revision: 2
1 of 2
2006/08/28
MCC
Micro Commercial Components
TM
***IMPORTANT NOTICE*** Micro Commercial Components Corp . reserves the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . Micro Commercial Components Corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . The user of products in such applications shall assume all risks of such use and will agree to hold Micro Commercial Components Corp . and all the companies whose products are represented on our website, harmless against all damages. ***APPLICATIONS DISCLAIMER*** Products offer by Micro Commercial Components Corp . are not intended for use in Medical, Aerospace or Military Applications.
www.mccsemi.com
Revision: 2
2 of 2
2006/08/28


▲Up To Search▲   

 
Price & Availability of MC79L08F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X