Part Number Hot Search : 
SC162 BZX12 RV4558JG 1903X2XX 405I11BM BCR153L3 F0515 AM12N65B
Product Description
Full Text Search
 

To Download MC79L06F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
TM
Micro Commercial Components
omponents 20736 Marilla Street Chatsworth !"# $
% !"#
MC79L06F
Features
* * *
Internal Short Circuit Current Limiting Internal Thermal Overload Protection No External Components Required
Maximum Output Current 0.1A Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0
Three-Terminal Low Current Negative Voltage Regulator
Unit V
o o
Absolute Maximum Ratings
Parameter Input Voltage Operating Junction Temperature Storage Temperature Range Symbol V1 TOPR TSTG Value
-30
SOT-89



A B K
-30---+75 -40---+125
C C
Electrical Characteristics( V i=12V, IO=40mA, 0 oC Parameter
Output Voltage Load Regulation Line regulation Quiescent Current Output Noise Voltage Ripple Rejection
E C D G F H J
Sym
V0 Vo -IO Vo - Vi Iq VN
Min
-5.76V
Typ
-6.0V 7.0mV 15mV 3.5mA 120V
Max
-6.24V 60mV 150mV 6.0mA
Test conditions
Vi=-12V, IO=40mA Io=1mA-100mA, Vi=-12V -8.5V Vi -20V, IO=40mA Vi=-12V, IO=40mA 10Hz f 100KHz Vi=-12V, IO=40mA -9V V1 -19V, IO=40mA o f=120Hz, Tj=25 C eiN=1VP-P
1
2
3
1. GND 2. IN(Case) 3. OUT
RR
41dB
71dB
*Note: Bypass Capacitors are recommended for optimum stability and transient response and should be located as close as possible to the regulators

Typical Application:
Input Cin 0.33F MC79L06F Output CO 0.1F

www.mccsemi.com
Revision: 2
1 of 2
2006/06/30
MCC
Micro Commercial Components
TM
***IMPORTANT NOTICE*** Micro Commercial Components Corp . reserves the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . Micro Commercial Components Corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . The user of products in such applications shall assume all risks of such use and will agree to hold Micro Commercial Components Corp . and all the companies whose products are represented on our website, harmless against all damages. ***APPLICATIONS DISCLAIMER*** Products offer by Micro Commercial Components Corp . are not intended for use in Medical, Aerospace or Military Applications.
www.mccsemi.com
Revision: 2
2 of 2
2006/06/30


▲Up To Search▲   

 
Price & Availability of MC79L06F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X