Part Number Hot Search : 
STFW3N15 TEVAL BUZ11A SB250 1005C 2010D NSPR510A DTA14
Product Description
Full Text Search
 

To Download MC78L08F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
TM
Micro Commercial Components
omponents 20736 Marilla Street Chatsworth !"# $
% !"#
MC78L08F
* * *
Features
&&'(
)
*+
, -.%
/0&,
*
Case Material: Molded Plastic. Classification Rating 94V-0
UL Flammability


1
o
Maximum Ratings
1 ) ) """"5 "33"""53
o
&1
(
SOT-89



A B K
*
(4&)
&
()
&/
(
Electrical Characteristics( V i=14V, IO=40mA, 0 C Parameter

Sym
Min
7.7 7.6V 7.6V
Typ
8.0V
Max
8.3V 8.4V
Test conditions
E C D G F H J
! "#$ #$ &#$ '#()$ &&$ '#()$ &&$ *$ #( "# "0)#$ 2&

"" 39dB
15mV 8.0mV 10mV 8.0 2.0mA 9uV 70dB
10.5V23
10.5V 8.4V

80mV

70 40mV
175 10.523
125 1123
5.5 1123 10Hzf100KHz 1123 .
,-

1
2
3
1. OUT 2. GND 3. IN



7-86

,,9 &
:6
,

,&,:
,
: (&
)6

Input Cin 0.33F MC78L08F Output CO 0.1F
www.mccsemi.com
Revision: 2
1 of 2
2006/05/04
MCC
Micro Commercial Components
TM
***IMPORTANT NOTICE*** Micro Commercial Components Corp . reserves the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . Micro Commercial Components Corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . The user of products in such applications shall assume all risks of such use and will agree to hold Micro Commercial Components Corp . and all the companies whose products are represented on our website, harmless against all damages. ***APPLICATIONS DISCLAIMER*** Products offer by Micro Commercial Components Corp . are not intended for use in Medical, Aerospace or Military Applications.
www.mccsemi.com
Revision: 2
2 of 2
2006/05/04


▲Up To Search▲   

 
Price & Availability of MC78L08F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X