Part Number Hot Search : 
BFS466L6 F80N60 ICS8545 2M1224 EDZ13B 3ABP375 EDZ13B 3ABP375
Product Description
Full Text Search
 

To Download MC78L05ABP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www.fairchildsemi.com
MC78L05AB
3-Terminal 0.1A 5V Positive Voltage Regulator
Features
* * * * * Maximum Output Current of 100mA Output Voltage of 5V Thermal Overload Protection Short Circuit Current Limiting Output Voltage Offered in 5% Tolerance
Description
The MC78L05AB series of fixed voltage monolithic integrated circuit voltage regulators are suitable for application that required supply current up to 100mA.
TO-92
123
1. Output 2. GND 3. Input 8-SOP
8
1
1. Output 2. GND 3. GND 4. NC 5. NC 6. GND 7. GND 8. Input
Internal Block Diagram
VI Input 3
I
THERMAL SHUTDOWN CIRCUIT
REFERENCE VOLTAGE
+ -
SHORT CIRCUIT PROTECTION
RSC
GND 2
V0 Output 1
Rev. 1.0.0
(c)2002 Fairchild Semiconductor Corporation
MC78L05AB
Absolute Maximum Ratings
(Ta=25C, Unless otherwise noted, Note 5)
Parameter Input Voltage Maximum Operating Junction Temperature Storage Temperature Range Symbol VI TJ TSTG Value 30 +150 -65 ~ +150 Unit V C C
Electrical Characteristics
(VI = 10V, IO = 40mA, -40C TJ 125C, CI = 0.33F, CO = 0.1F, unless otherwise specified. (Note 1)) Parameter Output Voltage Line Regulation (Note1) Symbol VO VO VO TJ = 25C TJ = 25C TJ = 25C 7V VI 20V Output Voltage Quiescent Current Quiescent Current Change with line with load VO IQ IQ IQ VN VO/T RR VD 7V VI VMAX (Note 2) TJ = 25C 8V VI 20V 1mA IO 40 mA(Note3) TA = 25C, 10Hz f 100kHz IO = 5mA f = 120Hz, 8V VI 18V, TJ = 25C TJ = 25C 7V VI 20V 8V VI 20V 1mA IO 100mA 1mA IO 40mA 1mA IO 40mA 1mA IO 70mA Conditions Min. 4.8 4.75 41 Typ. 5.0 8 6 11 5.0 2.0 40 -0.65 80 1.7 Max. 5.2 150 100 60 30 5.25 5.25 5.5 1.5 0.5 Unit V mV mV mV mV V V mA mA mA V/Vo mV/C dB V
Load Regulation (Note1)
Output Noise Voltage(Note3) Temperature Coefficient of VO (Note3) Ripple Rejection(Note3,4) Dropout Voltage
Note: 1. The maximum steady state usable output current and input voltage are very dependent on the heat sinking and/or lead length of the package. The data above represent pulse test conditions with junction temperature as indicated at the initiation of tests. 2. Power dissipation PD 0.75W. 3. These parameters although guaranteed over the recommended operating conditions are not 100% tested in production. 4. Recommend minimum load capacitance of 0.01uF to limit high frequency noise. 5. Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Electrical specifications do not apply when operating the device outside of its stated operating conditions. * CI is required if regulator is located an appreciable distance from power supply filter. ** Co is not needed for stability; however, it does improve transient response.
2
MC78L05AB
Typical Application
3(8) INPUT C1 0.33 F NOTE1 NOTE 2
KA78LXXA MC78L05AB NOTE 1
1(1)
OUTPUT 0. 1 F NOTE1 NOTE 2
2(2,3,6,7)
'( )' : 8SOP Type
Note: 1. Bypass Capacitors are recommend for optimum stability and transient response and should be located as close as possible to the regulator
3
MC78L05AB
Mechanical Dimensions
Package Dimensions in millimeters
TO-92
4.58 -0.15
+0.25
0.46
14.47 0.40
0.10
4.58 0.20
1.27TYP [1.27 0.20] 3.60
0.20
1.27TYP [1.27 0.20]
0.38 -0.05
+0.10
3.86MAX
1.02 0.10
0.38 -0.05
+0.10
(R2.29)
4
(0.25)
MC78L05AB
Mechanical Dimensions (Continued)
Package Dimensions in millimeters
8-SOP
MIN 1.55 0.20 0.061 0.008 0.1~0.25 0.004~0.001
#1
#8 4.92 0.20 0.194 0.008 5.13 MAX 0.202
( #4 #5 6.00 0.30 0.236 0.012
+0.10 0.15 -0.05 +0.004 0.006 -0.002
0.56 ) 0.022 1.80 MAX 0.071 MAX0.10 MAX0.004 3.95 0.20 0.156 0.008 5.72 0.225 0.50 0.20 0.020 0.008
0~
8
1.27 0.050
0.41 0.10 0.016 0.004
5
MC78L05AB
Ordering Information
Product Number MC78L05ABP MC78L05ABD Package TO-92 8-SOP Output Voltage Tolerance 5% Operating Temperature -40 ~ +125C
DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user.
www.fairchildsemi.com 7/10/02 0.0m 001 Stock#DSxxxxxxxx 2002 Fairchild Semiconductor Corporation
2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.


▲Up To Search▲   

 
Price & Availability of MC78L05ABP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X