Part Number Hot Search : 
C1608C0G SA120 TIP140 KBPC1002 HMT112U 222841 ML145405 MSB31DH
Product Description
Full Text Search
 

To Download MC74VHCXXXM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ON Semiconductort
Octal D-Type Flip-Flop with 3-State Output
MC74VHC574
The MC74VHC574 is an advanced high speed CMOS octal flip-flip with 3-state output fabricated with silicon gate CMOS technology. It achieves high speed operation similar to equivalent Bipolar Schottky TTL while maintaining CMOS low power dissipation. This 8-bit D-type flip-flop is controlled by a clock input and an output enable input. When the output enable input is high, the eight outputs are in a high impedance state. The internal circuit is composed of three stages, including a buffer output which provides high noise immunity and stable output. The inputs tolerate voltages up to 7V, allowing the interface of 5V systems to 3V systems. * High Speed: fmax = 180MHz (Typ) at VCC = 5V * Low Power Dissipation: ICC = 4A (Max) at TA = 25C * High Noise Immunity: VNIH = VNIL = 28% VCC * Power Down Protection Provided on Inputs * Balanced Propagation Delays * Designed for 2V to 5.5V Operating Range * Low Noise: VOLP = 1.2V (Max) * Pin and Function Compatible with Other Standard Logic Families * Latchup Performance Exceeds 300mA * ESD Performance: HBM > 2000V; Machine Model > 200V * Chip Complexity: 266 FETs or 66.5 Equivalent Gates
DW SUFFIX 20-LEAD SOIC WIDE PACKAGE CASE 751D-05
DT SUFFIX 20-LEAD TSSOP PACKAGE CASE 948E-02
M SUFFIX 20-LEAD SOIC EIAJ PACKAGE CASE 967-01 ORDERING INFORMATION MC74VHCXXXDW SOIC WIDE MC74VHCXXXDT TSSOP MC74VHCXXXM SOIC EIAJ
w
These devices are available in Pb-free package(s). Specifications herein apply to both standard and Pb-free devices. Please see our website at www.onsemi.com for specific Pb-free orderable part numbers, or contact your local ON Semiconductor sales office or representative.
(c) Semiconductor Components Industries, LLC, 2006
March, 2006 - Rev. 5
1
Publication Order Number: MC74VHC574/D
D0 D1 D2 DATA INPUTS D3 D4 D5 D6 D7 CP
2 3 4 5 6 7 8 9 11
19 18 17 16 15 14 13 12
Q0 Q1 Q2 Q3 Q4 Q5 Q6 Q7 NONINVERTING OUTPUTS OE D0 D1 D2 D3 D4 D5 D6 D7 GND 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11 VCC Q0 Q1 Q2 Q3 Q4 Q5 Q6 Q7 CP
OE
1
Figure 1. LOGIC DIAGRAM
Figure 2. PIN ASSIGNMENT
FUNCTION TABLE
INPUTS OE L L L H CP D H L X X OUTPUT Q H L No Change Z
L, H, X
http://onsemi.com
2
II I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II II I II II I I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II II I I I II II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIII I I II I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I I I II II I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II II I IIIIIIIIIIIIIIIIIIIIIII I I II II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II II I I II II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II I I I I I I II II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIII IIIIIIIIIIIIIII IIIIIIIIII II I I I I I II II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II I I I I I I II II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIII IIIIIIIIIIIIIII IIIIIIIIII I II I I I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII IIII I I I IIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II II II IIII IIIIIIIIIIIIII III I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I IIIIIIII I III I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIII I IIIIIIIIIIII I IIII I I IIIIIIIIIIIIIIIIIIIIIII I II IIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIII II I I III I II I II I I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIII I II I IIIIIIIIIIIIIIIIIIIIIII II IIIIIIIIIIIIIIIIIIIIIII II I I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIII II I I IIIIIIIIIIIIIIIIIIIIIII II I I IIIIII II IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIII
II I I IIIIIIIIIIIIIIIIIIIIIII II III I II I I IIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIII II II IIIIIIIIIIIIIIIIIIIIII II I II I I IIIIIIIIIIIIIIIIIIIIIII II I IIIIIIIIIIIIIIIIIIIIIII III II I I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIII II I I III IIIIIIIIIIIIIIIIIIIIIII II II I I I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII I I I III II IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIII II IIIII I I I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIII II IIIIIIIIIIIIIIIIIIIIIII IIIIIII I IIII IIIIIIIIIIIIIIIIIIIIIII
MAXIMUM RATINGS*
VCC Vin IIK Vout IOK Iout PD ICC SymbolIIIIIIIIIIIIII Parameter DC Supply Voltage DC Input Voltage Value Unit - 0.5 to + 7.0III V - 0.5 to + 7.0III V V DC Output Voltage - 0.5 to VCC + 0.5 - 20 20 25 75 500 450 Input Diode Current mA mA mA mA Output Diode Current DC Output Current, per Pin DC Supply Current, VCC and GND Pins Power Dissipation in Still Air, Storage Temperature SOIC Packages TSSOP Package mW _C Tstg - 65 to + 150 * Absolute maximum continuous ratings are those values beyond which damage to the device may occur. Exposure to these conditions or conditions beyond those indicated may adversely affect device reliability. Functional operation under absolute-maximum-rated conditions is not implied. Derating -- SOIC Packages: - 7 mW/_C from 65_ to 125_C TSSOP Package: - 6.1 mW/_C from 65_ to 125_C
This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, Vin and Vout should be constrained to the range GND v (Vin or Vout) v VCC. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or V CC ). Unused outputs must be left open.
RECOMMENDED OPERATING CONDITIONS
Symbol VCC Vin TA Vout tr, tf Parameter DC Supply Voltage DC Input Voltage
Min 2.0 0 0
Max 5.5 5.5
Unit V V V
DC Output Voltage
VCC 100 20
Operating Temperature
- 40 0 0
+ 85
_C
Input Rise and Fall Time
VCC = 3.3V VCC = 5.0V
ns/V
DC ELECTRICAL CHARACTERISTICS
Symbol VIH Parameter
Test Conditions
VCC V
TA = 25C Typ
TA = - 40 to 85C Min Max
Min
Max
Unit V
Minimum High-Level Input Voltage
2.0 3.0 to 5.5 2.0 3.0 to 5.5 2.0 3.0 4.5 3.0 4.5 2.0 3.0 4.5 3.0 4.5
1.50 VCC x 0.7
1.50 VCC x 0.7
VIL
Maximum Low-Level Input Voltage Minimum High-Level Output Voltage
0.50 VCC x 0.3
0.50 VCC x 0.3
V
VOH
Vin = VIH or VIL IOH = - 50A
1.9 2.9 4.4
2.0 3.0 4.5
1.9 2.9 4.4
V
Vin = VIH or VIL IOH = - 4mA IOH = - 8mA Vin = VIH or VIL IOL = 50A
2.58 3.94
2.48 3.80
VOL
Maximum Low-Level Output Voltage
0.0 0.0 0.0
0.1 0.1 0.1
0.1 0.1 0.1
V
Vin = VIH or VIL IOL = 4mA IOL = 8mA
0.36 0.36
0.44 0.44
http://onsemi.com
3
28 CPD Power Dissipation Capacitance (Note 2) pF 1. Parameter guaranteed by design. tOSLH = |tPLHm - tPLHn|, tOSHL = |tPHLm - tPHLn|. 2. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average operating current can be obtained by the equation: ICC(OPR) = CPD VCC fin + ICC / 8 (per flip-flop). CPD is used to determine the no-load dynamic power consumption; PD = CPD VCC2 fin + ICC VCC.
I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I I I II I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II III I I I I I II I I I II I I I I I I II I I IIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I IIIIII II I IIII I I I II II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII I I I II I I I I I II I I IIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I IIIIIIIIIIIIIIIIIIIII II II I I II I II I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIIII II I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIII IIIIIIIIIIIIIIIIIIIIIIII I I II I IIII I I I II II I I II II I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII IIIIIIIIIIII II I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I I I I I II II II I I I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I IIIIII I IIIIIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I IIII I I II I I IIIIIIIIIIIIIIIIIIIIII I I I I I II IIIIIIIIIIII II I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I II I I I I I I II I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIII I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II I I I I I I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II II III I I I II I I I I I I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I II II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII IIII I I IIIIIIIIIIIIIIII IIIIIIII IIIIIIIIIIIIIIIIIIIIIII I I I II II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIII IIIIIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I III I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII
AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3.0ns) DC ELECTRICAL CHARACTERISTICS
Symbol Symbol tOSLH, tOSHL tPLH, tPHL tPLZ, tPHZ tPZL, tPZH Cout fmax ICC IOZ Cin Iin Maximum Three-State Output Capacitance, Output in High-Impedance State Maximum Input Capacitance Output to Output Skew Output Disable Time, OE to Q Output Enable Time, OE to Q Maximum Propagation Delay, CP to Q Maximum Clock Frequency (50% Duty Cycle) Maximum Quiescent Supply Current Maximum Three-State Leakage Current Maximum Input Leakage Current Parameter Parameter Vin = VCC or GND Vin = VIL or VIH Vout = VCC or GND Vin = 5.5V or GND Test Conditions VCC = 5.0 0.5V (Note 1) VCC = 3.3 0.3V (Note 1) VCC = 5.0 0.5V RL = 1k VCC = 3.3 0.3V RL = 1k VCC = 5.0 0.5V RL = 1k VCC = 3.3 0.3V RL = 1k VCC = 5.0 0.5V VCC = 3.3 0.3 VCC = 5.0 0.5V VCC = 3.3 0.3V Test Conditions 0 to 5.5 VCC V 5.5 5.5 CL = 15pF CL = 50pF CL = 15pF CL = 50pF CL = 15pF CL = 50pF CL = 15pF CL = 50pF CL = 50pF CL = 50pF CL = 50pF CL = 15pF CL = 50pF CL = 15pF CL = 50pF CL = 50pF Min Min 130 85 80 50 -- -- -- -- -- -- -- -- -- -- -- -- -- -- TA = 25C Typ TA = 25C 8.2 10.7 11.0 8.5 11.0 Typ 180 115 125 75 7.1 5.9 7.4 5.6 7.1 -- -- 6 4 Typical @ 25C, VCC = 5.0V 0.25 0.1 Max 4.0 10.1 15.0 12.8 16.3 8.6 10.6 13.2 16.7 Max 9.0 11.0 1.0 1.5 10 -- -- -- -- -- TA = - 40 to 85C Min TA = - 40 to 85C Min 110 75 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 65 45 -- -- -- -- 2.5 1.0 40.0 Max 17.0 10.5 12.5 15.0 18.5 10.0 12.0 15.5 19.0 Max 11.5 1.0 1.5 10 -- -- -- -- -- Unit Unit A A A pF pF ns ns ns ns ns ns
http://onsemi.com
4
NOISE CHARACTERISTICS (Input tr = tf = 3.0ns, CL = 50pF, VCC = 5.0V)
TA = 25C Symbol VOLP VOLV VIHD VILD Quiet Output Maximum Dynamic VOL Quiet Output Minimum Dynamic VOL Minimum High Level Dynamic Input Voltage Maximum Low Level Dynamic Input Voltage Parameter Typ 0.9 - 0.9 -- -- Max 1.2 - 1.2 3.5 1.5 Unit V V V V
TIMING REQUIREMENTS (Input tr = tf = 3.0ns)
TA = 25C Symbol tsu th tw Parameter Minimum Setup Time, D to CP Minimum Hold Time, CP to D Minimum Pulse Width, CP Test Conditions VCC = 3.3 0.3 V VCC = 5.0 0.5 V VCC = 3.3 0.3 V VCC = 5.0 0.5 V VCC = 3.3 0.3 V VCC = 5.0 0.5 V Typ -- -- -- -- -- -- Limit 3.5 3.5 1.5 1.5 5.0 5.0 TA = - 40 to 85C Limit 3.5 3.5 1.5 1.5 5.5 5.0 Unit ns ns ns
CP
50% tw 1/fmax tPLH tPHL
VCC GND OE
50% tPZL tPLZ
VCC GND HIGH IMPEDANCE VOL +0.3V VOH -0.3V HIGH IMPEDANCE
Q Q
50% VCC tPZH 50% VCC tPHZ
Q
50% VCC
Figure 3. Switching Waveforms
VALID D 50% tsu CP th 50%
VCC GND VCC GND DEVICE UNDER TEST
TEST POINT OUTPUT C L*
*Includes all probe and jig capacitance
Figure 4.
Figure 5.
http://onsemi.com
5
D0
2
C Q D C Q D C Q D C Q D C Q D C Q D C Q D C Q D 11 1
19
Q0
D1
3
18
Q1
D2
4
17
Q2
D3
5
16
Q3
D4
6
15
Q4
D5
7
14
Q5
D6
8
13
Q6
D7
9
12
Q7
CP OE
Figure 6. Expanded Logic Diagram
TEST POINT OUTPUT DEVICE UNDER TEST 1 k CONNECT TO VCC WHEN TESTING tPLZ AND tPZL. CONNECT TO GND WHEN TESTING tPHZ AND tPZH. INPUT
C L*
*Includes all probe and jig capacitance
Figure 7. Test Circuit
Figure 8. INPUT EQUIVALENT CIRCUIT
http://onsemi.com
6
OUTLINE DIMENSIONS DW SUFFIX SOIC CASE 751D-05 ISSUE F
D
A
11 X 45 _
q
NOTES: 1. DIMENSIONS ARE IN MILLIMETERS. 2. INTERPRET DIMENSIONS AND TOLERANCES PER ASME Y14.5M, 1994. 3. DIMENSIONS D AND E DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 PER SIDE. 5. DIMENSION B DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE PROTRUSION SHALL BE 0.13 TOTAL IN EXCESS OF B DIMENSION AT MAXIMUM MATERIAL CONDITION. DIM A A1 B C D E e H h L q MILLIMETERS MIN MAX 2.35 2.65 0.10 0.25 0.35 0.49 0.23 0.32 12.65 12.95 7.40 7.60 1.27 BSC 10.05 10.55 0.25 0.75 0.50 0.90 0_ 7_
H
M
B
M
20
10X
0.25
E
1 10
20X
B 0.25
M
B TA
S
B
S
A e
SEATING PLANE
h
18X
A1
T
C
DT SUFFIX TSSOP CASE 948E-02 ISSUE A
20X
K REF
M
L
0.15 (0.006) T U
S
0.10 (0.004)
TU
S
V
S
2X
L
PIN 1 IDENT 1 10
B -U-
J J1
N 0.15 (0.006) T U
S
A -V- N F
C D 0.100 (0.004) -T- SEATING
PLANE
G
H
DETAIL E
http://onsemi.com
7
IIII IIII IIII
SECTION N-N M DETAIL E
L/2
20
11
K K1
0.25 (0.010)
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION A DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS. MOLD FLASH OR GATE BURRS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. DIMENSION B DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSION. INTERLEAD FLASH OR PROTRUSION SHALL NOT EXCEED 0.25 (0.010) PER SIDE. 5. DIMENSION K DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE K DIMENSION AT MAXIMUM MATERIAL CONDITION. 6. TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 7. DIMENSION A AND B ARE TO BE DETERMINED AT DATUM PLANE -W-. DIM A B C D F G H J J1 K K1 L M MILLIMETERS MIN MAX 6.40 6.60 4.30 4.50 --- 1.20 0.05 0.15 0.50 0.75 0.65 BSC 0.27 0.37 0.09 0.20 0.09 0.16 0.19 0.30 0.19 0.25 6.40 BSC 0_ 8_ INCHES MIN MAX 0.252 0.260 0.169 0.177 --- 0.047 0.002 0.006 0.020 0.030 0.026 BSC 0.011 0.015 0.004 0.008 0.004 0.006 0.007 0.012 0.007 0.010 0.252 BSC 0_ 8_
-W-
OUTLINE DIMENSIONS M SUFFIX SOIC EIAJ CASE 967-01 ISSUE O
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS D AND E DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS AND ARE MEASURED AT THE PARTING LINE. MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 5. THE LEAD WIDTH DIMENSION (b) DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE LEAD WIDTH DIMENSION AT MAXIMUM MATERIAL CONDITION. DAMBAR CANNOT BE LOCATED ON THE LOWER RADIUS OR THE FOOT. MINIMUM SPACE BETWEEN PROTRUSIONS AND ADJACENT LEAD TO BE 0.46 ( 0.018). DIM A A1 b c D E e HE L LE M Q1 Z MILLIMETERS MIN MAX --- 2.05 0.05 0.20 0.35 0.50 0.18 0.27 12.35 12.80 5.10 5.45 1.27 BSC 7.40 8.20 0.50 0.85 1.10 1.50 10 _ 0_ 0.70 0.90 --- 0.81 INCHES MIN MAX --- 0.081 0.002 0.008 0.014 0.020 0.007 0.011 0.486 0.504 0.201 0.215 0.050 BSC 0.291 0.323 0.020 0.033 0.043 0.059 0_ 10 _ 0.028 0.035 --- 0.032
20
11
LE Q1 M_ L DETAIL P
E HE
1
10
Z D e A VIEW P
c
b 0.13 (0.005)
M
A1 0.10 (0.004)
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: N. American Technical Support: 800-282-9855 Toll Free Literature Distribution Center for ON Semiconductor USA/Canada P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Phone: 81-3-5773-3850 Email: orderlit@onsemi.com ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
8
MC74VHC574/D


▲Up To Search▲   

 
Price & Availability of MC74VHCXXXM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X