Part Number Hot Search : 
054S3 TFS150C1 LUG65D 54HC40 3N246 TM32F GI78L05 74CBTLV
Product Description
Full Text Search
 

To Download MC74VHC1G05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY, LTD.
Inverter with Open Drain Output
MC74VHC1G05
The MC74VHC1G05 is an advanced high speed CMOS inverter with open drain output fabricated with silicon gate CMOS technology. It achieves high speed operation similar to equivalent Bipolar Schottky TTL while maintaining CMOS low power dissipation. The internal circuit is composed of three stages, including an open drain output which provides the capability to set output switching level. This allows the MC74VHC1G05 to be used to interface 5 V circuits to circuits of any voltage between V CC and 7 V using an external resistor and power supply. The MC74VHC1G05 input structure provides protection when voltages up to 7 V are applied, regardless of the supply voltage. * High Speed: t PD = 3.8 ns (Typ) at V CC = 5 V * Low Internal Power Dissipation: I CC = 2 mA (Max) at T A = 25C * Power Down Protection Provided on Inputs * Pin and Function Compatible with Other Standard Logic Families * Chip Complexity: FET = 105; Equivalent Gate = 26
MARKING DIAGRAMS
5 4 1 2 3
VFd
SC-88A / SOT-353/SC-70 DF SUFFIX CASE 419A
Pin 1 d = Date Code
5 4
Figure 1. Pinout (Top View)
1 2 3
VFd
Figure 2. Logic Symbol
Pin 1 d = Date Code
TSOP-5/SOT-23/SC-59 DT SUFFIX CASE 483
FUNCTION TABLE
PIN ASSIGNMENT 1 2 3 4 5 NC IN A GND OUT Y V CC Inputs A L H Output Y Z L
ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 4 of this data sheet.
VH5-1/4
LESHAN RADIO COMPANY, LTD.
MC74VHC1G05
MAXIMUM RATINGS (Note 1.)
Symbol V CC V IN V OUT I IK I OK I OUT I CC PD JA TL TJ T stg V ESD Parameter DC Supply Voltage Value - 0.5 to + 7.0 Unit V
DC Input Voltage - 0.5 to +7.0 V DC Output Voltage - 0.5 to +7.0 V Input Diode Current -20 mA Output Diode Current V OUT < GND; V OUT > V CC +20 mA DC Output Current, per Pin + 25 mA DC Supply Current, V CC and GND +50 mA Power dissipation in still air SC-88A, TSOP-5 200 mW Thermal resistance SC-88A, TSOP-5 333 C/W Lead Temperature, 1 mm from Case for 10 s 260 C Junction Temperature Under Bias + 150 C Storage temperature -65 to +150 C ESD Withstand Voltage Human Body Model (Note 2) >2000 V Machine Model (Note 3) > 200 Charged Device Model (Note 4) N/A I LATCH-UP Latch-Up Performance Above V CC and Below GND at 125C (Note 5) 500 mA 1. Maximum Ratings are those values beyond which damage to the device may occur. Exposure to these conditions or conditions beyond those indicated may adversely affect device reliability. Functional operation under absolute-maximum-rated conditions is not implied. Functional operation should be restricted to the Recommended Operating Conditions. 2. Tested to EIA/JESD22-A114-A 3. Tested to EIA/JESD22-A115-A 4. Tested to JESD22-C101-A 5. Tested to EIA/JESD78 RECOMMENDED OPERATING CONDITIONS Symbol Parameter V CC DC Supply Voltage V IN DC Input Voltage V OUT DC Output Voltage TA Operating Temperature Range t r ,t f Input Rise and Fall Time
V CC = 3.3 0.3 V V CC = 5.0 0.5 V
Min 2.0 0.0 0.0 - 55 0 0
Max 5.5 5.5 7.0 + 125 100 20
Unit V V V C ns/V
DEVICE JUNCTION TEMPERATURE VERSUS TIME TO 0.1% BOND FAILURES
NORMALIZED FAILURE RATE
Junction Temperature C 80 90 100 110 120 130 140
Time, Hours 1,032,200 419,300 178,700 79,600 37,000 17,800 8,900
Time, Years 117.8 47.9 20.4 9.4 4.2 2.0 1.0
1
1
10
100
1000
TIME, YEARS
Figure 3. Failure Rate vs. Time Junction Temperature
VH5-2/4
LESHAN RADIO COMPANY, LTD.
MC74VHC1G05
DC ELECTRICAL CHARACTERISTICS V Symbol V IH Parameter Minimum High-Level Input Voltage Test Conditions
CC
T A = 25C Min 1.5 2.1 3.15 3.85 0.5 0.9 1.35 1.65 1.9 2.9 4.4 2.58 3.94 0.0 0.0 0.0 0.1 0.1 0.1 0.36 0.36
0.1
T A < 85C -55C1.0
(V) 2.0 3.0 4.5 5.5 2.0 3.0 4.5
Typ
Max
Max
Min 1.5 2.1 3.15 3.85
Max
Unit V
V IL
Maximum Low-Level Input Voltage
0.5 0.9 1.35 1.65 1.9 2.9 4.4 2.34 3.66 0.1 0.1 0.1 0.52 0.52
1.0
V
V OH
Minimum High-Level Output Voltage V IN = V IH or V IL
V IN = V IH or V IL I OH = - 50 A V IN = V IH or V IL I OH = -4 mA
5.5 2.0 3.0 4.5 3.0 4.5 2.0 3.0 4.5 3.0 4.5 0 to5.5 5.5
0
2.0 3.0 4.0
V
V OL
Maximum Low-Level Output Voltage V IN = V IH or V IL
I OH = -8 mA V IN = V IH or V IL I OL = 50 A V IN = V IH or V IL I OL = 4 mA
V
I IN I CC
I OPD
Maximum Input Leakage Current Maximum Quiescent Supply Current
Maximum Off-state Leakage Current
I OL = 8 mA V IN = 5.5 V or GND V IN = V CC or GND
V OUT = 5.5 V
A A
A
2.0
0.25
20
2.5
40
5.0
AC ELECTRICAL CHARACTERISTICS C load = 50 pF, Input t r = t f = 3.0 ns T A = 25C Symbol
t PZL
T A < 85C -55C to 125C Max
7.1 10.6 5.5 7.5 10.6 7.5 10
Parameter
Maximum Output Enable Time, Input A to Y
Test Conditions
V CC = 3.3 0.3 V C L = 15 pF R L = R I = 500 C L = 50 pF V CC = 5.0 0.5 V C L = 15 pF R L = R I = 500 C L = 50 pF V CC = 3.3 0.3 V C L = 50 pF R L = R I = 500 V CC = 5.0 0.5 V C L = 50 pF R L = R I = 500
Min
Typ
5.0 7.5 3.8 5.3 7.5 5.3 4
Min
Max
8.5 12.0 6.5 8.5 12.0 8.5 10
Min
Max Unit
10.0 14.5 8.0 10.0 14.5 10.0 10 pF ns
t PLZ
Maximum Output Disable Time
ns
C IN
Maximum Input Capacitance
Typical @ 25C, V CC = 5.0 V C PD Power Dissipation Capacitance (Note 6) 18 pF
6. C PD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average operating current can be obtained by the equation: I CC(OPR) = C PD x V CCx f in + I CC . C PD is used to determine the no- load dynamic power consumption; P D = C PD x V CC 2 x f in + I CCx V CC .
VH5-3/4
LESHAN RADIO COMPANY, LTD.
MC74VHC1G03
A
Figure 4. Output Voltage Mismatch Application
Figure 5. Switching Waveforms
C L = 50 pF equivalent (Includes jig and probe capacitance) R L = R 1 = 500 or equivalent R T = Z OUT of pulse generator (typically 50 )
Figure 6. Test Circuit
Figure 8. LED Driver Figure 7. Complex Boolean Functions
Figure 9. GTL Driver
DEVICE ORDERING INFORMATION Device Nomenclature Device Order Number
MC74VHC1G05DFT1 MC74VHC1G05DFT2 MC74VHC1G05DFT4 MC74VHC1G05DTT1 MC74VHC1G05DTT3
Logic Circuit Indicator
MC MC MC MC MC
Temp Range Identifier
74 74 74 74 74
Technology
VHC1G VHC1G VHC1G VHC1G VHC1G
Device Function
05 05 05 05 05
Package Type Package Tape and (Name/SOT#/ Suffix Reel Suffix Common Name)
DF DF DF DT DT T1 T2 T4 T1 T3 SC-70/SC-88A/ SOT-353 SC-70/SC-88A/ SOT-353 SC-70/SC-88A/ SOT-353 SOT-23/TSOPS/ SC-59 SOT-23/TSOPS/ SC-59
Tape and Reel Size
178 mm (7 in) 3000 Unit 178 mm (7 in) 3000 Unit 330 mm (13 in) 10,000 Unit 178 mm (7 in) 3000 Unit 330 mm (13 in) 10,000 Unit
VH5-4/4


▲Up To Search▲   

 
Price & Availability of MC74VHC1G05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X