|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MOTOROLA SEMICONDUCTOR TECHNICAL DATA Low-Voltage Quiet CMOS Octal D-Type Flip-Flop Flow Through Pinout (3-State, Non-Inverting) The MC74LVQ574 is a high performance, non-inverting octal D-type flip-flop operating from a 2.7 to 3.6V supply. The MC74LVQ574 is suitable for TTL level bus oriented applications where a memory element is required. Current drive capability is 12mA at the outputs. The MC74LVQ574 consists of 8 edge-triggered flip-flops with individual D-type inputs and 3-state true outputs. The buffered clock and buffered Output Enable (OE) are common to all flip-flops. The eight flip-flops will store the state of individual D inputs that meet the setup and hold time requirements on the LOW-to-HIGH Clock (CP) transition. With the OE LOW, the contents of the eight flip-flops are available at the outputs. When the OE is HIGH, the outputs go to the high impedance state. The OE input level does not affect the operation of the flip-flops. MC74LVQ574 LVQ LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP 20 DW SUFFIX PLASTIC SOIC CASE 751D-04 1 * Designed for 2.7 to 3.6V VCC Operation - Ideal for Low Power/Low Noise Applications * Guaranteed Simultaneous Switching Noise Level and Dynamic Threshold Performance * Guaranteed Skew Specifications 20 1 * Guaranteed Incident Wave Switching into 75 * Low Static Supply Current (10A) Substantially Reduces System Power Requirements * Latchup Performance Exceeds 500mA M SUFFIX PLASTIC SOIC EIAJ CASE 967-01 * ESD Performance: Human Body Model >2000V 20 1 SD SUFFIX PLASTIC SSOP CASE 940C-03 20 Pinout: 20-Lead (Top View) VCC 20 O0 19 O1 18 O2 17 O3 16 O4 15 O5 14 O6 13 O7 12 CP 11 1 DT SUFFIX PLASTIC TSSOP CASE 948E-02 PIN NAMES Pins OE CP D0-D7 O0-O7 Function Output Enable Input Clock Pulse Input Data Inputs 3-State Outputs 1 OE 2 D0 3 D1 4 D2 5 D3 6 D4 7 D5 8 D6 9 D7 10 GND 11/95 (c) Motorola, Inc. 1995 1 REV 0 MC74LVQ574 LOGIC DIAGRAM OE CP 1 11 nCP Q D 18 Q D 17 Q D 16 Q D nCP Q D 14 Q D nCP Q D 12 Q D O7 13 O6 O5 15 O4 O3 O2 O1 19 O0 2 D0 3 D1 nCP 4 D2 nCP 5 D3 nCP 6 D4 7 D5 nCP 8 D6 9 D7 nCP INPUTS OE L L L H H H CP Dn l h X X l h INTERNAL LATCHES Q L H NC NC L H OUTPUTS On L H NC Z Z Z OPERATING MODE Load and Read Register Hold and Read Register Hold and Disable Outputs Load Internal Register and Disable Outputs H = High Voltage Level; h = High Voltage Level One Setup Time Prior to the Low-to-High Clock Transition; L = Low Voltage Level; l = Low Voltage Level One Setup Time Prior to the Low-to-High Clock Transition; NC = No Change; X = High or Low Voltage Level and Transitions are Acceptable; Z = High Impedance State; = Low-to-High Transition; = Not a Low-to-High Transition; For ICC Reasons DO NOT FLOAT Inputs MOTOROLA 2 ECLinPS and ECLinPS Lite DL140 -- Rev 3 MC74LVQ574 ABSOLUTE MAXIMUM RATINGS* Symbol VCC VI VO IIK Parameter DC Supply Voltage DC Input Voltage DC Output Voltage DC Input Diode Current Value -0.5 to +7.0 -0.5 VI VCC + 0.5V -0.5 VO VCC + 0.5 -20 +20 IOK DC Output Diode Current -20 +20 IO ICC IGND TSTG DC Output Source/Sink Current DC Supply Current DC Ground Current Storage Temperature Range 50 400 400 -65 to +150 Output in HIGH or LOW State VI = -0.5V VI = VCC + 0.5V VO = -0.5V VI = VCC + 0.5V Condition Unit V V V mA mA mA mA mA mA mA C * Absolute maximum continuous ratings are those values beyond which damage to the device may occur. Exposure to these conditions or conditions beyond those indicated may adversely affect device reliability. Functional operation under absolute-maximum-rated conditions is not implied. RECOMMENDED OPERATING CONDITIONS Symbol VCC VI VO TA V/t Supply Voltage Input Voltage Output Voltage Operating Free-Air Temperature Input Transition Rise or Fall Rate, VIN from 0.8V to 2.0V, VCC = 3.0V Parameter Min 2.0 0 0 -40 0 Typ 3.3 Max 3.6 VCC VCC +85 125 Unit V V V C mV/ns DC ELECTRICAL CHARACTERISTICS TA = -40C to +85C Symbol VIH VIL VOH Characteristic HIGH Level Input Voltage (Note 1) LOW Level Input Voltage (Note 1) HIGH Level Output Voltage Condition 2.7V VCC 3.6V, VO = 0.1V or VCC - 0.1V 2.7V VCC 3.6V, VO = 0.1V or VCC - 0.1V 2.7V VCC 3.6V; IOH = -50A VCC = 2.7V; IOH = -12mA VCC = 3.0V; IOH = -12mA VOL LOW Level Output Voltage 2.7V VCC 3.6V; IOL = 50A 2.7V VCC 3.6V; IOL= 12mA II IOZ IOLD IOHD ICC Quiescent Supply Current Input Leakage Current Maximum 3-State Leakage Current Minimum Dynamic Output Current (Note 2) 2.7V VCC 3.6V; VI= VCC, GND VI(OE) = VIL, VIH; VI, VO= VCC, GND VCC = 3.6V; VOLD = 0.8V Max VCC = 3.6V; VOHD = 2.0V Min 2.7V VCC 3.6V; VI = VCC, GND VCC - 0.1 2.2 2.48 0.1 0.4 1.0 2.5 36 -25 10 A A mA mA A V Min 2.0 0.8 Max Unit V V V 1. These values of VI are used to test DC electrical characteristics only. Functional test should use VIH 2.4V, VIL 0.5V. 2. Incident wave switching on transmission lines with impedances as low as 75 for commercial temperature range is guaranteed. Maximum test duration is 2ms, one output loaded at a time. ECLinPS and ECLinPS Lite DL140 -- Rev 3 3 MOTOROLA MC74LVQ574 DYNAMIC SWITCHING CHARACTERISTICS (VCC = 3.3V) TA = +25C Symbol VOLP VOLV VIHD VILD Characteristic Dynamic LOW Peak Voltage (Note 1) Dynamic LOW Valley Voltage (Note 1) High Level Dynamic Input Voltage (Note 2) Low Level Dynamic Input Voltage (Note 2) Condition CL = 50pF, VIH = 3.3V, VIL = 0V CL = 50pF, VIH = 3.3V, VIL = 0V Input-Under-Test Switching 0V to Threshold, f=1MHz Input-Under-Test Switching 3.3V to Threshold, f=1MHz Min Typ 0.6 -0.5 1.5 1.5 Max 1.0 -1.0 2.0 0.8 Unit V V V V 1. Number of outputs defined as "n". Measured with "n-1" outputs switching from HIGH-to-LOW. The remaining output is measured in the LOW state. 2. Number of data inputs is defined as "n" switching, "n-1" inputs switching 0V to 3.3V. AC CHARACTERISTICS (tR = tF = 2.5ns; CL = 50pF; RL = 500) Limits TA = +25C VCC = 3.0V to 3.6V Symbol tPLH tPHL tPZH tPZL tPHZ tPLZ tOSHL tOSLH Parameter Propagation Delay CP to On Output Enable Time to High and Low Level Output Disable Time From High and Low Level Output-to-Output Skew (Note 1) Min 2.5 2.5 2.5 2.5 1.0 1.0 Typ 10.5 10.0 7.5 7.0 9.5 6.0 1.0 1.0 Max 13.0 13.0 9.5 9.5 12.0 9.0 1.5 1.5 VCC = 2.7V Min 2.5 2.5 2.5 2.5 1.0 1.0 Typ 11.5 11.0 8.5 8.5 10.0 7.0 1.0 1.0 Max 14.0 13.5 10.5 10.5 13.0 9.5 1.5 1.5 TA = -40C to +85C VCC = 3.0V to 3.6V Min 2.5 2.5 2.5 2.5 1.0 1.0 Max 14.0 13.5 10.5 10.0 12.5 10.0 1.5 1.5 VCC = 2.7V Max 16.0 14.0 11.5 11.0 13.5 10.5 Unit ns ns ns ns 1. Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH); parameter guaranteed by design. AC OPERATING REQUIREMENTS (tR = tF = 2.5ns; CL = 50pF; RL = 500) Limits TA = +25C VCC = 3.0V to 3.6V Symbol ts th tw Parameter Setup TIme, HIGH or LOW Dn to CP Hold TIme, HIGH or LOW Dn to CP CP Pulse Width, HIGH or LOW Min 3.0 1.5 4.0 VCC = 2.7V Min 4.0 1.5 5.0 TA = -40C to +85C VCC = 3.0V to 3.6V Min 3.0 1.5 4.0 VCC = 2.7V Min 4.5 1.5 6.0 Unit ns ns ns CAPACITIVE CHARACTERISTICS Symbol CPD CIN Parameter Power Dissipation Capacitance Input Capacitance Condition 10MHz, VCC = 3.3V, VI = 0V or VCC VCC = Open, VI = 0V or VCC Typical 30 4.5 Unit pF pF MOTOROLA 4 ECLinPS and ECLinPS Lite DL140 -- Rev 3 MC74LVQ574 VCC VCC Dn 50% VCC ts CP 50% VCC 0V fmax tPLH, tPHL VOH On 50% VCC VOL WAVEFORM 1 - PROPAGATION DELAYS, SETUP AND HOLD TIMES tR = tF = 2.5ns, 10% to 90%; f = 1MHz; tW = 500ns WAVEFORM 2 - OUTPUT ENABLE AND DISABLE TIMES tR = tF = 2.5ns, 10% to 90%; f = 1MHz; tW = 500ns On tPZL 50% VCC VOL + 0.3V GND tPLZ th VCC On 50% VCC 0V 3.0V 50% VCC 0V tPZH tPHZ OE 50% VCC 50% VCC 0V VCC VOH - 0.3V VCC CP 50% VCC tw 50% VCC 0V VCC 50% VCC 0V WAVEFORM 3 - PULSE WIDTH tR = tF = 2.5ns (or fast as required) from 10% to 90%; Output requirements: VOL 0.8V, VOH 2.0V tw CP 50% VCC Figure 1. AC Waveforms VCC 2 * VCC PULSE GENERATOR RT DUT CL R1 RL OPEN TEST tPLH, tPHL tPZL, tPLZ Open Collector/Drain tPLH and tPHL tPZH, tPHZ SWITCH Open 2 * VCC 2 * VCC Open CL = 50pF or equivalent (Includes jig and probe capacitance) RL = R1 = 500 or equivalent RT = ZOUT of pulse generator (typically 50) Figure 2. Test Circuit ECLinPS and ECLinPS Lite DL140 -- Rev 3 5 MOTOROLA MC74LVQ574 OUTLINE DIMENSIONS DW SUFFIX PLASTIC SOIC PACKAGE CASE 751D-04 ISSUE E -A - 20 11 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.150 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.13 (0.005) TOTAL IN EXCESS OF D DIMENSION AT MAXIMUM MATERIAL CONDITION. DIM A B C D F G J K M P R MILLIMETERS MIN MAX 12.65 12.95 7.40 7.60 2.35 2.65 0.35 0.49 0.50 0.90 1.27 BSC 0.25 0.32 0.10 0.25 0 7 10.05 10.55 0.25 0.75 INCHES MIN MAX 0.499 0.510 0.292 0.299 0.093 0.104 0.014 0.019 0.020 0.035 0.050 BSC 0.010 0.012 0.004 0.009 0 7 0.395 0.415 0.010 0.029 -B - 1 10 P 10 PL 0.010 (0.25) M B M D 20 PL J M 0.010 (0.25) T A S B S F R X 45 C -T G 18 PL SEATING - PLANE K M M SUFFIX PLASTIC SOIC EIAJ PACKAGE CASE 967-01 ISSUE O NOTES: 1 DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2 CONTROLLING DIMENSION: MILLIMETER. 3 DIMENSIONS D AND E DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS AND ARE MEASURED AT THE PARTING LINE. MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4 TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 5 THE LEAD WIDTH DIMENSION (b) DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE LEAD WIDTH DIMENSION AT MAXIMUM MATERIAL CONDITION. DAMBAR CANNOT BE LOCATED ON THE LOWER RADIUS OR THE FOOT. MINIMUM SPACE BETWEEN PROTRUSIONS AND ADJACENT LEAD TO BE 0.46 ( 0.018). DIM A A1 b c D E e HE L LE M Q1 Z MILLIMETERS MIN MAX --2.05 0.05 0.20 0.35 0.50 0.18 0.27 12.35 12.80 5.10 5.45 1.27 BSC 7.40 8.20 0.50 0.85 1.10 1.50 10 _ 0_ 0.70 0.90 --0.81 INCHES MIN MAX --0.081 0.002 0.008 0.014 0.020 0.007 0.011 0.486 0.504 0.201 0.215 0.050 BSC 0.291 0.323 0.020 0.033 0.043 0.059 10 _ 0_ 0.028 0.035 --0.032 20 11 LE Q1 E HE M_ L DETAIL P 1 10 Z D e A VIEW P c b 0.13 (0.005) M A1 0.10 (0.004) MOTOROLA 6 ECLinPS and ECLinPS Lite DL140 -- Rev 3 MC74LVQ574 OUTLINE DIMENSIONS SD SUFFIX PLASTIC SSOP PACKAGE CASE 940C-03 ISSUE B 20X K REF 0.12 (0.005) M TU S V S 0.25 (0.010) N L/2 L PIN 1 IDENT 20 11 M B N F 1 10 DETAIL E K A -V- 0.20 (0.008) M -U- J S NOTES: 13 DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 14 CONTROLLING DIMENSION: MILLIMETER. 15 DIMENSION A DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS. MOLD FLASH OR GATE BURRS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 16 DIMENSION B DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSION. INTERLEAD FLASH OR PROTRUSION SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 17 DIMENSION K DOES NOT INCLUDE DAMBAR PROTRUSION/INTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.13 (0.005) TOTAL IN EXCESS OF K DIMENSION AT MAXIMUM MATERIAL CONDITION. DAMBAR INTRUSION SHALL NOT REDUCE DIMENSION K BY MORE THAN 0.07 (0.002) AT LEAST MATERIAL CONDITION. 18 TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 19 DIMENSION A AND B ARE TO BE DETERMINED AT DATUM PLANE -W-. DIM A B C D F G H J J1 K K1 L M MILLIMETERS MIN MAX 7.07 7.33 5.20 5.38 1.73 1.99 0.05 0.21 0.63 0.95 0.65 BSC 0.59 0.75 0.09 0.20 0.09 0.16 0.25 0.38 0.25 0.33 7.65 7.90 0_ 8_ INCHES MIN MAX 0.278 0.288 0.205 0.212 0.068 0.078 0.002 0.008 0.024 0.037 0.026 BSC 0.023 0.030 0.003 0.008 0.003 0.006 0.010 0.015 0.010 0.013 0.301 0.311 0_ 8_ TU SECTION N-N -W- 0.076 (0.003) -T- SEATING PLANE C D G H DETAIL E 20X K REF M DT SUFFIX PLASTIC TSSOP PACKAGE CASE 948E-02 ISSUE A TU S 0.15 (0.006) T U S 0.10 (0.004) V S 2X L/2 20 11 B L PIN 1 IDENT 1 10 J J1 -U- N 0.15 (0.006) T U S A -V- N F C D 0.100 (0.004) -T- SEATING PLANE G H DETAIL E ECLinPS and ECLinPS Lite DL140 -- Rev 3 7 IIII IIII IIII IIII IIII EEE CCC EEE CCC EEE CCC EEE CCC K1 K K1 DETAIL E J1 SECTION N-N 0.25 (0.010) NOTES: 6 DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 7 CONTROLLING DIMENSION: MILLIMETER. 8 DIMENSION A DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS. MOLD FLASH OR GATE BURRS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 9 DIMENSION B DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSION. INTERLEAD FLASH OR PROTRUSION SHALL NOT EXCEED 0.25 (0.010) PER SIDE. 10 DIMENSION K DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE K DIMENSION AT MAXIMUM MATERIAL CONDITION. 11 TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 12 DIMENSION A AND B ARE TO BE DETERMINED AT DATUM PLANE -W-. MILLIMETERS MIN MAX 6.40 6.60 4.30 4.50 1.20 --- 0.05 0.15 0.50 0.75 0.65 BSC 0.27 0.37 0.09 0.20 0.09 0.16 0.19 0.30 0.19 0.25 6.40 BSC 0_ 8_ INCHES MIN MAX 0.252 0.260 0.169 0.177 0.047 --- 0.002 0.006 0.020 0.030 0.026 BSC 0.011 0.015 0.004 0.008 0.004 0.006 0.007 0.012 0.007 0.010 0.252 BSC 0_ 8_ M DIM A B C D F G H J J1 K K1 L M -W- MOTOROLA MC74LVQ574 Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters can and do vary in different applications. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. How to reach us: USA/EUROPE: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036. 1-800-441-2447 MFAX: RMFAX0@email.sps.mot.com -TOUCHTONE (602) 244-6609 INTERNET: http://Design-NET.com JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, Toshikatsu Otsuki, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 03-3521-8315 HONG KONG: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298 MOTOROLA 8 *MC74LVQ574/D* MC74LVQ574/D ECLinPS and ECLinPS Lite DL140 -- Rev 3 |
Price & Availability of MC74LVQ574SD |