Part Number Hot Search : 
TMEGA1 MBRB25 MAX85 CT1G0 KA2202 KC7783 0M25V5X RL2048P
Product Description
Full Text Search
 

To Download MC5619 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MC5610 thru MC5619 FAST RECOVERY, HIGH POWER, MICRO, HIGH VOLTAGE RECTIFIERS
SCOTTSDALE DIVISION
DESCRIPTION The MC5610 through MC5619 series of fast recovery high voltage silicon rectifiers feature the smallest packages available. They are ideal for highreliability where a failure cannot be tolerated. These 0.275 to 0.790 Amp rated rectifiers for working peak reverse voltages from 1500 to 5000 volts are hermetically sealed with voidless-glass construction using an internal "Category I" metallurgical bond. Typical applications include transmitters, power supplies, radar equipment and X-ray machines. Surface mount MELF package configurations are also available by adding "SM" suffix. Microsemi also offers numerous other rectifier products to meet higher and lower current ratings with various recovery time speed requirements including fast and ultrafast device types in both through-hole and surface mount packages.
APPEARANCE
WWW . Microsemi .C OM
S Package IMPORTANT: For the most current data, consult MICROSEMI's website: http://www.microsemi.com
FEATURES
* * * * * * * Voidless Hermetically Sealed Glass Package Triple-Layer Passivation Internal "Category I" Metallurgical bonds Lowest Reverse Leakage Available Lowest Thermal Resistance Available Absolute High Voltage / High Temperature Stability Surface mount equivalents also available in a square end-cap MELF configuration with "SM" suffix * * *
APPLICATIONS / BENEFITS
High voltage fast recovery rectifiers 1500 to 5000 V Military and other high-reliability applications Applications include bridges, half-bridges, catch diodes, voltage multipliers, X-ray machines, power
supplies, transmitters, and radar equipment
* * * High forward surge current capability Extremely robust construction Inherently radiation hard as described in Microsemi MicroNote 050
MAXIMUM RATINGS
* Operating Temperature Range: MC5610 - MC5612......-55oC to 150oC o o MC5613 - MC5616......-65 C to 150 C o MC5617 - MC5619......-65 C to 125oC Storage Temperature Range: -65oC to 175oC Thermal Resistance: 38oC/W junction to lead at 3/8 inch (10 mm) lead length from body Average Rectified Forward Current (IO): See Electrical Characteristics for maximum rating at 55oC and 100oC. Also see typical linear derating in Fig 1. Forward Surge Current: See Electrical Characteristics for surge at 8.3 ms half-sine wave Solder Temperatures: 260C for 10 s (maximum) * * * * * * *
MECHANICAL AND PACKAGING
CASE: Hermetically sealed voidless hard glass with Tungsten slugs TERMINATIONS: Axial leads are copper with Tin/Lead (Sn/Pb) finish MARKING: Body paint and part number, etc. POLARITY: Cathode band TAPE & REEL option: Standard per EIA-296 WEIGHT: 400 mg (approx) See package dimensions on last page
* * *
MC5610 thru MC5619
* *
Copyright 2004 12-29 2004 REV A
Microsemi
Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 1
MC5610 thru MC5619 FAST RECOVERY, HIGH POWER, MICRO, HIGH VOLTAGE RECTIFIERS
SCOTTSDALE DIVISION
ELECTRICAL CHARACTERISTICS
MICROSEMI PART NUMBER WORKING PEAK REVERSE VOLTAGE RMS VOLTAGE AVERAGE RECTIFIED CURRENT @ TL = Note 2 55 C mA 790 630 530 975 790 665 570 330 300 275
o
WWW . Microsemi .C OM
VRWM
VOLTS 1500 2000 2500 1500 2000 2500 3000 4000 4500 5000
VR(RMS)
MAXIMUM FORWARD VOLTAGE
MAXIMUM REVERSE CURRENT
MAXIMUM REVERSE CURRENT
MAXIMUM FORWARD SURGE @ 8.3 ms
VF @ 100mA
o
IR @ VRWM
25 C A 1.0 1.0 1.0 1.0 1.0 1.0 1.0 2.5 2.5 2.5
o
IR @ VRWM
100 C A 25 25 25 20 20 20 20 50 50 50
o
MAXIMUM REVERSE RECOVERY TIME Note 1
trr
MC5610 MC5611 MC5612 MC5613 MC5614 MC5615 MC5616 MC5617 MC5618 MC5619
VOLTS 1050 1400 1750 1050 1400 1750 2100 2800 3150 3500
100 C mA 415 330 280 515 415 350 300 120 110 100
VOLTS 3.0 4.0 5.0 3.0 4.0 5.0 6.0 8.0 9.0 10.0
AMPS 8 6 5 8 6 5 4 3 2.7 2.5
ns 300 300 300 300 300 300 300 300 300 300
NOTE 1: IF = 50 mA, IRM = 100 mA, IR(REC) = 25 mA. NOTE 2: Heat sink 3/8" from body.
GRAPHS
FIGURE 1
LEAD TEMPERATURE ( C) (L = 3/8 INCH)
o
MC5610 thru MC5619
PACKAGE DIMENSIONS
NOTE: Lead tolerance is +0.003/-0.004 inches Copyright 2004 12-29 2004 REV A
Microsemi
Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 2


▲Up To Search▲   

 
Price & Availability of MC5619

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X