Part Number Hot Search : 
SMAJ530 A63L7336 2SK2360 CHP222PT STRFNFCA 10116 HER303 STRFNFCA
Product Description
Full Text Search
 

To Download MC33984BPNAR2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Freescale Semiconductor Advance Information
Document Number: MC33984 Rev. 9.0, 1/2007
Dual Intelligent High-Current Self-Protected Silicon High-Side Switch (4.0 m)
The 33984 is a dual self-protected 4.0 m silicon switch used to replace electromechanical relays, fuses, and discrete devices in power management applications. The 33984 is designed for harsh environments, and it includes self-recovery features. The device is suitable for loads with high inrush current, as well as motors and all types of resistive and inductive loads. Programming, control, and diagnostics are implemented via the Serial Peripheral Interface (SPI). A dedicated parallel input is available for alternate and pulse-width modulation (PWM) control of each output. SPI-programmable fault trip thresholds allow the device to be adjusted for optimal performance in the application. The 33984 is packaged in a power-enhanced 12 x 12 nonleaded PQFN package with exposed tabs. Features * Dual 4.0 m Max High-Side Switch with Parallel Input or SPI Control * 6.0 V to 27 V Operating Voltage with Standby Currents < 5.0 A * Output Current Monitoring with Two SPI-Selectable Current Ratios * SPI Control of Overcurrent Limit, Overcurrent Fault Blanking Time, Output-OFF Open Load Detection, Output ON/OFF Control, Watchdog Timeout, Slew Rates, and Fault Status Reporting * SPI Status Reporting of Overcurrent, Open and Shorted Loads, Overtemperature, Undervoltage and Overvoltage Shutdown, FailSafe Pin Status, and Program Status * Enhanced -16 V Reverse Polarity VPWR Protection
VDD VDD VDD
33984B
HIGH-SIDE SWITCH
BOTTOM VIEW PNA SUFFIX 98ARL10521D 16-PIN PQFN
ORDERING INFORMATION
Device MC33984BPNA/R2 Temperature Range (TA) - 40C to 125C Package 16 PQFN
VPWR
33984B
VDD I/O I/O SO SCLK FS WAKE SI SCLK CS SO RST INO IN1 CSNS FSI GND LOAD HS0 LOAD HS1 VPWR GND
MCU
CS SI I/O I/O I/O A/D
Figure 1. 33984 Simplified Application Diagram
* This document contains certain information on a new product. Specifications and information herein are subject to change without notice.
(c) Freescale Semiconductor, Inc., 2007. All rights reserved.
INTERNAL BLOCK DIAGRAM
INTERNAL BLOCK DIAGRAM
VDD
VIC Overvoltage Protection
VPWR
IUP
Internal Regulator
CS SO
SPI 3.0 MHz Programmable Switch Delay 0 ms -525 ms Selectable Slew Rate Gate Drive
SI SCLK FS IN[0:1] RST WAKE
Selectable Overcurrent High Detection 100 A or 75 A Selectable Overcurrent Low Detection Blanking Time 0.15 ms-155 ms Selectable Overcurrent Low Detection 7.5 A -25 A Open Load Detection IDWN RDWN Overtemperature Detection
HS0
Logic
HS0
HS1 HS1
Programmable Watchdog 310 ms-2500 ms VIC IUP Selectable Output Current Recopy 1/20500 or 1/41000
FSI
GND
Figure 2. 33984 Simplified Internal Block Diagram
CSNS
33984
2
Analog Integrated Circuit Device Data Freescale Semiconductor
PIN CONNECTIONS
PIN CONNECTIONS
WAKE
CSNS
SCLK
VDD
RST
FSI
12 11 10 9 8
Figure 3. 33984 Pin Connections (Transparent Top View) Table 1. Pin Definitions Functional descriptions of many of these pins can be found in the Functional Pin Description section beginning on page 16.
Pin 1 Pin Name CSNS Pin Function Output Formal Name Output Current Monitoring Definition This pin is used to output a current proportional to the designated HS0-1 output. This pin is used to input a Logic [1] signal so as to enable the watchdog timer function. This input pin is used to initialize the device configuration and fault registers, as well as place the device in a low current sleep mode. This input pin is used to directly control the output HS0. This is an open drain configured output requiring an external pull-up resistor to VDD for fault reporting. The value of the resistance connected between this pin and ground determines the state of the outputs after a watchdog timeout occurs. This input pin is connected to a chip select output of a master microcontroller (MCU). This input pin is connected to the MCU providing the required bit shift clock for SPI communication. This is a command data input pin connected to the SPI Serial Data Output of the MCU or to the SO pin of the previous device of a daisy chain of devices. This is an external voltage input pin used to supply power to the SPI circuit.
IN1
IN0
SO
CS 7
FS
15 HS1
SI
65
4
32
1
13 GND TRANSPARENT TOP VIEW 14 VPWR
16 HS0
2
WAKE
Input
Wake
3
RST
Input
Reset (Active Low)
4 5
IN0 FS
Input Output
Direct Input 0 Fault Status (Active Low)
6
FSI
Input
Fail-Safe Input
7
CS
Input
Chip Select (Active Low)
8
SCLK
Input
Serial Clock
9
SI
Input
Serial Input
10
VDD
Input
Digital Drain Voltage (Power)
33984
Analog Integrated Circuit Device Data Freescale Semiconductor
3
PIN CONNECTIONS
Table 1. Pin Definitions (continued) Functional descriptions of many of these pins can be found in the Functional Pin Description section beginning on page 16.
Pin 11 Pin Name SO Pin Function Output Formal Name Serial Output Definition This output pin is connected to the SPI Serial Data Input pin of the MCU or to the SI pin of the next device of a daisy chain of devices. This input pin is used to directly control the output HS1. This pin is the ground for the logic and analog circuitry of the device. This pin connects to the positive power supply and is the source input of operational power for the device. Protected 4.0 m high-side power output to the load. Protected 4.0 m high-side power output to the load.
12 13 14
IN1 GND VPWR
Input Ground Input
Direct Input 1 Ground Positive Power Supply
15 16
HS1 HS0
Output Output
High-Side Output 1 High-Side Output 0
33984
4
Analog Integrated Circuit Device Data Freescale Semiconductor
ELECTRICAL CHARACTERISTICS MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
Table 2. Maximum Ratings All voltages are with respect to ground unless otherwise noted.
Rating ELECTRICAL RATINGS Operating Voltage Range Steady-State VDD Supply Voltage Input/Output Voltage (1) VDD VIN[0:1], RST, FSI CSNS, SI, SCLK,
CS, FS
Symbol
Value
Unit
VPWR -16 to 41 -0.3 to 5.5 - 0.3 to 7.0
V
V V
SO Output Voltage
(1)
VSO ICL(WAKE) ICL(CSNS) VHS
- 0.3 to VDD + 0.3 2.5 10
V mA mA V
WAKE Input Clamp Current CSNS Input Clamp Current Output Voltage Positive Negative Output Current (2) Output Clamp Energy ESD Voltage
(4) (3)
41 -15 IHS[0:1] ECL[0:1] 30 0.75 A J V VESD1 VESD3 750 500 2000
Human Body Model (HBM) Charge Device Model (CDM) Corner Pins (1, 12, 15, 16) All Other Pins (2, 11, 13, 14)
Notes 1. Exceeding this voltage limit may cause permanent damage to the device. 2. Continuous high-side output current rating so long as maximum junction temperature is not exceeded. Calculation of maximum output current using package thermal resistance is required. 3. Active clamp energy using single-pulse method (L = 16 mH, RL = 0, VPWR = 12 V, TJ = 150C). 4. ESD1 testing is performed in accordance with the Human Body Model (HBM) (CZAP = 100 pF, RZAP = 1500 ); ESD3 testing is performed in accordance with the Charge Device Model (CDM), Robotic (Czap=4.0pF).
33984
Analog Integrated Circuit Device Data Freescale Semiconductor
5
ELECTRICAL CHARACTERISTICS MAXIMUM RATINGS
Table 2. Maximum Ratings All voltages are with respect to ground unless otherwise noted.
Rating THERMAL RATINGS Operating Temperature Ambient Junction Storage Temperature Thermal Resistance (5) Junction-to-Case Junction-to-Ambient Peak Package Reflow Temperature During Reflow
(6), (7)
Symbol
Value
Unit
C
TA TJ TSTG - 40 to 125 - 40 to 150 - 55 to 150
C C/W
RJC RJA TPPRT
<1.0 20 Note 7 C
Notes 5. Device mounted on a 2s2p test board according to JEDEC JESD51-2. 6. Pin soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may cause malfunction or permanent damage to the device. 7. Freescale's Package Reflow capability meets Pb-free requirements for JEDEC standard J-STD-020C. For Peak Package Reflow Temperature and Moisture Sensitivity Levels (MSL), Go to www.freescale.com, search by part number [e.g. remove prefixes/suffixes and enter the core ID to view all orderable parts. (i.e. MC33xxxD enter 33xxx), and review parametrics.
33984
6
Analog Integrated Circuit Device Data Freescale Semiconductor
ELECTRICAL CHARACTERISTICS STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 3. Static Electrical Characteristics Characteristics noted under conditions 4.5 V VDD 5.5 V, 6.0 V VPWR 27 V, -40C TA 125C unless otherwise noted. Typical values noted reflect the approximate parameter mean at TA = 25C under nominal conditions unless otherwise noted.
Characteristic POWER INPUT Battery Supply Voltage Range Full Operational VPWR Operating Supply Current Output ON, IHS0 and IHS1 = 0 A VPWR Supply Current Output OFF, Open Load Detection Disabled, WAKE > 0.7 VDD, RST = VLOGIC HIGH Sleep State Supply Current (VPWR < 14 V, RST < 0.5 V, WAKE < 0.5 V) TJ = 25C TJ = 85C VDD Supply Voltage VDD Supply Current No SPI Communication 3.0 MHz SPI Communication VDD Sleep State Current Overvoltage Shutdown Threshold Overvoltage Shutdown Hysteresis Undervoltage Output Shutdown Threshold Undervoltage Hysteresis (9) Undervoltage Power-ON Reset
(8)
Symbol
Min
Typ
Max
Unit
VPWR 6.0 IPWR(ON) - IPWR(SBY) - IPWR(SLEEP) - - VDD(ON) IDD(ON) - - IDD(SLEEP) VPWR(OV) VPWR(OVHYS) VPWR(UV) VPWR(UVHYS) VPWR(UVPOR) - 28 0.2 5.0 - - - - - 32 0.8 5.5 0.25 - 1.0 5.0 5.0 36 1.5 6.0 - 5.0 4.5 - - 5.0 10 50 5.5 - 5.0 - 20 - 27
V
mA
mA
A
V mA
A V V V V V
Notes 8. This applies to all internal device logic supplied by VPWR and assumes the external VDD supply is within specification. 9. This applies when the undervoltage fault is not latched (IN[0 : 1] = 0).
33984
Analog Integrated Circuit Device Data Freescale Semiconductor
7
ELECTRICAL CHARACTERISTICS STATIC ELECTRICAL CHARACTERISTICS
Table 3. Static Electrical Characteristics (continued) Characteristics noted under conditions 4.5 V VDD 5.5 V, 6.0 V VPWR 27 V, -40C TA 125C unless otherwise noted. Typical values noted reflect the approximate parameter mean at TA = 25C under nominal conditions unless otherwise noted.
Characteristic POWER OUTPUT Output Drain-to-Source ON Resistance (IHS[0:1] = 15 A, TJ = 25C) VPWR = 6.0 V VPWR = 10 V VPWR = 13 V Output Drain-to-Source ON Resistance (IHS[0:1] = 15 A, TJ = 150C) VPWR = 6.0 V VPWR = 10 V VPWR = 13 V Output Source-to-Drain ON Resistance IHS[0:1] = 15 A, TJ = 25C (10) VPWR = -12 V Output Overcurrent High Detection Levels (9.0 V < VPWR < 16 V) SOCH = 0 SOCH = 1 Overcurrent Low Detection Levels (SOCL[2:0]) 000 001 010 011 100 101 110 111 Current Sense Ratio (9.0 V < VPWR < 16 V, CSNS < 4.5 V) DICR D2 = 0 DICR D2 = 1 Current Sense Ratio (CSR0) Accuracy Output Current 5.0 A 10 A 12.5 A 15 A 20 A 25 A - 20 -14 -13 -12 -13 -13 - - - - - - 20 14 13 12 13 13 CSR0 CSR1 CSR0_ACC - - 1/20500 1/41000 - - % IOCL0 IOCL1 IOCL2 IOCL3 IOCL4 IOCL5 IOCL6 IOCL7 21 18 16 14 12 10 8.0 6.0 25 22.5 20 17.5 15 12.5 10 7.5 29 27 24 21 18 15 12 9.0 - IOCH0 IOCH1 80 60 100 75 120 90 A RDS(ON) - - 8.0 A RDS(ON) - - - - - - 10.2 6.8 6.8 m RDS(ON) - - - - - - 6.0 4.0 4.0 m m Symbol Min Typ Max Unit
Notes 10. Source-Drain ON Resistance (Reverse Drain-to-Source ON Resistance) with negative polarity VPWR.
33984
8
Analog Integrated Circuit Device Data Freescale Semiconductor
ELECTRICAL CHARACTERISTICS STATIC ELECTRICAL CHARACTERISTICS
Table 3. Static Electrical Characteristics (continued) Characteristics noted under conditions 4.5 V VDD 5.5 V, 6.0 V VPWR 27 V, -40C TA 125C unless otherwise noted. Typical values noted reflect the approximate parameter mean at TA = 25C under nominal conditions unless otherwise noted.
Characteristic POWER OUTPUT (CONTINUED) Current Sense Ratio (CSR1) Accuracy Output Current 5.0 A 10 A 12.5 A 15 A 20 A 25 A Current Sense Clamp Voltage CSNS Open; IHS[0:1] = 29 A Open Load Detection Current (11) Output Fault Detection Threshold Output Programmed OFF Output Negative Clamp Voltage 0.5 A < IHS[0:1] < 2.0 A, Output OFF Overtemperature Shutdown (12) Overtemperature Shutdown Hysteresis
(12)
Symbol
Min
Typ
Max
Unit
CSR1_ACC - 25 -19 -18 -17 -18 -18 VCL(CSNS) 4.5 IOLDC VOLD(THRES) 2.0 VCL - 20 TSD TSD(HYS) 160 5.0 - 175 - -15 190 20 3.0 4.0 30 6.0 - 7.0 100 - - - - - - 25 19 18 17 18 18
%
V
A V
V
C C
Notes 11. Output OFF Open Load Detection Current is the current required to flow through the load for the purpose of detecting the existence of an open load condition when the specific output is commanded OFF. 12. Guaranteed by process monitoring. Not production tested.
33984
Analog Integrated Circuit Device Data Freescale Semiconductor
9
ELECTRICAL CHARACTERISTICS STATIC ELECTRICAL CHARACTERISTICS
Table 3. Static Electrical Characteristics (continued) Characteristics noted under conditions 4.5 V VDD 5.5 V, 6.0 V VPWR 27 V, -40C TA 125C unless otherwise noted. Typical values noted reflect the approximate parameter mean at TA = 25C under nominal conditions unless otherwise noted.
Characteristic Control Interface Input Logic High Voltage (13) Input Logic Low Voltage
(13) (14)
Symbol
Min
Typ
Max
Unit
VIH VIL VIN[0:1] (HYS) IDWN VRST CSO RDWN CIN
0.7 VDD - 100 5.0 4.5 - 100 -
- - 600 - 5.0 - 200 4.0
- 0.2 VDD 1200 20 5.5 20 400 12
V V mV A V pF k pF V
Input Logic Voltage Hysteresis
Input Logic Pull-down Current (SCLK, IN, SI)
RST Input Voltage Range
SO, FS Tri-State Capacitance (15) Input Logic Pull-Down Resistor (RST) and WAKE Input Capacitance (15) WAKE Input Clamp Voltage ICL(WAKE) < 2.5 mA WAKE Input Forward Voltage ICL(WAKE) = - 2.5 mA SO High-State Output Voltage IOH = 1.0 mA
FS, SO Low-State Output Voltage
(16)
VCL(WAKE) 7.0 VF(WAKE) - 2.0 VSOH 0.8 VDD VSOL - ISO(LEAK) - 5.0 0 5.0 0.2 0.4 - - - - 0.3 - 14
V
V
V
IOL = -1.6 mA SO Tri-State Leakage Current
CS > 0.7 VDD
A
Input Logic Pull-Up Current
CS, VIN[0:1] > 0.7 VDD
(17)
IUP 5.0 RFS RFSdis RFSoffoff RFSonoff RFSonon - 6.0 15 40 0 6.5 17 Infinite 1.0 7.0 19 - - 20
A
FSI Input Pin External Pull-down Resistance FSI Disabled, HS[0:1] Indeterminate FSI Enabled, HS[0:1] OFF FSI Enabled, HS0 ON, HS1 OFF FSI Enabled, HS[0:1] ON
k
Notes 13. Upper and lower logic threshold voltage range applies to SI, CS, SCLK, RST, IN[0:1], and WAKE input signals. The WAKE and RST signals may be supplied by a derived voltage reference to VPWR. 14. 15. 16. 17. No hysteresis on FSI and wake pins. Parameter is guaranteed by processing monitoring but is not production tested. Input capacitance of SI, CS, SCLK, RST, and WAKE. This parameter is guaranteed by process monitoring but is not production tested. The current must be limited by a series resistance when using voltages > 7.0 V. Pull-up current is with CS OPEN. CS has an active internal pull-up to VDD.
33984
10
Analog Integrated Circuit Device Data Freescale Semiconductor
ELECTRICAL CHARACTERISTICS DYNAMIC ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
Table 4. Dynamic Electrical Characteristics Characteristics noted under conditions 4.5 V VDD 5.5 V, 6.0 V VPWR 27 V, -40C TA 125C unless otherwise noted. Typical values noted reflect the approximate parameter mean at TA = 25C under nominal conditions unless otherwise noted.
Characteristic POWER OUTPUT TIMING Output Rising Slow Slew Rate A (DICR D3 = 0) (18) 9.0 V < VPWR < 16 V Output Rising Slow Slew Rate B (DICR D3 = 0) 9.0 V < VPWR < 16 V Output Rising Fast Slew Rate A (DICR D3 = 1) 9.0 V < VPWR < 16 V Output Rising Fast Slew Rate B (DICR D3 = 1) 9.0 V < VPWR < 16 V Output Falling Slow Slew Rate A (DICR D3 = 0) 9.0 V < VPWR < 16 V Output Falling Slow Slew Rate B (DICR D3 = 0) 9.0 V < VPWR < 16 V Output Falling Fast Slew Rate A (DICR D3 = 1) 9.0 V < VPWR < 16 V Output Falling Fast Slew Rate B (DICR D3 = 1) 9.0 V < VPWR < 16 V Output Turn-ON Delay Time in Fast/Slow Slew Rate DICR = 0, DICR = 1 Output Turn-OFF Delay Time in Slow Slew Rate Mode (21) DICR = 0 Output Turn-OFF Delay Time in Fast Slew Rate Mode (21) DICR = 1 Direct Input Switching Frequency (DICR D3 = 0) f PWM t DLY_FAST(OFF) 10 - 60 300 200 - Hz t DLY_SLOW(OFF) 20 230 500 s
(20) (19) (18) (19) (18) (19) (18) (19)
Symbol
Min
Typ
Max
Unit
SRRA_SLOW 0.2 SRRB_SLOW 0.03 SRRA_FAST 0.4 SRRB_FAST 0.03 SRFA_SLOW 0.2 SRFB_SLOW 0.03 SRFA_FAST 0.8 SRFB_FAST 0.1 t DLY(ON) 1.0 15 100 0.35 1.2 2.0 4.0 0.1 0.3 0.6 1.2 0.1 1.2 1.0 4.0 0.1 0.3 0.6 1.2
V/s
V/s
V/s
V/s
V/s
V/s
V/s
V/s
s
s
Notes 18. Rise and Fall Slew Rates A measured across a 5.0 resistive load at high-side output = 0.5 V to VPWR - 3.5 V. These parameters are guaranteed by process monitoring. 19. Rise and Fall Slew Rates B measured across a 5.0 resistive load at high-side output = VPWR - 3.5 V to VPWR - 0.5 V. These parameters are guaranteed by process monitoring. 20. Turn-ON delay time measured from rising edge of IN[0:1] signal that would turn the output ON to VHS[0:1] = 0.5 V with RL = 5.0 resistive load. 21. Turn-OFF delay time measured from falling edge that would turn the output OFF to VHS[0:1] = VPWR - 0.5 V with RL = 5.0 resistive load.
33984
Analog Integrated Circuit Device Data Freescale Semiconductor
11
ELECTRICAL CHARACTERISTICS DYNAMIC ELECTRICAL CHARACTERISTICS
Table 4. Dynamic Electrical Characteristics (continued) Characteristics noted under conditions 4.5 V VDD 5.5 V, 6.0 V VPWR 27 V, -40C TA 125C unless otherwise noted. Typical values noted reflect the approximate parameter mean at TA = 25C under nominal conditions unless otherwise noted.
Characteristic POWER OUTPUT TIMING (CONTINUED) Overcurrent Detection Blanking Time (OCLT [1:0]) 00 01 10 11 Overcurrent High Detection Blanking Time CS to CSNS Valid Time
(22)
Symbol
Min
Typ
Max
Unit
ms
t OCL0 t OCL1 t OCL2 t OCL3 t OCH t CNSVAL t OSD0 t OSD1 t OSD2 t OSD3 t OSD4 t OSD5 t OSD6 t OSD7 t OSD0 t OSD1 t OSD2 t OSD3 t OSD4 t OSD5 t OSD6 t OSD7 t WDTO0 t WDTO1 t WDTO2 t WDTO3
108 7.0 0.8 0.08 1.0 -
155 10 1.2 0.15 10 -
202 13 1.6 0.25 20 10 s s ms
HS0 Switching Delay Time (OSD[2:0]) 000 001 010 011 100 101 110 111 HS1 Switching Delay Time (OSD[2:0]) 000 001 010 011 100 101 110 111 Watchdog Timeout (WD [1:0]) (23) 00 01 10 11 434 207 1750 875 620 310 2500 1250 806 403 3250 1625 - - 110 110 220 220 330 330 0 0 150 150 300 300 450 450 - - 190 190 380 380 570 570 - 55 110 165 220 275 330 385 0 75 150 225 300 375 450 525 - 95 190 285 380 475 570 665
ms
ms
Notes 22. Time necessary for the CSNS to be within 5% of the targeted value. 23. Watchdog timeout delay measured from the rising edge of WAKE to RST from a sleep state condition to output turn-ON with the output driven OFF and FSI floating. The values shown are for WDR setting of [00]. The accuracy of tWDTO is consistent for all configured watchdog time-outs.
33984
12
Analog Integrated Circuit Device Data Freescale Semiconductor
ELECTRICAL CHARACTERISTICS DYNAMIC ELECTRICAL CHARACTERISTICS
Table 4. Dynamic Electrical Characteristics (continued) Characteristics noted under conditions 4.5 V VDD 5.5 V, 6.0 V VPWR 27 V, -40C TA 125C unless otherwise noted. Typical values noted reflect the approximate parameter mean at TA = 25C under nominal conditions unless otherwise noted.
Characteristic SPI INTERFACE CHARACTERISTICS Recommended Frequency of SPI Operation Required Low State Duration for
RST (24)
(25)
Symbol
Min
Typ
Max
Unit
f SPI
- - - - - - - - - -
- 50 - - 50 - - 50 25 25
3.0 350 300 5.0 167 167 167 167 83 83
MHz ns ns s ns ns ns ns ns ns ns
t WRST
t CS
Rising Edge of CS to Falling Edge of CS (Required Setup Time)
Rising Edge of RST to Falling Edge of CS (Required Setup Time) (25) Falling Edge of CS to Rising Edge of SCLK (Required Setup Time) Required High State Duration of SCLK (Required Setup Time) (25) Required Low State Duration of SCLK (Required Setup Time)
(25) (25)
t ENBL t LEAD t WSCLKh t WSCLKl t LAG t SI(SU) t SI(HOLD) t RSO
Falling Edge of SCLK to Rising Edge of CS (Required Setup Time) (25) SI to Falling Edge of SCLK (Required Setup Time) Falling Edge of SCLK to SI (Required Setup Time) SO Rise Time CL = 200 pF SO Fall Time CL = 200 pF SI, CS, SCLK, Incoming Signal Rise Time (26) SI, CS, SCLK, Incoming Signal Fall Time
(26) (26) (26)
-
25
50 ns
t FSO
- 25 - - - 65 50 50 50 145 145
t RSI t RSI t SO(EN) t SO(DIS) t VALID
- - - -
ns ns ns ns ns
Time from Falling Edge of CS to SO Low Impedance (27) Time from Rising Edge of CS to SO High Impedance
(28)
Time from Rising Edge of SCLK to SO Data Valid (29) 0.2 VDD SO 0.8 VDD, CL = 200 pF Notes 24. 25. 26. 27. 28. 29.
-
65
105
RST low duration measured with outputs enabled and going to OFF or disabled condition. Maximum setup time required for the 33984 is the minimum guaranteed time needed from the microcontroller. Rise and Fall time of incoming SI, CS, and SCLK signals suggested for design consideration to prevent the occurrence of double pulsing. Time required for output status data to be available for use at SO. 1.0 k on pull-up on CS. Time required for output status data to be terminated at SO. 1.0 k on pull-up on CS. Time required to obtain valid data out from SO following the rise of SCLK.
33984
Analog Integrated Circuit Device Data Freescale Semiconductor
13
ELECTRICAL CHARACTERISTICS TIMING DIAGRAMS
TIMING DIAGRAMS
CS
VPWR VPWR VPWR -0.5 VPWR - 0.5V V VPWR -3.5 V VPWR - 3V
SR SRrB RB_SLOW & SRRB_FAST
SRfB SRFB_SLOW & SRFB_FAST SRfA SRFA_SLOW & SRFA_FAST
SRRA_SLOW & SRRA_FAST SRrA
0.5V 0.5
HS
V t DLY_SLOW(OFF) & tDLY_FAST(OFF) Tdly(off)
t DLY(ON) Tdly(on)
Figure 4. Output Slew Rate and Time Delays
IOCHx
Load Current IOCLx t OCH Time t OCLx Figure 5. Overcurrent Shutdown
IOCH0 IOCH1 IOCL0
IOCL1
Load Current
IOCL2 IOCL3 IOCL4 IOCL5 IOCL6 IOCL7
Time
t OCHx t OCL3 t OCL2 t OCL1 t OCL0
Figure 6. Overcurrent Low and High Detection
33984
14
Analog Integrated Circuit Device Data Freescale Semiconductor
ELECTRICAL CHARACTERISTICS TIMING DIAGRAMS
Figure 6 illustrates the overcurrent detection level (Ioclx, Iochx) the device can reach for each overcurrent detection blanking time (tochx, toclx):
* During tochx, the device can reach up to Ioch0 overcurrent level. * During tocl3 or tocl2 or tocl1 or tocl0, the device can be programmed to detect up to Iocl0.
VIH V
IH
RSTB RST
0.2 VDD 0.2 VDD
TwRSTB
VIL TCSB t CS
VIL
t WRST
t ENBL
TENBL
0.7 VDD 0.7VDD CS CSB 0.2 VDD 0.7VDD tTlead LEAD t WSCLKh TwSCLKh t RSI
TrSI
VIH V
IH
VIL V
IL
t LAG Tlag
VIH VIH VIL V
SCLK SCLK
0.7 VDD 0.7VDD 0.2 VDD
0.2VDD
t TSIsu SI(SU)
IL
t WSCLKl TwSCLKl
t SI(HOLD) TSI(hold)
TfSI t FSI VIH V
IH
SI SI
Don't Care
0.7 VDD 0.7 VDD 0.2VDD 0.2 VDD
Valid
Don't Care
Valid
Don't Care
VIH VIL
Figure 7. Input Timing Switching Characteristics
t RSI
t FSI
TrSI
3.5 3.5V V
TfSI VOH VOH 50% 1.0V 1.0 V VOL VOL
SCLK SCLK
t SO(EN)
TdlyLH
SO SO
0.7 VDD VDD
VOH VOH VOL VOL
0.2 VDD 0.2 VDD TrSO t RSO TVALID t VALID
Low-to-High Low to High
SO
SO
0.7 VDD High to Low High-to-Low 0.7 VDD
TfSO t FSO
VOH VOH
TdlyHL
t SO(DIS)
0.2VDD 0.2 VDD
VOL VOL
Figure 8. SCLK Waveform and Valid SO Data Delay Time
33984
Analog Integrated Circuit Device Data Freescale Semiconductor
15
FUNCTIONAL DESCRIPTION FUNCTIONAL PIN DESCRIPTION
FUNCTIONAL DESCRIPTION
INTRODUCTION
The 33984 is a dual self-protected 4.0 m silicon switch used to replace electromechanical relays, fuses, and discrete devices in power management applications. The 33984 is designed for harsh environments, and it includes selfrecovery features. The device is suitable for loads with high inrush current, as well as motors and all types of resistive and inductive loads. Programming, control, and diagnostics are implemented via the Serial Peripheral Interface (SPI). A dedicated parallel input is available for alternate and Pulse Width Modulation (PWM) control of each output. SPI-programmable fault trip thresholds allow the device to be adjusted for optimal performance in the application. The 33984 is packaged in a power-enhanced 12 x 12 nonleaded PQFN package with exposed tabs.
FUNCTIONAL PIN DESCRIPTION
OUTPUT CURRENT MONITORING (CSNS)
This pin is used to output a current proportional to the designated HS0-1 output. That current is fed into a groundreferenced resistor and its voltage is monitored by an MCU's A/D. The channel to be monitored is selected via the SPI. This pin can be tri-stated through SPI.
is ON. When the FSI pin is connected to GND, the watchdog circuit and fail-safe operation are disabled. This pin incorporates an active internal pull-up current source.
CHIP SELECT (CS)
This input pin is connected to a chip select output of a master microcontroller (MCU). The MCU determines which device is addressed (selected) to receive data by pulling the CS pin of the selected device Logic LOW, enabling SPI communication with the device. Other unselected devices on the serial link having their CS pins pulled-up Logic HIGH disregard the SPI communication data sent. This pin incorporates an active internal pull-up current source.
WAKE (WAKE)
This pin is used to input a Logic [1] signal so as to enable the watchdog timer function. An internal clamp protects this pin from high damaging voltages when the output is current limited with an external resistor. This input has a passive internal pull-down.
RESET (RST)
This input pin is used to initialize the device configuration and fault registers, as well as place the device in a low current sleep mode. The pin also starts the watchdog timer when transitioning from Logic LOW to Logic HIGH. This pin should not be allowed to be Logic HIGH until VDD is in regulation. This pin has a passive internal pull-down.
SERIAL CLOCK (SCLK)
This input pin is connected to the MCU providing the required bit shift clock for SPI communication. It transitions one time per bit transferred at an operating frequency, fSPI, defined by the communication interface. The 50 percent duty cycle CMOS-level serial clock signal is idle between command transfers. The signal is used to shift data into and out of the device. This input has an active internal pull-down current source.
DIRECT IN 0 & 1 (INx)
This input pin is used to directly control the output HS0 and 1. This input has an active internal pull-down current source and requires CMOS logic levels. This input may be configured via SPI.
SERIAL INPUT (SI)
This is a command data input pin connected to the SPI Serial Data Output of the MCU or to the SO pin of the previous device of a daisy chain of devices. The input requires CMOS logic-level signals and incorporates an active internal pull-down current source. Device control is facilitated by the input's receiving the MSB first of a serial 8-bit control command. The MCU ensures data is available upon the falling edge of SCLK. The logic state of SI present upon the rising edge of SCLK loads that bit command into the internal command shift register.
FAULT STATUS (FS)
This is an open drain configured output requiring an external pull-up resistor to VDD for fault reporting. When a device fault condition is detected, this pin is active LOW. Specific device diagnostic faults are reported via the SPI SO pin.
FAIL-SAFE INPUT (FSI)
The value of the resistance connected between this pin and ground determines the state of the outputs after a watchdog timeout occurs. Depending on the resistance value, either all outputs are OFF, ON, or the output HS0 only
DIGITAL DRAIN VOLTAGE (VDD)
This is an external voltage input pin used to supply power to the SPI circuit. In the event VDD is lost, an internal supply provides power to a portion of the logic, ensuring limited
33984
16
Analog Integrated Circuit Device Data Freescale Semiconductor
FUNCTIONAL DESCRIPTION FUNCTIONAL PIN DESCRIPTION
functionality of the device. All device configuration registers are reset.
edge of SCLK and transitions immediately on the rising edge of SCLK.
SERIAL OUTPUT (SO)
This output pin is connected to the SPI Serial Data Input pin of the MCU or to the SI pin of the next device of a daisy chain of devices. This output will remain tri-stated (high impedance OFF condition) so long as the CS pin of the device is Logic HIGH. SO is only active when the CS pin of the device is asserted Logic LOW. The generated SO output signals are CMOS logic levels. SO output data is available on the falling
POSITIVE POWER SUPPLY (VPWR)
This pin connects to the positive power supply and is the source input of operational power for the device. The VPWR pin is a backside surface mount tab of the package.
HIGH-SIDE OUTPUT 0 & 1 (HSx)
This pin protects 4.0 m high-side power output to the load.
33984
Analog Integrated Circuit Device Data Freescale Semiconductor
17
FUNCTIONAL DEVICE OPERATION OPERATIONAL MODES
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
The 33984 has four operating modes: Sleep, Normal, Fault, and Fail-Safe. Table 5 summarizes details contained in succeeding paragraphs. Table 5. Fail-Safe Operation and Transitions to Other 33984 Modes
Mode FS WAKE RST WDTO Comments
Sleep Normal Fault
x 1 0 0
0 x 1 x 0 1 1
0 1 x 1 1 1 0
x No No
Device is in Sleep mode. All outputs are OFF. Normal mode. Watchdog is active if enabled. The device is currently in Fault mode. The faulted output(s) is (are) OFF. Watchdog has timed out and the device is in FailSafe mode. The outputs are as configured with the RFS resistor connected to FSI. RST and WAKE must be transitioned to Logic [0] simultaneously to bring the device out of the FailSafe mode or momentarily tied the FSI pin to ground.
FailSafe
1 1 1
Yes
transitions from Logic [0] to Logic [1]. The WAKE input is capable of being pulled up to VPWR with a series of limiting resistance that limits the internal clamp current according to the specification. The watchdog timeout is a multiple of an internal oscillator and is specified in Table 14. As long as the WD bit (D7) of an incoming SPI message is toggled within the minimum watchdog timeout period (WDTO), based on the programmed value of the WDR the device will operate normally. If an internal watchdog timeout occurs before the WD bit, the device will revert to a Fail-Safe mode until the device is reinitialized. During the Fail-Safe mode, the outputs will be ON or OFF depending upon the resistor RFS connected to the FSI pin, regardless of the state of the various direct inputs and modes (Table 6). In this mode, the SPI register content is retained except for overcurrent high and low detection levels and timing, which are reset to their default value (SOCL, SOCH, and OCLT). Then the watchdog, overvoltage, overtemperature, and overcurrent circuitry (with default value) are fully operational. Table 6. Output State During Fail-Safe Mode
RFS (k) High-Side State
0 6.0 15 30
Fail-Safe Mode Disabled Both HS0 and HS1 OFF HS0 ON, HS1 OFF Both HS0 and HS1 ON
x = Don't care.
SLEEP MODE
The default mode of the 33984 is the Sleep mode. This is the state of the device after first applying battery voltage (VPWR), prior to any I/O transitions. This is also the state of the device when the WAKE and RST are both Logic [0]. In the Sleep mode, the output and all unused internal circuitry, such as the internal 5.0 V regulator, are off to minimize current draw. In addition, all SPI-configurable features of the device are as if set to Logic [0]. The device will transition to the Normal or Fail-Safe operating modes based on the WAKE and RST inputs as defined in Table 5.
The Fail-Safe mode can be detected by monitoring the WDTO bit D2 of the WD register. This bit is Logic [1] when the device is in fail-safe mode. The device can be brought out of the Fail-Safe mode by transitioning the WAKE and RST pins from Logic [1] to Logic [0] or forcing the FSI pin to Logic [0]. Table 5 summarizes the various methods for resetting the device from the latched Fail-Safe mode. If the FSI pin is tied to GND, the Watchdog fail-safe operation is disabled.
NORMAL MODE
The 33984 is in Normal mode when: * VPWR is within the normal voltage range. * RST pin is Logic [1]. * No fault has occurred.
LOSS OF VDD
If the external 5.0 V supply is not within specification, or even disconnected, all register content is reset. The two outputs can still be driven by the direct inputs IN 1:IN0. The 33984 uses the battery input to power the output MOSFETrelated current sense circuitry and any other internal logic providing fail-safe device operation with no VDD supplied. In this state, the watchdog, overvoltage, overtemperature, and overcurrent circuitry are fully operational with default values.
FAIL-SAFE AND WATCHDOG
If the FSI input is not grounded, the watchdog timeout detection is active when either the WAKE or RST input pin
33984
18
Analog Integrated Circuit Device Data Freescale Semiconductor
FUNCTIONAL DEVICE OPERATION PROTECTION AND DIAGNOSIS FEATURES
FAULT MODE
The 33984 indicates the following faults as they occur by driving the FS pin to Logic [0]: * Overtemperature fault * Open load fault * Overcurrent fault (high and low) * Overvoltage and undervoltage fault
The FS pin will automatically return to Logic [1] when the fault condition is removed, except for Overcurrent and in some cases Undervoltage. Fault information is retained in the fault register and is available (and reset) via the SO pin during the first valid SPI communication (refer to Table 16).
PROTECTION AND DIAGNOSIS FEATURES
OVERTEMPERATURE FAULT (NON-LATCHING)
The 33984 incorporates overtemperature detection and shutdown circuitry in each output structure. Overtemperature detection is enabled when an output is in the ON state. For the output, an overtemperature fault (OTF) condition results in the faulted output turning OFF until the temperature falls below the TSD(HYS). This cycle will continue indefinitely until action is taken by the MCU to shut OFF the output, or until the offending load is removed. When experiencing this fault, the OTF fault bit will be set in the status register and cleared after either a valid SPI read or a power reset of the device.
any undervoltage fault condition and the output state will not be changed as long as battery voltage does not drop any lower than 2.5 V.
OPEN LOAD FAULT (NON-LATCHING)
The 33984 incorporates open load detection circuitry on each output. Output open load fault (OLF) is detected and reported as a fault condition when that output is disabled (OFF). The open load fault is detected and latched into the status register after the internal gate voltage is pulled low enough to turn OFF the output. The OLF fault bit is set in the status register. If the open load fault is removed, the status register will be cleared after reading the register. The open load protection can be disabled trough SPI (bit OL_dis). It is recommended to disable the open load
OVERVOLTAGE FAULT (NON-LATCHING)
The 33984 shuts down the output during an overvoltage fault (OVF) condition on the VPWR pin. The output remains in the OFF state until the overvoltage condition is removed. When experiencing this fault, the OVF fault bit is set in the bit OD1 and cleared after either a valid SPI read or a power reset of the device. The overvoltage protection and diagnostic can be disabled trough SPI (bit OV_dis).
detection circuitry (OL_dis bit sets to logic [1]) in case of permanent open load fault condition.
OVERCURRENT FAULT (LATCHING)
The device has eight programmable overcurrent low detection levels (IOCL) and two programmable overcurrent high detection levels (IOCH) for maximum device protection. The two selectable, simultaneously active overcurrent detection levels, defined by IOCH and IOCL, are illustrated in Figure 6. The eight different overcurrent low detect levels (IOCL0 : IOCL7) are likewise illustrated in Figure 6. If the load current level ever reaches the selected overcurrent low detect level and the overcurrent condition exceeds the programmed overcurrent time period (tOCx), the device will latch the effected output OFF. If at any time the current reaches the selected IOCH level, then the device will immediately latch the fault and turn OFF the output, regardless of the selected tOCL driver. For both cases, the device output will stay off indefinitely until the device is commanded OFF and then ON again.
UNDERVOLTAGE SHUTDOWN (LATCHING OR NON-LATCHING)
The output(s) will latch off at some battery voltage below 6.0 V. As long as the VDD level stays within the normal specified range, the internal logic states within the device will be sustained. In the case where battery voltage drops below the undervoltage threshold (VPWRUV) output will turn off, FS will go to Logic [0], and the fault register UVF bit will be set to 1. Two cases need to be considered when the battery level recovers : * If output(s) command is (are) low, FS will go to Logic [1] but the UVF bit will remain set to 1 until the next read operation. * If the output command is ON, then FS will remain at Logic [0]. The output must be turned OFF and ON again to re-enable the state of output and release FS . The UVF bit will remain set to 1 until the next read operation. The undervoltage protection can be disabled through SPI (bit UV_dis = 1). In this case, the FS and UVF bit do not report
REVERSE BATTERY
The output survives the application of reverse voltage as low as -16 V. Under these conditions, the output's gates are enhanced to keep the junction temperature less than 150C. The ON resistance of the output is fairly similar to that in the Normal mode. No additional passive components are required.
33984
Analog Integrated Circuit Device Data Freescale Semiconductor
19
FUNCTIONAL DEVICE OPERATION
GROUND DISCONNECT PROTECTION
In the event the 33984 ground is disconnected from load ground, the device protects itself and safely turns OFF the output regardless the state of the output at the time of
.
disconnection. A 10K resistor needs to be added between the wake pin and the rest of the circuitry in order to ensure that the device turns off in case of ground disconnect and to prevent this pin to exceed its maximum ratings
Table 7. Device Behavior in Case of Undervoltage
UV Enable UV Enable UV Enable UV Enable IN=0 IN=0 IN=1 IN=1 (Falling VPWR) (Rising VPWR) (Falling VPWR) (Rising VPWR) UV Disable IN=X (Falling or Rising VPWR)
SPD4 (VPWR Batter Voltage)
State
VPWR > VPWRUV
Output State FS State SPI Fault Register UVF Bit
OFF 1 0 OFF 0 1 OFF 1
OFF 1 1 until next read OFF 0 1 until next read OFF 1
ON 1 0 OFF 0 1 OFF 1
OFF 0 1 OFF 0 1 OFF 1
OFF 1 0 OFF 1 0 OFF 1 0 OFF 1 0
VPWRUV > VPWR > UVPOR Output State FS State SPI Fault Register UVF Bit UVPOR > VPWR > 2.5 V Output State FS State
SPI Fault Register UVF Bit 1 until next read 1 until next read 1 until next read 1 until next read 2.5 V > VPWR > 0V Output State FS State OFF 1 OFF 1 OFF 1 OFF 1
SPI Fault Register UVF Bit 1 until next read 1 until next read 1 until next read 1 until next read Comments
= Typical value; not guaranteed = While VDD remains within specified range.
UV fault is not latched
UV fault is not latched
UV fault is latched
33984
20
Analog Integrated Circuit Device Data Freescale Semiconductor
FUNCTIONAL DEVICE OPERATION LOGIC COMMANDS AND REGISTERS
LOGIC COMMANDS AND REGISTERS
SPI PROTOCOL DESCRIPTION
The SPI interface has a full duplex, three-wire synchronous data transfer with four I/O lines associated with it: Serial Clock (SCLK), Serial Input (SI), Serial Output (SO), and Chip Select (CS). The SI / SO pins of the 33984 follow a first-in first-out (D7/ D0) protocol with both input and output words transferring the most significant bit (MSB) first. All inputs are compatible with 5.0 V CMOS logic levels. The SPI lines perform the following functions:
to D0. The internal registers of the 33984 are configured and controlled using a 4-bit addressing scheme, as shown in Table 8. Register addressing and configuration are described in Table 9. The SI input has an active internal pull-down, IDWN.
SERIAL OUTPUT (SO)
The SO data pin is a tri-stateable output from the shift register. The SO pin remains in a high impedance state until the CS pin is put into a Logic [0] state. The SO data is capable of reporting the status of the output, the device configuration, and the state of the key inputs. The SO pin changes states on the rising edge of SCLK and reads out on the falling edge of SCLK. Fault and Input Status descriptions are provided in Table 5.
SERIAL CLOCK (SCLK)
Serial clocks (SCLK) the internal shift registers of the 33984 device. The serial input (SI) pin accepts data into the input shift register on the falling edge of the SCLK signal while the serial output (SO) pin shifts data information out of the SO line driver on the rising edge of the SCLK signal. It is important that the SCLK pin be in a logic low state whenever CS makes any transition. For this reason, it is recommended that the SCLK pin be in a Logic [0] state whenever the device is not accessed (CS Logic [1] state). SCLK has an active internal pull-down, IDWN. When CS is Logic [1], signals at the SCLK and SI pins are ignored and SO is tri-stated (high impedance). See Figure 9 and Figure 10.
CHIP SELECT (CS)
The CS pin enables communication with the master microcontroller (MCU). When this pin is in a Logic [0] state, the device is capable of transferring information to, and receiving information from, the MCU. The 33984 device latches in data from the Input shift registers to the addressed registers on the rising edge of CS. The device transfers status information from the power output to the shift register on the falling edge of CS. The SO output driver is enabled when CS is Logic [0]. CS should transition from a Logic [1] to a Logic [0] state only when SCLK is a Logic [0]. CS has an active internal pull-up, IUP.
SERIAL INPUT (SI)
This is a serial interface (SI) command data input pin. SI instruction is read on the falling edge of SCLK. An 8-bit stream of serial data is required on the SI pin, starting with D7
CSB CS
SCLK
SI
D7
D6
D5
D4
D3
D2
D1
D0
SO SO
OD7
OD6
OD5
OD4
OD3
OD2
OD1
OD0
NOTES:
Notes 1. RST is a ..., and D7 relate to the most recent ordered entry of data into the SPSS 2. D0, D1, D2, Logic [1] state during the above operation. 3. 2. D7:D0 relate..., and OD7 relate to the first 8 bits of ordered fault and status data out OD0, OD1, OD2, to the most recent ordered entry of data into the device. of the device. 3. OD7:OD0 relate to the first 8 bits of ordered fault and status data out of the device.
1.
RSTB is in a logic 1 state during the above operation. RST
Figure 9. Single 8-Bit Word SPI Communication
33984
Analog Integrated Circuit Device Data Freescale Semiconductor
21
FUNCTIONAL DEVICE OPERATION LOGIC COMMANDS AND REGISTERS
CSB
CS
SCLK SCLK SI
SI
D7 D6 D5 D2 D1 D0 D 7* D6* D 5* D 2* D 1* D0*
SSO O
OD7
OD6
OD5
OD2
OD1
OD0
D7
D6
D5
D2
D1
D0
NOTES:
. R T B is in lo s a RS Notes 1.1 RST Sis,Ta Logic,a [1]gai c d1 D tduringer thet thhee m b o v e e oc p e rt aot ir od ne .r e d e n t r y o f d a t a i n t o t h e S P S S state 7a tr ee l d u i n og above toperation. 2. D 0 D 1 , D 2 ..., n at t os r en . OD , O D 1 O D 2 ..., a n OD7 el 2.3 D7:D00relate ,,to the,, most d O D 7 rr orderedtt ht e ef i rf srtof 8b ibt si t so intodrtheddevice.n d ds tsat taut su sd a taat ao u tu o fo tf ht e ed e vPi cSeS. recent e par tee s teon entryi s 8 data fo o ro e reer e df af u lut l a a n 4. O D 0 , O D 1 O D 2 ..., a n d h t f d a t d ot h S 3. D7*:D0* relate to the previous 8 bits (last command word) of data that was previously shifted into the device. 4. OD7:OD0 relate to the F I G U R E 4 b ordered T I P L and b i t W Odata out ofCtheM M U N I C A T I O N first 8 bits of . M U L fault E 8 status R D S P I O device.
Figure 10. Multiple 8-Bit Word SPI Communication
SERIAL INPUT COMMUNICATION
SPI communication is accomplished using 8-bit messages. A message is transmitted by the MCU starting with the MSB, D7, and ending with the LSB, D0 (Table 8). Each incoming command message on the SI pin can be interpreted using the following bit assignments: the MSB (D7) is the watchdog bit and in some cases a register address bit common to both outputs or specific to an output; the next three bits, D6 : D4, are used to select the command register; and the remaining four bits, D3 : D0, are used to configure and control the outputs and their protection features. Multiple messages can be transmitted in succession to accommodate those applications where daisy chaining is desirable, or to confirm transmitted data, as long as the messages are all multiples of eight bits. Any attempt made to latch in a message that is not eight bits will be ignored. The 33984 has defined registers, which are used to configure the device and to control the state of the output. Table 9, summarizes the SI registers. The registers are addressed via D6 : D4 of the incoming SPI word (Table 8). Table 8. SI Message Bit Assignment
Bit Sig SI Msg Bit Message Bit Description
Table 8. SI Message Bit Assignment(continued)
LSB D0 Used to configure the inputs, outputs, and the device protection features and SO status content.
Table 9. Serial Input Address and Configuration Bit Map
SI Register D7 D6 D5 D4 Serial Input Data D3 D2 D1 D0
STATR OCR
s x
0 0 0 0 1 1 1 1 1 1
0 0 1 1 0 0 0 1 1 1
0 1 0 1 0 1 1 0 0 1
0 CSNS1
EN
SOA2
SOA1
EN
SOA0
IN1_SPI CSNS0 IN0_SPI
SOCHLR s CDTOLR s DICR OSDR WDR s 0 1 0 1 x
SOCHs SOCL2s SOCL1s SOCL0s OL_DIS CD_DIS OCLT1s OCLT0 s s s FAST SR s 0 0 0 0 CSNS high s OSD2 0 0 0 IN DIS s OSD1 WD1 0 UV_dis A/Os OSD0 WD0 0 OV_dis
MSB
D7
Register address bit for output selection. Also used for Watchdog: toggled to satisfy watchdog requirements. Register address bits. Used to configure the inputs, outputs, and the device protection features and SO status content.
NAR UOVR TEST
D6 : D4 D3 : D1
Freescale Internal Use (Test)
x = Don't care. s (SOA3 bit) = Selection of output: Logic [0] = HS0, Logic [1] = HS1.
33984
22
Analog Integrated Circuit Device Data Freescale Semiconductor
FUNCTIONAL DEVICE OPERATION LOGIC COMMANDS AND REGISTERS
DEVICE REGISTER ADDRESSING
The following section describes the possible register addresses and their impact on device operation. Address x000 -- Status Register (STATR) The STATR register is used to read the device status and the various configuration register contents without disrupting the device operation or the register contents. The register bits D2:D0, determine the content of the first eight bits of SO data. When register content is specific to one of the two outputs, bit D7 is used to select the desired output (SOA3). In addition to the device status, this feature provides the ability to read the content of the OCR, SOCHLR, CDTOLR, DICR, OSDR, WDR, NAR, and UOVR registers. (Refer to the section entitled Serial Output Communication (Device Status Return Data).) Address x001 -- Output Control Register (OCR) The OCR register allows the MCU to control the outputs through the SPI. Incoming message bit D0 reflects the desired states of the high-side output HS0 (IN0_SPI): a Logic [1] enables the output switch and a Logic [0] turns it OFF. A Logic [1] on message bit D1 enables the Current Sense (CSNS) pin. Similarly, incoming message bit D2 reflects the desired states of the high-side output HS1 (IN1_SPI): Logic [1] enables the output switch and a Logic [0] turns it OFF. A Logic [1] on message bit D3 enables the CSNS pin. In the event that the current sense is enabled for both outputs, the current will be summed. Bit D7 is used to feed the watchdog if enabled. Address x010-- Select Overcurrent High and Low Register (SOCHLR) The SOCHLR register allows the MCU to configure the output overcurrent low and high detection levels, respectively. Each output is independently selected for configuration based on the state of the D7 bit; a write to this register when D7 is Logic [0] will configure the current detection levels for the HS0. Similarly, if D7 is Logic [1] when this register is written, HS1 is configured. Each output can be configured to different levels. In addition to protecting the device, this slow blow fuse emulation feature can be used to optimize the load requirements matching system characteristics. Bits D2 : D0 set the overcurrent low detection level to one of eight possible levels, as shown in Table 10. Bit D3 sets the overcurrent high detection level to one of two levels, which is described inTable 11.
Table 10. Overcurrent Low Detection Levels
SOCL2 (D2) SOCL1 (D1) SOCL0 (D0) Overcurrent Low Detection (Amperes)
0 0 0 0 1 1 1 1
0 0 1 1 0 0 1 1
0 1 0 1 0 1 0 1
25 22.5 20 17.5 15 12.5 10 7.5
Table 11. Overcurrent High Detection Levels
SOCH (D3) Overcurrent High Detection (Amperes)
0 1
100 75
Address x011 -- Current Detection Time and Open Load Register (CDTOLR) The CDTOLR register is used by the MCU to determine the amount of time the device will allow an overcurrent low condition before output latches OFF occurs. Each output is independently selected for configuration based on the state of the D7 bit. A write to this register when bit 7 is Logic [0] will configure the timeout for the HS0. Similarly, if D7 is Logic [1] when this register is written, then HS1 is configured. Bits D1: D0 allow the MCU to select one of four fault blanking times defined in Table 12. Note that these time-outs apply only to the overcurrent low detection levels. If the selected overcurrent high level is reached, the device will latch off within 20 s. Table 12. Overcurrent Low Detection Blanking Time
OCLT [1:0] Timing
00 01 10 11
155 ms 10 ms 1.2 ms 150 s
A Logic [1] on bit D2 disables the overcurrent low (CD_dis) detection timeout feature. A Logic [1] on bit D3 disables the open load (OL) detection feature.
33984
Analog Integrated Circuit Device Data Freescale Semiconductor
23
FUNCTIONAL DEVICE OPERATION LOGIC COMMANDS AND REGISTERS
Address x100 -- Direct Input Control Register (DICR) The DICR register is used by the MCU to enable, disable, or configure the direct IN pin control of each output. Each output is independently selected for configuration based on the state of bit D7. A write to this register when bit D7 is Logic [0] will configure the direct input control for the HS0. Similarly, if D7 is Logic [1] when this register is written, then HS1 is configured. A Logic [0] on bit D1 will enable the output for direct control by the IN pin. A Logic [1] on bit D1 will disable the output from direct control. While addressing this register, if the input was enabled for direct control, a Logic [1] for the D0 bit will result in a Boolean AND of the IN pin with its corresponding D0 message bit when addressing the OCR register. Similarly, a Logic [0] on the D0 pin results in a Boolean OR of the IN pin with the corresponding message bits when addressing the OCR register. The DICR register is useful if there is a need to independently turn on and off several loads that are PWM'd at the same frequency and duty cycle with only one PWM signal. This type of operation can be accomplished by connecting the pertinent direct IN pins of several devices to a PWM output port from the MCU and configuring each of the outputs to be controlled via their respective direct IN pin. The DICR is then used to Boolean AND the direct IN(s) of each of the outputs with the dedicated SPI bit that also controls the output. Each configured SPI bit can now be used to enable and disable the common PWM signal from controlling its assigned output. A Logic [1] on bit D2 is used to select the high ratio (CSR1, 1/41000) on the CSNS pin for the selected output. The default value [0] is used to select the low ratio (CSR0, 1/20500). A Logic [1] on bit D3 is used to select the high speed slew rate for the selected output. The default value [0] corresponds to the low speed slew rate. Address 0101 -- Output Switching Delay Register (OSDR) The OSDR register configures the device with a programmable time delay that is active during Output ON transitions initiated via SPI (not via direct input). A write to this register configures both outputs for different delay. Whenever the input is commanded to transition from Logic [0] to Logic [1], both outputs will be held OFF for the time delay configured in the OSDR. The programming of the contents of this register have no effect on device fail-safe mode operation. The default value of the OSDR register is 000, equating to no delay. This feature allows the user a way to minimize inrush currents, or surges, thereby allowing loads to be switched ON with a single command. There are eight selectable output switching delay times that range from 0 ms to 525 ms. Refer to Table 13.
Table 13. Switching Delay
OSD [2:0] (D2 : D0) Turn ON Delay (ms) Turn ON Delay (ms) HS0 HS1
000 001 010 011 100 101 110 111
0 75 150 225 300 375 450 525
0 0 150 150 300 300 450 450
Address 1101 -- Watchdog Register (WDR) The WDR register is used by the MCU to configure the watchdog timeout. Watchdog timeout is configured using bits D1:D0. When D1:D0 bits are programmed for the desired watchdog timeout period, the WD bit (D7) should be toggled as well, ensuring the new timeout period is programmed at the beginning of a new count sequence. Refer to Table 14. Table 14. Watchdog Timeout
WD [1:0] (D1: D0) Timing (ms)
00 01 10 11
620 310 2500 1250
Address 0110 -- No Action Register (NAR) The NAR register can be used to no-operation fill SPI data packets in a daisy chain SPI configuration. This allows devices to not be affected by commands being clocked over a daisy-chained SPI configuration, and by toggling the WD bit (D7), the watchdog circuitry will continue to be reset while no programming or data readback functions are being requested from the device. Address 1110 -- Undervoltage/Overvoltage Register (UOVR) The UOVR register can be used to disable or enable overvoltage and/or undervoltage protection. By default (Logic [0]), both protections are active. When disabled, an undervoltage or overvoltage condition fault will not be reported in the output fault register. Address x111 -- TEST The TEST register is reserved for test and is not accessible with SPI during normal operation.
33984
24
Analog Integrated Circuit Device Data Freescale Semiconductor
FUNCTIONAL DEVICE OPERATION LOGIC COMMANDS AND REGISTERS
SERIAL OUTPUT COMMUNICATION (DEVICE STATUS RETURN DATA)
When the CS pin is pulled low, the output status register is loaded. Meanwhile, the data is clocked out MSB- (OD7-) first as the new message data is clocked into the SI pin. The first eight bits of data clocking out of the SO, and following a CS transition, are dependant upon the previously written SPI word. Any bits clocked out of the SO pin after the first eight will be representative of the initial message bits clocked into the SI pin since the CS pin first transitioned to a Logic [0]. This feature is useful for daisy chaining devices as well as message verification. A valid message length is determined following a CS transition of Logic [0] to Logic [1]. If there is a valid message length, the data is latched into the appropriate registers. A valid message length is a multiple of eight bits. At this time, the SO pin is tri-stated and the fault status register is now able to accept new fault status information. The output status register correctly reflects the status of the STATR-selected register data at the time that the CS is pulled to a Logic [0] during SPI communication and / or for the period of time since the last valid SPI communication, with the following exceptions: * The previous SPI communication was determined to be invalid. In this case, the status will be reported as though the invalid SPI communication never occurred. * Battery transients below 6.0 V resulting in an undervoltage shutdown of the outputs may result in incorrect data loaded into the status register. The SO data transmitted to the MCU during the first SPI communication following an undervoltage VPWR condition should be ignored. * The RST pin transition from a Logic [0] to Logic [1] while the WAKE pin is at Logic [0] may result in incorrect data loaded into the status register. The SO data transmitted Table 15. Serial Output Bit Map Description
Previous STATR D7, D2, D1, D0 SOA3 SOA2 SOA1 SOA0 OD7 OD6 OD5
to the MCU during the first SPI communication following this condition should be ignored.
SERIAL OUTPUT BIT ASSIGNMENT
The 8 bits of serial output data depend on the previous serial input message, as explained in the following paragraphs. Table 15 summarizes the SO register content. Bit OD7 reflects the state of the watchdog bit (D7) addressed during the prior communication. The value of the previous D7 will determine which output the status information applies to for the Fault (FLTR), SOCHLR, CDTOLR, and DICR registers. SO data will represent information ranging from fault status to register contents, user selected by writing to the STATR bits D2:D0. Note that the SO data will continue to reflect the information for each output (depending on the previous D7 state) that was selected during the most recent STATR write until changed with an updated STATR write. Previous Address SOA[2:0] = 000 If the previous three MSBs are 000, bits OD6 : OD0 will reflect the current state of the Fault register (FLTR) corresponding to the output previously selected with the bit OD7 (Table 16). Previous Address SOA[2:0] = 001 Data in bits OD1:OD0 contain CSNS0 EN and IN0_SPI programmed bits, respectively. Data in bits OD3:OD2 contain CSNS0 EN and IN0_SPI programmed bits, respectively. Previous Address SOA[2:0] = 010 The data in bit OD3 contain the programmed overcurrent high detection level (refer to Table 11), and the data in bits OD2:OD0 contain the programmed overcurrent low detection levels (refer to Table 12).
Serial Output Returned Data OD4 OD3 OD2 OD1 OD0
s x s s s 0 1 0 1 x
0 0 0 0 1 1 1 1 1 1
0 0 1 1 0 0 0 1 1 1
0 1 0 1 0 1 1 0 0 1
s x s s s 0 1 0 1 -
OTFs 0 0 0 1 1 1 1 1 -
OCHFs 0 1 1 0 0 0 1 1 -
OCLFs 1 0 1 0 1 1 0 0 -
OLFs CSNS1 EN SOCHs OL_DIS s
UVF IN1_SPI SOCL2s CD_DIS s
OVF CSNS0 EN SOCL1s OCLT1s IN DIS s OSD1 WD1 FSI Pin UV_dis -
FAULTs IN0_SPI SOCL0s OCLT0s A/O s OSD0 WD0 WAKE Pin OV_dis -
FAST SR s CSNS high s FSM_HS0 FSM_HS1 IN1 Pin - - OSD2 WDTO IN0 Pin - -
s = Selection of output: Logic [0] = HS0, Logic [1] = HS1. x = Don't care.
33984
Analog Integrated Circuit Device Data Freescale Semiconductor
25
FUNCTIONAL DEVICE OPERATION LOGIC COMMANDS AND REGISTERS
Table 16. Fault Register
OD7 OD6 OD5 OD4 OD3 OD2 OD1 OD0
Previous Address SOA[2:0] = 101 * SOA3 = 0. The returned data contain the programmed values in the OSDR. Bit OD3 (FSM_HS0) reflects the state of the output HS0 in the Fail-Safe mode after a watchdog timeout occurs. * SOA3 = 1. The returned data contain the programmed values in the WDR. Bit OD2 (WDTO) reflects the status of the watchdog circuitry. If WDTO bit is Logic [1], the watchdog has timed out and the device is in Fail-Safe mode. If WDTO is Logic [0], the device is in Normal mode (assuming the device is powered and not in Sleep mode), with the watchdog either enabled or disabled. Bit OD3 (FSM_HS1) reflects the state of the output HS1 in the Fail-Safe mode after a watchdog timeout occurs. Previous Address SOA[2:0] = 110 * SOA3 = 0. OD3:OD0 return the state of the IN1, IN0, FSI, and WAKE pins, respectively (Table 17). Table 17. Pin Register
OD3 OD2 OD1 OD0
s
OTF
OCHFs OCLFs
OLFs
UVF
OVF
FAULTs
OD7 (s) = Selection of output: Logic [0] = HS0, Logic [1] = HS1. OD6 (OTF) = Overtemperature Flag. OD5 (OCHFs) = Overcurrent High Flag. (This fault is latched.) OD4 (OCLFs) = Overcurrent Low Flag. (This fault is latched.) OD3 (OLFs) = Open Load Flag. OD2 (UVF) = Undervoltage Flag. (This fault is latched or not latched.) OD1 (OVF) = Overvoltage Flag. OD0 (FAULTs) = This flag reports a fault and is reset by a read operation.
Note The FS pin reports a fault. For latched faults, this pin is reset by a new Switch ON command (via SPI or direct input IN).
Previous Address SOA[2:0] = 011 Data returned in bits OD1 and OD0 are current values for the overcurrent fault blanking time, illustrated in Table 12. Bit OD2 reports if the overcurrent detection timeout feature is active. OD3 reports if the open load circuitry is active. Previous Address SOA[2:0] =100 The returned data contain the programmed values in the DICR.
IN1 Pin
IN0 Pin
FSI Pin
WAKE Pin
* SOA3 = 1. The returned data contain the programmed values in the UOVR. Bit OD1 reflects the state of the undervoltage protection and bit OD0 reflects the state of the overvoltage protection. Refer to Table 15). Previous Address SOA[2:0] =111 Null Data. No previous register Read Back command received, so bits OD2:OD0 are null, or 000.
33984
26
Analog Integrated Circuit Device Data Freescale Semiconductor
TYPICAL APPLICATIONS
TYPICAL APPLICATIONS
VPWR VDD Voltage Regulator
VDD
VDD NC VPWR
VDD
VPWR
2.2 k
10 k
10
MCU
100nF 10F
2
VDD
VPWR
14
2.5F
10nF
I/O I/O SCLK CS I/O SI SO I/O A/D
1k
10k 10k 10k 10k 10k 10k
4 12 8 7 3 11 9 5 1 6
WAKE IN0 IN1 SCLK CS RST SO SI FS CSNS FSI
HS1
33984B
15
HS0
16
LOAD GND
13
LOAD
RFSI
Figure 11. Typical Applications
OUTPUT CURRENT MONITORING
This section relates to the output current monitoring for 33984, Dual 4m High-Side Switch. This device is a selfprotected silicon switch used to replace electromechanical relays, fuses, and discrete circuits in power management applications. The MC33984 features a current recopy which is proportional to the load current. It can be configured between 2 ratios via SPI (CSR0 and CSR1). This section presents the current recopy tolerance of the device and the improvement of this feature with the calibration practice.
CURRENT RECOPY TOLERANCE
The Current Sense Ratio Accuracies described page 8 and 9 (CSR0_ACC and CSR1_ACC) take into account: * part to part deviation due to manufacturing, * ambient temperature derating (from -40C to 125C), * battery voltage range (from 9V to 16V). Thanks to statistical data analysis performed on 3 production lots (initial testing only), the effect of each contributor has been demonstrated. Figure 12 shows the CSR0 tolerance in function to 3 previous listed contributors in comparison to the minimum and maximum specified values.
33984
Analog Integrated Circuit Device Data Freescale Semiconductor
27
OUTPUT CURRENT MONITORING
Current Recopy at Vbat=9V/16V from -40C to 125C 24000
Spec_max
tolerance will be about 8.5% versus 10% when all contributors are considered.
23000 CSNS ratio (CSR0) 22000 21000 20000
Min(Data_16V) at 6 sigmas Max(Data_16V) at 6 sigmas 10%
Current Recopy at Vbat=9V at 25C
24000 Spec_max 23000
Max(Data_9V) at 6 sigmas
Average (Data)
Max(Data) at 6 sigmas
CSNS ratio (CSR0)
22000
19000 18000
Min(Data_9V) at 6 sigmas
8.5%
21000 Average (Data) 20000 19000 18000 17000 16000 10 15 20 25 Min(Data) at 6 sigmas Spec_min
Spec_min
17000 16000 10 15 20 Output current (A) 25
Figure 12. CSR0 ratio deviation in function all contributors Lower VPWR Voltage causes more error. 9.0V corresponding to the worst case. Figure 13 shows the CSR0 tolerance without battery variation effect.
Output current (A)
Figure 14. CSR0 ratio deviation in function manufacturing
PART CALIBRATION
Current Recopy at Vbat=9V from -40C to 125C 24000 23000 CSNS ratio (CSR0) 22000 21000 20000 19000 18000 17000 16000 10 15 20 Output current (A) 25
With a calibration strategy, the part to part contribution can be removed. An experiment was done on low output current values (below 5.0A). The relative CSR0 deviation based on only one calibration point per output (5.0A, VPWR=16V at 25C) has been performed on 3 production lots. Those parts have tested at initial and after High Temperature Operating Life test in order to take into account the ageing of devices. Table 18 summaries test results covering 99.74% of parts. Table 18. CSR0 Precision for Several Output Current Values with One Calibration Point at 5.0A
CSR0 ratio Min Max
0.5A 1.0A 2.5A 5.0A
-25% -12% -8.0% -5.0%
25% 12% 8.0% 5.0%
Figure 13. CSR0 ratio deviation in function manufacturing and temperature The main contributor is the manufacturing deviation, as described in Figure 14. At 15A of output current, the
33984
28
Analog Integrated Circuit Device Data Freescale Semiconductor
PACKAGING SOLDERING INFORMATION
PACKAGING
SOLDERING INFORMATION
SOLDERING INFORMATION
The 33984 is packaged in a surface mount power package intended to be soldered directly on the printed circuit board. The 33984 was qualified in accordance with JEDEC standards JESD22-A113-B and J-STD-020A. The recommended reflow conditions are as follows: * Convection: 225C +5 .0/ -0C * Vapor Phase Reflow (VPR): 215C to 219C * Infrared (IR) / Convection: 225C +5.0 / -0C
The maximum peak temperature during the soldering process should not exceed 230C. The time at maximum temperature should range from 10 s to 40 s maximum.
33984
Analog Integrated Circuit Device Data Freescale Semiconductor
29
PACKAGING PACKAGE DIMENSIONS
PACKAGE DIMENSIONS
For the most current revision of the package, visit www.freescale.com and perform a keyword search on 98ARL10521D.
PNA SUFFIX 16-PIN PQFN NONLEADED PACKAGE 98ARL10521D ISSUE C
33984
30
Analog Integrated Circuit Device Data Freescale Semiconductor
PACKAGING PACKAGE DIMENSIONS
33984
Analog Integrated Circuit Device Data Freescale Semiconductor
31
ADDITIONAL DOCUMENTATION THERMAL ADDENDUM (REV 2.0)
ADDITIONAL DOCUMENTATION
THERMAL ADDENDUM (REV 2.0)
Introduction This thermal addendum is provided as a supplement to the MC33984 technical datasheet. The addendum provides thermal performance information that may be critical in the design and development of system applications. All electrical, application, and packaging information is provided in the datasheet. Packaging and Thermal Considerations This package is a dual die package. There are two heat sources in the package independently heating with P1 and P2. This results in two junction temperatures, TJ1 and TJ2, and a thermal resistance matrix with RJAmn. For m, n = 1, RJA11 is the thermal resistance from Junction 1 to the reference temperature while only heat source 1 is heating with P1. For m = 1, n = 2, RJA12 is the thermal resistance from Junction 1 to the reference temperature while heat source 2 is heating with P2. This applies to RJ21 and RJ22, respectively. TJ1 TJ2 RJA11 RJA12 . RJA21 RJA22 P1 P2 HIGH-SIDE SWITCH
33984
PNA SUFFIX 98ARL10521D 16-PIN PQFN 12 mm x 12 mm Note For package dimensions, refer to the 33984 data sheet.
=
The stated values are solely for a thermal performance comparison of one package to another in a standardized environment. This methodology is not meant to and will not predict the performance of a package in an application-specific environment. Stated values were obtained by measurement and simulation according to the standards listed below. Standards Table 1. Thermal Performance Comparison
1 = Power Chip, 2 = Logic Chip [C/W] Thermal Resistance m = 1, n=1 m = 1, n = 2 m = 2, n = 1 m = 2, n=2
1.0 0.2 1.0
RJAmn (1) (2) RJBmn
(2) (3)
20 6.0 53 <0.5
16 2.0 40 0.0
39 26 72 1.0
RJAmn (1) (4) RJCmn (5)
0.2 * All measurements are in millimeters
Notes: 1. Per JEDEC JESD51-2 at natural convection, still air condition. 2. 2s2p thermal test board per JEDEC JESD51-7 and JESD51-5. 3. Per JEDEC JESD51-8, with the board temperature on the center trace near the power outputs. 4. Single layer thermal test board per JEDEC JESD51-3 and JESD51-5. 5. Thermal resistance between the die junction and the exposed pad; "infinite" heat sink attached to exposed pad.
Note: Recommended via diameter is 0.5 mm. PTH (plated through hole) via must be plugged / filled with epoxy or solder mask in order to minimize void formation and to avoid any solder wicking into the via.
Figure 1. Surface Mount for Power PQFN with Exposed Pads
33984
32
Analog Integrated Circuit Device Data Freescale Semiconductor
ADDITIONAL DOCUMENTATION THERMAL ADDENDUM (REV 2.0)
Transparent Top View
AA
WAKE CSNS RST IN0
SCLK
VDD
FSI
12 11 10 9 8
Device on Thermal Test Board Material: Single layer printed circuit board FR4, 1.6 mm thickness Cu traces, 0.07 mm thickness 80 mm x 100 mm board area, including edge connector for thermal testing Cu heat-spreading areas on board surface Natural convection, still air
IN1
33984 Pin Connections 16-Pin PQFN 0.90 mm Pitch 12.0 mm x 12.0 mm Body Figure 2. Thermal Test Board Table 2. Thermal Resistance Performance
1 = Power Chip, 2 = Logic Chip (C/W) Thermal Resistance Area A (mm2) m = 1, n=1 m = 1, n = 2 m = 2, n = 1 m = 2, n=2
SO
CS
FS
15 HS1
SI
7
65
4
3
2
1
13 GND
A
14 VPWR
16 HS0
Outline:
0 RJAmn 300 600
55 41 38
42 31 29
74 66 64
Area A: Ambient Conditions:
RJA is the thermal resistance between die junction and ambient air. This device is a dual die package. Index m indicates the die that is heated. Index n refers to the number of the die where the junction temperature is sensed.
33984
Analog Integrated Circuit Device Data Freescale Semiconductor
33
ADDITIONAL DOCUMENTATION THERMAL ADDENDUM (REV 2.0)
80 70 Thermal Resistance [C/W] 60 50 40 30
x
20 10 0 0
RJA11 RJA22 RJA12 = RJA21
300 Heat spreading area A [mm]
600
Figure 3. Device on Thermal Test Board RJA
100
Thermal Resistance [C/W]
10
x
1
RJA11 RJA22 RJA12 = RJA21
0.1 1.00E-03
1.00E-02
1.00E-01 1.00E+00 1.00E+01 1.00E+02 1.00E+03 1.00E+04
Time[s]
Figure 4. Transient Thermal Resistance RJA (1 W Step Response) Device on Thermal Test Board Area A = 600 (mm2)
33984
34
Analog Integrated Circuit Device Data Freescale Semiconductor
REVISION HISTORY
REVISION HISTORY
REVISION
DATE
DESCRIPTION OF CHANGES
6.0 7.0
2/2006 5/2006
* * * * * * * *
Implemented Revision History page Deletion of MC33984 part number, replaced with MC33984B. Corrected Pin Connections to the proper case outline Added final sentence to Open Load Fault (Non-Latching) Corrected heading labels on Input Timing Switching Characteristics Changed labels in the Typical Applications drawing Corrected Package Dimensions to Revision C Added Thermal Addendum (rev 2.0).
8.0 9.0
1/2007 1/2007
* Added RoHS logo * Changed several names on the Typical Applications on page 27 * Added section Output current monitoring on page 27
33984
Analog Integrated Circuit Device Data Freescale Semiconductor
35
How to Reach Us:
Home Page: www.freescale.com Web Support: http://www.freescale.com/support USA/Europe or Locations Not Listed: Freescale Semiconductor, Inc. Technical Information Center, EL516 2100 East Elliot Road Tempe, Arizona 85284 +1-800-521-6274 or +1-480-768-2130 www.freescale.com/support Europe, Middle East, and Africa: Freescale Halbleiter Deutschland GmbH Technical Information Center Schatzbogen 7 81829 Muenchen, Germany +44 1296 380 456 (English) +46 8 52200080 (English) +49 89 92103 559 (German) +33 1 69 35 48 48 (French) www.freescale.com/support Japan: Freescale Semiconductor Japan Ltd. Headquarters ARCO Tower 15F 1-8-1, Shimo-Meguro, Meguro-ku, Tokyo 153-0064 Japan 0120 191014 or +81 3 5437 9125 support.japan@freescale.com Asia/Pacific: Freescale Semiconductor Hong Kong Ltd. Technical Information Center 2 Dai King Street Tai Po Industrial Estate Tai Po, N.T., Hong Kong +800 2666 8080 support.asia@freescale.com For Literature Requests Only: Freescale Semiconductor Literature Distribution Center P.O. Box 5405 Denver, Colorado 80217 1-800-441-2447 or 303-675-2140 Fax: 303-675-2150 LDCForFreescaleSemiconductor@hibbertgroup.com
Information in this document is provided solely to enable system and software implementers to use Freescale Semiconductor products. There are no express or implied copyright licenses granted hereunder to design or fabricate any integrated circuits or integrated circuits based on the information in this document. Freescale Semiconductor reserves the right to make changes without further notice to any products herein. Freescale Semiconductor makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Freescale Semiconductor assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters that may be provided in Freescale Semiconductor data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals", must be validated for each customer application by customer's technical experts. Freescale Semiconductor does not convey any license under its patent rights nor the rights of others. Freescale Semiconductor products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Freescale Semiconductor product could create a situation where personal injury or death may occur. Should Buyer purchase or use Freescale Semiconductor products for any such unintended or unauthorized application, Buyer shall indemnify and hold Freescale Semiconductor and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Freescale Semiconductor was negligent regarding the design or manufacture of the part. FreescaleTM and the Freescale logo are trademarks of Freescale Semiconductor, Inc. All other product or service names are the property of their respective owners. (c) Freescale Semiconductor, Inc., 2007. All rights reserved.
MC33984 Rev. 9.0 1/2007


▲Up To Search▲   

 
Price & Availability of MC33984BPNAR2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X