Part Number Hot Search : 
LB1696 D0200 071973 XCS10 NJM2585L TLP25 00TTS 071973
Product Description
Full Text Search
 

To Download MC33790DWR2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Freescale Semiconductor Advance Information
Document Number: MC33790 Rev 10.0, 12/2006
Two-Channel Distributed System Interface (DSI) Physical Interface Device
The 33790 is a dual channel physical layer interface IC for the Distributed System Interface (DSI) bus. It is designed to meet automotive requirements. It can also be used in non automotive applications. It supports bidirectional communication between slave and master ICs. Some slave devices derive a regulated 5.0 V from the bus, which can be used to power sensors, thereby eliminating the need for additional circuitry and wiring. Features * * * * * * * * * * Two Independent DSI Compatible Buses Pinout Matched to MC68HC55 (SPI to DSI Logic) Wave-Shaped Bus Output Voltage Independent Thermal Shutdown and Current Limit Return Signalling Current Detection Internal Logic Input Pull ups and Pull downs On-Board Charge Pump 2.0 kV ESD Capability Communications Rate Up to 150 kbps Pb-Free Packaging Designated by Suffix Code EG
Device MC33790DW / R2 MCZ33790EG / R2
33790
DISTRIBUTED SYSTEM INTERFACE (DSI)
DW SUFFIX EG SUFFIX (PB-FREE) 98ASB42567B 16-PIN SOICW
ORDERING INFORMATION
Temperature Range (TA) -40C to 85C Package
16 SOICW
MC68HC55 DSI0F DSI0S Protocol Converter DSI0R DSI1F DSI1S DSI1R CPCAP
33790 VDD GND DSI0O VSUP DSI1O GND
+5.0 V
+25 V
33793 MCU DSI SLAVE DEVICE
BUS_IN
BUS_OUT
33793
BUS_IN
BUS_OUT
33793
Figure 1. 33790 Simplified Application Diagram
* This document contains certain information on a new product. Specifications and information herein are subject to change without notice.
(c) Freescale Semiconductor, Inc., 2006. All rights reserved.
INTERNAL BLOCK DIAGRAM
INTERNAL BLOCK DIAGRAM
VDD (+5.0 V)
CPCAP
VSUP (IDLE Level)
+
Internal Bias
Charge Pump
Bus Supply Voltage
DSI0F DSI0S
WaveShaper Transmitter Driver
Bus Current Sense
DSI0O DSI Bus
DSI0R GND +
DSI1F DSI1S
WaveShaper Transmitter Driver
Bus Current Sense
DSI1O DSI Bus
DSI1R
Figure 2. 33790 Simplified Internal Block Diagram
33790
2
Analog Integrated Circuit Device Data Freescale Semiconductor
PIN CONNECTIONS
PIN CONNECTIONS
DSI0F DSI0S DSI0R DSI1F DSI1S DSI1R NC CPCAP
1 2 3 4 5 6 7 8
16 15 14 13 12 11 10 9
VDD GND DSI0O VSUP DSI10 GND NC NC
Figure 3. 33790 Pin Connections Table 1. 33790 Pin Definitions A functional description of each pin can be found in the Functional Pin Description section beginning on page 8.
Pin Number 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 Pin Name DSI0F DSI0S DSI0R DSI1F DSI1S DSI1R NC CPCAP NC NC GND DSI1O VSUP DSI0O GND VDD Definition This logic input controls the frame output for DSI channel 0 in accordance with Table 5, page 8. This logic input controls the signalling output for DSI channel 0 in accordance with Table 5, page 8. This logic output provides the return data for DSI channel 0 in accordance with Table 5, page 8. This logic input controls the frame output for DSI channel 1 in accordance with Table 5, page 8. This logic input controls the signalling output for DSI channel 1 in accordance with Table 5, page 8. This logic output provides the return data for DSI channel 1 in accordance with Table 5, page 8. Unused. Used to store and filter charge pump output. Unused. Unused. Circuit and bus ground return. DSI bus 1 input / output. Idle level supply input. The voltage supplied to this pin sets the idle level on the DSI bus. DSI bus 0 input / output. Circuit and bus ground return. 5.0 V logic supply input.
33790
Analog Integrated Circuit Device Data Freescale Semiconductor
3
ELECTRICAL CHARACTERISTICS MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
Table 2. Maximum Ratings All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or permanent damage to the device.
Ratings ELECTRICAL RATINGS Supply Voltage Continuous Load Dump - t < 300 ms Maximum Voltage on Input / Output Pins VSUP VSUP (t) VDD DSIxS, DSIxF DSIxO (1) Storage Temperature Operating Ambient Temperature Operating Junction Temperature Peak Package Reflow Temperature During Reflow (2), (3) Continuous Current per Pin TSTG TA TJ TPPRT VDD DSIxR VSUP Thermal Resistance Junction to Ambient Thermal Shutdown ESD Voltage (All Pins) (4) Human Body Model Machine Model VESD1 VESD2 2000 200 RJA TSD
(1)
Symbol
Value
Unit
V - 0.5 to 25 40 - 0.3 to 5.5 - 0.3 to VDD + 0.3 - 0.3 to VSUP + 0.3 - 55 to 150 -40 to 85 - 40 to 150 Note 3 0 to 10 - 2.5 to 5.0 500 45 155 to 190 C / W C V C C C C mA V
Notes 1. R = 0 . 2. Pin soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may cause malfunction or permanent damage to the device. 3. Freescale's Package Reflow capability meets Pb-free requirements for JEDEC standard J-STD-020C. For Peak Package Reflow Temperature and Moisture Sensitivity Levels (MSL), Go to www.freescale.com, search by part number [e.g. remove prefixes/suffixes and enter the core ID to view all orderable parts. (i.e. MC33xxxD enter 33xxx), and review parametrics. 4. ESD1 performed in accordance with the Human Body Model (CZAP = 100pF, RZAP = 1500 ), ESD2 performed in accordance with the Machine Model (CZAP = 200 pF, RZAP = 0 ).
33790
4
Analog Integrated Circuit Device Data Freescale Semiconductor
ELECTRICAL CHARACTERISTICS STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 3. Static Electrical Characteristics Characteristics noted under conditions 4.75 V VDD 5.25 V, 8.0 V VSUP 25.0 V, -40C TJ 150C unless otherwise noted.
Characteristic SUPPLY ISUP Supply Current / Channel (Not Including IOUT) DSIx0 = Idle Voltage, -100 mA IOUT 0 mA DSIx0 = Output High Voltage, IOUT = 12 mA IDD Supply Current / Channel BUS TRANSMITTER VSUP to DSIxO ON Resistance (During Idle) IOUT = -100 mA Output High Voltage DSIx0 (-15 mA IOUT 1.0 mA) Output Low Voltage DSIx0 (-15 mA IOUT 1.0 mA) Output High-Side Current Limit (5) Output Low-Side Current Limit (5) Input Leakage DSIxO When DSIxF Is High and DSIxS Is Low (0 V DSIxO Min (VSUP = 16.5 V)) BUS RECEIVER Return Current Threshold MICROCONTROLLER INTERFACE Logic Input Thresholds DSIxS, DSIxF Output High Voltage DSIxR Pin = -0.5 mA Output Low Voltage DSIxR Pin = 1.0 mA Internal Pullup for DSIxF Internal Pulldown for DSIxS Notes 5. After 10 s settling time (assured by design). IIL IIH VOL 0.0 -100 10 - - - 0.2 VDD -10 100 A A VIN(TH) VOH 0.8 VDD - VDD V 1.10 - 2.20 V V IRH - 5.0 - 6.0 - 7.0 mA ICLH ICLL DSIIB - 200 - 50 DSIVOL 1.325 - 100 110 1.5 - - 1.675 -200 220 mA mA A DSIVOH 4.175 4.5 4.825 V RDS(ON) - - 10 V ISUPI ISUPH IDD - - - 1.35 5.0 0.5 3.25 9.00 1.0 mA mA Symbol Min Typ Max Unit
33790
Analog Integrated Circuit Device Data Freescale Semiconductor
5
ELECTRICAL CHARACTERISTICS DYNAMIC ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
Table 4. Dynamic Electrical Characteristics Characteristics noted under conditions 4.75 V VDD 5.25 V, 8.0 V VSUP 25.0 V, -40C TJ 150C unless otherwise noted.
Characteristic MICROCONTROLLER INTERFACE Microcontroller Signal Cycle Time Microcontroller Signal Low Time Microcontroller Signal High Time Microcontroller Signal Duty Cycle for Logic Zero Microcontroller Signal Duty Cycle for Logic One Microcontroller Signal Slew Time Frame Start to Signal Delay Time Signal End to Frame End Delay Time Rise Time (6) Fall Time (6) BUS TRANSMITTER Idle to Frame and Frame to Idle Slew Rate C 5.0 nF Signal High to Low and Signal Low to High Slew Rate C 5.0 nF Data Valid (VSUPx = 25 V, CL 5.0 nF) DSIxF, VIN(TH) to DSIxO = 5.3 V DSIxS, VIN(TH) to DSIxO = 2.6 V DSIxS, VIN(TH) to DSIxO = 3.4 V DSIxF, VIN(TH) to DSIxO = 7.0 V BUS RECEIVER Receiver Delay Time tDRH: I = IRH to DSIxR = 2.5 V tDRL: I = IRH to DSIxR = 2.5 V t DRH t DRL - - 400 400 750 750 ns t DVLD1 t DVLD2 tDVLD3 tDVLD4 2.44 0.25 0.25 0.25 - - - - 6.56 1.3 1.3 1.3 t SLEW (SIGNAL) 3.0 4.5 8.0 s t SLEW (FRAME) 3.0 6.0 10.0 V/s V/s
(6)
Symbol
Min
Typ
Max
Unit
t CYC t CYCL t CYCH DCLO DCHI t SLEW t DLY1 t DLY2 t RISE t FALL
6.6 2.0 2.0 30 60.0 - t cyc - 0.1 1.0 0 0
- - - 33 66.7 - t cyc - - -
1000 667 667 36 72.0 500 t cyc + 0.1 - 100 100
s s s % % ns s s ns ns
Notes 6. Slew times and rise and fall times between 10% and 90% of output high and low levels.
33790
6
Analog Integrated Circuit Device Data Freescale Semiconductor
ELECTRICAL CHARACTERISTICS TIMING CHARACTERISTICS
TIMING CHARACTERISTICS
tCYC tCYCH 5.0 V tCYC tDLY2
DSIxS
VIN(TH) 0V tCYCL tDLY1 5.0 V tRISE tFALL tRISE
DSIxF
VIN(TH) 0V 25 V 7.0 V tDVLD1 tDVLD3 tDVLD2 Note (7) tSLEW(FRAME) tSLEW(SIGNAL) tDVLD4
DSIxO 5.0 V
DSIVOH 4.5 V 3.0 V 1.5 V tTAT
IOUT
IRH 0 mA
(Note (8))
tDRH 5.0 V
tDRL (Note (9))
DSIxR
0V
Figure 4. Timing Characteristics
Notes 7. Typical BUSIN / BUSOUT logic thresholds (VTHL) from MC33793 datasheet. 8. 9. tTAT (Turnaround Time) is dependent upon wire length, bus loads, and slave response characteristics. DSIxR stable on falling edge of DSIxS or rising edge of DSIxF.
33790
Analog Integrated Circuit Device Data Freescale Semiconductor
7
FUNCTIONAL DESCRIPTION INTRODUCTION
FUNCTIONAL DESCRIPTION
INTRODUCTION
The 33790 is designed to provide the interface between logic and the DSI bus. It accepts signals with a typical 0 V to 5.0 V logic level to control the state of the bus output (Idle Level, Logic High Level, Logic Low Level, and High Impedance). It detects the current drawn from the bus output during signaling and outputs a 0 V to 5.0 V logic level corresponding to the bus current being above (Logic [1] out) the bus return logic [1] current or below (Logic [0] out). The 33790 contains current limiting of the bus outputs as required by the DSI Bus specification and thermal shutdown to protect itself from damage. Two independent DSI bus outputs are provided by the IC.
FUNCTIONAL TERMINAL DESCRIPTION Bus Driver and Receiver
The Wave-Shaper converts the 0 V to 5.0 V logic inputs from DSIxF (frame) and DSIxS (signal) to a wave-shaped signal on the DSIxO output, as shown in the timing diagrams in Figure 2, page 2, and the truth table in Table 5. The Bus Current Sense detects the current being drawn by the device(s) on the bus during signalling (DSIxF = 0). If the current is above a set level, DSIxR will be high; otherwise, it is low. Due to the variations in the turnaround time (tTAT) from slave devices and bus delays, DSIxR should be sampled on the falling edge of DSIxS and on the rising edge of DSIxF (for the last return bit). Table 5. DSI Bus Truth Table
DSIxF 0 0 0 1 1 X DSIxS 0 1 X 0 1 X TxLIM 0 0 0 0 0 0 1 DSIxR Not Defined Not Defined Return Data Return Data 0 0 1 DSIxO Low (1.5 V) High (4.5 V) Unchanged Unchanged High Impedance Idle VSUP - 0.5 V High Impedance
250 mA per channel. During idle state, the voltage on the DSI bus will be very close to the VSUP voltage. Internal thermal shutdown circuitry and current limit individually protect the DSIxO outputs from shorts to battery and ground. Typically, the thermal shutdown occurs between 160C and 170C. If the junction temperature rises above this temperature, the internal TxLIM bit is asserted, and the output drivers for DSIxO are disabled by the thermal shutdown circuitry. The output drivers remain off until the junction temperature decreases below approximately 155C, at which time the thermal shutdown circuitry turns off and the outputs are re-enabled. Each DSIxO output has a unique thermal sense and shutdown circuit, so a short on one channel does not affect the other channel.
Charge Pump
The charge pump uses on-board capacitors to step the input voltage up to the voltage needed to drive the on-board transmitter FETs. A filter / storage capacitor is connected to CPCAP to hold the stepped-up voltage.
Input Pullups and Pulldowns
Internal current pullups are used on the DSIxF pins and pulldowns on the DSIxS pins. If these pins are left unconnected, their associated DSI bus will go to the unused (high impedance) state.
The current for the idle state is from the supply connected to VSUP and this supply should not be current limited below
33790
8
Analog Integrated Circuit Device Data Freescale Semiconductor
TYPICAL APPLICATIONS FUNCTIONAL TERMINAL DESCRIPTION
TYPICAL APPLICATIONS
The 33790 is intended for use in a DSI system. This device supplies the interface between standard logic levels and the voltage and current required for the DSI bus. Two independent DSI busses are supported by this part. The 33790 does not form the timing for the DSI bus. This is done by logic either embedded in a microcontroller or by the MC68HC55, which uses SPI commands and forms DSI protocol for communications over the DSI bus. The pins from the MC68HC55 are made to line up with the pins connecting to the 33790. This includes all the DSIxF, DSIxS, and DSIxR pins. A capacitor attached to CPCAP serves as a charge reservoir for the gate drive charge pump. This circuit creates a voltage that is higher than the source of the N-channel output transistor. This allows turning on of the transistor enough to prevent any significant voltage drop across it. The rest of charge pump electronics are completely selfcontained on the IC.
33790
Analog Integrated Circuit Device Data Freescale Semiconductor
9
PACKAGING PACKAGE DIMENSIONS
PACKAGING
PACKAGE DIMENSIONS
For the most current package revision, visit www.freescale.com and perform a keyword search using the "98A" listed below. DW SUFFIX EG SUFFIX (PB-FREE) 98ASB42567B 16-PIN SOICW
33790
10
Analog Integrated Circuit Device Data Freescale Semiconductor
REVISION HISTORY
REVISION HISTORY
REVISION 7.0 8.0
DATE 5/2006 11/2006
DESCRIPTION OF CHANGES * * * * Implemented Revision History page Converted to Freescale format Updated data sheet format Removed Peak Package Reflow Temperature During Reflow (solder reflow) parameter from Maximum Ratings on page 4. Added note with instructions to obtain this information from www.freescale.com. Minor correction changes to Figure 1 and ordering information Restated note Freescale's Package Reflow capability meets Pb-free requirements for JEDEC standard J-STD-020C. For Peak Package Reflow Temperature and Moisture Sensitivity Levels (MSL), Go to www.freescale.com, search by part number [e.g. remove prefixes/suffixes and enter the core ID to view all orderable parts. (i.e. MC33xxxD enter 33xxx), and review parametrics. on page 4
9.0 10.0
11/2006 12/2006
* *
33790
Analog Integrated Circuit Device Data Freescale Semiconductor
11
How to Reach Us:
Home Page: www.freescale.com Web Support: http://www.freescale.com/support USA/Europe or Locations Not Listed: Freescale Semiconductor, Inc. Technical Information Center, EL516 2100 East Elliot Road Tempe, Arizona 85284 +1-800-521-6274 or +1-480-768-2130 www.freescale.com/support Europe, Middle East, and Africa: Freescale Halbleiter Deutschland GmbH Technical Information Center Schatzbogen 7 81829 Muenchen, Germany +44 1296 380 456 (English) +46 8 52200080 (English) +49 89 92103 559 (German) +33 1 69 35 48 48 (French) www.freescale.com/support Japan: Freescale Semiconductor Japan Ltd. Headquarters ARCO Tower 15F 1-8-1, Shimo-Meguro, Meguro-ku, Tokyo 153-0064 Japan 0120 191014 or +81 3 5437 9125 support.japan@freescale.com Asia/Pacific: Freescale Semiconductor Hong Kong Ltd. Technical Information Center 2 Dai King Street Tai Po Industrial Estate Tai Po, N.T., Hong Kong +800 2666 8080 support.asia@freescale.com For Literature Requests Only: Freescale Semiconductor Literature Distribution Center P.O. Box 5405 Denver, Colorado 80217 1-800-441-2447 or 303-675-2140 Fax: 303-675-2150 LDCForFreescaleSemiconductor@hibbertgroup.com
RoHS-compliant and/or Pb-free versions of Freescale products have the functionality and electrical characteristics of their non-RoHS-compliant and/or non-Pb-free counterparts. For further information, see http://www.freescale.com or contact your Freescale sales representative. For information on Freescale's Environmental Products program, go to http:// www.freescale.com/epp.
Information in this document is provided solely to enable system and software implementers to use Freescale Semiconductor products. There are no express or implied copyright licenses granted hereunder to design or fabricate any integrated circuits or integrated circuits based on the information in this document. Freescale Semiconductor reserves the right to make changes without further notice to any products herein. Freescale Semiconductor makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Freescale Semiconductor assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters that may be provided in Freescale Semiconductor data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals", must be validated for each customer application by customer's technical experts. Freescale Semiconductor does not convey any license under its patent rights nor the rights of others. Freescale Semiconductor products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Freescale Semiconductor product could create a situation where personal injury or death may occur. Should Buyer purchase or use Freescale Semiconductor products for any such unintended or unauthorized application, Buyer shall indemnify and hold Freescale Semiconductor and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Freescale Semiconductor was negligent regarding the design or manufacture of the part. FreescaleTM and the Freescale logo are trademarks of Freescale Semiconductor, Inc. All other product or service names are the property of their respective owners. (c) Freescale Semiconductor, Inc., 2006. All rights reserved.
MC33790 Rev 10.0 12/2006


▲Up To Search▲   

 
Price & Availability of MC33790DWR2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X