Part Number Hot Search : 
MY51D 856134 LC78615E 20NA50 3GD17 PD481 KM62256D T4119
Product Description
Full Text Search
 

To Download MC2000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 microphone
Professional Microphone Cable - XL
very low capacitance ( 60 pF/m ) extremly flexible extra heavy overall sheath
2
MC2000
construction Order No. Conductor Conductor Cross Section Insulation Core Arrangement Shielding Jacket Outer Diameter MC2000SW /-RT /-BL 28 x 0.10 mm O bare copper 0.22 mm PE 2 cores + cotton tracers twisted bare copper spiral shield PVC lead free, matt colors: black, red and blue 6.5 mm
mechanic Weight Working Temperature Min. Bending Radius Max. Reel Length 50 g/m -25 C / +70 C 30 mm 100 m / 1000 m
electric Conductor Resistance Capacitance Cond./Cond. Cond./Screen Max. Operating Voltage Insulation Resistance < 85 / km
60 pF / m 110 pF / m 250 V > 100 M x km
technical alterations reserved
July 12 2004


▲Up To Search▲   

 
Price & Availability of MC2000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X