Part Number Hot Search : 
2SA878 628512 BGY916 H2001 TL064I BP151 1029B 5365A
Product Description
Full Text Search
 

To Download MC12026BP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
1.1GHz Dual Modulus Prescaler
The MC12026 is a high frequency, low voltage dual modulus prescaler used in phase-locked loop (PLL) applications. The MC12026A can be used with CMOS synthesizers requiring positive edges to trigger internal counters such as Motorola's MC145xxx series in a PLL to provide tuning signals up to 1.1GHz in programmable frequency steps. The MC12026B can be used with CMOS synthesizers requiring negative edges to trigger internal counters. A Divide Ratio Control (SW) permits selection of an 8/9 or 16/17 divide ratio as desired. The Modulus Control (MC) selects the proper divide number after SW has been biased to select the desired divide ratio.
MC12026A MC12026B
MECL PLL COMPONENTS /8/9, /16/17 DUAL MODULUS PRESCALER
NOTE: The "B" Version Is Not Recommended for New Designs
* * * * * * *
1.1GHz Toggle Frequency Supply Voltage 4.5V to 5.5V Low Power 4.0mA Typical Operating Temperature Range of -40C to +85C The MC12026 is Pin Compatible With the MC12022 Short Setup Time (tset ) 6ns Typical @ 1.1GHz Modulus Control Input Level is Compatible With Standard CMOS and TTL Pinout: 8-Lead Plastic (Top View)
IN 8 NC 7 MC 6 GND 5 SW H H L 1 IN 2 VCC 3 SW 4 OUT L D SUFFIX 8-LEAD PLASTIC SOIC PACKAGE CASE 751-05 P SUFFIX 8-LEAD PLASTIC PACKAGE CASE 626-05
FUNCTION TABLE
MC H L H L Divide Ratio 8 9 16 17
Note: SW: H = VCC, L = OPEN MC: H = 2.0V to VCC; L = GND to 0.8V
MAXIMUM RATINGS
Symbol VCC TA Tstg MC IO Power Supply Voltage, Pin 2 Operating Temperature Range Storage Temperature Range Modulus Control Input, Pin 6 Maximum Output Current, Pin 4 Characteristic Range -0.5 to +7.0 -40 to +85 -65 to +150 -0.5 to +6.5 10.0 Unit Vdc C C Vdc mA
1/97
(c) Motorola, Inc. 1997
1
REV 3
MC12026A MC12026B
ELECTRICAL CHARACTERISTICS (VCC = 4.5 to 5.5; TA = -40 to +85C)
Symbol ft ICC VIH1 VIL1 VIH2 VIL2 Vout Characteristic Toggle Frequency (Sin Wave) Supply Current Output Unloaded (Pin 2) Modulus Control Input High (MC) Modulus Control Input Low (MC) Divide Ratio Control Input High (SW) Divide Ratio Control Input Low (SW) Output Voltage Swing (RL = 560; IO = 5.5mA)1 (RL = 1.1k; IO = 2.9mA)2 Modulus Setup Time MC to Out3 Input Voltage Sensitivity 100-250MHz 250-1100MHz Min 0.1 -- 2.0 GND VCC - 0.5V OPEN 1.0 Typ 1.4 4.0 -- -- VCC OPEN 1.6 Max 1.1 5.3 VCC 0.8 VCC + 0.5V OPEN -- Unit GHz mA V V V -- Vp-p
tSET Vin
-- 400 100
6 -- --
9 1000 1000
ns mVpp
1. Divide Ratio of /8/9 at 1.1GHz, CL = 8pF 2. Divide Ratio of /16/17 at 1.1GHz, CL = 8pF 3. Assuming RL = 560 at 1.1GHz
D In In MC C
Q QB
D C
Q QB
D
Q
QB CM
1 D 0 C SW Q C Q Out QB D QB
Figure 1. Logic Diagram (MC12026A)
Prop. Delay In
Out
MC Setup MC Release Modulus setup time MC to out is the MC setup or MC release plus the prop delay.
MC
Figure 2. Modulus Setup Time
MOTOROLA
2
HIPERCOMM BR1334 -- Rev 4
MC12026A MC12026B
VCC = 4.5 to 5.5V C3 SINE WAVE GENERATOR C1 IN 50 C2 OUT IN MC GND RL CL VCC SW
MC INPUT
EXTERNAL COMPONENTS C1 = C2 = 1000 pF C3 = 0.1F CL = 8pF (Including Scope and Jig Capacitance) RL = 560 (for /8/9 at 1.1GHz)
Figure 3. AC Test Circuit
+15.0 +10.0 +5.0 0 -5.0 AMPLITUDE (dBm) -10.0 -15.0 -20.0 -25.0 -30.0 -35.0 -40.0 -45.0 -50.0 0 200 400 600 800 1000 1200 1400 1600 FREQUENCY (MHz)
+1257.40 +707.11
AMPLITUDE (dBm)
1200 800 400 0 200 400 600 800 1000 1200 1400 1600 0 1800
FREQUENCY (MHz)
Figure 5. Output Amplitude versus Input Frequency
HIPERCOMM BR1334 -- Rev 4
3
MOTOROLA
MILLIVOLTS
EEEEEEEEEEEEEEE EEEEEEEEEEEEEEE EEEEEEEEEEEEEEE EEEEEEEEEEEEEEE EEEEEEEEEEEEEEE EEEEEEEEEEEEEEE
OPERATING WINDOW
+397.64 +223.61 +125.74 +70.71 +39.76 +22.36 +12.57 +7.07 +3.98 +2.24 +1.26 +0.71 1800 MILLIVOLTS
Figure 4. Input Signal Amplitude versus Input Frequency Divide Ratio = 8; VCC = 5.0V; TA = 25C
2000 1600
MC12026A MC12026B
5.88V
880mV 36.6ns
86.6ns
Figure 6. Typical Output Waveform (/8, 1.1GHz Input Frequency, VCC = 5.0, TA = 25C, Output Loaded With 8pF)
MOTOROLA
4
HIPERCOMM BR1334 -- Rev 4
MC12026A MC12026B
200 150 R 100 MHz 50 0 -50 -100 OHMS jX -500 -550 -600 -650 100 -150 -200 -250 -300 -350 -400 -450
200
300
400
500
600
700
800
900
1000
1100
1200
Figure 7. Typical Input Impedance versus Input Frequency
HIPERCOMM BR1334 -- Rev 4
5
MOTOROLA
MC12026A MC12026B
OUTLINE DIMENSIONS
P SUFFIX PLASTIC PACKAGE CASE 626-05 ISSUE K
NOTES: 1. DIMENSION L TO CENTER OF LEAD WHEN FORMED PARALLEL. 2. PACKAGE CONTOUR OPTIONAL (ROUND OR SQUARE CORNERS). 3. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982.
8
5
-B-
1 4
F
NOTE 2
-A- L
DIM A B C D F G H J K L M N
C -T-
SEATING PLANE
J N D K
M
M
H
G 0.13 (0.005) TA
M
MILLIMETERS MIN MAX 9.40 10.16 6.10 6.60 3.94 4.45 0.38 0.51 1.02 1.78 2.54 BSC 0.76 1.27 0.20 0.30 2.92 3.43 7.62 BSC --- 10_ 0.76 1.01
INCHES MIN MAX 0.370 0.400 0.240 0.260 0.155 0.175 0.015 0.020 0.040 0.070 0.100 BSC 0.030 0.050 0.008 0.012 0.115 0.135 0.300 BSC --- 10_ 0.030 0.040
B
M
A
8
D
5
D SUFFIX PLASTIC SOIC PACKAGE CASE 751-05 ISSUE R
C H 0.25
M
E
1 4
B
M
NOTES: 1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994. 2. DIMENSIONS ARE IN MILLIMETERS. 3. DIMENSION D AND E DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 PER SIDE. 5. DIMENSION B DOES NOT INCLUDE MOLD PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 TOTAL IN EXCESS OF THE B DIMENSION AT MAXIMUM MATERIAL CONDITION. DIM A A1 B C D E e H h L MILLIMETERS MIN MAX 1.35 1.75 0.10 0.25 0.35 0.49 0.18 0.25 4.80 5.00 3.80 4.00 1.27 BSC 5.80 6.20 0.25 0.50 0.40 1.25 0_ 7_
B C
e h A
SEATING PLANE X 45 _
q
0.10 A1 0.25 B
M
L CB
S
A
S
q
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. How to reach us: USA / EUROPE / Locations Not Listed: Motorola Literature Distribution; P.O. Box 5405; Denver, Colorado 80217. 303-675-2140 or 1-800-441-2447 MfaxTM: RMFAX0@email.sps.mot.com - TOUCHTONE 602-244-6609 INTERNET: http://Design-NET.com
JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 81-3-3521-8315 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298
MOTOROLA 6
MC12026A/D HIPERCOMM BR1334 -- Rev 4


▲Up To Search▲   

 
Price & Availability of MC12026BP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X