|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Freescale Semiconductor, Inc. MOTOROLA SEMICONDUCTOR TECHNICAL DATA Order number: MC100ES6011 Rev 3, 05/2004 2.5V / 3.3V ECL 1:2 Differential Fanout Buffer The MC100ES6011 is a differential 1:2 fanout buffer. The ES6011 is ideal for applications requiring lower voltage. The 100ES Series contains temperature compensation. Features * * * * * * * 270 ps Typical Propagation Delay Maximum Frequency > 3 GHz Typical PECL Mode Operating Range: VCC = 2.375 V to 3.8 V with VEE = 0 V ECL Mode Operating Range: VCC = 0 V with VEE = -2.375 V to -3.8 V Open Input Default State Q Output Will Default LOW with Inputs Open or at VEE LVDS Input Compatible MC100ES6011 D SUFFIX 8-LEAD SOIC PACKAGE CASE 751 Freescale Semiconductor, Inc... ORDERING INFORMATION Device MC100ES6011D MC100ES6011DR2 Package SO-8 SO-8 Q0 1 8 VCC Pin PIN DESCRIPTION Function ECL Data Inputs ECL Data Outputs Positive Supply Negative Supply Q0 2 7 D D1, D2 Q0, Q0 Q1, Q1 VCC VEE Q1 3 6 D 1. Pins will default LOW when left open. 2. Pins will default to 0.572 VCC/2 when left open. Q1 4 5 VEE Figure 1. 8-Lead Pinout (Top View) and Logic Diagram (c) Motorola, Inc. 2004 For More Information On This Product, Go to: www.freescale.com Freescale Semiconductor, Inc. MC100ES6011 Table 1. Attributes Characteristics Internal Input Pulldown Resistor Internal Input Pullup Resistor ESD Protection Human Body Model Machine Model Charged Device Model 0 LFPM, 8 SOIC 500 LFPM, 8 SOIC Value 75 k 56 k > 4000 V > 200 V > 1500 V 190C/W 130C/W JA Thermal Resistance (Junction to Ambient) Meets or exceeds JEDEC Spec EIA/JESD78 IC Latchup Test Figure 1. Table 2. Maximum Ratings1 Freescale Semiconductor, Inc... Symbol VSUPPLY VIN IOUT TA Tstg Parameter Power Supply Voltage Input Voltage Conditions Difference between VCC & VEE VCC-VEE < 3.6 V Continuous Surge Rating 3.9 VCC+0.3 VEE-0.3 50 100 -40 to +85 -65 to +150 Units V V V mA mA C C Output Current Operating Temperature Range Storage Temperature Range 1. Absolute maxim continuous ratings are those maximum values beyond which damage to the device may occur. Exposure to these conditions or conditions beyond those indicated may adversely affect device reliability. Functional operation at absolute-maximum-rated conditions is not implied. Table 3. DC Characteristics (VCC = 0 V; VEE = -2.5 V 5% or VCC = 2.5 V 5%; VEE = 0 V)1 Symbol IEE VOH VOL VOUTPP VIH VIL VPP VCMR IIN Characteristic Power Supply Current Output HIGH Voltage Output LOW 2 -40C Min Typ 12 VCC-1160 VCC-1830 200 VCC-1165 VCC-1810 0.12 VEE+1.0 VCC-880 VCC-1475 1.3 VCC-0.8 150 VCC-1005 VCC-1605 Max 25 VCC-880 VCC-1305 VCC-1100 VCC-1810 200 VCC-1165 VCC-1810 0.12 VEE+1.0 Min 0C to 85C Typ 12 VCC-955 VCC-1705 Max 25 VCC-740 VCC-1405 Unit mA mV mV mV Voltage2 Output Peak-to-Peak Voltage Input HIGH Voltage (Single Ended) Input LOW Voltage (Single Ended) Differential Input Voltage3 Differential Cross Point Voltage4 Input Current VCC-880 VCC-1475 1.3 VCC-0.8 150 mV mV V V A 1. ES6011 circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The circuit is in a test socket or mounted on a printed circuit board and transverse airflow > 500 LFPM is maintained. 2. Output termination voltage VTT = 0 V for VCC = 2.5 V operation is supported but the power consumption of the device will increase. 3. VPP (DC) is the minimum differential input voltage swing required to maintain device functionality. 4. VCMR (DC) is the crosspoint of the differential input signal. Functional operation is obtained when the crosspoint is within the VCMR (DC) range and the input swing lies within the VPP (DC) specification. MOTOROLA 2 TIMING SOLUTIONS For More Information On This Product, Go to: www.freescale.com Freescale Semiconductor, Inc. MC100ES6011 Table 4. DC Characteristics (VCC = 0 V; VEE = -3.8 to -3.135 or VCC = 3.8 to 3.135 V; VEE = 0 V)1 Symbol IEE VOH VOL VOUTPP VIH VIL VPP VCMR IIN Characteristic Power Supply Current Output HIGH Voltage Output LOW 2 -40C Min VCC-1160 VCC-1830 200 VCC-1165 VCC-1810 0.12 4 0C to 85C Max 25 VCC-880 VCC-1405 VCC-880 VCC-1475 1.3 VCC-0.8 150 VCC-1100 VCC-1830 200 VCC-1165 VCC-1810 0.12 VEE+1.0 VCC-880 VCC-1475 1.3 VCC-0.8 150 Min Typ 12 VCC-955 VCC-1705 Max 25 VCC-740 VCC-1405 Typ 12 VCC-1005 VCC-1705 Unit mA mV mV mV mV mV V V A Voltage2 Output Peak-to-Peak Voltage Input HIGH Voltage (Single Ended) Input LOW Voltage (Single Ended) Differential Input Input Current Voltage3 Differential Cross Point Voltage VEE+1.0 Freescale Semiconductor, Inc... 1. ES6011 circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The circuit is in a test socket or mounted on a printed circuit board and transverse airflow > 500 LFPM is maintained. 2. Output termination voltage VTT = 0 V for VCC = 2.5 V operation is supported but the power consumption of the device will increase. 3. VPP (DC) is the minimum differential input voltage swing required to maintain device functionality. 4. VCMR (DC) is the crosspoint of the differential input signal. Functional operation is obtained when the crosspoint is within the VCMR (DC) range and the input swing lies within the VPP (DC) specification. Table 5. AC Characteristics (VCC = 0 V; VEE = -3.8 to -2.375 or VCC = 2.375 to 3.8 V; VEE = 0 V)1 Symbol fMAX tPLH, tPHL tSKEW tJITTER VPP VCMR tr tf Characteristic Maximum Frequency Propagation Delay (Differential) CLK to Q, Q Within Device Skew Q, Q Device-to-Device Skew2 Cycle-to-Cycle Jitter RMS (1) 150 VEE+1.2 70 Input Voltage Swing (Differential) Differential Cross Point Voltage Output Rise/Fall Times (20% - 80%) 170 -40C Min Typ >3 260 9 300 20 130 1 1200 VCC-1.1 220 150 VEE+1.2 70 180 Max Min 25C Typ >3 270 9 310 20 130 1 1200 VCC-1.1 220 150 VEE+1.2 70 210 Max Min 0C to 85C Typ >3 285 9 360 20 150 1 1200 VCC-1.1 220 Max Unit GHz ps ps ps mV V ps 1. Measured using a 750 mV source 50% Duty Cycle clock source. All loading with 50 to VCC-2.0 V. 2. Skew is measured between outputs under identical transitions. Q Driver Device Qb 50 50 D Receiver Device Db VTT VTT = VCC - 2.0 V Figure 2. VOUTPP versus Frequency Figure 3. Typical Termination for Output Driver and Device Evaluation TIMING SOLUTIONS 3 MOTOROLA For More Information On This Product, Go to: www.freescale.com Freescale Semiconductor, Inc. MC100ES6011 Marking Notes: Device Nomenclature MC100ES6011D 8-Lead SOIC Marking M6011 Trace Code Identification: "A" -- The First character indicates the Assembly location. "L" -- The Second character indicates the Source Wafer Lot Tracking Code. "Y" -- The Third character indicates the "ALPHA CODE" of the year device was assembled. "W" -- The Fourth character indicates the "ALPHA CODE" of the Work Week device was assembled. The "Y" Year ALPHA CODES Month Work Week Code FIRST 6 MONTHS SECOND 6 MONTHS FIRST 6 MONTHS SECOND 6 MONTHS FIRST 6 MONTHS SECOND 6 MONTHS FIRST 6 MONTHS SECOND 6 MONTHS FIRST 6 MONTHS SECOND 6 MONTHS FIRST 6 MONTHS SECOND 6 MONTHS FIRST 6 MONTHS SECOND 6 MONTHS FIRST 6 MONTHS SECOND 6 MONTHS FIRST 6 MONTHS SECOND 6 MONTHS FIRST 6 MONTHS SECOND 6 MONTHS FIRST 6 MONTHS SECOND 6 MONTHS FIRST 6 MONTHS SECOND 6 MONTHS FIRST 6 MONTHS SECOND 6 MONTHS WW01 - WW26 WW27 - WW52 WW01 - WW26 WW27 - WW52 WW01 - WW26 WW27 - WW52 WW01 - WW26 WW27 - WW52 WW01 - WW26 WW27 - WW52 WW01 - WW26 WW27 - WW52 WW01 - WW26 WW27 - WW52 WW01 - WW26 WW27 - WW52 WW01 - WW26 WW27 - WW52 WW01 - WW26 WW27 - WW52 WW01 - WW26 WW27 - WW52 WW01 - WW26 WW27 - WW52 WW01 - WW26 WW27 - WW52 The "W" Work Week ALPHA CODES 1st 6 Months (WW01 - WW26) 2nd 6 Months (WW27 - WW52) A = WW01 B = WW02 C = WW03 D = WW04 E = WW05 F = WW06 G = WW07 H = WW08 I = WW09 J = WW10 K = WW11 L = WW12 M = WW13 N = WW14 O = WW15 P = WW16 Q = WW17 R = WW18 S = WW19 T = WW20 U = WW21 V = WW22 W = WW23 X = WW24 Y = WW25 Z = WW26 A = WW27 B = WW28 C = WW29 D = WW30 E = WW31 F = WW32 G = WW33 H = WW34 I = WW35 J = WW36 K = WW37 L = WW38 M = WW39 N = WW40 O = WW41 P = WW42 Q = WW43 R = WW44 S = WW45 T = WW46 U = WW47 V = WW48 W = WW49 X = WW50 Y = WW51 Z = WW52 Year A = 2003 B = 2003 C = 2004 D = 2004 E = 2005 F = 2005 G = 2006 H = 2006 I = 2007 J = 2007 K = 2008 L = 2008 M = 2009 N = 2009 O = 2010 P = 2010 Q = 2011 R = 2011 S = 2012 T = 2012 U = 2013 V = 2013 W = 2014 X = 2014 Y = 2015 Z = 2015 Freescale Semiconductor, Inc... Marking Example: XABR X A B = Assembly Location = First Lot Assembled of this device in the designated Work Week = 2003 Second 6 Months, WW27 - WW52 R = WW44 of 2003 MOTOROLA 4 TIMING SOLUTIONS For More Information On This Product, Go to: www.freescale.com Freescale Semiconductor, Inc. MC100ES6011 OUTLINE DIMENSIONS D SUFFIX 8-LEAD SOIC PACKAGE CASE 751-06 ISSUE T A 8 D 5 C E 1 4 H 0.25 M B M NOTES: 1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994. 2. DIMENSIONS ARE IN MILLIMETER. 3. DIMENSION D AND E DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 PER SIDE. 5. DIMENSION B DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 TOTAL IN EXCESS OF THE B DIMENSION AT MAXIMUM MATERIAL CONDITION. MILLIMETERS MIN MAX 1.35 1.75 0.10 0.25 0.35 0.49 0.19 0.25 4.80 5.00 3.80 4.00 1.27 BSC 5.80 6.20 0.25 0.50 0.40 1.25 0 7 Freescale Semiconductor, Inc... h B C e A SEATING PLANE X 45 L 0.10 A1 B 0.25 M CB S A S DIM A A1 B C D E e H h L q STYLE 1: PIN 1. 2. 3. 4. 5. 6. 7. 8. EMITTER COLLECTOR COLLECTOR EMITTER EMITTER BASE BASE EMITTER STYLE 2: PIN 1. 2. 3. 4. 5. 6. 7. 8. COLLECTOR, DIE, #1 COLLECTOR, #1 COLLECTOR, #2 COLLECTOR, #2 BASE, #2 EMITTER, #2 BASE, #1 EMITTER, #1 STYLE 3: PIN 1. 2. 3. 4. 5. 6. 7. 8. DRAIN, DIE #1 DRAIN, #1 DRAIN, #2 DRAIN, #2 GATE, #2 SOURCE, #2 GATE, #1 SOURCE, #1 STYLE 4: PIN 1. 2. 3. 4. 5. 6. 7. 8. ANODE ANODE ANODE ANODE ANODE ANODE ANODE COMMON CATHODE STYLE 5: PIN 1. 2. 3. 4. 5. 6. 7. 8. DRAIN DRAIN DRAIN DRAIN GATE GATE SOURCE SOURCE STYLE 6: PIN 1. 2. 3. 4. 5. 6. 7. 8. SOURCE DRAIN DRAIN SOURCE SOURCE GATE GATE SOURCE STYLE 7: PIN 1. 2. 3. 4. 5. 6. 7. 8. INPUT EXTERNAL BYPASS THIRD STAGE SOURCE GROUND DRAIN GATE 3 SECOND STAGE Vd FIRST STAGE Vd STYLE 8: PIN 1. 2. 3. 4. 5. 6. 7. 8. COLLECTOR, DIE #1 BASE, #1 BASE, #2 COLLECTOR, #2 COLLECTOR, #2 EMITTER, #2 EMITTER, #1 COLLECTOR, #1 STYLE 9: PIN 1. 2. 3. 4. 5. 6. 7. 8. EMITTER, COMMON COLLECTOR, DIE #1 COLLECTOR, DIE #2 EMITTER, COMMON EMITTER, COMMON BASE, DIE #2 BASE, DIE #1 EMITTER, COMMON STYLE 10: PIN 1. 2. 3. 4. 5. 6. 7. 8. GROUND BIAS 1 OUTPUT GROUND GROUND BIAS 2 INPUT GROUND STYLE 11: PIN 1. 2. 3. 4. 5. 6. 7. 8. SOURCE 1 GATE 1 SOURCE 2 GATE 2 DRAIN 2 DRAIN 2 DRAIN 1 DRAIN 1 STYLE 12: PIN 1. 2. 3. 4. 5. 6. 7. 8. SOURCE SOURCE SOURCE GATE DRAIN DRAIN DRAIN DRAIN STYLE 13: PIN 1. 2. 3. 4. 5. 6. 7. 8. N.C. SOURCE SOURCE GATE DRAIN DRAIN DRAIN DRAIN STYLE 14: PIN 1. 2. 3. 4. 5. 6. 7. 8. N-SOURCE N-GATE P-SOURCE P-GATE P-DRAIN P-DRAIN N-DRAIN N-DRAIN STYLE 15: PIN 1. 2. 3. 4. 5. 6. 7. 8. ANODE 1 ANODE 1 ANODE 1 ANODE 1 CATHODE, COMMON CATHODE, COMMON CATHODE, COMMON CATHODE, COMMON STYLE 16: PIN 1. 2. 3. 4. 5. 6. 7. 8. EMITTER, DIE #1 BASE, DIE #1 EMITTER, DIE #2 BASE, DIE #2 COLLECTOR, DIE #2 COLLECTOR, DIE #2 COLLECTOR, DIE #1 COLLECTOR, DIE #1 STYLE 17: PIN 1. 2. 3. 4. 5. 6 VCC V2OUT V1OUT TXE RXE VEE STYLE 18: PIN 1. 2. 3. 4. 5. 6 ANODE ANODE SOURCE GATE DRAIN DRAIN TIMING SOLUTIONS 5 MOTOROLA For More Information On This Product, Go to: www.freescale.com Freescale Semiconductor, Inc. MC100ES6011 NOTES Freescale Semiconductor, Inc... MOTOROLA 6 TIMING SOLUTIONS For More Information On This Product, Go to: www.freescale.com Freescale Semiconductor, Inc. MC100ES6011 NOTES Freescale Semiconductor, Inc... TIMING SOLUTIONS 7 MOTOROLA For More Information On This Product, Go to: www.freescale.com Freescale Semiconductor, Inc. Freescale Semiconductor, Inc... Information in this document is provided solely to enable system and software implementers to use Motorola products. There are no express or implied copyright licenses granted hereunder to design or fabricate any integrated circuits or integrated circuits based on the information in this document. Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. MOTOROLA and the Stylized M Logo are registered in the US Patent and Trademark Office. All other product or service names are the property of their respective owners. (c) Motorola, Inc. 2004 HOW TO REACH US: USA/EUROPE/LOCATIONS NOT LISTED: Motorola Literature Distribution P.O. Box 5405, Denver, Colorado 80217 1-800-521-6274 or 480-768-2130 JAPAN: Motorola Japan Ltd.; SPS, Technical Information Center 3-20-1 Minami-Azabu. Minato-ku, Tokyo 106-8573, Japan 81-3-3440-3569 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; Silicon Harbour Centre 2 Dai King Street, Tai Po Industrial Estate, Tai Po, N.T., Hong Kong 852-26668334 HOME PAGE: http://motorola.com/semiconductors MC100ES6011 For More Information On This Product, Go to: www.freescale.com |
Price & Availability of MC100ES6011DR2 |