Part Number Hot Search : 
08KTTD DN2540N8 FA02047 DTD723YM LNBP10 S220KFKT 2SK3067 80C51
Product Description
Full Text Search
 

To Download MBT3906DW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBT3906DW
Dual General Purpose Transistor PNP+PNP Silicon
P b Lead(Pb)-Free
3 2 1
65
4
1
4 5 6
2
3
SOT-363(SC-88)
Maximum Ratings
Rating Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current-Continuous Symbol VCEO VCBO VEBO IC
PNP+PNP Value -40 -40 -5.0 -200 Unit Vdc Vdc Vdc mAdc
Thermal Characteristics
Characteristics Total Device Dissipation TA=25 C
(1)
Symbol PD R JA TJ,Tstg
Max 150 833 -55 to +150
Unit mW C/W C
Thermal Resistance, Junction to Ambient Junction and Storage, Temperature
Device Marking
MBT3906DW=A2
Electrical Characteristics Off Characteristics
(TA=25 C Unless Otherwise noted) Symbol Min Max Unit
Characteristics
Collector-Emitter Breakdown Voltage(2) (IC=-1.0mAdc.IB=0) Collector-Base Breakdown Voltage (IC=-10 uAdc, IE=0) Emitter-Base Breakdown Voltage (IE=-10 uAdc, IC=0) Base Cutoff Current (VCE=-30 Vdc, VEB =-3.0 Vdc) Collector Cutoff Current (VCE=-30Vdc, VEB=-3.0Vdc)
V(BR)CEO V(BR)CBO V(BR)EBO IBL ICEX
-40 -40 -5.0
-50 -50
Vdc Vdc Vdc nAdc nAdc
-
1.Decice Mounted on FR4 glass epoxy printed circuit board using the minimun recommended foot print. 2.Pulse Test:Pluse Width <300 S, Duty Cycle <2.0%. = =
http://www.weitron.com.tw
WEITRON
1/6
27-Sep-05
MBT3906DW
Electrical Characteristics (TA=25 C unless otherwise noted) (Countinued)
Characteristics Symbol Min Max Unit
On Characteristics (2)
DC Current Gain (IC= -0.1 mAdc, VCE= -1.0Vdc) (IC= -1.0 mAdc, VCE= -1.0 Vdc) (IC= -10 mAdc, VCE= -1.0Vdc) (IC= -50 mAdc, VCE= -1.0Vdc) (IC= -100 mAdc, VCE= -1.0Vdc) Collector-Emitter Saturation Voltage (2) (IC= -10 mAdc, IB= -1.0mAdc) (IC= -50 mAdc, IB= -5.0mAdc) Base-Emitter Saturation Voltage (2) (IC= -10 mAdc, IB= -1.0 mAdc) (IC= -50 mAdc, IB= -5.0 mAdc) VCE(sat) HFE 60 80 100 60 30 -0.65 -
300 -0.25 -0.4 -0.85 -0.95 Vdc -
VBE(sat)
Vdc
Small-signal Characteristics
Current-Gain-Bandwidth Product (1) (IC= -10 mAdc, VCE= -20 Vdc, f=100MHz) Output Capacitance (VCB= -5.0 Vdc, IE=0, f=1.0MHz) Input Capacitance (VEB= -0.5 Vdc, IC=0, f=1.0MHz) Input Impedance (VCE= -10 Vdc IC=-1.0 mAdc, f=1.0 kHz) Voltage Feeback Radio (VCE= -10Vdc IC=1.0 mAdc, f=1.0 kHz) Small-Signal Current Gain (VCE= -10Vdc IC=1.0 mAdc, , f=1.0 kHz) Output Admittance (VCE= -10Vdc IC=1.0 mAdc, f=-1.0kHz) Noise Figure (VCE= -5.0Vdc IC= -100 Adc, , RS=1.0k ohms, f=1.0kHz) fT Cobo Cibo hie hre hfe hoe NF 250 2.0 0.1 100 3.0 4.5 10 12 10 400 60 MHz pF pF k ohms x 10-4 mhos dB
4.0
Switching Characteristics
Delay Time Rise Time Storage Time Fall Time (Vcc= -3.0 Vdc, VBE= 0.5 Vdc Ic= -10 mAdc, IB1= -1.0 mAdc) (Vcc= -3.0 Vdc, Ic= -10 mAdc, IB1=IB2= -1.0 mAdc) td tr ts tf 35 35 225 75 ns
ns
http://www.weitron.com.tw
WEITRON
MBT3906DW
3V 275 10k CS<4 pF 10.6V 300 ns DUTY CYCLE=2% 10<1ns +0.5V
*Total shunt capacitance of test jig and connectors Figure 1. Delay and Rise Time Equivalent Test Circuit Figure . Storage and Fall Time Equivalent Test Circuit
TYPICAL TRANSIENT CHARACTERISTICS TJ=25 C
10 7.0 5000 3000 2000
TJ=125 C
CAPACITANCE (pF)
VCC=40V IC/IB=10
Q CHARGE (pC)
5.0
Cobo Cibo
1000 700 500 300 200 100
3.0
2.0
QT Q
A
1.0
0.1
0.2
0.3
0.5 0.7 1.0
2.0
3.0
5.0 7.0 10
20 30
40
70 50
1.0
2.0 3.0
5.0
7.0 10
20
30
50 70
100
200
REVERSEM BIAS (VOLTS)
IC COLLECTOR CURRENT (mA)
Figure 3. Capacitance
Figure 4. Charge Data
500 300 200 IC/IB=10
500 300 200
tf FALL TIME (ns)
IC/IB=20
VCC=40V IB1=IB2
100
100 70 50 30 20 10 7 5
TIME (ns)
70 50 30 20 10 7 5
tr@VCC=3.0V 15V 40V 2.0V td@VOB=0V 1.0 2.0 3.0 5.0 7.0 10 20 30 50 70 100 IC COLLECTOP CURRENT (mA) 200
IC/IB=10
1.0
2.0
3.0
5.0 7.0 10
20
30
50
70 100
200
Figure 5. Turn-On Time
IC COLLECTYOR CURRENT (mA)
Figure 6.Fall Time
http://www.weitron.com.tw
WEITRON
MBT3906DW
TYPICAL AUDIO SMALL-SIGNAL CHARACTERISTICS NOISE FIGURE VARIATIONS
(VCE= -5.0 Vdc, TA= 25 C, Bandwidth= 1.0Hz)
5.0
NF NOISE FIGURE (dB)
SOURCE RESISTANCE=2001/2 IC=0.5 mA SOURCE RESISTANCE=2.0 k IC=50 A
NF NOISE FIGURE (dB)
4.0
SOURCE RESISTANCE=2001/2 IC=1.0 mA
12 f=1.0 kHz 10 IC=1.0mA IC=0.5mA
8 6 IC=100A
3.0
2.0
4 2 0
IC=50A
1.0
SOURCE RESISTANCE=2.0 k IC=100 A
0.1 0.2 0.4 1.0 2.0 4.0 10 20 40 100
0
0.1
0.2
0.4
1.0
2.0
4.0
10
20
40
100
f FREQUENCY (kHZ)
Figure 7.
Rg SOURCE RESISTANCE (k OHMS)
Figure 8.
h PARAMETERS
300
(VCE= -10 Vdc, f= 1.0 kHz, TA= 25 C)
100
hoe OUTPUT ADMITTANCE ( mhos)
0.1 0.2 0.3 0.5 0.7 1.0 2.0 3.0 5.0 7.0 1.0
70 50 30 20
hfe DC CURRENT GAIN
200
100 70 50
10 7 5 0.1 0.2 0.3 0.5 0.7 1.0 2.0 3.0 5.0 7.0 1.0
30
IC COLLECTOR CURRENT (mA)
Figure 9. Current Gain
Figure 10. Input Impedance
IC COLLECTOR CURRENT(mA)
hfe VOLTAGE FEEBACK RATIO (X 10x4)
20
10 7.0 5.0 3.0 2.0
hfe INPUT IMPEDANCE (k OHMS)
10 7.0 5.0 3.0 2.0 1.0 0.7 0.5 0.3 0.2
1.0 0.7 0.5 0.1 0.2 0.3 0.5 0.7 1.0 2.0 3.0 5.0 7.0 10
0.1
0.2
0.3
0.5
0.7
1.0
2.0
3.0
5.0
7.0 10
Figure .11 Input Impedance
IC COLLECTOR CURRENT (MA)
IC COLLECTOR CURRENT (mA)
Figure 12. Votage Feeback Ratio
http://www.weitron.com.tw
WEITRON
MBT3906DW
TYPICAL STATIC CHARACTERISTICS
hFE DC CURRENT GAIN (NORMALIZED)
2.0
TJ=+125 C +25 C VCE=10V
1.0 0.7
-55 C
0.5 0.3 0.2
0.1 0.1 0.2 0.3 0.5 0.7 1.0 2.0 3.0 5.0 7.0 10 20 30 50 70 100 200
Figurer 13. DC Current Gain
VCE COLLECTOR EMITTER VOLTAGE (VOLTS)
1.0
IC COLLECTOR CURRENT (mA)
TJ=25 C
0.8
IC=1.0mA
10mA
30mA
100mA
0.6
0.4
0.2
0
0.01
0.02
0.03
0.05
0.07
0.1
0.2
0.3
0.5
0.7
1.0
2.0
3.0
5.0
7.0
10
Figure 14. Collector Saturation Region
1.0 TJ=25 C VBE(sat) @ IC/IB=10
IB BASE CURRENT (mA)
qv TEMPERATURE COEFFICIENTS (mVAC)
1.0 0.5 0 -0.5 +25 C TO +125 C -1.0 -55 C TO +25 C -1.5 -2.0 qVB FOR VBE(sat)
V VOLTAGE (VOLTS)
0.8 VBE(sat) @VCE=1.0V 0.6
qVC FOR VCE(sat)
+25 C TO +125 C
-55 C TO +25 C
0.4 VCE(sat) @ IC/IB=10 0.2
0
10
20
50
10
20
50
100
200
0
20
40
60
80
100
120
140
160
180
200
IC COLLECTOR CURRENT (mA)
Figure 15. "ON" Voltages
Figure 16.Temperature Coefficients
IC COLLECTOR CURRENT (mA)
http://www.weitron.com.tw
WEITRON
MBT3906DW
SOT-363 Package Outline Dimensions
A
Unit:mm
SOT-363
4
6
5
BC
1 2 3
D
E
H K J L M
Dim A B C D E H J K L M
Min Max 0.10 0.30 1.15 1.35 2.00 2.20 0.65 REF 0.30 0.40 1.80 2.20 0.10 0.80 1.10 0.25 0.40 0.10 0.25
WEITRON
http://www.weitron.com.tw


▲Up To Search▲   

 
Price & Availability of MBT3906DW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X