Part Number Hot Search : 
20M22X MA80620H VF040 2SC3451N IN1232 SM3P2 IRG4P F7476
Product Description
Full Text Search
 

To Download MBT2222ADW1T1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBT2222ADW1T1 General Purpose Transistor
NPN Silicon
* Moisture Sensitivity Level: 1 * ESD Rating: Human Body Model - 4 kV
Machine Model - 400 V
MAXIMUM RATINGS
Rating Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current - Continuous Symbol VCEO VCBO VEBO IC Value 40 75 6.0 600 Unit Vdc Vdc Vdc mAdc (4) (5) (6) Q1 Q2 (3)
http://onsemi.com
(2)
(1)
THERMAL CHARACTERISTICS
Characteristic Total Package Dissipation (Note 1) TA = 25C Thermal Resistance, Junction-to-Ambient Junction and Storage Temperature Symbol PD RqJA TJ, Tstg Max 150 833 -55 to +150 Unit mW 1 C/W C SC-88/SC70-6/SOT-363 CASE 419B STYLE 1
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. 1. Device mounted on FR4 glass epoxy printed circuit board using the minimum recommended footprint.
MARKING DIAGRAM
6 1P D 1 1P = Specific Device Code D = Date Code
ORDERING INFORMATION
Device MBT2222ADW1T1 Package SOT-363 Shipping 3000/T ape & Reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
(c) Semiconductor Components Industries, LLC, 2004
1
September, 2004 - Rev. 1
Publication Order Number: MBT2222ADW1T1/D
MBT2222ADW1T1
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted)
Characteristic OFF CHARACTERISTICS Collector-Emitter Breakdown Voltage (IC = 10 mAdc, IB = 0) Collector-Base Breakdown Voltage (IC = 10 mAdc, IE = 0) Emitter-Base Breakdown Voltage (IE = 10 mAdc, IC = 0) Collector Cutoff Current (VCE = 60 Vdc, VEB(off) = 3.0 Vdc) Collector Cutoff Current (VCB = 60 Vdc, IE = 0) (VCB = 60 Vdc, IE = 0, TA = 125C) Emitter Cutoff Current (VEB = 3.0 Vdc, IC = 0) Base Cutoff Current (VCE = 60 Vdc, VEB(off) = 3.0 Vdc) ON CHARACTERISTICS DC Current Gain (IC = 0.1 mAdc, VCE = 10 Vdc) (IC = 1.0 mAdc, VCE = 10 Vdc) (IC = 10 mAdc, VCE = 10 Vdc) (IC = 10 mAdc, VCE = 10 Vdc, TA = -55C) (IC = 150 mAdc, VCE = 10 Vdc) (Note 2) (IC = 150 mAdc, VCE = 1.0 Vdc) (Note 2) (IC = 500 mAdc, VCE = 10 Vdc) (Note 2) Collector-Emitter Saturation Voltage (Note 2) (IC = 150 mAdc, IB = 15 mAdc) (IC = 500 mAdc, IB = 50 mAdc) Base-Emitter Saturation Voltage (Note 2) (IC = 150 mAdc, IB = 15 mAdc) (IC = 500 mAdc, IB = 50 mAdc) 2. Pulse Test: Pulse Width 300 ms, Duty Cycle 2.0%. hFE 35 50 75 35 100 50 40 VCE(sat) - - VBE(sat) 0.6 - 1.2 2.0 0.3 1.0 Vdc - - - - 300 - - Vdc - V(BR)CEO V(BR)CBO V(BR)EBO ICEX ICBO - - IEBO IBL - - 0.01 10 100 20 nAdc nAdc 40 75 6.0 - - - - 10 Vdc Vdc Vdc nAdc mAdc Symbol Min Max Unit
http://onsemi.com
2
MBT2222ADW1T1
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted)
Characteristic SMALL-SIGNAL CHARACTERISTICS Current-Gain - Bandwidth Product (Note 3) (IC = 20 mAdc, VCE = 20 Vdc, f = 100 MHz) Output Capacitance (VCB = 10 Vdc, IE = 0, f = 1.0 MHz) Input Capacitance (VEB = 0.5 Vdc, IC = 0, f = 1.0 MHz) Input Impedance (IC = 1.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz) (IC = 10 mAdc, VCE = 10 Vdc, f = 1.0 kHz) Voltage Feedback Ratio (IC = 1.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz) (IC = 10 mAdc, VCE = 10 Vdc, f = 1.0 kHz) Small-Signal Current Gain (IC = 1.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz) (IC = 10 mAdc, VCE = 10 Vdc, f = 1.0 kHz) Output Admittance (IC = 1.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz) (IC = 10 mAdc, VCE = 10 Vdc, f = 1.0 kHz) Collector Base Time Constant (IE = 20 mAdc, VCB = 20 Vdc, f = 31.8 MHz) Noise Figure (IC = 100 mAdc, VCE = 10 Vdc, RS = 1.0 kW, f = 1.0 kHz) SWITCHING CHARACTERISTICS Delay Time Rise Time Storage Time Fall Time (VCC = 30 Vdc, VBE(off) = - 0.5 Vdc, IC = 150 mAdc, IB1 = 15 mAdc) (VCC = 30 Vdc, IC = 150 mAdc, IB1 = IB2 = 15 mAdc) td tr ts tf - - - - 10 25 225 60 ns ns fT Cobo Cibo hie 2.0 0.25 hre - - hfe 50 75 hoe 5.0 25 rb, Cc - NF - 4.0 150 dB 35 200 ps 300 375 mmhos 8.0 4.0 - 8.0 1.25 X 10- 4 300 - - - 8.0 25 MHz pF pF kW Symbol Min Max Unit
3. fT is defined as the frequency at which |hfe| extrapolates to unity.
http://onsemi.com
3
MBT2222ADW1T1
SWITCHING TIME EQUIVALENT TEST CIRCUITS
+30 V +16 V 0 -2 V 1.0 to 100 ms, DUTY CYCLE 2.0% 1 kW < 2 ns 200 +16 V 0 CS* < 10 pF -14 V < 20 ns 1.0 to 100 ms, DUTY CYCLE 2.0% 1k 1N914 +30 V 200
CS* < 10 pF
-4 V Scope rise time < 4 ns *Total shunt capacitance of test jig, connectors, and oscilloscope.
Figure 1. Turn-On Time
Figure 2. Turn-Off Time
1000 700 500 hFE , DC CURRENT GAIN 300 200
TJ = 125C
25C 100 70 50 30 20 10 0.1 0.2 0.3 0.5 0.7 1.0 2.0 3.0 -55C VCE = 1.0 V VCE = 10 V 5.0 7.0 10 20 30 IC, COLLECTOR CURRENT (mA) 50 70 100 200 300 500 700 1.0 k
Figure 3. DC Current Gain
VCE , COLLECTOR-EMITTER VOLTAGE (VOLTS)
1.0 TJ = 25C 0.8 IC = 1.0 mA
0.6
10 mA
150 mA
500 mA
0.4
0.2 0 0.005
0.01
0.02 0.03
0.05
0.1
0.2
0.3 0.5 1.0 IB, BASE CURRENT (mA)
2.0
3.0
5.0
10
20
30
50
Figure 4. Collector Saturation Region
http://onsemi.com
4
MBT2222ADW1T1
200 100 70 50 t, TIME (ns) 30 20 10 7.0 5.0 3.0 2.0 5.0 7.0 10 20 30 50 70 100 200 300 IC, COLLECTOR CURRENT (mA) 500 IC/IB = 10 TJ = 25C tr @ VCC = 30 V td @ VEB(off) = 2.0 V td @ VEB(off) = 0 500 300 200 100 70 50 30 20 10 7.0 5.0 ts = ts - 1/8 tf VCC = 30 V IC/IB = 10 IB1 = IB2 TJ = 25C
t, TIME (ns)
tf
5.0 7.0 10
20 30 50 70 100 200 IC, COLLECTOR CURRENT (mA)
300
500
Figure 5. Turn-On Time
Figure 6. Turn-Off Time
10 8.0 IC = 1.0 mA, RS = 150 W 500 mA, RS = 200 W 100 mA, RS = 2.0 kW 50 mA, RS = 4.0 kW RS = OPTIMUM RS = SOURCE RS = RESISTANCE
10 f = 1.0 kHz 8.0 NF, NOISE FIGURE (dB) IC = 50 mA 100 mA 500 mA 1.0 mA
NF, NOISE FIGURE (dB)
6.0
6.0
4.0
4.0
2.0 0 0.01 0.02 0.05 0.1 0.2
2.0 0 50
0.5 1.0 2.0
5.0 10
20
50 100
100 200
500 1.0 k 2.0 k
5.0 k 10 k 20 k
50 k 100 k
f, FREQUENCY (kHz)
RS, SOURCE RESISTANCE (OHMS)
Figure 7. Frequency Effects
f T, CURRENT-GAIN BANDWIDTH PRODUCT (MHz)
Figure 8. Source Resistance Effects
30 20 CAPACITANCE (pF) Ceb 10 7.0 5.0 Ccb 3.0 2.0
500 VCE = 20 V TJ = 25C
300 200
100 70 50 1.0 2.0 3.0 5.0 7.0 10 20 30 IC, COLLECTOR CURRENT (mA) 50 70 100
0.1
0.2 0.3
0.5 0.7 1.0 2.0 3.0 5.0 7.0 10 REVERSE VOLTAGE (VOLTS)
20 30
50
Figure 9. Capacitances
Figure 10. Current-Gain Bandwidth Product
http://onsemi.com
5
MBT2222ADW1T1
1.0 TJ = 25C 0.8 VBE(sat) @ IC/IB = 10 0.6 VBE(on) @ VCE = 10 V 0.4 COEFFICIENT (mV/ C) V, VOLTAGE (VOLTS) 1.0 V 0 -0.5 -1.0 -1.5 -2.0 VCE(sat) @ IC/IB = 10 0 0.1 0.2 0.5 1.0 2.0 5.0 10 20 50 100 200 IC, COLLECTOR CURRENT (mA) 500 1.0 k -2.5 0.1 0.2 0.5 1.0 2.0 5.0 10 20 50 100 200 IC, COLLECTOR CURRENT (mA) 500 RqVB for VBE RqVC for VCE(sat) +0.5
0.2
Figure 11. "On" Voltages
Figure 12. Temperature Coefficients
http://onsemi.com
6
MBT2222ADW1T1
PACKAGE DIMENSIONS
SC-88/SC70-6/SOT-363 CASE 419B-02 ISSUE 02U
A G
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. 419B-01 OBSOLETE, NEW STANDARD 419B-02. INCHES MIN MAX 0.071 0.087 0.045 0.053 0.031 0.043 0.004 0.012 0.026 BSC --- 0.004 0.004 0.010 0.004 0.012 0.008 REF 0.079 0.087 MILLIMETERS MIN MAX 1.80 2.20 1.15 1.35 0.80 1.10 0.10 0.30 0.65 BSC --- 0.10 0.10 0.25 0.10 0.30 0.20 REF 2.00 2.20
6
5
4
S
1 2 3
-B-
D 6 PL 0.2 (0.008)
M
B N
M
DIM A B C D G H J K N S
J C
STYLE 1: PIN 1. EMITTER 2 2. BASE 2 3. COLLECTOR 1 4. EMITTER 1 5. BASE 1 6. COLLECTOR 2
H
K
SOLDERING FOOTPRINT
0.50 0.0197
0.65 0.025 0.65 0.025 0.40 0.0157 1.9 0.0748
SCALE 20:1
mm inches
http://onsemi.com
7
MBT2222ADW1T1
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: N. American Technical Support: 800-282-9855 Toll Free Literature Distribution Center for ON Semiconductor USA/Canada P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Phone: 81-3-5773-3850 Email: orderlit@onsemi.com ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
8
MBT2222ADW1T1/D


▲Up To Search▲   

 
Price & Availability of MBT2222ADW1T1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X