Part Number Hot Search : 
ISL88 MC6829 NTE1472 RT8259 MBR20 CRYSTAL CM6807CR MB7124
Product Description
Full Text Search
 

To Download MBRS130TR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin PD-20584 rev. E 07/04
MBRS130TR
SCHOTTKY RECTIFIER 1 Amp
IF(AV) = 1.0 Amp VR = 30V
Major Ratings and Characteristics Characteristics
IF(AV) Rectangular waveform VRRM IFSM @ tp= 5 s sine VF TJ @ 1.0Apk, TJ= 125C range
Description/ Features Units
A V A V C The MBRS130TR surface-mount Schottky rectifier has been designed for applications requiring low forward drop and small foot prints on PC boards. Typical applications are in disk drives, switching power supplies, converters, free-wheeling diodes, battery charging, and reverse battery protection. Small foot print, surface mountable Very low forward voltage drop High frequency operation Guard ring for enhanced ruggedness and long term reliability
Value
1.0 30 230 0.42 - 55 to 125
Case Styles MBRS130TR
SMB
www.irf.com
1
MBRS130TR
Bulletin PD-20584 rev. E 07/04
Voltage Ratings
Part number
VR Max. DC Reverse Voltage (V) VRWM Max. Working Peak Reverse Voltage (V)
MBRS130TR
30
Absolute Maximum Ratings
Parameters
IF(AV) Max. Average Forward Current IFSM EAS IAR Max. Peak One Cycle Non-Repetitive Surge Current, T J = 25C Non- Repetitive Avalanche Energy Repetitive Avalanche Current
Value
1.0 870 50 3.0 1.0
Units Conditions
A A 50% duty cycle @ TL = 147 C, rectangular wave form 5s Sine or 3s Rect. pulse 10ms Sine or 6ms Rect. pulse mJ A TJ = 25 C, IAS = 1A, L = 6mH Current decaying linearly to zero in 1 sec Frequency limited by TJ max. Va = 1.5 x Vr typical Following any rated load condition and with rated VRRM applied
Electrical Specifications
Parameters
VFM Max. Forward Voltage Drop (1)
Value
0.6 0.67 0.42 0.52
Units
V V V V mA mA mA pF nH V/s @ 1A @ 2A @ 1A @ 2A TJ = 25 C TJ = 100 C TJ = 125 C
Conditions
TJ = 25 C TJ = 125 C
IRM
Max. Reverse Leakage Current (1)
0.5 5.0 15
VR = rated VR
CT LS
Max. Junction Capacitance Typical Series Inductance
200 2.0 10000
VR = 5VDC (test signal range 100KHz to 1Mhz) 25C Measured lead to lead 5mm from package body
dv/dt Max. Voltage Rate of Change (Rated VR)
(1) Pulse Width < 300s, Duty Cycle < 2%
Thermal-Mechanical Specifications
Parameters
TJ Tstg Max. Junction Temperature Range (*) Max. Storage Temperature Range (**) 80 C/W DC operation
Value
- 55 to 125 - 55 to 150 25
Units
C C C/W DC operation
Conditions
RthJL Max. Thermal Resistance Junction to Lead RthJA Max. Thermal Resistance Junction to Ambient wt Approximate Weight Case Style Device Marking
(*) dPtot
0.10 (0.003) g (oz.) SMB IR13 Similar to DO-214AA
1 < thermal runaway condition for a diode on its own heatsink dTj Rth (j-a) (**) Mounted 1 inch square PCB
2
www.irf.com
MBRS130TR
Bulletin PD-20584 rev. E 07/04
10 TJ = 125C
10
Reverse Curent - I R (mA)
1
100C 75C 50C
0.1
0.01 25C 0.001
Instantaneous Forward Current - I F (A)
T = 125C J T = 25C J
0.0001
0
10
20
30
Reverse Voltage - VR (V) Fig. 2 - Typical Peak Reverse Current Vs. Reverse Voltage
1
1000 Junction Capa citance - C T (pF )
T = 25C J 100
0.1 0.2
0.4
0.6
0.8
1
1.2
1.4
Forward Voltage Drop - V FM (V) Fig. 1 - Maximum Forward Voltage Drop Characteristics
10
0
10
20
30
Reverse Voltage - V (V) R
Fig. 3 - Typical Junction Capacitance Vs. Reverse Voltage
www.irf.com
3
MBRS130TR
Bulletin PD-20584 rev. E 07/04
130
Allowable Lead Temperature (C)
120 110 100 90 80
see note (2)
Square wave (D = 0.50) Rated Vr applied
Average Power Loss (Watts)
DC
D = 0.20 D = 0.25 D = 0.33 D = 0.50 D = 0.75
0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 0 0.2 0.4 0.6 0.8 1
RMS Limit
D = 0.20 D = 0.25 D = 0.33 D = 0.50 D = 0.75 DC DC
70 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6
Average Forward Current - I F(AV) (A) Fig. 4 - Maximum Average Forward Current Vs. Allowable Lead Temperature
1.2 1.4 1.6
Average Forward Current - I F(AV) (A) Fig. 5 - Maximum Average Forward Dissipation Vs. Average Forward Current
Non-repetitive Surge Current - I
FSM
(A)
1000
100
At Any Rated Load Condition And With Rated Vrrm Applied Following Surge
10 10 100 1000 10000
Square Wave Pulse Duration - t p (microsec) Fig. 6 - Maximum Peak Surge Forward Current Vs. Pulse Duration
(2) Formula used: TC = TJ - (Pd + PdREV) x RthJC ; Pd = Forward Power Loss = I F(AV) x VFM @ (IF(AV) / D) (see Fig. 6); Pd REV = Inverse Power Loss = VR1 x IR (1 - D); IR @ VR1 = 80% rated VR
4
www.irf.com
MBRS130TR
Bulletin PD-20584 rev. E 07/04
Outline Table
Device Marking: IR13G
CATHODE ANODE
2.15 (.085) 1.80 (.071)
3.80 (.150) 3.30 (.130)
1
2
4.70 (.185) 4.10 (.161)
1
POLARITY
2 PART NUMBER
2.40 (.094) 1.90 (.075) 1.30 (.051) 0.76 (.030) 0.30 (.012) 0.15 (.006) 5.60 (.220) 5.00 (.197)
2.5 TYP. (.098 TYP.)
SOLDERING PAD
2.0 TYP. (.079 TYP.)
4.2 (.165) 4.0 (.157)
Outline SMB Dimensions in millimeters and (inches) For recommended footprint and soldering techniques refer to application note #AN-994
Marking & Identification
Each device has 2 rows for identification. The first row designates the device as manufactured by International Rectifier, indicated by the letters "IR", and the Part Number (indicates the current, the voltage rating and Schottky Generation). The second row indicates the year, the week of manufacturing and the Site ID.
IR13
IR13
VOLTAGE CURRENT
IR LOGO
YYWWX
SITE ID WEEK 2nd digit of the YEAR "Y" = 1st digit of the YEAR "standard product" "P" = "Lead-Free"
www.irf.com
5
MBRS130TR
Bulletin PD-20584 rev. E 07/04
Tape & Reel Information
Dimensions in millimetres and (inches)
Ordering Information Table
Device Code
MBR
1 1 2 3 4 5 6 -
S
2
1
3
30
4
TR
5
6
Schottky MBR Series S = SMB Current Rating (1 = 1 A) Voltage Rating (30 = 30V) TR = Tape & Reel (3000 pieces) none = Standard Production PbF = Lead-Free
Data and specifications subject to change without notice. This product has been designed and qualified for Industrial Level. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 07/04
6
www.irf.com


▲Up To Search▲   

 
Price & Availability of MBRS130TR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X