Part Number Hot Search : 
MAX1853 SB630 DMN3200U SR5100 IRFF110 SM130M ML4830 D200R
Product Description
Full Text Search
 

To Download MBRS1090CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Preliminary
MBRS1035CT THRU MBRS10100CT
10.0 AMPS. Schottky Barrier Rectifiers
Voltage Range 35 to 100 Volts Current 10.0 Amperes
Features
Plastic material used carries Underwriters Laboratory Classifications 94V-0 Metal silicon junction, majority carrier conduction Low power loss, high efficiency High current capability, low forward voltage drop High surge capability For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications Guardring for overvoltage protection High temperature soldering guaranteed: 260oC/10 seconds,0.25"(6.35mm)from case
D2PAK
Mechanical Data
Cases: JEDEC D2PAK molded plastic body Terminals: Lead solderable per MIL-STD-750, Method 2026 Polarity: As marked Mounting position: Any Mounting torque: 5 in. - lbs. max Weight: 0.08 ounce, 2.24 grams
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Symbol MBRS MBRS MBRS MBRS MBRS MBRS Units Type Number
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current See Fig. 1 Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Peak Repetitive Reverse Surge Current (Note 1) Maximum Instantaneous Forward Voltage at (Note 2) IF=5.0A, Tc=25OC IF=5.0A, Tc=125OC IF=10A, Tc=25OC IF=10A, Tc=125OC Maximum Instantaneous Reverse Current @ Tc =25 at Rated DC Blocking Voltage (Note 2) @ Tc=125 Maximum Thermal Resistance, Junction to Case Operating Junction Temperature Range Storage Temperature Range Notes: 1. 2.0us Pulse Width, f=1.0 KHz 2. Pulse Test: 300us Pulse Width, 1% Duty Cycle
VRRM VRMS VDC I(AV) IFSM IRRM VF IR
RJC
1035 CT 35 24 35
1045 CT 45 31 45
1050 CT 50 35 50
1060 CT 60 42 60
1090 CT 90 63 90
10100 CT 100 70 100
V V V A A A
10 150 0.5
0.70 0.57 0.80 0.65 0.1 6.0 2.0 -65 to +150 -65 to +175 0.85 0.75 0.95 0.85
V mA mA /W
TJ TSTG
3. Thermal Resistance from Junction to Case Per Leg.
04.25.2005/rev. a
RATINGS AND CHARACTERISTIC CURVES (MBRS1035CT THRU MBRS10100CT)
FIG.1- FORWARD CURRENT DERATING CURVE
5.0
180
FIG.2- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT PER LEG
PEAK FORWARD SURGE CURRENT. (A)
Tj=Tj max. 8.3ms Single Half Sine Wave JEDEC Method
AVERAGE FORWARD CURRENT. (A)
RESISTIVE OR INDUCTIVE LOAD
4.0
150
120
3.0
90
2.0
60
1.0
30
0
0
50 CASE TEMPERATURE. ( C)
o
100
150
0 1 10 NUMBER OF CYCLES AT 60Hz 100
40
FIG.3- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS PER LEG
MBRS1050CT-60CT
50
FIG.4- TYPICAL REVERSE CHARACTERISTICS PER LEG
INSTANTANEOUS FORWARD CURRENT. (A)
10 Pulse Width=300 s 1% Duty Cycle
10
INSTANTANEOUS REVERSE CURRENT. (mA)
Tj=125 0C
1
MBRS1035CT-45CT 1
Tj=75 0C 0.1
MBRS1090CT - 10100CT 0.1 Tj=25 0C
0.01 Tj=25 0C
0.01 0
0.1
0.2
0.3 0.4
0.5
0.6 0.7 0.8 0.9 1.0 1.1 1.2
0.001
0
20
40
60
80
100
120
140
FORWARD VOLTAGE. (V)
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
FIG.5- TYPICAL JUNCTION CAPACITANCE PER LEG
6,000
Tj=25 0C f=1.0MHz Vsig=50mVp-p
FIG.6- TYPICAL TRANSIENT THERMAL CHARACTERISTICS PER LEG
100
TRANSIENT THERMAL IMPEDANCE. ( OC/W)
100
JUNCTION CAPACITANCE.(pF)
10.0
1,000
1
100 0.1 1.0 10 REVERSE VOLTAGE. (V)
0.1 0.01
0.1
1 T, PULSE DURATION. (sec)
10
100


▲Up To Search▲   

 
Price & Availability of MBRS1090CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X