Part Number Hot Search : 
M8400 LTC2223 C35005 03DRL W83627SF 3V10X Y7C13 08U0M
Product Description
Full Text Search
 

To Download MBRP40030CTL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBRP40030CTL
Preferred Device
POWERTAPTM II SWITCHMODETM Power Rectifier
The SWITCHMODE Power Rectifier uses the Schottky Barrier principle with a platinum barrier metal. This state-of-the-art device has the following features:
* Dual Diode Construction - * * * * * * * * * * * *
May Be Paralleled for Higher Current Output Guardring for Stress Protection Low Forward Voltage Drop 150C Operating Junction Temperature Recyclable Epoxy Improved Mechanical Ratings Case: Epoxy, Molded with metal heatsink base Weight: 80 grams (approximately) Finish: All External Surfaces Corrosion Resistant Top Terminal Torque: 25-40 lb-in max Base Plate Torques: See procedure given in the Package Outline Section Shipped 25 units per foam Marking: B40030L
http://onsemi.com
LOW VF SCHOTTKY BARRIER RECTIFIER 400 AMPERES 30 VOLTS
Mechanical Characteristics
1 2 3
2 1
MAXIMUM RATINGS
Rating Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage Average Rectified Forward Current (At Rated VR, TC = 100C) Per Leg Per Device Peak Repetitive Forward Current, (At Rated VR, Square Wave, 20 kHz, TC = 100C) Non-Repetitive Peak Surge Current (Surge Applied at Rated Load Conditions Halfwave, Single Phase, 60 Hz) Peak Repetitive Reverse Surge Current (2.0 ms, 1.0 kHz) Storage Temperature Range Operating Junction Temperature Voltage Rate of Change (Rated VR) Symbol VRRM VRWM VR IF(AV) 200 400 IFRM 200 IFSM 1500 A B40030L = Device Code YY = Year WW = Work Week A YYWW B40030L Value Unit V 30 A 3 POWERTAP II CASE 357C PLASTIC
MARKING DIAGRAM
IRRM 2.0 Tstg TJ dv/dt -55 to +150 -55 to +150 10,000
A
ORDERING INFORMATION
C C V/ms
Preferred devices are recommended choices for future use and best overall value.
Device
Package
Shipping 25 Units/Tray
MBRP40030CTL POWERTAP II
(c) Semiconductor Components Industries, LLC, 2000
1
October, 2000 - Rev. 2
Publication Order Number: MBRP40030CTL/D
MBRP40030CTL
THERMAL CHARACTERISTICS
Characteristic Thermal Resistance - Junction to Case (Note 1.) Symbol RJC VF 0.5 0.41 IR 20 1000 mA Value 0.4 Unit C/W
ELECTRICAL CHARACTERISTICS
Maximum Instantaneous Forward Voltage (Note 2.) (iF = 200 Amps, TC = +25C) (iF = 200 Amps, TC = +100C) Maximum Instantaneous Reverse Current (Note 2.) (Rated dc Voltage, TC = +25C) (Rated dc Voltage, TC = +100C) 1. Rating applies when surface mounted on the minimum pad size recommended. 2. Pulse Test: Pulse Width = 300 s, Duty Cycle 2%. Volts
i F , INSTANTANEOUS FORWARD CURRENT (AMPS)
I F , INSTANTANEOUS FORWARD CURRENT (AMPS)
1000
1000
100
100
10
TJ = 150C
TJ = 100C
10
TJ = 25C
TJ = 150C
TJ = 100C
TJ = 25C
1
0
0.05 0.1 0.15 0.2 0.25 0.3 0.35 0.4 0.45 vF, INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
0.5
1
0
0.1 0.2 0.3 0.4 0.5 0.6 VF, MAXIMUM INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
Figure 1. Typical Instantaneous Forward Voltage
Figure 2. Maximum Instantaneous Forward Voltage
http://onsemi.com
2
MBRP40030CTL
I R , MAXIMUM REVERSE CURRENT (AMPS) I R , REVERSE CURRENT (AMPS) 10 1 10 1
TJ = 150C
TJ = 150C
0.1 0.01
TJ = 100C
0.1 0.01 0.001
TJ = 100C
0.001 TJ = 25C 0.0001 0 5 10 15 20 25 VR, REVERSE VOLTAGE (VOLTS) 30 35
TJ = 25C 5 10 15 20 25 VR, REVERSE VOLTAGE (VOLTS) 30 35
0.0001 0
Figure 3. Typical Reverse Current
Figure 4. Maximum Reverse Current
100000
C, CAPACITANCE (pF)
10000 25C
1000
0
5
10 15 20 25 VR, REVERSE VOLTAGE (VOLTS)
30
35
Figure 5. Typical Capacitance
http://onsemi.com
3
MBRP40030CTL
MAXIMUM MECHANICAL RATINGS
Terminal Penetration: Terminal Torque: Mounting Torque - Outside Holes: Mounting Torque - Center Hole: Seating Plane Flatness 0.235 max 25-40 in-lb max 30-40 in-lb max 8-10 in-lb max 1 mil per in. (between mounting holes)
POWERTAP MECHANICAL DATA APPLIES OVER OPERATING TEMPERATURE
2
Vertical Pull 250 lbs. max
2 in. Lever Pull 50 lbs. max
Note: While the POWERTAP is capable of sustaining these vertical and levered tensions, the intimate contact Note: between POWERTAP and heat sink may be lost. This could lead to thermal runaway. The use of very Note: flexible leads is recommended for the anode connections. Use of thermal grease is highly recommended.
MOUNTING PROCEDURE The POWERTAP package requires special mounting considerations because of the long longitudinal axis of the copper heat sink. It is important to follow the proper tightening sequence to avoid warping the heat sink, which can reduce thermal contact between the POWERTAP and heat sink.
2-3 TURNS 2-3 TURNS 2-3 TURNS
STEP 1: Locate the POWERTAP on the heat sink and start mounting bolts into the threads by hand (2 or 3 turns).
POWER
TAP
HEAT
SINK
2-3 TURNS
FINGER-TIGHT
2-3 TURNS
STEP 2: Finger tighten the center bolt. The bolt may catch on the threads of the heat sink so it is important to make sure the face of the bolt or washer is in contact with the surface of the POWERTAP. STEP 3: Tighten each of the end bolts between 5 to 10 in-lb.
5-10 IN-LB
POWER
TAP
HEAT
SINK
FINGER-TIGHT
5-10 IN-LB
POWER
TAP
HEAT
SINK
STEP 4: Tighten the center bolt between 8 to 10 in-lb.
5-10 IN-LB
8-10 IN-LB
5-10 IN-LB
POWER
TAP
HEAT
SINK
30-40 IN-LB
8-10 IN-LB
30-40 IN-LB
STEP 5: Finally, tighten the end bolts between 30 to 40 in-lb.
POWER
TAP
HEAT
SINK
http://onsemi.com
4
MBRP40030CTL
PACKAGE DIMENSIONS
CASE 357C-03 POWERTAP PLASTIC PACKAGE ISSUE E
-A- R G -B- Q H F
2 PL
W 0.25 (0.010) N
M
TA
M
B
M
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. TERMINAL PENETRATION: 5.97 (0.235) MAXIMUM. DIM A B C E F G H N Q R U V W INCHES MIN MAX 3.450 3.635 0.700 0.810 0.615 0.640 0.120 0.130 0.435 0.445 1.370 1.380 0.007 0.030 1/4-20UNC-2B 0.270 0.285 31.50 BSC 0.600 0.630 0.330 0.375 0.170 0.190 MILLIMETERS MIN MAX 87.63 92.33 17.78 20.57 15.63 16.26 3.05 3.30 11.05 11.30 34.80 35.05 0.18 0.76 1/4-20UNC-2B 6.86 7.23 80.01 BSC 15.24 16.00 8.39 9.52 4.32 4.82
0.25 (0.010)
M
TA
M
B
M
C U V
-T- E
SEATING PLANE
http://onsemi.com
5
MBRP40030CTL
Notes
http://onsemi.com
6
MBRP40030CTL
Notes
http://onsemi.com
7
MBRP40030CTL
POWERTAP and SWITCHMODE are trademarks of Semiconductor Components Industries, LLC.
ON Semiconductor and are trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer.
PUBLICATION ORDERING INFORMATION
NORTH AMERICA Literature Fulfillment: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: ONlit@hibbertco.com Fax Response Line: 303-675-2167 or 800-344-3810 Toll Free USA/Canada N. American Technical Support: 800-282-9855 Toll Free USA/Canada EUROPE: LDC for ON Semiconductor - European Support German Phone: (+1) 303-308-7140 (Mon-Fri 2:30pm to 7:00pm CET) Email: ONlit-german@hibbertco.com French Phone: (+1) 303-308-7141 (Mon-Fri 2:00pm to 7:00pm CET) Email: ONlit-french@hibbertco.com English Phone: (+1) 303-308-7142 (Mon-Fri 12:00pm to 5:00pm GMT) Email: ONlit@hibbertco.com EUROPEAN TOLL-FREE ACCESS*: 00-800-4422-3781 *Available from Germany, France, Italy, UK, Ireland CENTRAL/SOUTH AMERICA: Spanish Phone: 303-308-7143 (Mon-Fri 8:00am to 5:00pm MST) Email: ONlit-spanish@hibbertco.com Toll-Free from Mexico: Dial 01-800-288-2872 for Access - then Dial 866-297-9322 ASIA/PACIFIC: LDC for ON Semiconductor - Asia Support Phone: 303-675-2121 (Tue-Fri 9:00am to 1:00pm, Hong Kong Time) Toll Free from Hong Kong & Singapore: 001-800-4422-3781 Email: ONlit-asia@hibbertco.com JAPAN: ON Semiconductor, Japan Customer Focus Center 4-32-1 Nishi-Gotanda, Shinagawa-ku, Tokyo, Japan 141-0031 Phone: 81-3-5740-2700 Email: r14525@onsemi.com ON Semiconductor Website: http://onsemi.com For additional information, please contact your local Sales Representative.
http://onsemi.com
8
MBRP40030CTL/D


▲Up To Search▲   

 
Price & Availability of MBRP40030CTL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X