Part Number Hot Search : 
SC192 C144G VCO190 ST3904 B89PV MIC2551 1E101 10D05
Product Description
Full Text Search
 

To Download MBRF860CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBRF830CT THRU MBRF8100CT
Isolation 8.0 AMPS. Schottky Barrier Rectifiers
Voltage Range 30 to 100 Volts Current 8.0 Amperes
Features
Plastic material used carries Underwriters Laboratory Classifications 94V-0 Metal silicon junction, majority carrier conduction Low power loss, high efficiency High current capability, low forward voltage drop High surge capability For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications Guardring for overvoltage protection High temperature soldering guaranteed: 260oC/10 seconds,0.25"(6.35mm)from case
ITO-220AB
.134(3.4)DIA .11 3 ( 3 .0 )D I A . 11 2 ( 2 . 8 5 ) .100(2.55)
. 2 72 ( 6 .9 ) . 2 48 ( 6 .3 )
.606(15.5) .583(14.8)
Mechanical Data
Cases: ITO-220AB molded plastic Terminals: Leads solderable per MIL-STD-750, Method 2026 Polarity: As marked Mounting position: Any Mounting torque: 5 in. - lbs. max Weight: 0.08 ounce, 2.24 grams
. 11 0 (2 . 8 ) .098(2.5)
.543(13.8) .512(13.2)
PIN 1 PIN 3 PIN 2
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Symbol MBRF MBRF MBR MBRF MBRF MBRF MBRF Units Type Number
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current See Fig. 1 Per Leg Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage at (Note 1) IF= 4A, Tc=25OC Maximum Instantaneous Reverse Current at Rated DC Blocking Voltage @Tc=25 @ Tc=125 Typical Thermal Resistance Per Leg (Note2)
VRRM VRMS VDC I(AV) IFSM VF IR
830CT 835CT 840CT 845CT 850CT 860CT 8100CT 30 35 40 45 50 60 100 21 24 28 31 35 42 70 30 35 40 45 50 60 100 8 4 150 0.55 5.0 50 6.0 -65 to +150 -65 to +150 0.70 0.80
V V V A
A V mA mA /W
RJC Operating Junction Temperature Range TJ Storage Temperature Range TSTG Notes: 1. Pulse Test: 300us Pulse Width, 1% Duty Cycle 2. Thermal Resistance from Junction to Case Per Leg.
- 114 -
RATINGS AND CHARACTERISTIC CURVES (MBRF830CT THRU MBRF8100CT)
FIG.1- MAXIMUM FORWARD CURRENT DERATING CURVE
10
PEAK FORWARD SURGE CURRENT. (A) AVERAGE FORWARD CURRENT. (A)
FIG.2- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
175 8.3ms Single Half Sine Wave JEDEC Method
150
8
125
6
100
4
75
2
50
0
25 0 50 100
o
150
1
2
5
10
20
50
100
CASE TEMPERATURE. ( C)
NUMBER OF CYCLES AT 60Hz
FIG.4- TYPICAL FORWARD CHARACTERISTICS FIG.3- TYPICAL REVERSE CHARACTERISTICS
100
INSTANTANEOUS FORWARD CURRENT. (A)
50
Tj=100 0C
INSTANTANEOUS REVERSE CURRENT. (mA)
10
Tj=75 0C
1
1.0
Tj=25 0C
0.1
0.1 0.2 0.01 0 20 40 60 80 100 120 PERCENT OF RATED PEAK REVERSE VOLTAGE. (%) 140 4000
0.3
M BR F8 30 CT -M MB BR RF F8 85 45 0C CT MB TMB RF 81 RF 00 86 CT 0C T
10
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
FORWARD VOLTAGE. (V)
FIG.5- TYPICAL JUNCTION CAPACITANCE
JUNCTION CAPACITANCE.(pF)
2000
1000 800 600 400
MBR F83 0
CTMBR F86 0
CT
Tj=25oC Pulse Width=300 s 1% Duty Cycle
MB
200
RF8
100
CT
100 0.1 0.4 1.0 4 10 REVERSE VOLTAGE. (V) 40 100
- 115 -


▲Up To Search▲   

 
Price & Availability of MBRF860CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X