Part Number Hot Search : 
MJE521 UDA133 2SC50 0EVKI SD101 AA101 UDA133 SMBJ75A
Product Description
Full Text Search
 

To Download MBRF2060CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NEW PRODUCT
NEW PRODUCT
NEW PRODUCT
MBRF2035CT THRU MBRF2060CT
SCHOTTKY ISOLATED PLASTIC RECTIFIER
Reverse Voltage - 35 to 60 Volts
ITO-220AB
0.405 (10.27) 0.383 (9.72) 0.188 (4.77) 0.172 (4.36) 0.110 (2.80) 0.100 (2.54) 0.140 (3.56) DIA. 0.130 (3.30) 0.131 (3.39) DIA. 0.122 (3.08)
Forward Current - 20.0 Amperes FEATURES
Isolated plastic package has Underwriters Laboratory Flammability Classification 94V-0 Dual rectifier construction, positive center tap Metal silicon junction,majority carrier conduction Low power loss, high efficiency High current capability, low forward voltage drop High surge capability Guardring for overvoltage protection For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications High temperature soldering guaranteed: 250C/10 seconds, 0.25" (6.35mm) from case
0.600 (15.5) 0.580 (14.5)
PIN 1 2 3
0.676 (17.2) 0.646 (16.4)
0.350 (8.89) 0.330 (8.38)
0.191 (4.85) 0.171 (4.35) 0.560 (14.22) 0.530 (13.46) 0.060 (1.52) 0.110 (2.80) 0.100 (2.54)
MECHANICAL DATA
0.037 (0.94) 0.027 (0.69) 0.105 (2.67) 0.095 (2.41) 0.022 (0.55) 0.014 (0.36)
PIN 2
0.205 (5.20) 0.195 (4.95)
PIN 1 PIN 3
Dimensions in inches and (millimeters)
Case: ITO-220AB fully overmolded plastic body Terminals: Leads solderable per MIL-STD-750,Method 2026 Polarity: As marked Mounting Position: Any Weight: 0.08 ounce, 2.24 grams Mounting Torque: 5 in. - lbs.max.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified. SYMBOLS MBRF2035CT MBRF2045CT MBRF2050CT MBRF2060CT UNITS
Maximum repetitive peak reverse voltage Maximum working peak reverse voltage Maximum DC blocking voltage Maximum average forward rectified current at TC=135C Peak repetitive forward current per leg at TC=135C (rated VR, sq. wave 2.0 KHZ) Peak forward surge current 8.3ms single half sinewave superimposed on rated load (JEDEC Method) Peak repetitive reverse surge current (NOTE 1) Maximum instantaneous IF=10A, TC=25C forward voltage per leg at IF=10A, TC=125C IF=20A, TC=25C (NOTE 2) IF=20A, TC=125C Maximum instantaneous reverse current at rated DC blocking voltage per leg TC=25C TC=125C Voltage rate of change, (rated VR) Typical thermal resistance per leg (NOTE 3) Operating junction temperature range Storage temperature range RMS Isolation voltage from terminals to heatsink with RH 30%
VRRM VRWM VDC I(AV) IFRM IFSM IRRM VF
35 35 35
45 45 45 20.0 20.0 150.0 1.0 _ 0.57 0.84 0.72 0.1 15.0 10,000 5.0
50 50 50
60 60 60
Volts Volts Volts Amps Amps Amps
0.5 0.80 0.70 0.95 0.85 0.15 150.0
Amps Volts
IR dv/dt RQJC TJ TSTG VISOL
mA V/ms C/W C C Volts
-65 to +150 -65 to +175 4500 (NOTE 4) 3500 (NOTE 5) 1500 (NOTE 6)
NOTES: (1) 2.0ms pulse width, f=1.0KHZ (2) Pulse test: 300ms pulse width, 1% duty cycle (3) Thermal resistance from junction to case per leg (4) Clip mounting (on case), where lead does not overlap heatsink with 0.110O offset. (5) Clip mounting (on case, where leads do overlap heatsink. (6) Screw mounting with 4-40 screw, where washer diameter is 4.9 mm (0.19O).
2/18/99
RATINGS AND CHARACTERISTIC CURVES MBRF2035CT THRU MBRF2060CT
20
RESISTIVE OR INDUCTIVE LOAD
PEAK FORWARD SURGE CURRENT, AMPERES
FIG. 1 - FORWARD CURRENT DERATING CURVE AVERAGE FORWARD CURRENT, AMPERES
FIG. 2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT PER LEG
160 140 120 100 80 60 40 1 10
NUMBER OF CYCLES AT 60 HZ
TJ=TJ max. 8.3ms SINGLE HALF SINE-WAVE (JEDEC Method)
16 12 8 4 0 0 50 100 150
100
CASE TEMPERATURE, C
FIG. 3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
50
50
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS PER LEG 20
10
INSTANTANEOUS FORWARD CURRENT, AMPERES
TJ=125C
PULSE WIDTH=300ms 1% DUTY CYCLE
INSTANTANEOUS REVERSE CURRENT, MILLIAMPERES
10
1
TJ=125C
1
TJ=25C
0.1
TJ=75C
0.1
0.1
MBRF2035CT - MBRF2045CT MBRF2050CT & MBRF2060CT
0.01 0.01 0 0.10 0.2 0.2 0.3 0.4 0.50.6 0.7 0.8 0.9 1.0 1.11.1 1.2 0.1 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.2
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
MBRF1035 - MBRF1045 MBRF1050 & MBRF1060
0.01
TJ=25C
0.001
0
20
40
60
80
100
PERCENT OF RATED PEAK REVERSE VOLTAGE, %
FIG. 5 - TYPICAL JUNCTION CAPACITANCE PER LEG TRANSIENT THERMAL IMPEDANCE, C/W
4,000
JUNCTION CAPACITANCE, pF
TJ=25C f=1.0 MHz Vsig=50mVp-p
FIG. 6 - TYPICAL TRANSIENT THERMAL IMPEDANCE PER LEG
100
1,000
10
MBRF2035CT - MBRF2045CT MBRF2050CT & MBRF2060CT
1
100 0.1
1
10
100
REVERSE VOLTAGE, VOLTS
0.1 0.01
0.1
1
10
100
t, PULSE DURATION, (sec.)


▲Up To Search▲   

 
Price & Availability of MBRF2060CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X