Part Number Hot Search : 
40HFR40M T3474 MAD24051 25P10 2SD1288 FM1233AC 2E1C2 HUR6060
Product Description
Full Text Search
 

To Download MBRF15XXCT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBR15xxCT, MBRF15XXCT & MBRB15xxCT
Vishay Semiconductors
formerly General Semiconductor
Dual Schottky Barrier Rectifier
Reverse Voltage 35 to 60V Forward Current 15A
ITO-220AB (MBRF15XXCT)
0.405 (10.27) 0.383 (9.72) 0.188 (4.77) 0.172 (4.36) 0.110 (2.80) 0.100 (2.54)
TO-220AB (MBR15xxCT)
0.415 (10.54) MAX. 0.154 (3.91) 0.370 (9.40) 0.360 (9.14) 0.148 (3.74) 0.113 (2.87) 0.103 (2.62) 0.145 (3.68) 0.135 (3.43) 0.410 (10.41) 0.390 (9.91) 1 0.160 (4.06) 0.140 (3.56) PIN 2 3 0.603 (15.32) 0.573 (14.55) 0.560 (14.22) 0.530 (13.46) 0.110 (2.79) 0.100 (2.54) 0.560 (14.22) 0.530 (13.46)
1
0.185 (4.70) 0.175 (4.44) 0.055 (1.39) 0.045 (1.14) 0.600 (15.5) 0.580 (14.5)
PIN 2 3
0.140 (3.56) DIA. 0.130 (3.30)
0.131 (3.39) DIA. 0.122 (3.08)
0.676 (17.2) 0.646 (16.4) 0.350 (8.89) 0.330 (8.38)
0.635 (16.13) 0.625 (15.87)
0.350 (8.89) 0.330 (8.38)
0.191 (4.85) 0.171 (4.35) 0.060 (1.52)
PIN 1 PIN 3 PIN 2
1.148 (29.16) 1.118 (28.40)
0.110 (2.80) 0.100 (2.54)
PIN 1 PIN 3
PIN 2 CASE
0.105 (2.67) 0.095 (2.41)
0.037 (0.94) 0.027 (0.69)
0.022 (0.55) 0.014 (0.36)
0.105 (2.67) 0.095 (2.41) 0.104 (2.65) 0.096 (2.45) 0.035 (0.90) 0.028 (0.70) 0.205 (5.20) 0.195 (4.95) 0.022 (0.56) 0.014 (0.36)
0.205 (5.20) 0.195 (4.95)
TO-263AB (MBRB15xxCT)
0.411 (10.45) 0.380 (9.65) 0.190 (4.83) 0.160 (4.06) 0.055 (1.40) 0.045 (1.14)
Mounting Pad Layout TO-263AB
0.42 (10.66)
0.245 (6.22) MIN K 0.055 (1.40) 0.047 (1.19) 0.624 (15.85) 1 K 2 0.591 (15.00) 0-0.01 (0-0.254) 0.110 (2.79) 0.090 (2.29) 0.037 (0.940) 0.027 (0.686)
PIN 1 PIN 2 K - HEATSINK
0.33 (8.38) 0.63 (17.02)
Dimensions in inches and (millimeters)
0.360 (9.14) 0.320 (8.13)
0.021 (0.53) 0.014 (0.36) 0.140 (3.56) 0.110 (2.79)
0.08 (2.032)
Features
0.24 (6.096)
0.12 (3.05)
0.105 (2.67) 0.095 (2.41)
0.205 (5.20) 0.195 (4.95)
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
* Dual rectifier construction, positive center tap * Metal silicon junction, majority carrier conduction * Low power loss, high efficiency * Guardring for overvoltage protection * For use in low voltage, high frequency inverters,
Mechanical Data
Case: JEDEC TO-220AB, ITO-220AB & TO-263AB molded plastic body Terminals: Plated leads, solderable per MIL-STD-750, Method 2026 Polarity: As marked Mounting Position: Any Mounting Torque: 10 in-lbs maximum Weight: 0.08 ounce, 2.24 grams
www.vishay.com 1
free wheeling, and polarity protection applications * High temperature soldering guaranteed: 250C/10 seconds, 0.25" (6.35mm) from case
Document Number 88670 01-Jul-02
MBR15xxCT, MBRF15XXCT & MBRB15xxCT
Vishay Semiconductors
formerly General Semiconductor
Maximum Ratings
Parameter
(TC = 25C unless otherwise noted)
Symbol MBR1535CT MBR1545CT MBR1550CT MBR1560CT Unit VRRM VRWM VDC IF(AV) IFRM 35 35 35 45 45 45 15 7.5 15 50 50 50 60 60 60 V V V A A
Maximum repetitive peak reverse voltage Working peak reverse voltage Maximum DC blocking voltage Maximum average forward rectified current Total device at TC = 105C Per leg Peak repetitive forward current at TC = 105C (rated VR, 20 KHz sq. wave) Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Peak repetitive reverse surge current per leg at tp = 2.0s, 1KHZ Voltage rate of change (rated VR) Operating junction temperature range Storage temperature range RMS Isolation voltage (MBRF type only) from terminals to heatsink with t = 1.0 second, RH 30%
IFSM
150
A
IRRM dv/dt TJ TSTG VISOL
1.0 10,000 -65 to +150 -65 to +175 4500 (NOTE 1) 3500 (NOTE 2) 1500 (NOTE 3)
0.5
A V/s C C V
Electrical Characteristics (TC = 25C unless otherwise noted)
Parameter Maximum instantaneous forward voltage per leg (Note 4) at IF = 7.5A,TC = 25C at IF = 7.5A,TC = 125C at IF = 15A,TC = 25C at IF = 15A,TC =1 25C Maximum instantaneous reverse current at rated DC blocking voltage per leg (Note 4) TC = 25C TC =125C Symbol MBR1535CT MBR1545CT MBR1550CT MBR1560CT Unit - 0.57 0.84 0.72 0.1 15 0.75 0.65 - - 1.0 50
VF
V
IR
mA
Thermal Characteristics (TC = 25C unless otherwise noted)
Parameter Maximum thermal resistance per leg Symbol RJA RJC MBR 60 3.0 MBRF - 5.0 MBRB 60 3.0 Unit C/W
Notes: (1) Clip mounting (on case), where lead does not overlap heatsink with 0.110" offset (2) Clip mounting (on case), where leads do overlap heatsink (3) Screw mounting with 4-40 screw, where washer diameter is 4.9 mm (0.19") (4) Pulse test: 300s pulse width, 1% duty cycle
Ordering Information
Product MBR1535CT - MBR1560CT MBRF1535CT - MBRF1560CT MBRB1535CT - MBRB1560CT Case TO-220AB ITO-220AB TO-263AB Package Code 45 45 31 45 81 Package Option Anti-Static tube, 50/tube, 2K/carton Anti-Static tube, 50/tube, 2K/carton 13" reel, 800/reel, 4.8K/carton Anti-Static tube, 50/tube, 2K/carton Anti-Static 13" reel, 800/reel, 4.8K/carton
Document Number 88670 01-Jul-02
www.vishay.com 2
MBR15xxCT, MBRF15XXCT & MBRB15xxCT
Vishay Semiconductors
formerly General Semiconductor
Ratings and Characteristic Curves (TA = 25C unless otherwise noted)
Fig. 1 - Forward Current Derating Curve
25 Resistive or Inductive Load 175
Fig. 2 - Maximum Non-Repetitive Peak Forward Surge Current Per Leg
Peak Forward Surge Current (A)
150 125 100 75 50 25 TJ = TJ max. 8.3ms Single Half Sine-Wave (JEDEC Method)
Average Forward Current (A)
20
15
10
5
0 0
50
100
150
1
10
100
Case Temperature (C)
Number of Cycles at 60 HZ
Fig. 3 - Typical Instantaneous Forward Characteristics Per Leg
50 50
Fig. 4 - Typical Reverse Characteristics Per Leg
Instantaneous Reverse Current (mA)
10
Instantaneous Forward Current (A)
10 TJ = 125C 1 Pulse Width = 300s 1% Duty Cycle TJ = 25C
1
TJ = 125C
0.1
TJ = 75C MBR1535 - MBR1545 MBR1550 & MBR1560 TJ = 25C
0.1 MBR1535 - MBR1545 MBR1550 & MBR1560 0.01 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2
0.01
0.001 0 20 40 60 80 100
Instantaneous Forward Voltage (V)
Percent of Rated Peak Reverse Voltage (%)
Fig. 5 - Typical Junction Capacitance Per Leg
4,000
Fig. 6 - Typical Transient Thermal Impedance Per Leg
100
1,000
Transient Thermal Impedance (CW)
Junction Capacitance (pF)
TJ = 25C f = 1.0MHZ Vsig = 50MVp-p
10
100
1
MBR1535 - MBR1545 MBR1550 & MBR1560
10 0.1 1 10 100
0.1 0.01
0.1
1
10
100
Reverse Voltage (V) Document Number 88670 01-Jul-02
t, Pulse Duration (sec.) www.vishay.com 3


▲Up To Search▲   

 
Price & Availability of MBRF15XXCT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X