Part Number Hot Search : 
JRC0168 HT82V KSC1070 V585ME42 Z1175 ST62P10C BUF672 SRF04
Product Description
Full Text Search
 

To Download MBRF10H90 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBR10H100, MBRF10H100 & MBRB10H100
New Product
Vishay Semiconductors
formerly General Semiconductor
Reverse Voltage 90 to 100V Forward Current 10A Maximum Junction Temperature 175C
High Voltage Schottky Rectifiers
ITO-220AC (MBRF10H90, MBRF10H100)
0.405 (10.27) 0.383 (9.72) 0.188 (4.77) 0.172 (4.36) 0.110 (2.80) 0.100 (2.54) 0.185 (4.70) 0.175 (4.44) 0.154 (3.91) 0.370 (9.40) 0.360 (9.14) 0.148 (3.74) 0.113 (2.87) 0.103 (2.62) 0.145 (3.68) 0.135 (3.43) 0.410 (10.41) 0.390 (9.91) PIN 1 0.160 (4.06) 0.140 (3.56) 2 1.148 (29.16) 1.118 (28.40) 0.110 (2.79) 0.100 (2.54) 0.560 (14.22) 0.530 (13.46)
CASE
TO-220AC (MBR10H90, MBR10H100)
0.415 (10.54) MAX. DIA. 0.140 (3.56) DIA. 0.130 (3.30)
0.131 (3.39) DIA. 0.122 (3.08)
0.055 (1.39) 0.045 (1.14)
0.600 (15.5) 0.580 (14.5)
0.676 (17.2) 0.646 (16.4) 0.350 (8.89) 0.330 (8.38)
PIN 1 2
0.635 (16.13) 0.625 (15.87)
0.350 (8.89) 0.330 (8.38)
0.603 (15.32) 0.573 (14.55)
0.191 (4.85) 0.171 (4.35) 0.560 (14.22) 0.530 (13.46) 0.060 (1.52)
PIN 1 PIN 2
0.110 (2.80) 0.100 (2.54)
PIN 1 PIN 2
0.205 (5.20) 0.195 (4.95)
0.037 (0.94) 0.027 (0.69)
0.022 (0.55) 0.014 (0.36)
0.105 (2.67) 0.095 (2.41) 0.205 (5.20) 0.195 (4.95) 0.037 (0.94) 0.027 (0.68) 0.022 (0.56) 0.014 (0.36)
TO-263AB (MBRB10H90, MBRB10H100)
0.411 (10.45) 0.380 (9.65) 0.245 (6.22) MIN K 0.055 (1.40) 0.047 (1.19) 1 K 2 0.624 (15.85) 0.591 (15.00) 0-0.01 (0-0.254) 0.110 (2.79) 0.090 (2.29) 0.027 (0.686) 0.037 (0.940)
PIN 1 PIN 2 K - HEATSINK
0.190 (4.83) 0.160 (4.06) 0.055 (1.40) 0.045 (1.14)
Mounting Pad Layout TO-263AB
0.42 (10.66)
0.33 (8.38) 0.63 (17.02)
0.360 (9.14) 0.320 (8.13)
Dimensions in inches and (millimeters)
0.021 (0.53) 0.014 (0.36) 0.140 (3.56) 0.110 (2.79)
0.08 (2.032) 0.24 (6.096)
0.105 (2.67)
0.12 (3.05)
0.095 (2.41)
0.205 (5.20) 0.195 (4.95)
Features
* Plastic package has Underwriters Laboratory Flammability Classifications 94V-0 * Metal silicon junction, majority carrier conduction * Low power loss, high efficiency * Guardring for overvoltage protection * For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications
Mechanical Data
Case: JEDEC TO-220AC, ITO-220AC & TO-263AB molded plastic body Terminals: Plated leads, solderable per MIL-STD-750, Method 2026 High temperature soldering guaranteed: 250C/10 seconds, 0.25" (6.35mm) from case (TO-220AC & ITO-220AC) at terminals (TO-263AB) Polarity: As marked Mounting Position: Any Mounting Torque: 10 in-lbs maximum Weight: 0.08 oz., 2.24 g Packaging Codes: see next page
www.vishay.com 1
Document Number 88667 01-Jul-02
MBR10H100, MBRF10H100 & MBRB10H100
Vishay Semiconductors
formerly General Semiconductor
Maximum Ratings
Parameter
(TC = 25C unless otherwise noted)
Symbol VRRM VRWM VDC IF(AV) IFSM IRRM dv/dt TJ, TSTG VISOL
MBR10H90 90 90 90 10 250 0.5 10,000
MBR10H100 100 100 100
Unit V V V A A A V/s C V
Maximum repetitive peak reverse voltage Working peak reverse voltage Maximum DC blocking voltage Maximum average forward rectified current Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Peak repetitive reverse current at tp = 2s, 1KHZ Voltage rate of change (rated VR) Operating junction and storage temperature range RMS Isolation voltage (MBRF type only) from terminals to heatsink with t = 1 second, RH 30%
-65 to +175 4500 3500(2) 1500(3)
(1)
Electrical Characteristics (TC = 25C unless otherwise noted)
Parameter Maximum instantaneous forward voltage at(4): IF = IF = IF = IF = 10A, 10A, 20A, 20A, TC = TC = TC = TC = 25C 125C 25C 125C Symbol Value 0.77 0.64 0.88 0.73 4.5 6.0 Unit
VF
V A mA
Maximum reverse current at working peak reverse voltage(4)
TJ = 25C TJ = 125C
IR
Thermal Characteristics (TC = 25C unless otherwise noted)
Parameter Typical thermal resistance Symbol RJC MBR 2.7 MBRF 5.8 MBRB 2.7 Unit C/W
Notes: (1) Clip mounting (on case), where lead does not overlap heatsink with 0.110" offset (2) Clip mounting (on case), where leads do overlap heatsink (3) Screw mounting with 4-40 screw, where washer diameter is 4.9 mm (0.19") (4) Pulse test: 300s pulse width, 1% duty cycle
Ordering Information
Product MBR10H90 - MBR10H100 MBRF10H90 - MBRF10H100 MBRB10H90 - MBRB10H100 Case TO-220AC ITO-220AC TO-263AB Package Code 45 45 31 45 81 Package Option Anti-Static tube, 50/tube, 2K/carton Anti-Static tube, 50/tube, 2K/carton 13" reel, 800/reel, 4.8K/carton Anti-Static tube, 50/tube, 2K/carton Anti-Static 13" reel, 800/reel, 4.8K/carton
www.vishay.com 2
Document Number 88667 01-Jul-02
MBR10H100, MBRF10H100 & MBRB10H100
Vishay Semiconductors
formerly General Semiconductor
Ratings and Characteristic Curves (TA = 25C unless otherwise noted)
20 300 250 200 150 8 100 4 MBRF 0 0 50 100 150 180 50 0 1 10 100
16 MBR MBRB
12
IR - Instantaneous Reverse Current (A)
100
10000 1000 100 TJ = 150C TJ = 125C TJ = 100C
TJ = 175C 10 TJ = 125C TJ=150C TJ = 100C 1.0
10
0.1
TJ = 25C
1.0 0.1 0.01 20 TJ = 25C
0.01 0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
40
60
80
100
Fig. 5 - Typical Junction Capacitance Per Leg
10000
Fig. 6 - Typical Transient Thermal Impedance Per Leg
100
Transient Thermal Impedance (C/W)
1000
10
100
1
10 0.1 1 10 100
0.1 0.01 0.1 1 10
Document Number 88667 01-Jul-02
www.vishay.com 3


▲Up To Search▲   

 
Price & Availability of MBRF10H90

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X