Part Number Hot Search : 
1N5227B GTL2004 DB301 MH88435 H11A3TM V8037QCL 1631A APOLYFT6
Product Description
Full Text Search
 

To Download MBR25100CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBR25100CT
25 AMPS. Schottky Barrier Rectifiers
Voltage Range 100 Volts Current 25.0 Amperes
Features
Plastic material used carries Underwriters Laboratory Classifications 94V-0 Metal silicon junction, majority carrier conduction Low power loss, high efficiency High current capability, low forward voltage drop High surge capability For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications Guardring for overvoltage protection High temperature soldering guaranteed: 260oC/10 seconds,0.25"(6.35mm)from case
TO-220
Mechanical Data
Cases: JEDEC TO-220 molded plastic Terminals: Leads solderable per MIL-STD-750, Method 2026 Polarity: As marked Mounting position: Any Mounting torque: 5 in. - lbs. max Weight: 0.08 ounce, 2.24 grams
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%
Type Number
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current o at TC=130 C Peak Repetitive Forward Current (Rated VR, Square o Wave, 20KHz) at Tc=130 C Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Peak Repetitive Reverse Surge Current (Note 1) Maximum Instantaneous Forward Voltage at (Note 2) IF=12.5A, Tc=25 C O IF=12.5A, Tc=125 C O IF=25A, Tc=25 C O IF=25A, Tc=125 C Maximum Instantaneous Reverse Current at Rated DC Blocking Voltage @Tc=25 (Note 2) Voltage Rate of Change, (Rated VR) Maximum Thermal Resistance Per Leg (Note 3) RJC
O
MBR25100CT
100 70 100 25 25 250 0.5 0.85 0.75 0.2 1,000 1.5 -65 to +150 -65 to +175
Units
V V V A A A A
V
mA V/uS /W
Operating Junction Temperature Range TJ Storage Temperature Range TSTG Notes: 1. 2.0us Pulse Width, f=1.0 KHz 2. Pulse Test: 300us Pulse Width, 1% Duty Cycle 3. Thermal Resistance from Junction to Case Per Leg.
- 906 -
RATINGS AND CHARACTERISTIC CURVES (MBR25100CT)
FIG.1- FORWARD CURRENT DERATING CURVE
25
FIG.2- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT PER LEG
260
PEAK FORWARD SURGE CURRENT. (A)
AVERAGE FORWARD CURRENT. (A)
RESISTIVE OR INDUCTIVE LOAD
20
230
Tj=Tj max. 8.3ms Single Half Sine Wave JEDEC Method
200
15
170
10
140
5
110
0
80
0 50
o
100
150
1
10 NUMBER OF CYCLES AT 60Hz
100
CASE TEMPERATURE. ( C)
40
FIG.3- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS PER LEG
50
FIG.4- TYPICAL REVERSE CHARACTERISTICS PER LEG
INSTANTANEOUS FORWARD CURRENT. (A)
10 Tj=150 0C
10
INSTANTANEOUS REVERSE CURRENT. (mA)
Pulse Width=300 s 1% Duty Cycle
Tj=125 0C 1
1 Tj=25 0C
Tj=75 0C 0.1
0.1
0.01
Tj=25 0C
0.01
0
0.1 0.2
0.3 0.4
0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2
0.001 0
20
40
60
80
100
120
140
FORWARD VOLTAGE. (V)
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
FIG.5- TYPICAL JUNCTION CAPACITANCE PER LEG
5,000
Tj=25 0C f=1.0MHz Vsig=50mVp-p
FIG.6- TYPICAL TRANSIENT THERMAL IMPEDANCE PER LEG
100
TRANSIENT THERMAL IMPEDANCE. ( OC/W)
JUNCTION CAPACITANCE.(pF)
10.0
1,000
1
100 0.1 1 10 REVERSE VOLTAGE. (V) 100
0.1 0.01
0.1
1 T, PULSE DURATION. (sec)
10
100
- 155 -


▲Up To Search▲   

 
Price & Availability of MBR25100CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X