Part Number Hot Search : 
IRFZ3 MX7847BQ SCD55104 TMEGA1 350GE321 A13DC FBR610 IRFZ3
Product Description
Full Text Search
 

To Download MBR2080FCT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
TM
Micro Commercial Components
omponents 20736 Marilla Street Chatsworth !"# $
% !"#
MBR2020FCT THRU MBR20100FCT
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
Features
* * * * * High Surge Capacity Low Forward Voltage Drop High Current Capability, High Efficiency Marking : type number Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Operating Temperature: -55C to +150C Storage Temperature: -55C to +150C MCC Catalog Number MBR2020FCT MBR2030FCT MBR2035FCT MBR2040FCT MBR2045FCT MBR2060FCT MBR2080FCT MBR20100FCT Average Forward Current Peak Forward Surge Current Maximum Instantaneous Forward Voltage 2020FCT-2045FCT 2060FCT 2080FCT-20100FCT 2020FCT-2045FCT 2060FCT 2080FCT-20100FCT 2020FCT-2045FCT 2060FCT 2080FCT-20100FCT
Maximum DC Reverse Current At Rated DC Blocking Voltage 2020FCT~2045FCT 2060FCT~20100FCT 2020FCT~2045FCT 2060FCT~20100FCT
Maximum Ratings
* *
ITO-220AB
B L M D A
PIN 1 2 3
Maximum Recurrent Peak Reverse Voltage 20V 30V 35V 40V 45V 60V 80V 100V IF(AV) IFSM
Maximum RMS Voltage 14V 21V 24.5V 28V 31.5V 42V 56V 70V
Maximum DC Blocking Voltage 20V 30V 35V 40V 45V 60V 80V 100V
C K
E F O I J N HH PIN 1 PIN 3 PIN 2 G
Electrical Characteristics @ 25C Unless Otherwise Specified
20 A 150A TA = 120C 8.3ms, half sine
A B C D E F G H I J K L M N O
MM 14.80 --2.55 6.30 ----13.00 2.55 ----3.00 ----2.50 --0.90 0.80 3.40 4.80 3.30 2.90 1.40 15.40 10.30 2.85 6.90 4.10 1.80 13.80
VF
.70V .80V .85V .84V .95V .95V .72V .85V .85V
IFM = 10A; TA =25C IFM = 20A; TA =25C IFM = 20A; TA =125C
INCHES .583 .606 --.406 .100 .112 .248 .272 --.161 --.071 .512 .543 .100 --.035 --.032 .118 .134 --.189 --.130 .098 .114 --.055
IR
0.1mA TA = 25C 0.15mA 50mA TA = 125C 150mA *Pulse Test: Pulse Width 300sec, Duty Cycle 2%
Revision: 5
www.mccsemi.com
1 of 3
2006/05/24
MBR2020FCT thru MBR20100FCT
Figure 1 Typical Forward Characteristics 100 60 40 20 10 6 4 2 Amps 1 .6 .4 .2 .1 .06 .04 .02 .01 .2 .3 .4 .5 .6 .7 .8 2080FCT-20100FCT 25C
0.01
MCC
TM
Micro Commercial Components
Figure 2 Typical Reverse Characteristics
50
MBR2020FCT-MBR2045FCT
2060FCT
10
T A = 125 C
2020FCT-2045FCT
mA
1
MBR2060FCT-MBR20100FCT TA = 75 C MBR2020FCT-MBR2045FCT TA = 25 C
0.1
0.001
MBR2060FCT-MBR20100FCT
0
20
40
60 80 Volts [%]
100
120
140
Instantaneous Reverse Leakage Current - mAmpere Percent Of Rated Peak Reverse Voltage - Volts%
Volts Instantaneous Forward Current - Amperesversus Instantaneous Forward Voltage - Volts Figure 3 Forward Derating Curve 20 150 18 125 16 100 75 Amps 12 25 10 Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 0 25 50 75 C Average Forward Rectified Current - Amperes versus Ambient Temperature - C 100 125 150 0 1 4 6 8 10 Cycles Peak Forward Surge Current - Amperesversus Number Of Cycles At 60Hz - Cycles 20 40 60 80 100 50 Figure 4 Peak Forward Surge Current
14 Amps
2
Revision: 5
www.mccsemi.com
2 of 3
2006/05/24
MCC
Micro Commercial Components
TM
***IMPORTANT NOTICE*** Micro Commercial Components Corp . reserves the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . Micro Commercial Components Corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . The user of products in such applications shall assume all risks of such use and will agree to hold Micro Commercial Components Corp . and all the companies whose products are represented on our website, harmless against all damages. ***APPLICATIONS DISCLAIMER*** Products offer by Micro Commercial Components Corp . are not intended for use in Medical, Aerospace or Military Applications.
www.mccsemi.com
Revision: 5
3 of 3
2006/05/24


▲Up To Search▲   

 
Price & Availability of MBR2080FCT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X