Part Number Hot Search : 
P1107 MOB62DR MC34063S ISL6144 2SB668 B28DPBE B2567 41200
Product Description
Full Text Search
 

To Download MBR0520L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBR0520L
MBR0520L
Features * 0.5 Ampere, low forward voltage, less then 385mV * 400 milliwatt Power Dissipation package * Compact surface mount package with the same
footprint as mini-melf
Color Mark: Denotes Band B2 Color BandMark: B4 Cathode Denotes Cathode Mark: B2 Mark: B2
SOD123 SOD123 SOD123
Actual Size
Schottky Rectifier
Absolute Maximum Ratings*
Symbol
VRRM IF(AV) IFSM Tstg Tj max
TA = 25C unless otherwise noted
Parameter
Maximum Repetitive Reverse Voltage Average Rectified Forward Current Non Repetitive Peak Forward Current (Surge applied at rated load conditions half wave, single phase, 60 Hz) Storage Temperature Range Operating Junction Temperature
Value
20 500 5.5 -65 to +150 -65 to +125
Units
V mA A C C
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
Thermal Characteristics
Symbol
RJA RJL
Parameter
Thermal Resistance Junction to Ambient* Thermal Resistance Junction to Lead
Value
340 150
Units
C/W C/W
*FR-4 or FR-5 = 3.5 x 1.5 inches using minimum recommended Land Pads.
Electrical Characteristics
Symbol
VF Forward Voltage
TA = 25C unless otherwise noted
Parameter
@ IF = 100 mA, IF = 100 mA, TA = 100 C IF = 500 mA, IF = 500 mA, TA = 100 C @ VR = 10 V, VR = 10 V, TA = 100 C VR = 20 V, VR = 20 V, TA = 100 C
Value
300 220 385 330 75 5.0 250 8.0
Units
mV mV mV mV A mA A mA
IR
Reverse Current
2001 Fairchild Semiconductor Corporation
MBR0520L, Rev. B
MBR0520L
Schottky Rectifier
(continued)
Typical Characteristics
Forward Current, IF [A]
100 C
0.1
Reverse Current, IR [mA]
1 0.5
o
40 20 10 5 2 1
125oC 100 C
o
-25 C
0.01
o
75oC
0.001
+25 C 75oC
o
0.1
25oC
0.0001
0.01 0 0.1 0.2 0.3 0.4 Forward Voltage, VF [V] 0.5
0
5
10 15 Reverse Voltage, VR[V]
20
Figure 1. Forward Voltage Characteristics
Figure 2. Reverse Current vs Reverse Voltage
120 Total Capacitance, CT [pF] 110 100 90 80 70 60 50 40 0 2 4 6 8 10 12 14 16 Reverse Voltage, VR [V] 18 20
Figure 3. Total Capacitance
MBR0520L, Rev. B
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM BottomlessTM CoolFETTM CROSSVOLTTM DenseTrenchTM DOMETM EcoSPARKTM E2CMOSTM EnSignaTM FACTTM FACT Quiet SeriesTM
DISCLAIMER
FAST (R) FASTrTM FRFETTM GlobalOptoisolatorTM GTOTM HiSeCTM ISOPLANARTM LittleFETTM MicroFETTM MicroPakTM MICROWIRETM
OPTOLOGICTM OPTOPLANARTM PACMANTM POPTM Power247TM PowerTrench (R) QFETTM QSTM QT OptoelectronicsTM Quiet SeriesTM SILENT SWITCHER (R)
SMART STARTTM STAR*POWERTM StealthTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TinyLogicTM TruTranslationTM UHCTM UltraFET (R)
VCXTM
STAR*POWER is used under license
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or 2. A critical component is any component of a life systems which, (a) are intended for surgical implant into support device or system whose failure to perform can the body, or (b) support or sustain life, or (c) whose be reasonably expected to cause the failure of the life failure to perform when properly used in accordance support device or system, or to affect its safety or with instructions for use provided in the labeling, can be effectiveness. reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design.
Preliminary
First Production
No Identification Needed
Full Production
Obsolete
Not In Production
This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Rev. H4


▲Up To Search▲   

 
Price & Availability of MBR0520L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X