Part Number Hot Search : 
LTM461 KBPC2500 SNC11105 S06P20PT 74LS74 MMBD4 MF0ICU2 A124E
Product Description
Full Text Search
 

To Download MBI6001N2N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Macroblock
Preliminary Datasheet
MBI6001N2N
Transformerless AC/DC Constant Current Driver
Features
n n n n n Directly powered by 220 VAC Constant output current and Transformerless, 16 mA Drive one chain of LEDs. VOUT is up to 140 V while applying 220V AC. Reliable technology Small footprint 14-pin DIP14 package
Description
Featuring the small footprint, MBI6001N2N, constant current driver is specifically designed for LED lighting where the space is concerned. MBI6001N2N can be directly powered by 220 VAC and provide the constant current, 16 mA, to LEDs.
Applications
n n n n LED Lamps LED Sign or Channel Letter Indication Sign Low Power LED Lighting
Typical Application Circuit
1
AC IN~
OUT + DA
3 4
220VAC
14 AC IN~
R3 R1
OUT PC 2 6
To Pin 12
VOUT: The sum of the forward voltage of the stringed LEDs
12
REF
R2
Caution: No pin is connected to the earth ground.
OMarcroblock Inc, 2003 Floor6-4, No. 18, Pu-Ting Rd., Hsinchu, Taiwan, ROC TEL: +886-3-579-0068, FAX: +886-3-579-7534 E-mail: info@mblock.com.tw
-1-
MBI6001N2N
Pin Configuration
AC IN ~ PC OUT+ DA NC OUTNC
Transformerless AC/DC Constant Current Driver
Ordering Information
14 13 12 11 10 9 8
AC IN ~ NC REF NC HV HV HV
1 2 3 4 5 6 7
Part
MBI6001N2N
Blink
NA
VAC Range
200V ~ 260V
Package
DIP14
MBI6001N2N
Pin Description (DIP14)
Pin
1 2 3 4 5 6 7 8 9 10 11 12 13 14
Name
AC IN ~ PC OUT+ DA NC OUTNC HV HV HV NC REF NC AC IN ~
I/O
In In Out In Out In
Function
AC voltage input node1. Peak current adjust. Connected to LED anode (+). Duty adjust No connection Connected to LED cathode (-). No connection High voltage (Note 1) High voltage (Note 1) High voltage. (Note 1) No connection Internal reference voltage low (Formerly named V-.) No connection AC voltage input node2
Note 1: These Pins should be kept away from being touched by hands. (High voltage 220VAC)
Environmental Specification
Operation Temperature Range ---- -20C to 50C Storage Temperature Range ----- -40C to 150C Cooling ------------------------------------------ Free Air or Thermally Conductive Adhesive
Absolute Maximum Ratings
AC Input Voltage -------------------------- 400V, transient Power Dissipation ------------------------- 1.5 W Junction Temperature ---------------------120C
-2-
February, 2003, V1.2
MBI6001N2N
Transformerless AC/DC Constant Current Driver
Electrical Characteristics
(VAC= 220V, Ta = 25C, unless otherwise noted)
PARAMETER
AC Input Voltage AC Input Frequency Output Voltage Output Current
SYMBOL
VAC Freq. VOUT I OUT
MIN
200 50 20
TYP
220
MAX
260 60
UNITS
Vrms Hz V mA
NOTE
16
140
VOUT: The sum of the forward voltage of the stringed LEDs. See Applications Information
Application Information Output Current - IOUT
With a selected resistor, R1, being connected between DA and OUT- (refer to Typical Application Circuit), a constant output current, IOUT, can be produced. However, IOUT will vary with VOUT. While VOUT is changed due to different numbers of LEDs being used, IOUT will vary within the range of 15%. Please see Fig. 1.
24 22 20 18 16 14 12 10 9 20 40 60 80 100 120 140 VOUT (V)
Fig.1 - IOUT vs. VOUT (@ 220 VAC, Ta= 25C)
IOUT (mA)
-3-
February, 2003, V1.2
MBI6001N2N
Transformerless AC/DC Constant Current Driver
Surface Temperature vs. VOUT
The temperature on the surface of package will be around 70 C when VOUT is larger than 75V. Temperature will rise up while VOUT is getting smaller. Please see Fig. 2.
100 80 TEMP (C) 60 40 20 0 9 20 40 60 80 100 120 140 VOUT (V)
Fig. 2 - Temperature vs. VOUT (@ 220 VAC, Ta= 25C)
Line Regulation
IOUT will vary obviously with AC Input voltage. For instance, at VOUT = 125 V, IOUT will increase 20% while input voltage varies from 220 VAC to 200 VAC, but decrease 15% while input voltage varies from 220 VAC to 240 VAC.
LED Selection Consideration
MBI6001N2N provides constant average output current to drive LEDs. The output to LEDs is actually a sequence of current pulses. Their peak value can be adjusted by a resistor, R2, which connects from PC to REF (refer to Typical Application Circuit). It is recommended to select LEDs with higher peak forward current IF(peak).
Cautions
MBI6001N2N is directly powered by 220V AC. There are several pins with high AC voltage. Please don't touch any pin by hand after the power is on. Also, it is important to keep preventing pins from short circuit.
-4-
February, 2003, V1.2
MBI6001N2N
Outline Drawings DIP14 - P - 300 - 2.54
Transformerless AC/DC Constant Current Driver
-5-
February, 2003, V1.2


▲Up To Search▲   

 
Price & Availability of MBI6001N2N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X