Part Number Hot Search : 
AD9444 220MC I514RU LA7337 627ER TD6278 MB24S 5801911
Product Description
Full Text Search
 

To Download MB258 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
MB2505 THRU MB2510
SINGLE-PHASE SILICON BRIDGE RECTIFIER
VOLTAGE RANGE 50 to 1000 Volts CURRENT 25 Amperes
FEATURES
* * * * Superior thermal desing 300 amperes surge rating // 1/4 universal faston terminal Hole thru for # 8 screw
MECHANICAL DATA
* UL listed the recognized component directory, file #E94233 * Epoxy: Device has UL flammability classification 94V-O
MB-25
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
MB-25W
MAXIMUM RATINGS (At TA = 25 oC unless otherwise noted) RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Bridge Input Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Output Current at Tc = 55 C Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Operating and Storage Temperature Range TJ,TSTG -55 to + 175
0 o
SYMBOL VRRM VRMS VDC IO IFSM
MB2505 50 35 50
MB251 100 70 100
MB152 200 140 200
MB254 400 280 400 25.0 300
MB256 600 420 600
MB258 800 560 800
MB2510 UNITS 1000 700 1000 Volts Volts Volts Amps Amps C
ELECTRICAL CHARACTERISTICS (At TA = 25oC unless otherwise noted) CHARACTERISTICS Maximum Forward Voltage Drop per element at 12.5A DC Maximum Reverse Current at Rated DC Blocking Voltage per element NOTE: Suffix "W" for wire type @TA = 25 oC @TC = 100 oC SYMBOL VF IR 0.5 mAmps 2001-5 MB2505 MB251 MB252 MB254 1.1 10 MB256 MB258 MB2510 UNITS Volts uAmps
RATING AND CHARACTERISTIC CURVES ( MB2505 THRU MB2510 )
FIG. 1 - MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
PEAK FORWARD SURGE CURRENT, (A)
FIG. 2 - TYPICAL FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT, (A)
500
8.3ms Single Half Sine-Wave (JEDEC Method)
25 20
400
300
15
200
10
Single Phase Half Wave 60Hz Indutive or Resistive Load
100
5 0 0
0 1 2 4 6 8 10 20 40 6080100 NUMBER OF CYCLES AT 60Hz
INSTANTANEOUS REVERSE CURRENT, (uA)
50 100 CASE TEMPERATURE, (
150 )
175
INSTANTANEOUS FORWARD CURRENT, (A)
FIG. 3- TYPICAL INSTANTANEOUS FORWARD
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS 10
100
CHARACTERISTICS
10
1.0
TJ = 25
1.0
TJ = 25 Pulse Width = 300us 1% Duty Cycle
.1
.1
.01 .6 .7 .8 .9 1.0 1.1 1.2 1.3 INSTANTANEOUS FORWARD VOLTAGE, (V)
.452 MAX. (11.5) .480 (12.2) .425 (10.8)
.01 0 20 40 60 80 100 120 140
PERCENT OF RATED PEAK REVERSE VOLTAGE, ( % )
.452 MAX. (11.5) .042 (1.1) DIA. .080 (2.0) TYP.
.591 MAX. (15.0)
1.181 (30.0) 1.102 (28.0) .673 (17.1) .633 (16.1)
HOLE FOR NO. 8 SCREW
1.181 (30.0) 1.102 (28.0)
HOLE FOR NO. 8 SCREW 1.181 (30.0) 1.102 (28.0) .468 (11.9) .429 (10.9)
AC .732 (18.6) .692 (17.6) AC
1.181 (30.0) 1.102 (28.0) .673 (17.1) .633 (16.1)
AC .732 (18.6) .692 (17.6) AC
.582 (14.8) .543 (13.8)
.033 x .250 (0.8 x 6.4)
.732 (18.6) .692 (17.6)
MB-25
MB-25W
RECTRON


▲Up To Search▲   

 
Price & Availability of MB258

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X