Part Number Hot Search : 
APTM1 MLSEP12 FM1608B 350FV 2222A SEL1210R W503YDT GBJ1010
Product Description
Full Text Search
 

To Download MAX8761ETG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 19-3174; Rev 1; 10/05
KIT ATION EVALU E AILABL AV
Low-Cost, Linear-Regulator LCD Panel Power Supplies
General Description Features
High-Performance Linear Regulator 1.6% Output Accuracy Works with Small Ceramic Output Capacitors Fast Transient Response Foldback Current Limit 50mA Negative Regulated Charge Pump 20mA Positive Regulated Charge Pump with Adjustable Delay Built-In Power-Up Sequence High-Current Operational Amplifier (MAX8710/MAX8711/MAX8761) 150mA Output Short-Circuit Current 12V/s Slew Rate 12MHz, -3dB Bandwidth Rail-to-Rail Inputs/Output Dual-ModeTM High-Voltage Switches (MAX8710/MAX8761) Thermal Protection Latched Fault Protection with Timer
MAX8710/MAX8711/MAX8712/MAX8761
The MAX8710/MAX8711/MAX8712/MAX8761 offer complete linear-regulator power-supply solutions for thin-film transistor (TFT) liquid-crystal-display (LCD) panels used in LCD monitors and LCD TVs. All four devices include a high-performance AV DD linear regulator, a positive charge-pump regulator, a negative charge-pump regulator, and built-in power-up sequence control. The MAX8710/MAX8711/MAX8761 also include a high-current operational amplifier. Additionally, the MAX8710/ MAX8761 provide logic-controlled high-voltage switches to control the positive charge-pump output. The linear regulator directly steps down the input voltage to generate the supply voltage for the source-driver ICs (AV DD ). The two built-in charge-pump regulators are used to generate the TFT gate-on and gate-off supplies. The high-current operational amplifier is typically used to drive the LCD backplane (VCOM) and features high output current (150mA), fast slew rate (12V/s), and wide bandwidth (12MHz). Its rail-to-rail inputs and output maximize flexibility. The MAX8710/MAX8761 are available in a 24-pin thin QFN package, the MAX8711 is available in a 16-pin thin QFN package, and the MAX8712 is available in a 12-pin thin QFN package. All three packages are 4mm x 4mm with a maximum thickness of 0.8mm for ultra-thin LCD panel design. The MAX8710/MAX8711/MAX8712 operate over the -40C to +100C temperature range and the MAX8761 operates over the -40C to +85C range.
Ordering Information
PART TEMP RANGE PIN-PACKAGE 24 Thin QFN 4mm x 4mm 16 Thin QFN 4mm x 4mm 12 Thin QFN 4mm x 4mm 24 Thin QFN 4mm x 4mm PKG CODE T2444-4 T2444-4 T2444-4 T2444-4
MAX8710ETG+ -40C to +100C MAX8711ETE+ -40C to +100C
MAX8712ETC+ -40C to +100C MAX8761ETG+ -40C to +85C
Applications
LCD Monitor Panel Modules LCD TV Panel Modules
+Denotes lead-free package.
Pin Configurations
SHDN SUPB
OUTB
Minimum Operating Circuit
IN IN GND INL
TOP VIEW
18
CTL
17
16
15
14
13
REF
GND
THR
FBP
REF
OUTL FBL
AVDD
19 20 21 22 23 24
12 11 10
N.C.
FBN MAX8710
FBL MODE DLP FBN SRC
DRVP DRVN
SUPCP OUTL
AVDD VGOFF
MAX8761
VIN SUPCP SHDN
MAX8710 MAX8761
DRVN DLP POSB AVDD SUPB
DRVP
9 8 7
VP
IN
VCOM
FBP
+
1 GON 2 DRN 3 REF 4 POSB 5 INL 6 NEGB
OUTB NEGB MODE GON VGON REF SRC
THIN QFN 4mm x 4mm
CTL
CTL
DRN THR
Pin Configurations continued at end of data sheet. Dual Mode is a trademark of Maxim Integrated Products, Inc.
________________________________________________________________ Maxim Integrated Products
1
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at 1-888-629-4642, or visit Maxim's website at www.maxim-ic.com.
Low-Cost, Linear-Regulator LCD Panel Power Supplies MAX8710/MAX8711/MAX8712/MAX8761
ABSOLUTE MAXIMUM RATINGS
CTL, FBL, FBP, FBN, SHDN, REF, THR to GND........-0.3V to +6V MODE, DLP to GND ......................................-0.3V to VREF + 0.3V IN, INL to GND .........................................................-0.3V to +28V SUPCP, SUPB to GND.............................................-0.3V to +14V OUTL (MAX8710/MAX8761) ...........................-0.3V to +28V OUTL (MAX8711/MAX8712) ...........................-0.3V to +14V POSB, OUTB, NEGB to GND .....................-0.3V to VSUPB + 0.3V DRVN, DRVP (MAX8710/MAX8761) .......-0.3V to (VSUPCP - 0.3V) DRVN, DRVP (MAX8711/MAX8712)...............-0.3V to (VIN - 0.3V) SRC to GND .............................................................-0.3V to +30V GON, DRN to GND .......................................-0.3V to VSRC + 0.3V DRN to GON .............................................................-30V to +30V OUTB Maximum Continuous Output Current.....................75mA DRVP RMS Output Current...................................................90mA DRVN RMS Output Current ...............................................-150mA Continuous Power Dissipation (TA = +70C) 24-, 16-, and 12-Pin Thin QFN 4mm x 4mm (derate 16.9mW/C above +70C) ..............................1349mW Operating Temperature Range MAX8710/MAX8711/MAX8712 .......................-40C to +100C MAX8761 ...........................................................-40C to +85C Junction Temperature........................................................+150C Storage Temperature Range ..............................-65C to +160C Lead Temperature (soldering, 10s)...................................+300C
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
(Circuit of Figure 1. VIN = VINL = VSUPCP = 12V, VOUTL = VSUPB = 10V, VSRC = 27V, TA = 0C to +85C. Typical values are at TA = +25C, unless otherwise noted.)
PARAMETER IN Operating Supply Range IN Quiescent Current Duration to Trigger Fault Condition REF Output Voltage SUPCP Input Supply Range Charge-Pump Regulators Operating Frequency Thermal Shutdown LINEAR REGULATOR INL Operation Supply Range Dropout Voltage FBL Regulation Voltage FBL Input Bias Current FBL Fault Trip Level FBL Line-Regulation Error Bandwidth Maximum OUTL Current OUTL Soft-Start Period OUTL Load Regulation VOUTL < VINL IOUTL = 50mA (MAX8710/MAX8711/MAX8712) IOUTL = 200mA (MAX8761) IOUTL = 50mA VFBL = 2.5V Falling edge VINL = VIN = 10.8V~13.2V, VOUTL = 10V, IOUTL = 50mA VINL = VIN = 10V~28V, VOUTL = 9V, IOUTL = 50mA Guaranteed by design VFBL = 2.4V (MAX8710/MAX8711/MAX8712) VFBL = 2.4V (MAX8761) 212 oscillator clock cycles in a 7-bit DAC VIN = 12V, 5mA < IOUT < 300mA (MAX8710/MAX8711/MAX8712) VIN = 12V, 5mA < IOUT < 500mA (MAX8761) 1000 300 500 2.73 2 2 10 kHz mA ms % 1.92 2.00 7 150 200 2.46 2.50 28 300 400 2.54 50 2.08 15 V mV V nA V mV Rising temperature, 15C hysteresis SHDN = GND SHDN = 3.3V 216 oscillator clock cycles -10A < IREF < 1mA (excluding internal load) 4.9 2.7 1275 1500 +160 44 5.0 5.1 13.2 1725 CONDITIONS MIN 8 0.2 TYP MAX 28 0.4 2.5 UNITS V mA ms V V kHz C
2
_______________________________________________________________________________________
Low-Cost, Linear-Regulator LCD Panel Power Supplies
ELECTRICAL CHARACTERISTICS (continued)
(Circuit of Figure 1. VIN = VINL = VSUPCP = 12V, VOUTL = VSUPB = 10V, VSRC = 27V, TA = 0C to +85C. Typical values are at TA = +25C, unless otherwise noted.)
PARAMETER SUPB Supply Operating Range SUPB Supply Current Input Offset Voltage Input Bias Current Common-Mode Input Range Common-Mode Rejection Ratio Open-Loop Gain IOUTB = 100A Output Voltage Swing High IOUTB = 5mA Output Voltage Swing Low Short-Circuit Current Output Current Power-Supply Rejection Ratio Slew Rate -3dB Bandwidth Gain-Bandwidth Product FBP Regulation Voltage FBP Line-Regulation Error FBP Input Bias Current DRVP p-Channel On-Resistance DRVP n-Channel On-Resistance FBP Fault Trip Level Positive Charge-Pump Soft-Start Period FBN Regulation Voltage FBN Input Bias Current FBN Line Regulation DRVN p-Channel On-Resistance VFBP = 2.4V VFBP = 2.6V Falling edge 212 oscillator clock cycles in a 7-bit DAC 20 1.92 2.00 2.73 2.08 Buffer configuration, RL = 10k, CL = 10pF Buffer configuration, RL = 10k, CL = 10pF IGON = 10mA VOUTL (VSUPCP, MAX8710/MAX8761) = 10.8V~13.2V, VGON = 27V, IGON = 20mA VFBP = 2.5V -50 15 6 2.425 IOUTB = -100A IOUTB = -5mA Short to VSUPB / 2, sourcing Short to VSUPB / 2, sinking Buffer configuration, VPOSB = 4V, VOUTB error < 10mV 6V VSUPB 13.2V, DC (VNEGB, VPOSB) = VSUPB / 2 60 50 50 VSUPB - VSUPB 150 80 2 80 150 140 40 100 12 12 8 2.500 2.575 25 +50 30 12 15 150 mV mA mA dB V/s MHz MHz V mV nA k V ms Buffer configuration, VPOSB = 4V, no load (VNEGB, VPOSB) = VSUPB / 2, TA = +25C (VNEGB, VPOSB) = VSUPB / 2 VNEGB, VPOSB 0 (VNEGB, VPOSB) < VSUPB -50 0 50 90 125 VSUPB - VSUPB 15 2 mV CONDITIONS MIN 4.5 0.7 0 +1 TYP MAX 13.2 1.0 12 +50 VSUPB UNITS V mA mV nA V dB dB
MAX8710/MAX8711/MAX8712/MAX8761
OPERATIONAL AMPLIFIER (MAX8710/MAX8711/MAX8761)
POSITIVE CHARGE-PUMP REGULATOR
NEGATIVE CHARGE-PUMP REGULATOR IGOFF = 10mA VFBN = 250mV VOUTL (VSUPCP, MAX8710/MAX8761) = 10.8V~13.2V, VVGOFF = -6V, IGOFF = -50mA 7.5 200 -50 250 300 +50 25 15 mV nA mV
_______________________________________________________________________________________
3
Low-Cost, Linear-Regulator LCD Panel Power Supplies MAX8710/MAX8711/MAX8712/MAX8761
ELECTRICAL CHARACTERISTICS (continued)
(Circuit of Figure 1. VIN = VINL = VSUPCP = 12V, VOUTL = VSUPB = 10V, VSRC = 27V, TA = 0C to +85C. Typical values are at TA = +25C, unless otherwise noted.)
PARAMETER DRVN n-Channel On-Resistance FBN Fault Trip Level Negative Charge-Pump Soft-Start Period SEQUENCE CONTROL SHDN Input Low Voltage SHDN Input High Voltage SHDN Input Current DLP Capacitor Charge Current DLP Turn-On Threshold SHDN = low or fault tripped; DLP, FBP, FBN to GND Pin Discharge Switch On-Resistance SHDN = low or fault tripped; MODE, OUTL, OUTB to GND MAX8710, SHDN = low or fault trip; GON to GND POSITIVE GATE-DRIVER TIMING AND CONTROL SWITCHES (MAX8710/MAX8761) CTL Input Low Voltage CTL Input High Voltage CTL Input Leakage Current CTL to GON Rising Propagation Delay VMODE = VREF, 1.5nF from GON to GND, VCTL = 0 to 3V step, no load on GON, measured from VCTL = 1.5V to GON = 20% VMODE = VREF, 1.5nF from GON to GND, VCTL = 3V to 0 step, DRN falling, no load on DRN and GON, measured from VCTL = 1.5V to GON = 80% VMODE = VREF, VDLP = 3V, CTL = high VMODE = VREF, VDRN = 8V, VDLP = 3V, VCTL = 0V VMODE = VREF, VDLP = 3V, CTL = high VMODE = VREF, VDLP = 3V, VCTL = 0V 2.0 -1 100 +1 0.6 V V A ns During startup, VDLP = 1.0V 4 2.375 5 2.5 10 1 2.0 1 6 2.625 0.6 V V A A V k VFBN = 350mV VFBN = 150mV Rising edge 212 oscillator clock cycles in a 7-bit DAC 20 700 2.73 CONDITIONS MIN TYP 3 MAX 6 UNITS k mV ms
CTL to GON Falling Propagation Delay SRC Input Voltage Range SRC Input Current DRN Input Current SRC Switch On-Resistance DRN Switch On-Resistance MODE Switch On-Resistance Mode 2 MODE Capacitor Charge Current MODE Voltage Threshold for Enabling DRN Switch Control in Mode 2 MODE Current-Source Stop Voltage Threshold THR to GON Voltage Gain GON Falling Slew Rate
100 28 150 26 20 60 1 250 40 40
ns V A A k 64 A
VMODE < MODE current-source stop voltage threshold
42
50
2.3
2.5
2.7
V
VMODE rising, CMODE = 150pF
3.3 9.4
3.5 10 13.5
3.7 10.6
V V/V V/s
4
_______________________________________________________________________________________
Low-Cost, Linear-Regulator LCD Panel Power Supplies
ELECTRICAL CHARACTERISTICS
(Circuit of Figure 1. VIN = VINL = VSUPCP = 12V, VOUTL = VSUPB = 10V, VSRC = 27V, TA = -40C to +100C (-40C to 85C for MAX8761), unless otherwise noted.) (Note 1)
PARAMETER REF Output Voltage SUPCP Input Supply Range Charge-Pump Regulators Operating Frequency LINEAR REGULATOR Dropout Voltage FBL Regulation Voltage FBL Fault Trip Level FBL Line-Regulation Error Maximum OUTL Current IOUTL = 50mA (MAX8710/MAX8711/MAX8712) IOUTL = 200mA (MAX8761) IOUTL = 50mA Falling edge VINL = VIN = 10.8V~13.2V, VOUTL = 10V, IOUTL = 50mA VFBL = 2.4V (MAX8710/MAX8711/MAX8712) VFBL = 2.4V (MAX8761) VIN = 12V, 5mA < IOUT < 300mA (MAX8710/MAX8711/MAX8712) VIN = 12V, 5mA < IOUT < 500mA (MAX8761) OPERATIONAL AMPLIFIER (MAX8710/MAX8711/MAX8761) SUPB Supply Current Input Offset Voltage Buffer configuration, VPOSB = 4V, no load (VNEGB, VPOSB) = VSUPB / 2 IOUTB = 100A Output-Voltage-Swing High IOUTB = 5mA Output-Voltage-Swing Low Short-Circuit Current IOUTB = -100A IOUTB = -5mA Short to VSUPB / 2, sourcing Short to VSUPB / 2, sinking MAX8710/MAX8711/MAX8712 MAX8761 50 50 2.425 2.40 2.575 2.65 25 mV 50 30 VFBP = 2.4V VFBP = 2.6V IGOFF = 10mA VOUTL (VSUPCP, MAX8710/MAX8761) = 10.8V~13.2V, VGOFF = -6V, IGOFF = -50mA 20 200 300 25 15 12 k mV mV VSUPB 150 15 150 mV mA VSUPB 15 mV 1.0 14 mA mV 300 500 2 2 2.455 1.96 300 400 2.545 2.04 15 mV V V mV mA CONDITIONS -10A < IREF < 1mA (excluding internal load) MIN 4.9 2.7 1200 TYP MAX 5.1 13.2 1850 UNITS V V kHz
MAX8710/MAX8711/MAX8712/MAX8761
OUTL Load Regulation
%
POSITIVE CHARGE-PUMP REGULATOR FBP Regulation Voltage IGON = 10mA V
FBP Line-Regulation Error
VOUTL (VSUPCP, MAX8710) = 10.8V~13.2V, VGON = 27V, IGON = 20mA VOUTL (VSUPCP, MAX8761) = 10.8V ~ 13.2V, VGON = 27V, IGON = 20mA
DRVP p-Channel On-Resistance DRVP n-Channel On-Resistance
NEGATIVE CHARGE-PUMP REGULATOR FBN Regulation Voltage FBN Line Regulation DRVN p-Channel On-Resistance
_______________________________________________________________________________________
5
Low-Cost, Linear-Regulator LCD Panel Power Supplies MAX8710/MAX8711/MAX8712/MAX8761
ELECTRICAL CHARACTERISTICS (continued)
(Circuit of Figure 1. VIN = VINL = VSUPCP = 12V, VOUTL = VSUPB = 10V, VSRC = 27V, TA = -40C to +100C, (-40C to +85C for MAX8761), unless otherwise noted.) (Note 1)
PARAMETER DRVN n-Channel On-Resistance SEQUENCE CONTROL SHDN Input Low Voltage SHDN Input High Voltage DLP Capacitor Charge Current DLP Turn-On Threshold POSITIVE GATE-DRIVER TIMING AND CONTROL SWITCHES (MAX8710/MAX8761) SRC Input Current DRN Input Current SRC Switch On-Resistance Mode 2 MODE Capacitor Charge Current MODE Voltage Threshold for Enabling DRN Switch Control in Mode 2 VMODE = VREF, VDLP = 3V, CTL = high VMODE = VREF, VDRN = 8V, VDLP = 3V, VCTL = 0V VMODE=VREF, VDLP = 3V, CTL = high VMODE < MODE current-source stop voltage threshold 42 250 40 40 64 A A A MAX8710/MAX8711/MAX8712 MAX8761 During startup, VDLP = 1.0V 2.0 2.05 4 2.375 6 2.625 0.6 V V A V VFBN = 350mV VFBN = 150mV 20 CONDITIONS MIN TYP MAX 6 UNITS k
2.3
2.7
V
Note 1: Specifications to -40C and +85C are guaranteed by design, not production tested.
Typical Operating Characteristics
(Circuit of Figure 1. VIN = VINL = VSUPCP = 12V, VOUTL = VSUPB = 10V, VSRC = 27V, TA = 0C to +85C. Typical values are at TA = +25C, unless otherwise noted.)
MAX8710/MAX8711/MAX8712 LINEAR-REGULATOR LINE REGULATION
MAX8710/11/12/61 toc01
MAX8761 LINEAR REGULATOR LINE REGULATION
MAX8710/11/12/61 toc02
MAX8710/MAX8711/MAX8712 LINEAR-REGULATOR LOAD REGULATION
MAX8710/11/12/61 toc03
1 0 -1 -2 -3 -4 -5 10 12 14 16 18 20 22 24 26 IOUTL = 50mA
0.4 0 IOUTL = 50mA -0.4 -0.8 -1.2 IOUTL = 500mA -1.6 VOUTL = 10V -2.0
0.5
OUTPUT-VOLTAGE ERROR (%)
OUTPUT-VOLTAGE ERROR (%)
OUTPUT-VOLTAGE ERROR (%)
0
IOUTL = 300mA
-0.5 VOUTL = 10V VINL = 12V
-1.0
VOUTL = 10V 28
-1.5 10 12 14 16 18 20 22 24 26 1 10 100 1000 INPUT VOLTAGE (V) LOAD CURRENT (mA)
INPUT VOLTAGE (V)
6
_______________________________________________________________________________________
Low-Cost, Linear-Regulator LCD Panel Power Supplies
Typical Operating Characteristics (continued)
(Circuit of Figure 1. VIN = VINL = VSUPCP = 12V, VOUTL = VSUPB = 10V, VSRC = 27V, TA = 0C to +85C. Typical values are at TA = +25C, unless otherwise noted.)
MAX8761 LINEAR-REGULATOR LOAD REGULATION
MAX8710/11/12/61 toc04
MAX8710/MAX8711/MAX8712/MAX8761
MAX8710/MAX8711/MAX8712 LINEARREGULATOR LOAD TRANSIENT RESPONSE
MAX8710/11/12/61 toc05
MAX8761 LINEAR-REGULATOR LOAD TRANSIENT RESPONSE
MAX8710/11/12/61 toc06
0.4 0 -0.4 -0.8 -1.2 VOUTL = 10V VINL = 12V
OUTPUT-VOLTAGE ERROR (%)
10V A A
B B
-1.6 LOAD CURRENT (mA) -2.0 0 100 200 300 400 500 20s/div A: VOUTL, 50mV/div, AC-COUPLED B: IOUTL, 200mA/div
0mA
40s A: IOUTL, 200mA/div B: VOUTL, AC-COUPLED, 20mV/div
MAX8710/MAX8711/MAX8712 LINEARREGULATOR PULSED LOAD-TRANSIENT RESPONSE
MAX8710/11/12/61 toc07
MAX8761 LINEAR-REGULATOR PULSED LOAD TRANSIENT RESPONSE
MAX8710/11/12/61 toc08
MAX8710/MAX8711/MAX8712 LINEARREGULATOR OVERCURRENT PROTECTION
MAX8710/11/12/61 toc09
10V A
A
A 0V
B
B 0mA 4s/div A: VOUTL, 100mV/div, AC-COUPLED B: IOUTL, 500mA/div
B 0mA 10s A: IOUTL, 500mA/div B: VOUTL, AC-COUPLED, 100mV/div A: VOUTL, 5V/div B: IOUTL, 500mA/div 10ms/div
MAX8761 LINEAR REGULATOR OVERCURRENT PROTECTION
MAX8710/11/12/61 toc10
CHARGE-PUMP NO-LOAD SUPPLY CURRENT vs. SUPPLY VOLTAGE
MAX8710/11/12/61 toc11
POSITIVE CHARGE-PUMP LOAD REGULATION
MAX8710/11/12/61 toc07
2.0
0.5
OUTPUT-VOLTAGE ERROR (%)
1.9 SUPPLY CURRENT (mA)
0
1.8
-0.5
A
1.7
-1.0
1.6 B
-1.5 INPUT = 12V
1.5 10s A: VOUTL, 5V/div B: IOUTL, 500mA/div 8 9 10 11 12 13 14 SUPPLY VOLTAGE (V)
-2.0 0 10 20 30 40 50 LOAD CURRENT (mA)
_______________________________________________________________________________________
7
Low-Cost, Linear-Regulator LCD Panel Power Supplies MAX8710/MAX8711/MAX8712/MAX8761
Typical Operating Characteristics (continued)
(Circuit of Figure 1. VIN = VINL = VSUPCP = 12V, VOUTL = VSUPB = 10V, VSRC = 27V, TA = 0C to +85C. Typical values are at TA = +25C, unless otherwise noted.)
POSITIVE CHARGE-PUMP LINE REGULATION
MAX8710/11/12/61 toc13
NEGATIVE CHARGE-PUMP LOAD REGULATION
VGOFF = -5V INPUT = 12V
MAX8710/11/12 toc14
NEGATIVE CHARGE-PUMP LINE REGULATION
MAX8710/11/12/61 toc15
0.2 0 -0.2 -0.4 -0.6 -0.8 20mA LOAD CURRENT -1.0 10 11 12 INPUT VOLTAGE (V) 13
0.25 0 -0.25 -0.50 -0.75 -1.00 -1.25
0.2 0 -0.2 -0.4 -0.6 -0.8 -1.0
OUTPUT-VOLTAGE ERROR (%)
OUTPUT-VOLTAGE ERROR (%)
OUTPUT-VOLTAGE ERROR (%)
VGOFF = -5V IGOFF = 50mA 7 8 9 10 11 12 13 14
14
0
20
40
60
80
100
LOAD CURRENT (mA)
INPUT VOLTAGE (V)
POWER-UP SEQUENCE
MAX8710/11/12/61 toc16
MAX8710/MAX8761 SWITCH CONTROL FUNCTION (MODE 1)
MAX8710/11/12/61 toc17
A 0V 0V B
A
0V B 0V C 0V 20s/div A: VGON, 10V/div B: VMODE, 5V/div C: VCTL, 5V/div
CGON = 1.5nF C 0V 10ms/div A: VOUTL, 10V/div B: VGOFF, 5V/div C: VGON, 10V/div
MAX8710/MAX8761 SWITCH CONTROL FUNCTION (MODE 2)
MAX8710/11/12/61 toc18
REFERENCE LOAD REGULATION
MAX8710/11/12/61 toc19
0
REF VOLTAGE ERROR (%)
A
-0.02
-0.04
0V CGON = 1.5nF B 0V C 0V 20s/div A: VGON, 10V/div B: VMODE, 5V/div C: VCTL, 5V/div
-0.06
-0.08
-0.10 0 0.2 0.4 0.6 0.8 1.0 REF LOAD CURRENT (mA)
8
_______________________________________________________________________________________
Low-Cost, Linear-Regulator LCD Panel Power Supplies
Typical Operating Characteristics (continued)
(Circuit of Figure 1. VIN = VINL = VSUPCP = 12V, VOUTL = VSUPB = 10V, VSRC = 27V, TA = 0C to +85C. Typical values are at TA = +25C, unless otherwise noted.)
MAX8710/MAX8711/MAX8761 SUPB SUPPLY CURRENT vs. SUPB VOLTAGE
MAX8710/11/12/91 toc20 MAX8710/11/12/61 toc21
MAX8710/MAX8711/MAX8712/MAX8761
REFERENCE vs. TEMPERATURE
0.2
MAX8710/MAX8711/MAX8761 OPERATIONALAMPLIFIER SMALL-SIGNAL STEP RESPONSE (BUFFER CONFIGURATION)
MAX8710/11/12/61 toc22
1.0
A 0V
0
SUPB SUPPLY CURRENT (mA)
REF VOLTAGE ERROR (%)
0.8
0.6
-0.2
0.4
B 0V BUFFER CONFIGURATION VOUTB = 0.5 x VPOSB
-0.4
0.2
-0.6 -40 -20 0 20 40 60 80 100 TEMPERATURE (C)
0 4 6 8 10 12 14 400ns/div A: VPOSB, 50mV/div, AC-COUPLED B: VOUTB, 50mV/div, AC-COUPLED SUPB VOLTAGE (V)
MAX8710/MAX8711/MAX8761 OPERATIONALAMPLIFIER LARGE-SIGNAL STEP RESPONSE (BUFFER CONFIGURATION)
MAX8710/11/12/61 toc23
MAX8710/MAX8711/MAX8761 OPERATIONALAMPLIFIER LOAD TRANSIENT RESPONSE (BUFFER CONFIGURATION)
MAX8710/11/12/61 toc24
MAX8710/MAX8711/MAX8761 OPERATIONALAMPLIFIER RAIL-TO-RAIL I/O
MAX8710/11/12/61 toc25
A A 0V 5V
A
0V
B B B 0V 1s/div A: VOUTB, 2V/div B: IOUTB, 50mA/div A: VPOSB, 5V/div B: VOUTB, 5V/div 0mA 0V
400ns/div A: VPOSB, 5V/div B: VOUTB, 5V/div
40s/div
_______________________________________________________________________________________
9
Low-Cost, Linear-Regulator LCD Panel Power Supplies MAX8710/MAX8711/MAX8712/MAX8761
Pin Description
PIN MAX8710/ MAX8761 1 MAX8711 MAX8712 NAME FUNCTION
--
--
GON
Internal High-Voltage MOSFET Switch Common Terminal. GON is the output of the high-voltage switch-control block. GON is internally pulled to GND by a 1k resistor in shutdown for the MAX8710. GON is not pulled to GND for the MAX8761. Switch Input. Drain of the internal high-voltage back-to-back p-channel MOSFETs connected to GON. Reference Output. Connect a 0.22F capacitor from REF to GND. REF remains on in shutdown. Operational-Amplifier Noninverting Input Linear-Regulator Supply Input Operational-Amplifier Inverting Input IC Supply Input. Bypass IN to GND with a 0.1F capacitor. Linear-Regulator Output. OUTL is internally pulled to GND by a 1k resistor in shutdown. For the MAX8711/MAX8712, OUTL is also the supply input for the charge-pump regulators. Supply Input for the Charge-Pump Regulators. Connect a 0.1F capacitor from SUPCP to GND. Negative Charge-Pump Driver Output. Output high level is VSUPCP, and output low level is GND. DRVN is internally pulled high to SUPCP when the negative charge pump is disabled. Positive Charge-Pump Driver Output. Output high level is VSUPCP, and output low level is GND. DRVP is internally pulled low in shutdown. No Connection. Not internally connected. Ground Operational-Amplifier Output. OUTB is internally pulled to GND by a 1k resistor in shutdown. Operational-Amplifier Supply Input. Bypass SUPB to GND with a 0.1F capacitor. GON Low-Level Regulation Set-Point Input. Connect THR to the center of a resistive voltage-divider between REF and GND to set the VGON regulation level. The actual level is 10 x VTHR. See the Switch Control (MAX8710/MAX8761) section for details. Positive Charge-Pump Feedback Input. Connect FBP to the center of a resistive voltage-divider between the positive charge-pump regulator output and GND to set the regulator output voltage. Place the divider within 5mm of FBP. FBP is internally pulled to GND by a 10 resistor in shutdown.
2 3 4 5 6 7 8
-- 1 2 3 4 5 6
-- 1 -- 2 -- 3 4
DRN REF POSB INL NEGB IN OUTL
9
--
--
SUPCP
10
7
5
DRVN
11 12 13 14 15
8 -- 9 10 11
6 -- 7 -- --
DRVP N.C. GND OUTB SUPB
16
--
--
THR
17
12
8
FBP
10
______________________________________________________________________________________
Low-Cost, Linear-Regulator LCD Panel Power Supplies
Pin Description (continued)
PIN MAX8710/ MAX8761 18 MAX8711 MAX8712 NAME FUNCTION Active-Low Shutdown Control Input. Pull SHDN low to turn off all sections of the device except REF. Pull SHDN high to enable the device. Cycle SHDN to reset the device after a fault. High-Voltage Switch-Control Block Timing Control Input. See the Switch Control (MAX8710/MAX8761) section for details. Linear-Regulator Feedback Input. Connect FBL to the center of a resistive voltage-divider between the linear-regulator output and GND to set the linearregulator output voltage. Place the divider within 5mm of FBL. High-Voltage Switch-Control Block-Mode Selection Input and Timing-Adjustment Input. See the Switch Control (MAX8710/MAX8761) section for details. MODE is high impedance when it is connected to REF. MODE is internally pulled to GND by a 1k resistor during REF UVLO, when VDLP < 2.5V, or in shutdown. Positive Charge-Pump Startup Delay and High-Voltage Switch Delay Input. Connect a capacitor from DLP to GND to set the delay time. A 5A current source charges CDLP. DLP is internally pulled to GND by a 10 resistor in shutdown. Negative Charge-Pump Feedback Input. Connect FBN to the center of a resistive voltage-divider between the negative output and REF to set the output voltage. Place the divider within 5mm of FBN. FBN is internally pulled to GND through a 10 resistor in shutdown. Switch Input. Source of the internal high-voltage p-channel MOSFET connected to GON.
MAX8710/MAX8711/MAX8712/MAX8761
13
9
SHDN
19
--
--
CTL
20
14
10
FBL
21
--
--
MODE
22
15
11
DLP
23
16
12
FBN
24
--
--
SRC
Typical Operating Circuit
Figures 1, 2, and 3 are the Typical Operating Circuits of the MAX8710/MAX8761, MAX8711, and MAX8712 for generating power rails in TFT LCD panels. The input voltage range is from 10.8V to 13.2V. The AVDD output is 10V at 300mA, the VGON output is 27V at 20mA, and the VGOFF output is -5V at 50mA.
ver ICs' supply voltage. The two built-in charge-pump regulators are used to generate the TFT gate-on and gate-off supplies. The high-current operational amplifier is typically used to drive the LCD backplane (VCOM) and features high output current (150mA), fast slew rate (12V/s), and wide bandwidth (12MHz). Its rail-to-rail inputs and output maximize flexibility.
Detailed Description
The MAX8710/MAX8711/MAX8712/MAX8761 include a high-performance linear regulator, a positive chargepump regulator, a negative charge-pump regulator, and built-in power-up sequence control. The MAX8710/ MAX8711/MAX8761 also include a high-current operational amplifier. Additionally, the MAX8710/MAX8761 provide logic-controlled high-voltage switches to control the positive charge-pump output. The linear regulator directly steps down the input voltage to generate the source-dri-
Linear Regulator
The MAX8710/MAX8711/MAX8712/MAX8761 contain a linear regulator including a PMOS pass transistor. The MAX8710/MAX8711/MAX8712 can supply an output current of at least 300mA and the MAX8761 can supply at least 500mA. Connect an external resistive voltagedivider between the regulator output and GND with the midpoint connected to FBL to adjust the linear-regulator output. An error amplifier compares the FBL voltage with the 2.5V internal reference voltage and amplifies the difference. If the feedback voltage is higher than the
11
______________________________________________________________________________________
Low-Cost, Linear-Regulator LCD Panel Power Supplies MAX8710/MAX8711/MAX8712/MAX8761
GND IN 10.8V TO 13.2V
0.1F
10F
GND
IN
N.C.
INL OUTL C1 4.7F/10F 47pF/22pF (MAX8710/MAX8761) (MAX8710/MAX8761)
AVDD SUPB 0.1F 120k POSB 100k NEGB OUTB OUTB MMBD4148SE (FAIRCHILD) 0.22F GOFF -5V/50mA 1F R5 110k 1% R6 100k 1% REF REF 5V/1mA 0.47F 51.1k THR GON 20k SRC DRVN FBP FBN R4 33.2k 1% DRVP FBL
AVDD 10V 300mA/500mA (MAX8710/MAX8761)
MAX8710 MAX8761
SUPCP
R2 33.2k 1%
R1 100k 1% IN 0.1F 0.1F 0.1F 0.1F MMBD4148SE (FAIRCHILD) VP 27V/20mA R3 325k 1% 0.1F
MMBD4148SE (FAIRCHILD)
1F
20k DRN MODE SHDN SHDN DLP 0.1F CTL 100k
GON
CTL
Figure 1. MAX8710/MAX8761 Typical Operating Circuit
12
______________________________________________________________________________________
Low-Cost, Linear-Regulator LCD Panel Power Supplies MAX8710/MAX8711/MAX8712/MAX8761
GND IN 10.8V TO 13.2V
0.1F
10F
GND
IN
INL OUTL C1 47pF
AVDD SUPB 120k 0.1F POSB 100k NEGB FBL
4.7F
AVDD 10V/300mA
MAX8711
R2 33.2k 1%
R1 100k 1%
OUTB OUTB MMBD4148SE (FAIRCHILD) 0.22F GOFF -5V/50mA 1F R5 110k 1% FBN R6 100k 1% REF REF 5V/1mA 0.47F SHDN SHDN DLP FBP R4 33.2k 1% DRVN 0.1F DRVP 0.1F
MMBD4148
0.1F 2x MMBD4148SE (FAIRCHILD)
1F
1F R3 325k 1%
GON 27V/20mA
0.1F
Figure 2. MAX8711 Typical Operating Circuit
______________________________________________________________________________________
13
Low-Cost, Linear-Regulator LCD Panel Power Supplies MAX8710/MAX8711/MAX8712/MAX8761
GND IN 10.8V TO 13.2V
0.1F GND MMBD4148SE (FAIRCHILD) 0.22F GOFF -5V/50mA 1F R5 110k 1% FBN R6 100k 1% REF REF 5V/1mA 0.47F DRVP DRVN FBL R2 33.2k 1% IN INL OUTL
10F
C1 47pF
4.7F
AVDD 10V/300mA
R1 100k 1%
MAX8712
MMBD4148 0.1F 0.1F 1F
DLP 0.1F
0.1F
2x MMBD4148SE (FAIRCHILD) 1F GON 27V/20mA
SHDN SHDN
FBP R4 33.2k 1% R3 325k 1%
Figure 3. MAX8712 Typical Operating Circuit
reference voltage, the controller lowers the base current of the pnp transistor, which reduces the amount of current delivered to the output. If the feedback voltage is too low, the device increases the pnp transistor's base current, which allows more current to pass to the output and raises the output voltage. The linear regulator also includes an output current limit that protects the internal pass transistor against short circuits. The input voltage range of the linear regulator is from 8V to 28V. The Typical Operating Circuits shown use a 12V input. The output voltage range of the linear regulator (OUTL) is up to 28V (MAX8710/MAX8761) or up to 13.2V (MAX8711/MAX8712). The linear-regulator output is used to generate the AVDD voltage, which is the analog supply rail for source-driver ICs in TFT LCD panels. The typical load of the AVDD supply is a periodic pulsed load, with a peak current of approximately 1A and pulse width of
14
approximately 2s. The typical period of the pulse load is between 8.9s and 31.7s. The excellent transient performance of the linear regulator can easily meet this transient-response requirement. The linear regulator can deliver at least 300mA (500mA for the MAX8761) output current continuously with a 4.7F (10F for the MAX8761) output capacitor. Do not allow the device power dissipation to exceed the package-dissipation limit listed in the Absolute Maximum Ratings section. The power dissipation can be estimated by multiplying the voltage difference between the input and the output with the required maximum continuous output current. For applications where the power dissipation exceeds the package limit, see the External Transistor for Higher Current or Power Dissipation section for more information.
______________________________________________________________________________________
Low-Cost, Linear-Regulator LCD Panel Power Supplies MAX8710/MAX8711/MAX8712/MAX8761
IN
IN GND
MAX8710 MAX8761
REF
INL
REF
REF
LINEAR REG
OUTL FBL
AVDD
FBN
VIN
SUPCP
OSC SHDN
VGOFF
DRVN DLP
DRVP
SEQ VP
AVDD AVDD
POSB SUPB FBP OUTB
VCOM
NEGB
MODE
SRC
SWITCH CONTROL CTL CTL
GON REF DRN
VGON
THR
Figure 4. MAX8710/MAX8761 Functional Diagram
______________________________________________________________________________________
15
Low-Cost, Linear-Regulator LCD Panel Power Supplies MAX8710/MAX8711/MAX8712/MAX8761
The linear regulator is enabled whenever REF is in regulation and SHDN is logic high. Each time it is enabled, the linear regulator goes through a soft-start routine by ramping up its internal reference voltage from 0 to 2.5V in 128 steps. The soft-start period is 2.73ms (typ), and FBL fault detection is disabled during this period. This soft-start feature effectively limits the inrush current during startup. The linear-regulator current-limit circuitry monitors the current flowing through the internal pass transistor. The internal current limit is approximately 800mA (1.1A for the MAX8761). The linear-regulator output declines when it is not able to supply the load current. If the FBL voltage drops below 0.75V, the current limit folds back to approximately 180mA (250mA for the MAX8761). The MAX8710/MAX8711/MAX8712/MAX8761 monitor the FBL voltage for undervoltage conditions. If VFBL is continuously below 2V (typ) for approximately 44ms, the device latches off. The foldback current-limit circuit, in conjunction with the output undervoltage fault latch and thermaloverload protection, protects the output load and the internal pass transistor against short circuits or overloads. ver ICs. The output voltage is set with an external resistive voltage-divider from its output to GND with the midpoint connected to FBP. The number of charge-pump stages and the setting of the feedback divider determine the output voltage of the positive charge-pump regulator. The charge-pump driver includes a high-side p-channel MOSFET (P1) and a low-side n-channel MOSFET (N1) to control the power transfer as shown in Figure 5. The MOSFETs switch at a constant frequency of 1.5MHz. During the first half-cycle, N1 turns on and allows VINPUT (V SUPCP , MAX8710/MAX8761 or VOUTL, MAX8711/ MAX8712) to charge up the flying capacitor CX(POS) through diode D1. The amount of charge transferred from VINPUT to CX(POS) is determined by the on-resistance of N1, which varies according to the output of the feedback error amplifier. The error amplifier compares the feedback signal (FBP) with a 2.5V internal reference and amplifies the difference. If the feedback signal is below the reference, the error-amplifier output increases the supply voltage of N1's gate driver, lowering the onresistance. Similarly, if the feedback signal is above the reference, the error-amplifier output reduces the driver supply voltage, increasing the on-resistance. During the second half-cycle, N1 turns off and P1 turns on, level shifting CX(POS) by VINPUT volts. This connects CX(POS)
Positive Charge-Pump Regulator
The positive charge-pump regulator is typically used to generate the positive supply rail for the TFT LCD gate-dri-
REF
FBN VSUPCP SUPCP
MAX8710 MAX8761
D4 VNEG COUT(NEG) CX(NEG) D3
P2 DRVN N2 0.5 x VREF 250mV
P1 DRVP N1 CX(POS)
D1 VSUPCP
D2
VPOS COUT(POS)
OSCILLATOR FBP
SEQUENCE
Figure 5. Charge-Pump Regulator Functional Diagram 16 ______________________________________________________________________________________
Low-Cost, Linear-Regulator LCD Panel Power Supplies
in parallel with the reservoir capacitor COUT(POS). If the voltage across COUT(POS) plus a diode drop (VPOS + VDIODE) is smaller than the level-shifted flying-capacitor voltage (VCX(POS) + VINPUT), charge flows from CX(POS) to COUT(POS) until diode D2 turns off. The positive charge-pump regulator's startup can be delayed by connecting an external capacitor from DLP to GND. An internal constant current source begins charging the DLP capacitor when SHDN is logic high and REF reaches regulation. When the DLP voltage exceeds VREF / 2, the positive charge-pump regulator is enabled. Each time it is enabled, the positive chargepump regulator goes through a soft-start routine by ramping up its internal reference voltage from 0 to 2.5V in 128 steps. The soft-start period is 2.73ms (typ), and FBP fault detection is disabled during this period. The soft-start feature effectively limits the inrush current during startup. The MAX8710/MAX8711/MAX8712/ MAX8761 also monitor the FBP voltage for undervoltage conditions. If VFBP is continuously below 2V (typ) for approximately 44ms, the device latches off. the error-amplifier output reduces the driver supply voltage, increasing the on-resistance. The negative charge-pump regulator is enabled when SHDN is logic high and REF reaches regulation. Each time it is enabled, the negative charge-pump regulator goes through a soft-start routine by ramping down its internal reference voltage from 5V to 250mV in 128 steps. The soft-start period is 2.73ms (typ), and FBN fault detection is disabled during this period. The softstart feature effectively limits the inrush current during startup. The MAX8710/MAX8711/MAX8712/MAX8761 also monitor the FBN voltage for undervoltage conditions. If VFBN is continuously above 700mV (typ) for approximately 44ms, the device latches off.
MAX8710/MAX8711/MAX8712/MAX8761
Operational Amplifier (MAX8710/MAX8711/MAX8761)
The MAX8710/MAX8711/MAX8761s' operational amplifier features high output current (150mA), fast slew rate (7.5V/s), and wide bandwidth (12MHz). The operational amplifier is enabled when REF is in regulation and SHDN is logic high. The output of the amplifier (OUTB) is internally pulled to ground through a 1k resistor in shutdown. The amplifier is typically used to drive the backplane (VCOM) of TFT LCD panels. The LCD backplane consists of a distributed series capacitance and resistance, a load that can be easily driven by this operational amplifier. However, if the operational amplifier is used in an application with a pure capacitive load, steps must be taken to ensure stable operation. As the operational amplifier's capacitive load increases, the amplifier's bandwidth decreases, and its gain peaking increases. To ensure stable operation, a 5 to 50 resistor can be placed between OUTB and the capacitive load to reduce gain peaking. The operational amplifier limits short-circuit current to approximately 150mA if the output is directly shorted to SUPB or to GND. If the short-circuit condition persists, the junction temperature of the IC rises until it trips the IC's thermal-overload protection.
Negative Charge-Pump Regulator
The negative charge-pump regulator is typically used to generate the negative supply rail for the TFT LCD gatedriver ICs. The output voltage is set with an external resistive voltage-divider from its output to REF with the midpoint connected to FBN. The number of charge-pump stages and the setting of the feedback divider determine the output of the negative charge-pump regulator. The charge-pump driver includes a high-side p-channel MOSFET (P2) and a low-side n-channel MOSFET (N2) to control the power transfer as shown in Figure 5. The MOSFETs switch a constant frequency of 1.5MHz. During the first half-cycle, P2 turns on and allows V INPUT to charge up the flying capacitor C X(NEG) through diode D3. During the second half-cycle, P2 turns off and N2 turns on, level shifting CX(NEG) by VINPUT volts. This connects CX(NEG) in parallel with reservoir capacitor COUT(NEG). If the voltage across COUT(NEG) minus a diode drop is greater than the voltage across CX(NEG), charge flows from COUT(NEG) to CX(NEG) until diode D4 turns off. The amount of charge transferred to the output is controlled by the on-resistance of N2, which varies according to the output of the feedback error amplifier. The error amplifier compares the feedback signal (FBN) with a 250mV internal reference and amplifies the difference. If the feedback signal is above the reference, the error-amplifier output increases the supply voltage of N2's gate driver, lowering the on-resistance. Similarly, if the feedback signal is below the reference,
Reference Voltage (REF)
The reference output is nominally 5V and can source up to 1mA (see the Typical Operating Characteristics). Bypass REF with a 0.22F ceramic capacitor connected between REF and GND. The reference remains enabled in shutdown.
______________________________________________________________________________________
17
Low-Cost, Linear-Regulator LCD Panel Power Supplies MAX8710/MAX8711/MAX8712/MAX8761
Power-Up Sequence and Shutdown Control
When the MAX8710/MAX8711/MAX8712/MAX8761 are powered up, REF rises with the voltage on IN. After REF reaches regulation and if SHDN is logic high, the linear regulator, operational amplifier, and negative chargepump regulator are enabled and begin their respective soft-start routines. After the soft-start routines are completed, the fault-protection circuits for the linear regulator and the negative charge-pump regulator are activated. When the linear regulator is enabled, the positive charge-pump-regulator delay block is enabled. An internal current source starts charging the DLP capacitor. The voltage on DLP linearly rises because of the constant charging current. When V DLP goes above VREF / 2, the switch control block is enabled, and the positive charge-pump regulator begins its soft-start. After the positive charge-pump regulator's soft-start is completed, the fault protection of the positive chargepump regulator is also enabled. The MAX8710/MAX8711/MAX8712/MAX8761 enter into shutdown when SHDN is pulled low or REF falls below 4.5V. In shutdown, OUTL and OUTB are internally pulled to ground with 1k resistors, FBN and FBP are internally pulled to ground with 10 resistors, and DLP is pulled to GND through a 10 resistor, discharging CDLP. In the MAX8710 only, GON is pulled to GND through a 1k resistor. REF remains on in shutdown. Pulling SHDN high when REF is above 4.5V reactivates the IC. Output fault protection and thermal-overload protection can also turn off the IC's outputs. See the respective sections for details.
Thermal-Overload Protection
The thermal-overload protection prevents excessive power dissipation from overheating the IC. When the junction temperature exceeds +160C, a thermal sensor immediately activates the fault protection, which shuts down all the outputs except the reference, allowing the device to cool down. Once the device cools down by approximately 15C, the IC restarts automatically.
Switch Control (MAX8710/MAX8761)
The MAX8710/MAX8761s' switch-control block (Figures 6 and 7) consists of a high-voltage p-channel MOSFET Q1 between SRC and GON, and a common-source-connected p-channel MOSFET pair Q2 between GON and DRN. The MAX8710 switch control block is enabled when VDLP goes above VREF / 2 and for MAX8761 VDLP has no control on switch control block. Both the MAX8710 and MAX8761 have two different modes of operation. Activate the first mode by connecting MODE to REF. When CTL is logic high, Q1 turns on and Q2 turns off, connecting GON to SRC. When CTL is logic low, Q1 turns off and Q2 turns on, connecting GON to DRN. GON can then be discharged through a resistor connected between DRN and GND or OUTL. Q2 turns off and stops discharging GON when VGON reaches 10 times the voltage on THR. When VMODE is less than 0.9 x VREF, the switch-control block works in the second mode. The rising edge of VCTL turns on Q1 and turns off Q2, connecting GON to SRC. An internal n-channel MOSFET Q5 between MODE and GND is also turned on to discharge an external capacitor between MODE and GND. The falling edge of VCTL turns off Q5, and an internal 50A current source starts charging the MODE capacitor. Once VMODE exceeds 0.5 x VREF, the switch-control block turns off Q1 and turns on Q2, connecting GON to DRN. GON can then be discharged through a resistor connected between DRN and GND or OUTL. Q2 turns off and stops discharging GON when VGON reaches 10 times the voltage on THR.
Output Fault Protection
During steady-state operation, if the output of the linear regulator or any of the charge-pump regulator outputs does not exceed its respective fault-detection threshold, the MAX8710/MAX8711/MAX8712/MAX8761 activate an internal fault timer. If any condition or the combination of conditions indicates a continuous fault for the fault-timer duration (44ms typ), the MAX8710/ MAX8711/MAX8712/MAX8761 set the fault latch, shutting down all the outputs except the reference. Once the fault condition is removed, cycle the input voltage or toggle SHDN to clear the fault latch and reactivate the device. Each regulator's fault-detection circuit is disabled during the regulator's soft-start time.
18
______________________________________________________________________________________
Low-Cost, Linear-Regulator LCD Panel Power Supplies MAX8710/MAX8711/MAX8712/MAX8761
REF 5A
MAX8710
DLP Q4 FAULT SHDN REF OK
SRC 0.5 x VREF Q1 GON 9R 1k Q2
Q3
R
50A R
REF
DRN THR
4R
MODE 1k 5R
Q5
CTL
Figure 6. MAX8710 High-Voltage Switch Control
______________________________________________________________________________________
19
Low-Cost, Linear-Regulator LCD Panel Power Supplies MAX8710/MAX8711/MAX8712/MAX8761
FAULT REF OK SRC Q1 GON 50A R R Q2 REF 9R
MAX8761
4R
DRN THR
MODE 1k 5R
Q5
CTL
Figure 7. MAX8761 High-Voltage Switch Control
20
______________________________________________________________________________________
Low-Cost, Linear-Regulator LCD Panel Power Supplies
Design Procedure
Linear Regulator
Output-Voltage Selection Adjust the linear-regulator output voltage by connecting a resistive voltage-divider from the linear-regulator output AVDD to GND with the center tap connected to FBL (Figure 1). Select the lower resistor of divider R2 in the 10k to 50k range. Calculate upper resistor R1 with the following equation: V R1 = R2 x AVDD - 1 VFBL where VFBL = 2.5V (typ) is the regulation point of the linear regulator. Input-Capacitor Selection The linear regulator's output stage consists of a pnp pass transistor. Rapid movements of the input voltage must be avoided since the movement can be coupled into the base of the transistor through the base-to-emitter junction capacitance. The input capacitor reduces the current peaks drawn from the input supply and slows down the input voltage movement. One 10F ceramic capacitor is used in the Typical Operating Circuits (Figures 1, 2, and 3) because of the high source impedance seen in typical lab setups. Actual applications usually have much lower source impedance, since the linear regulator typically runs directly from the output of another regulated supply and can operate with less input capacitance. Output-Capacitor Selection The output capacitor and its equivalent series resistance (ESR) affect the linear regulator's stability and transient response. The MAX8710/MAX8711/MAX8712 can deliver at least 300mA continuously and are stable with a 4.7F output capacitor. The MAX8761 can deliver at least 500mA of output current and is stable with a 10F output capacitor. The typical load on the linear regulator for source-driver applications is a large pulsed load, with a peak current of approximately 1A and pulse width of approximately 2s. The shape of the pulse is close to a triangle, so it is equivalent to a square pulse with 1A height and 1s pulse width. The total voltage dip during the pulsed load transient also has two components: the ohmic dip due to the output capacitor's ESR, and the capacitive dip caused by discharging the output capacitance:
MAX8710/MAX8711/MAX8712/MAX8761
VDIP = VDIP(ESR) + VDIP(C) VDIP(ESR) = IPULSE x RESR I x tPULSE VDIP(C) PULSE COUT where IPULSE is the height of the pulse load, and tPULSE is the pulse width. Higher capacitance and lower ESR result in less voltage dip. The ESR dip can be ignored when using ceramic output capacitors. Calculate the minimum required capacitance for the maximum allowed dip using: I x tPULSE COUT(MIN) PULSE VDIP(MAX) The above equations are "worst case" and assume that the linear regulator does not react to correct the output voltage during the load pulse. In fact, the regulator is fast enough to partially correct the output voltage, so the actual dip may be smaller, or a smaller capacitor may be acceptable. For the typical load pulse described above, assuming the voltage dip must be limited to 150mV, the minimum output capacitor is: COUT(MIN) 1A x 1s = 6.7F 0.15V
Because the regulator is able to limit the dip somewhat, the circuit of Figure 1 uses a 4.7F/10F (MAX8710/MAX8761) output capacitor. The voltage rating and temperature characteristics of the output capacitor must also be considered. Feed-Forward Compensation The output capacitance and equivalent load resistance determine the dominant pole. An internal parasitic capacitance of the regulator creates a second pole. This pole typically occurs at 100kHz, but can vary between 60kHz and 140kHz depending on the process variation. Since the pole occurs after the loop gain crossover, it does not affect the loop stability. However, canceling this pole with an additional zero can improve the load-transient response. An additional zero improves the closed-loop phase margin, thereby improving the transient response. The feed-forward network should be designed to get maximum positive phase at unity gain frequency (fu). A zero can be added by connecting a feed-forward capacitor (C1) between OUTL and FBL as shown in Figure 1. The frequency of the zero can be calculated with the following equation:
21
______________________________________________________________________________________
Low-Cost, Linear-Regulator LCD Panel Power Supplies MAX8710/MAX8711/MAX8712/MAX8761
1 ZERO = = 2R1C1 U VOUTL / VFBL Output-Voltage Selection Adjust the positive charge-pump-regulator output voltage by connecting a resistive voltage-divider from the regulator output VP to GND with the center tap connected to FBP (Figure 1). Select the lower resistor of divider R4 in the range of 10k to 50k. Calculate upper resistor R3 with the following equation: V R3 = R4 x P - 1 VFBP where VFBP = 2.5V (typ) is the regulation point of the positive charge-pump regulator. Adjust the negative charge-pump-regulator output voltage by connecting a resistive voltage-divider from the negative charge-pump output VGOFF to REF with the center tap connected to FBN (Figure 1). Select R6 in the 20k to 100k range. Calculate R5 with the following equation: R5 = R6 x VFBN - VGOFF VREF - VFBN
where R1 is the upper resistor of the feedback divider and fu is the unity gain frequency. The unity gain frequency (f u) for the MAX8710/MAX8711/MAX8712 is approximately 80kHz; for MAX8761, fu is approximately 160kHz. The value of R1 was calculated in the OutputVoltage Selection section to set VOUTL. Use the value for unity gain frequency (fu), the ratio between VOUTL and VFBL, and R1 to calculate the value of C1.
Charge-Pump Regulators
Number of Charge-Pump Stages For highest efficiency, always choose the lowest number of charge-pump stages that meets the output requirement. The number of positive charge-pump stages is given by: nPOS = VP + VSWITCH VINPUT
- -
VSUPCP
2 x VDIODE
where nPOS is the number of positive charge-pump stages, VP is the positive charge-pump regulator output, VINPUT is the supply voltage for the charge-pump regulators (VSUPCP, MAX8710/MAX8761 or VOUTL, MAX8711/ MAX8712), VDIODE is the forward-voltage drop of the charge-pump diode, and VSWITCH is the voltage drop of the internal switches. Use VSWITCH = 0.3V. The number of negative charge-pump stages is given by: nNEG =
- VGOFF
where VREF = 5V and VFBN = 250mV is the regulation point of the negative charge-pump regulator. Flying Capacitor Increasing the flying-capacitor (CX) value lowers the effective source impedance and increases the outputcurrent capability of the charge pump. Increasing the capacitance indefinitely has a negligible effect on output-current capability because the internal switch resistance and the diode impedance place a lower limit on the source impedance. A 0.1F ceramic capacitor works well in most low-current applications. The flying capacitor's voltage rating must exceed the following: VCX > n x VINPUT where n is the stage number in which the flying capacitor is used, and VINPUT is the supply voltage for the charge-pump regulators (VSUPCP, MAX8710/MAX8761 or VOUTL, MAX8711/MAX8712). Charge-Pump Input Capacitor Use an input capacitor with a value equal to or greater than the flying capacitor. Place the capacitor as close to the IC as possible. Connect the capacitor directly to PGND.
+ VSWITCH 2 x VDIODE
VINPUT
-
where nNEG is the number of negative charge-pump stages and VGOFF is the negative charge-pump regulator output. The above equations are derived based on the assumption that the first stage of the positive charge pump is connected to VMAIN and the first stage of the negative charge pump is connected to ground. Sometimes fractional stages are more desirable for better efficiency. This can be done by connecting the first stage to another available supply, such as a 5V supply. If the first charge-pump stage is powered from 5V, then the above equations become:
nPOS = nNEG =
22
VP + VSWITCH
-
5V
VINPUT - 2 x VDIODE - VGOFF + VSWITCH + 5V VINPUT
-
2 x VDIODE
______________________________________________________________________________________
Low-Cost, Linear-Regulator LCD Panel Power Supplies
Charge-Pump Output Capacitor Increasing the output capacitance or decreasing the ESR reduces the output ripple voltage and the peak-topeak transient voltage. With ceramic capacitors, the output voltage ripple is dominated by the capacitance value. Use the following equation to approximate the required capacitor value: COUT _ CP ILOAD _ CP 2 fOSC VRIPPLE _ CP
LINEAR REGULATOR
MAX8710/MAX8711/MAX8712/MAX8761
VIN = 19V 51
4.7F
INL
KSB834W (FAIRCHILD)
OUTL 140k FBL
AVDD = 10V 4.7F
where COUT_CP is the output capacitor of the charge pump, I LOAD_CP is the load current of the charge pump, and V RIPPLE_CP is the desired peak-to-peak value of the output ripple. Charge-Pump Rectifier Diode Use low-cost silicon switching diodes with a current rating equal to or greater than two times the average charge-pump input current. If it helps avoid an extra stage, some or all of the diodes can be replaced with Schottky diodes with an equivalent current rating.
MAX8710 MAX8711 MAX8712 MAX8761
20k
Figure 8. High-Power Linear Regulator
REF 0.47F VDD 4.7F
Applications Information
External Transistor for Higher Current or Power Dissipation
The load current and the voltage difference between the input and output determine the linear regulator's power dissipation as shown in the following equation: PDISSIPATION = (VINL - VOUTL) x IOUTL For some applications, the input voltage to the linear regulator is from a 19V adapter. To make a 10V output, the voltage across the pass transistor is 9V. In this case, the regulator's power dissipation may exceed the dissipation limit that the package can handle. In some other applications, the load current may be much higher than the regulator's guaranteed 300mA output current for the MAX8710/MAX8711/MAX8712 and 500mA for the MAX8761. The solution for such applications is to connect an external pnp transistor with the internal pnp transistor in a Darlington configuration as shown in Figure 8. The external pass transistor must be able to handle most of the power dissipation since most of the load current flows through it. On the other hand, the power dissipated in the internal pass transistor is very low. The currentlimit circuit does not work if an external pass transistor is used because the linear regulator only senses the current of the internal pass transistor.
CE
MAX8710
OUTL MAX8711
MAX8761
SUPB
MAX1512
AVDD 20k OUT 100k CTL GND 25k SET 0.1F POSB NEGB TO OUTB VCOM
Figure 9. Using the MAX1512 to Adjust the VCOM Buffer Output
Using the MAX1512 VCOM Calibrator to Adjust the Buffer Output
The operational amplifier is typically used as the VCOM buffer in TFT LCD panels. The output voltage of the VCOM buffer can be adjusted using the MAX1512, which is an EEPROM-programmable VCOM calibrator, using the circuit shown in Figure 9. Refer to the MAX1512 data sheet for details.
______________________________________________________________________________________
23
Low-Cost, Linear-Regulator LCD Panel Power Supplies MAX8710/MAX8711/MAX8712/MAX8761
PC Board Layout Guidelines
Careful PC board layout is important for proper operation. Use the following guidelines for good PC board layout: 1) Create a power ground island consisting of the linear-regulator input and output-capacitor ground connections, the GND pin, and the capacitor ground connections for the charge-pump regulators. Connect all these together with short, wide traces or a small ground plane. Maximizing the width of the power ground traces improves efficiency. Create an analog ground island consisting of all the feedback-divider ground connections, the operational-amplifier divider ground connection, the REF capacitor ground connection, the MODE capacitor ground connection, the DLP capacitor ground connection, and the device's exposed backside pad. Connect the analog ground island and the power ground island by connecting the GND pin directly to the exposed backside pad. Make no other connections between these separate ground islands. 2) Place all feedback voltage-divider resistors as close to their respective feedback pins as possible. The divider's center trace should be kept short. Placing the resistors far away causes their FB traces to become antennas that can pick up noise from the switching nodes of the charge pumps. Avoid running any feedback trace near these switching nodes. 3) Place IN, INL, SUPB, SUPCP, and REF pin bypass capacitors close to the IC. The ground connection of the IN bypass capacitor should be connected directly to the GND pin with a wide trace. 4) Minimize the length and maximize the width of the traces between the output capacitors and the load for best transient responses. 5) Minimize the size of the switching nodes (DRVP and DRVN). Keep the switching nodes away from feedback nodes (FBL, FBP, and FBN) and the analog ground. Use DC traces as a shield if necessary. Refer to the MAX8710 evaluation kit for an example of proper board layout.
Pin Configurations (continued)
SUPB OUTB 10
TOP VIEW
12 SHDN 13 FBL 14 DLP 15 FBN 16
11
GND 9
FBP
8 7
DRVP DRVN OUTL IN
MAX8711
6 5
+
1 REF 2 POSB 3 INL 8 GND 7 FBP 4 NEGB
THIN QFN 4mm x 4mm
SHDN 9
FBL 10 DLP 11 FBN 12
6 5
DRVP DRVN
MAX8712
4
OUTL
+
1 REF 2 INL 3 IN
THIN QFN 4mm x 4mm
Chip Information
MAX8710/MAX8711/MAX8712 TRANSISTOR COUNT: 3946 MAX8761 TRANSISTOR COUNT: 4127 PROCESS: BiCMOS
24
______________________________________________________________________________________
Low-Cost, Linear-Regulator LCD Panel Power Supplies
Package Information
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information go to www.maxim-ic.com/packages.)
24L QFN THIN.EPS
MAX8710/MAX8711/MAX8712/MAX8761
PACKAGE OUTLINE, 12, 16, 20, 24, 28L THIN QFN, 4x4x0.8mm
21-0139
E
1
2
PACKAGE OUTLINE, 12, 16, 20, 24, 28L THIN QFN, 4x4x0.8mm
21-0139
E
2
2
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
25 ____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 (c) 2005 Maxim Integrated Products Printed USA is a registered trademark of Maxim Integrated Products, Inc.


▲Up To Search▲   

 
Price & Availability of MAX8761ETG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X