Part Number Hot Search : 
3KP13 EDDTRPB 4GBU005 CY25423 7C63723 12S06 74LS293 ML63189B
Product Description
Full Text Search
 

To Download MAX8723ETE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 XX-XXXX; Rev 0; 3/06
Low-Cost, Internal-Switch, Step-Down Regulator for LCD Displays
General Description
The MAX8723 is a high-efficiency, switch-mode, stepdown regulator with a 14V internal power switch. With only a few external passive components, this low-cost regulator can generate a fixed 3.3V or adjustable DC output voltage of 2.0V to 3.6V (dual mode) from a 6V to 13.2V DC source. The 13.2V input voltage range makes this part ideal for LCD displays, point-of-load regulators, and other 8/12Vpowered industrial equipment applications. The MAX8723 can deliver up to 2A. It features an internal power MOSFET, a built-in bootstrap diode for its MOSFET driver, and an interface for an external synchronous rectifier MOSFET drive to replace the Schottky diode and improve efficiency. Its fixed-frequency PWM/skip-mode operation and current-mode control architecture provide fast load-transient response without compensation. The switching frequency is a pin-selectable 500kHz, 1MHz, or 1.5MHz, minimizing the size of external components. The MAX8723 has built-in soft-start, current-limit, thermal-shutdown, and timer-delayed output-fault shutdown functions. The soft-start function limits inrush current during startup, avoiding transients that can trigger the front-end protection circuits and lock up the system. The current limit, thermal-shutdown, and timer-delayed output-fault shutdown functions protect the power supply against fault conditions. The MAX8723 also includes a linear regulator (VL) which provides a fixed 5V output (25mA) to support small external loads. The reference output is high-precision (2V 1%) and can also supply small external load currents. The MAX8723 is available in the 16-pin 4mm x 4mm TQFN package.
Features
6V to 13.2V Input Supply Range Integrated 14V 2A N-Channel MOSFET Switch Preset 1.5% Accurate 3.3V fixed Output Voltage or 2.0V to 3.6V Adjustable Output (Dual Mode) Current-Mode PWM Operation Frequency-Selectable 500kHz/1MHz/1.5MHz Internal 5V Linear Regulator Supports Up to 25mA External Load 2V Precision Reference (1%) Integrated Bootstrap Diode for High-Side MOSFET Drive External Synchronous Rectifier Driver Built-In Soft-Start 200A Standby Mode Timer-Delayed Output Fault Protection
MAX8723
Thermal Shutdown Protection Small 16-Pin 4mm x 4mm Thin QFN Package
Ordering Information
PART TEMP RANGE PIN-PACKAGE 16-pin Thin QFN 4mm x 4mm PKG CODE T1644-4
MAX8723ETE+ -40C to +85C
Simplified Operating Circuit
IN CINL
Applications
LCD TVs LCD Monitors Digital System Power Supplies Point-of-Load Regulators 8/12V Industrial Equipment
CREF VCC SHDN SKIP VL CVL GND REF
INL BST IN CBST CIN
LX
L D
MAX8723
PGND
OUT COUT
FSEL
Pin Configuration appears at end of data sheet.
EXT I.C. EP
OUT FB
________________________________________________________________ Maxim Integrated Products
1
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at 1-888-629-4642, or visit Maxim's website at www.maxim-ic.com.


▲Up To Search▲   

 
Price & Availability of MAX8723ETE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X