Part Number Hot Search : 
20M250 BFT44 SB860 CM3110 LB1955 PRODUCTS 2SB64 L113611
Product Description
Full Text Search
 

To Download MAX8508ETE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 19-2918; Rev 1; 1/04
PWM Step-Down DC-DC Converters with 75m Bypass FET for WCDMA and cdmaOne Handsets
General Description
The MAX8506/MAX8507/MAX8508 integrate a PWM stepdown DC-DC regulator and a 75m (typ) bypass FET to power the PA in WCDMA and cdmaOneTM cell phones. The supply voltage range is from 2.6V to 5.5V, and the guaranteed output current is 600mA. One megahertz PWM switching allows for small external components. The MAX8506 and MAX8507 are dynamically controlled to provide varying output voltages from 0.4V to 3.4V. The MAX8508 is externally programmed for fixed 0.75V to 3.4V output. Digital logic enables a high-power (HP) bypass mode that connects the output directly to the battery for all versions. The MAX8506/MAX8507/MAX8508 are designed so the output settles in less than 30s for a full-scale change in output voltage and load current. The MAX8506/MAX8507/MAX8508 are offered in 16-pin 4mm x 4mm thin QFN packages (0.8mm max height). Integrated 75m (typ) Bypass FET 38mV Dropout at 600mA Load Up to 94% Efficiency Dynamically Adjustable Output from 0.4V to 3.4V (MAX8506, MAX8507) Externally Fixed Output from 0.75V to 3.4V (MAX8508) 1MHz Fixed-Frequency PWM Switching 600mA Guaranteed Output Current Shutdown Mode 0.1A (typ) 16-Pin Thin QFN (4mm x 4mm, 0.8mm max Height)
Features
MAX8506/MAX8507/MAX8508
Applications
WCDMA/NCDMA Cell Phones Wireless PDAs, Palmtops, and Notebook Computers Wireless Modems
cdmaOne is a trademark of CDMA Development Group.
PART MAX8506ETE MAX8507ETE MAX8508ETE
Ordering Information
TEMP RANGE -40C to +85C -40C to +85C -40C to +85C PIN-PACKAGE 16 Thin QFN 16 Thin QFN 16 Thin QFN
Pin Configurations appear at end of data sheet.
Typical Application Circuits (MAX8506/MAX8507)
INPUT 2.6V TO 5.5V 2.2F BATTP SKIP SHDN REF 0.22F 1MHz OSC 0.3 HP REF PWM 0.4 CURRENTLIMIT CONTROL REFIN DAC LX BATT 0.075 OUT 4.7H OUTPUT 0.4V TO 3.4V OR VBATT 4.7F
MAX8506 MAX8507
COMP
PGND
GND
RC*
Cf*
CC*
* RC (k) CC (pF) MAX8506 1500 10 MAX8507 1000 15
Cf (pF) 100 100
Typical Application Circuits continued at end of data sheet. ________________________________________________________________ Maxim Integrated Products 1
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at 1-888-629-4642, or visit Maxim's website at www.maxim-ic.com.
PWM Step-Down DC-DC Converters with 75m Bypass FET for WCDMA and cdmaOne Handsets MAX8506/MAX8507/MAX8508
ABSOLUTE MAXIMUM RATINGS
BATTP, BATT, OUT, SHDN, SKIP, HP, REFIN, FB to GND ...........................................................-0.3V to +6V PGND to GND .......................................................-0.3V to +0.3V BATT to BATTP......................................................-0.3V to +0.3V OUT, COMP, REF to GND.......................-0.3V to (VBATT + 0.3V) LX Current (Note 1) ...............................................................1.6A OUT Current (Note 1)............................................................3.2A Output Short-Circuit Duration.....................................Continuous Continuous Power Dissipation (TA = +70C) 16-Pin Thin QFN (derate 16.9mW/C above +70C) ...1.349W Operating Temperature Range ...........................-40C to +85C Junction Temperature ......................................................+150C Storage Temperature Range .............................-65C to +150C Lead Temperature (soldering, 10s) .................................+300C
Note 1: LX has internal clamp diodes to PGND and BATT. Applications that forward bias these diodes should take care not to exceed the IC's package power-dissipation limits.
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
(V BATT = V BATTP = 3.6V, SHDN = SKIP = BATT, HP = GND, V REFIN = 1.932V (MAX8506), V REFIN = 1.70V (MAX8507), CREF = 0.22F, TA = -40C to +85C, unless otherwise noted. Typical values are at TA = +25C.) (Note 2)
PARAMETER Input BATT Voltage Undervoltage Lockout Threshold Undervoltage Lockout Hysteresis Quiescent Current Quiescent Current in Dropout Shutdown Supply Current SKIP = GND (normal mode) SKIP = BATT, 1MHz switching HP = BATT SHDN = GND VREFIN = 1.932V, IOUT = 0 to 600mA (MAX8506) OUT Voltage Accuracy VREFIN = 0.426V, IOUT = 0 to 30mA (MAX8506) VREFIN = 1.700V, IOUT = 0 to 600mA (MAX8507) VREFIN = 0.375V, IOUT = 0 to 30mA (MAX8507) OUT Input Resistance REFIN Input Current REFIN to OUT Gain Reference Voltage Reference Load Regulation Reference Bypass Capacitor FB Voltage Accuracy FB Input Current P-Channel On-Resistance N-Channel On-Resistance HP/Bypass P-Channel On-Resistance FB = COMP (MAX8508) VFB = 1V (MAX8508) ILX = 180mA ILX = 180mA VBATT = 3.6V VBATT = 2.6V VBATT = 3.6V VBATT = 2.6V 10A < IREF < 100A 0.1 0.7275 MAX8506 MAX8507 1.225 MAX8506 MAX8507 3.375 0.740 3.375 0.740 250 275 -1 VBATT rising CONDITIONS MIN 2.6 2.150 2.35 40 180 1750 775 0.1 3.40 0.75 3.40 0.75 485 535 0.1 1.76 2.00 1.25 2.5 0.22 0.75 0.03 0.4 0.5 0.3 0.35 0.075 0.110 0.5 0.7725 0.175 0.825 1.275 8.5 +1 1000 5 3.425 0.760 3.425 0.760 k A V/V V mV F V A V 250 TYP MAX 5.5 2.575 UNITS V V mV A A A
IOUT = 180mA, VBATT = 3.6V
2
_______________________________________________________________________________________
PWM Step-Down DC-DC Converters with 75m Bypass FET for WCDMA and cdmaOne Handsets
ELECTRICAL CHARACTERISTICS (continued)
(V BATT = V BATTP = 3.6V, SHDN = SKIP = BATT, HP = GND, V REFIN = 1.932V (MAX8506), V REFIN = 1.70V (MAX8507), CREF = 0.22F, TA = -40C to +85C, unless otherwise noted. Typical values are at TA = +25C.) (Note 2)
PARAMETER P-Channel Current-Limit Threshold N-Channel Current-Limit Threshold P-Channel Pulse-Skipping Current Threshold HP/Bypass P-Channel Current-Limit Threshold LX Leakage Current OUT Leakage Current Maximum Duty Cycle Minimum Duty Cycle COMP Clamp Low Voltage COMP Clamp High Voltage MAX8506 Transconductance Current-Sense Transresistance OSCILLATOR Internal Oscillator Frequency LOGIC INPUTS (SHDN, HP, SKIP) Logic-Input High Voltage Logic-Input Low Voltage Logic Input Current THERMAL SHUTDOWN Thermal-Shutdown Temperature Thermal-Shutdown Hysteresis +160 15 C C VBATT = 2.6V to 5.5V VBATT = 2.6V to 5.5V 0.1 1.6 0.4 1 V V A 0.8 1 1.2 MHz MAX8507 MAX8508 85 75 150 0.36 SKIP = GND (normal mode) SKIP = BATT 0.8 2.0 150 130 260 0.48 215 188 376 0.60 V/A S SKIP = BATT (PWM mode) SKIP = GND (normal mode) SKIP = GND (normal mode) VOUT = 3.1V CONDITIONS MIN 1.00 -0.6 0.03 0.050 0.8 -2 -2 100 0 12 TYP 1.25 -0.45 0.05 0.125 1.5 0.01 0.01 MAX 1.50 -0.30 0.07 0.170 2.5 +2 +2 UNITS A A A A A A % % V V
MAX8506/MAX8507/MAX8508
Note 2: Specifications to -40C are guaranteed by design, not production tested.
_______________________________________________________________________________________
3
PWM Step-Down DC-DC Converters with 75m Bypass FET for WCDMA and cdmaOne Handsets MAX8506/MAX8507/MAX8508
Typical Operating Characteristics
(VBATT = VBATTP = 3.6V, SHDN = SKIP = BATT, HP = GND, TA = +25C, unless otherwise noted.) (See the Typical Application Circuits.)
EFFICIENCY vs. OUTPUT VOLTAGE IN NORMAL MODE
RLOAD = 15
MAX8506 toc01
EFFICIENCY vs. OUTPUT VOLTAGE IN PWM MODE
RLOAD = 15
MAX8506 toc02
EFFICIENCY vs. INPUT VOLTAGE
MAX8506 toc03
100
100
100
90 EFFICIENCY (%) RLOAD = 10 RLOAD = 5
90 EFFICIENCY (%) RLOAD = 10 RLOAD = 5
90 VOUT = 3.4V EFFICIENCY (%)
80
80
80 VOUT = 1.2V 70
70
70
60 SKIP = GND 50 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 OUTPUT VOLTAGE (V)
60
60
VOUT = 0.4V SKIP = GND RLOAD = 10 2.5 3.0 3.5 4.0 4.5 5.0 5.5
50 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 OUTPUT VOLTAGE (V)
50
INPUT VOLTAGE (V)
EFFICIENCY vs. LOAD CURRENT
MAX8506 toc04
DROPOUT VOLTAGE vs. LOAD CURRENT
MAX8506 toc05
SUPPLY CURRENT vs. SUPPLY VOLTAGE IN PWM MODE
MAX8506 toc06
100 VOUT = 2.5V; NORMAL MODE 90 EFFICIENCY (%)
150 VIN = 3.6V HP = BATT 120 OUTPUT VOLTAGE (mV)
6 5 SUPPLY CURRENT (mA) 4 3 2 1 0 VOUT = 1.2V VOUT = 0.4V
80 VOUT = 1.2V; PWM VOUT = 2.5V; PWM 60 VOUT = 1.2V; NORMAL MODE 1 10 100 1000
90
70
60
30
50 LOAD CURRENT (mA)
0 0 500 1000 1500 2000 LOAD CURRENT (mA)
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
SUPPLY VOLTAGE (V)
SUPPLY CURRENT vs. SUPPLY VOLTAGE IN NORMAL MODE
900 SUPPLY CURRENT (A) 800 700 600 500 400 300 200 100 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 SUPPLY VOLTAGE (V) VOUT = 1.2V VOUT = 0.4V VOUT = 3.4V SKIP = GND
MAX8506 toc07
HEAVY-LOAD SWITCHING WAVEFORM
MAX8506 toc08
1000
VLX 2V/div
VOUT AC-COUPLED 20mV/div VOUT = 1.2V LOAD = 10 1s/div
4
_______________________________________________________________________________________
PWM Step-Down DC-DC Converters with 75m Bypass FET for WCDMA and cdmaOne Handsets MAX8506/MAX8507/MAX8508
Typical Operating Characteristics (continued)
(VBATT = VBATTP = 3.6V, SHDN = SKIP = BATT, HP = GND, TA = +25C, unless otherwise noted.) (See the Typical Application Circuits.)
LIGHT-LOAD SWITCHING WAVEFORM IN PWM MODE
MAX8506 toc09
LIGHT-LOAD SWITCHING WAVEFORM IN NORMAL MODE
MAX8506 toc10
VLX 2V/div
VLX 2V/div
VOUT AC-COUPLED 5mV/div VOUT = 0.4V LOAD = 10 400s/div VOUT = 0.4V LOAD = 10, SKIP = GND 1s/div
VOUT AC-COUPLED 20mV/div
EXITING AND ENTERING SHUTDOWN
MAX8506 toc11
REFIN TRANSIENT RESPONSE
MAX8506 toc12
SHDN 2V/div 0 SKIP = GND
REFIN 1V/div
VOUT 1V/div 0 VOUT = 1.8V, RLOAD = 10 100s/div
VOUT 1V/div SKIP = BATT VREFIN = 0.284V TO 1.420V 20s/div
HP TRANSIENT RESPONSE
MAX8506 toc13
LINE TRANSIENT RESPONSE
MAX8506 toc14
HP 1V/div 0 3.4V SKIP = GND VOUT 1V/div 1.8V SKIP = BATT VOUT = 1.8V, RLOAD = 10 20s/div
VIN 200mV/div
VOUT AC-COUPLED 20mV/div VOUT = 1.2V, RLOAD = 10 20s/div
_______________________________________________________________________________________
5
PWM Step-Down DC-DC Converters with 75m Bypass FET for WCDMA and cdmaOne Handsets MAX8506/MAX8507/MAX8508
Pin Description
PIN MAX8506 MAX8507 1 2 3 4 5 MAX8508 1 2 3 -- 5 NAME FUNCTION
SHDN GND REF REFIN COMP
Shutdown Control Input. Drive low for shutdown mode. Connect to BATT or logic high to enable the IC. Ground. Connect to PGND and directly to EP. Reference Output. Output of the internal 1.25V reference. Bypass to GND with a 0.22F capacitor. External Reference Input. Connect to the output of a digital-to-analog converter for dynamic adjustment of the output voltage. Compensation. Connect a compensation network from COMP to GND to stabilize the regulator. See the Typical Application Circuits. High-Power Bypass Control Input. Drive low for OUT to regulate to the voltage set by REFIN (MAX8506/MAX8507) or the external resistors on FB (MAX8508). Drive HP high for OUT to be connected to BATT by an internal bypass PFET. No Connection. Connect to PGND. Power Ground. Connect to GND. Inductor Connection to the Drains of the Internal Power MOSFETs. LX is high impedance in shutdown mode. Supply Voltage Input. Connect to a 2.6V to 5.5V source. Bypass BATTP to PGND with a low-ESR 2.2F capacitor. Connect BATTP to BATT. Supply Voltage Input. Connect all BATT pins to BATTP. Regulator Output. Connect both OUT pins directly to the output voltage. Skip Control Input. Connect to GND or drive low to enable pulse skipping under light loads. Connect SKIP to BATT or logic high for forced-PWM mode. Output Feedback Sense Input. To set the output voltage, connect FB to the center of an external resistive voltage-divider between OUT and GND. FB voltage regulates to 0.75V when HP is low. Exposed Pad. Connect directly to GND underneath the IC.
6 7 8 9 10 11, 13, 15 12, 14 16
6 7 8 9 10 11, 13, 15 12, 14 16
HP N.C. PGND LX BATTP BATT OUT SKIP
-- --
4 --
FB EP
Detailed Description
The MAX8506/MAX8507/MAX8508 PWM step-down DCDC converters with integrated bypass PFET are optimized for low-voltage, battery-powered applications where high efficiency and small size are priorities. An analog control signal dynamically adjusts the MAX8506/ MAX8507s' output voltage from 0.4V to 3.4V with a settling time of 30s. The MAX8508 uses external feedback resistors to set the output voltage from 0.75V to 3.4V. The MAX8506/MAX8507/MAX8508 operate at a high 1MHz switching frequency that reduces external com-
ponent size. Each device includes an internal synchronous rectifier for high efficiency, which eliminates the need for an external Schottky diode. The normal operating mode uses constant-frequency PWM switching at medium and heavy loads and automatically pulse skips at light loads to reduce supply current and extend battery life. A forced-PWM mode switches at a constant frequency, regardless of load, to provide a well-controlled spectrum in noise-sensitive applications. Battery life is maximized by the low-dropout (75m) highpower mode and a 0.1A (typ) logic-controlled shutdown mode.
6
_______________________________________________________________________________________
PWM Step-Down DC-DC Converters with 75m Bypass FET for WCDMA and cdmaOne Handsets
PWM Control
The MAX8506/MAX8507/MAX8508 use a fixed-frequency, current-mode and PWM controller capable of achieving 100% duty cycle. Current-mode feedback provides cycle-by-cycle current limiting and superior load and line response, as well as overcurrent protection for the internal MOSFET and rectifier. A comparator at the P-channel MOSFET switch detects overcurrent at 1.25A. During PWM operation, the MAX8506/MAX8507/ MAX8508 regulate the output voltage by switching at a constant frequency and then modulating the duty cycle with PWM control. The error-amp output, the main switch current-sense signal, and the slope-compensation ramp are all summed using a PWM comparator. The comparator modulates the output power by adjusting the peak inductor current during the first half of each cycle based on the output-error voltage. The MAX8506/MAX8507/MAX8508 have relatively low AC loop gain coupled with a high-gain integrator to enable the use of a small and low-valued output filter capacitor. The resulting load regulation is 0.1% at 0 to 600mA. Then the main switch turns off and the magnetic field in the inductor collapses while current flows through the synchronous rectifier to the output filter capacitor and the load. The synchronous rectifier is turned off when the inductor current reaches zero. The MAX8506/ MAX8507/MAX8508 wait until the skip comparator senses a low output voltage again.
MAX8506/MAX8507/MAX8508
Forced-PWM Operation
Connect SKIP to BATT for forced-PWM operation. Forced-PWM operation is desirable in sensitive RF and data-acquisition applications to ensure that switching harmonics do not interfere with sensitive IF and datasampling frequencies. A minimum load is not required during forced-PWM operation since the synchronous rectifier passes reverse-inductor current as needed to allow constant-frequency operation with no load. ForcedPWM operation uses higher supply current with no load (1.75mA typ) compared to skip mode (180A typ).
100% Duty-Cycle Operation and Dropout
The maximum on-time can exceed one internal oscillator cycle, which permits operation at 100% duty cycle. Near dropout, cycles can be skipped, reducing switching frequency. However, voltage ripple remains small because the current ripple is still low. As the input voltage drops even further, the duty cycle increases until the internal P-channel MOSFET stays on continuously. Dropout voltage at 100% duty cycle is the output current multiplied by the sum of the internal PMOS onresistance (400m typ) and the inductor resistance. For lower dropout, use the high-power bypass mode (75m typ).
Normal-Mode Operation
Connecting SKIP to GND enables normal operation. This allows automatic PWM control at medium and heavy loads and skip mode at light loads to improve efficiency and reduce quiescent current to 180A. Operating in normal mode allows the MAX8506/MAX8507/MAX8508 to pulse skip when the peak inductor current drops below 90mA. During skip operation, the MAX8506/ MAX8507/MAX8508 switch only as needed to service the load, reducing the switching frequency and associated losses in the internal switch and synchronous rectifier. There are three steady-state operating conditions for the MAX8506/MAX8507/MAX8508 in normal mode: 1) The device performs in continuous conduction for heavy loads in a manner identical to forced-PWM mode. 2) The inductor current becomes discontinuous at medium loads, requiring the synchronous rectifier to be turned off before the end of a cycle as the inductor current reaches zero. 3) The device enters into skip mode when the converter output voltage exceeds its regulation limit before the inductor current reaches its skip threshold level. During skip mode, a switching cycle initiates when the output voltage has dropped out of regulation. The Pchannel MOSFET switch turns on and conducts current to the output-filter capacitor and load until the inductor current reaches the pulse-skipping current threshold.
High-Power Bypass Mode
A high-power bypass mode is available for use when a PA transmits at high power. This mode connects OUT to BATT through the bypass PFET. Additionally, the PWM buck converter is forced into 100% duty cycle to further reduce dropout. The dropout in the bypass PFET equals the load current multiplied by the on-resistance (75 typ) in parallel with the buck converter and inductor dropout resistance.
Undervoltage Lockout (UVLO)
The MAX8506/MAX8507/MAX8508 do not operate with battery voltages below the UVLO threshold of 2.35V (typ). The output remains off until the supply voltage exceeds the UVLO threshold. This guarantees the integrity of the output voltage regulation.
_______________________________________________________________________________________
7
PWM Step-Down DC-DC Converters with 75m Bypass FET for WCDMA and cdmaOne Handsets MAX8506/MAX8507/MAX8508
Synchronous Rectification
An N-channel synchronous rectifier operates during the second half of each switching cycle (off-time). When the inductor current falls below the N-channel currentcomparator threshold or when the PWM reaches the end of the oscillator period, the synchronous rectifier turns off. This prevents reverse current from the output to the input in pulse-skipping mode. During PWM operation, the NEGLIM threshold adjusts to permit reverse current during light loads. This allows regulation with a constant switching frequency and eliminates minimum load requirements for fixed-frequency operation. The MAX8506/MAX8507s' output voltage is dynamically adjustable from 0.4V to 3.4V by the use of the REFIN input. The gain from VREFIN to VOUT is internally set to 1.76 (MAX8506) or 2.00 (MAX8507). VOUT can be adjusted during operation by driving REFIN with an external DAC. The MAX8506/MAX8507 output responds to fullscale change in voltage and current in less than 30s. Using External Divider (MAX8508) The MAX8508 is intended for two-step V CC control applications where high efficiency is a priority. Select an output voltage between 0.75V and 3.4V by connecting FB to a resistive-divider between the output and GND (see the MAX8508 Typical Application Circuit). Select feedback resistor R2 in the 5k to 50k range. R1 is then given by: V R1 = R2 x OUT - 1 VFB where VFB = 0.75V.
Shutdown Mode
Drive SHDN to GND to place the MAX8506/MAX8507/ MAX8508 in shutdown mode. In shutdown, the reference, control circuitry, internal switching MOSFET, and synchronous rectifier turn off and the output becomes high impedance. Input current falls to 0.1A (typ) during shutdown mode. Drive SHDN high to enable the IC.
Current-Sense Comparators
The MAX8506/MAX8507/MAX8508 use several internal current-sense comparators. In PWM operation, the PWM comparator terminates the cycle-by-cycle on-time and provides improved load and line response. A second current-sense comparator used across the P-channel switch controls entry into skip mode. A third current-sense comparator monitors current through the internal N-channel MOSFET to prevent excessive reverse currents and determine when to turn off the synchronous rectifier. A fourth comparator used at the P-channel MOSFET detects overcurrent. A fifth comparator used at the bypass P-channel MOSFET detects overcurrent in the HP mode or at dropout. This protects the system, external components, and internal MOSFETs under overload conditions.
Input Capacitor Selection
Capacitor ESR is a major contributor to input ripple in high-frequency DC-DC converters. Ordinary aluminumelectrolytic capacitors have high ESR and should be avoided. Low-ESR tantalum or polymer capacitors are better and provide a compact solution for space-constrained surface-mount designs. Ceramic capacitors have the lowest overall ESR. The input filter capacitor reduces peak currents and noise at the input voltage source. Connect a low-ESR bulk capacitor (2.2F to 10F) to the input. Select this bulk capacitor to meet the input ripple requirements and voltage rating rather than capacitance value. Use the following equation to calculate the maximum RMS input current: I IRMS = OUT x VOUT x (VIN - VOUT ) VIN
Applications Information
Setting the Output Voltage
Using a DAC (MAX8506/MAX8507) The MAX8506/MAX8507 are optimized for highest system efficiency when applying power to a linear PA in CDMA handsets. When transmitting at less than full power, the supply voltage to the PA is lowered in many steps from 3.4V to as low as 0.4V to greatly reduce battery current (see the Typical Application Circuits). The use of DC-DC converters such as the MAX8506/ MAX8507 dramatically extends talk time in these applications.
Compensation, Stability, and Output Capacitor
The MAX8506/MAX8507/MAX8508 are externally compensated by placing a resistor and a capacitor (see the Typical Application Circuits, RC and CC) in series from COMP to GND. An additional capacitor (C f) may be required from COMP to GND if high-ESR output capacitors are used. The CC capacitor integrates the current from the transimpedance amplifier, averaging output
8
_______________________________________________________________________________________
PWM Step-Down DC-DC Converters with 75m Bypass FET for WCDMA and cdmaOne Handsets
Table 1. Suggested Inductors
SUPPLIER Murata Sumida Taiyo Yuden TOKO PART NUMBER LQH32C-53 CDRH2D11 LBLQ2016 D312C INDUCTANCE (H) 4.7 4.7 4.7 4.7 ESR (m) 150 135 250 200 SATURATION CURRENT (A) 0.650 0.500 0.210 0.790 DIMENSIONS (mm) 2.5 x 3.2 x 1.7 3.2 x 3.2 x 1.2 1.6 x 2.0 x 1.6 3.6 x 3.6 x 1.2
MAX8506/MAX8507/MAX8508
capacitor ripple. This sets the device speed for transient response and allows the use of small ceramic output capacitors because the phase-shifted capacitor ripple does not disturb the current-regulation loop. The resistor sets the proportional gain of the output error voltage by a factor of gm x RC. Increasing this resistor also increases the sensitivity of the control loop to output ripple. The resistor and capacitor set a compensation zero that defines the system's transient response. The load creates a dynamic pole, shifting in frequency with changes in load. As the load decreases, the pole frequency shifts to the left. System stability requires that the compensation zero must be placed to ensure adequate phase margin (at least 30 at unity gain). With a 4.7F output capacitor, the recommended CC and RC for the MAX8506 are 1500pF and 10k, respectively. This provides adequate phase margin over the entire output voltage and load range and optimizes the outputvoltage settling time for REFIN dynamic control. See the Typical Application Circuits for recommended CC and RC values for the MAX8507 and MAX8508.
PC Board Layout and Routing
Table 2. Component Suppliers
SUPPLIER Murata Sumida Taiyo Yuden TOKO PHONE 770-436-1300 847-956-0666 408-573-4150 847-297-0070 WEBSITE www.murata.com www.sumida.com www.t-yuden.com www.tokoam.com
Inductor Selection
A 4H to 6H inductor is recommended for most applications. For best efficiency, the inductor's DC resistance should be <400m. Saturation current (ISAT) should be greater than the maximum DC load at the PA's supply plus half the inductor current ripple. Two-step VCC applications typically require very small inductors with ISAT in the 200mA to 300mA region. See Tables 1 and 2 for recommended inductors and suppliers.
High switching frequencies and large peak currents make PC board layout a very important part of design. Good design minimizes EMI, noise on the feedback paths, and voltage gradients in the ground plane, all of which can result in instability or regulation errors. Connect the inductor, input filter capacitor, and output filter capacitor as close together as possible and keep their traces short, direct, and wide. The external voltage- feedback network should be very close to the FB pin, within 0.2in (5mm). Keep noisy traces, such as those from the LX pin, away from the voltage-feedback network. Position the bypass capacitors as close as possible to their respective supply and ground pins to minimize noise coupling. For optimum performance, place input and output capacitors as close to the device as possible. Connect GND directly under the IC to the exposed paddle. Refer to the MAX8506 evaluation kit for an example PC board layout and routing scheme.
_______________________________________________________________________________________
9
PWM Step-Down DC-DC Converters with 75m Bypass FET for WCDMA and cdmaOne Handsets MAX8506/MAX8507/MAX8508
Typical Application Circuits (MAX8508) (continued)
INPUT 2.6V TO 5.5V 2.2F BATTP LX BATT OUT 0.075 4.7H OUTPUT 0.75V TO 3.4V OR VBATT 4.7F
MAX8508
SKIP SHDN REF 0.22F 1MHz OSC 0.4 REF PWM
CURRENTLIMIT CONTROL R1
0.3
FB R2
HP COMP PGND GND
0.75V
RC 5.6k CC 2700pF Cf 100pF
Pin Configurations
BATT BATT
BATT BATT SKIP SKIP
OUT
16 SHDN GND REF REFIN 1 2 3 4 5 COMP
15
14
13 12 11 OUT BATT BATTP LX SHDN GND REF FB 1 2 3 4
16
15
14
OUT
TOP VIEW
13 12 11 OUT BATT BATTP LX
MAX8506 MAX8507
10 9
MAX8508
10 9
6
HP
7 N.C.
8 PGND
5 COMP
6
HP
7 N.C.
8 PGND
THIN QFN 4mm x 4mm
THIN QFN 4mm x 4mm
Chip Information
TRANSISTOR COUNT: 2020 PROCESS: BiCMOS
10 ______________________________________________________________________________________
PWM Step-Down DC-DC Converters with 75m Bypass FET for WCDMA and cdmaOne Handsets
Package Information
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information, go to www.maxim-ic.com/packages.)
24L QFN THIN.EPS
MAX8506/MAX8507/MAX8508
PACKAGE OUTLINE 12,16,20,24L QFN THIN, 4x4x0.8 mm
21-0139
B
1
2
PACKAGE OUTLINE 12,16,20,24L QFN THIN, 4x4x0.8 mm
21-0139
B
2
2
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 ____________________ 11 (c) 2004 Maxim Integrated Products Printed USA is a registered trademark of Maxim Integrated Products.
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of MAX8508ETE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X