Part Number Hot Search : 
FQD5N20 45V1P EZ10D5 BZX78C16 AS350SS SDA12 IRF7424 LN1271
Product Description
Full Text Search
 

To Download MAX6699UE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 19-3859; Rev 0; 12/05
5-Channel Precision Temperature Monitor
General Description
The MAX6699 precision multichannel temperature sensor monitors its own temperature and the temperatures of up to four external diode-connected transistors. All temperature channels have programmable alert thresholds. Channels 1 and 4 also have programmable overtemperature thresholds. When the measured temperature of a channel exceeds the respective threshold, a status bit is set in one of the status registers. Two open-drain outputs, OVERT and ALERT, assert corresponding to these bits in the status register. The 2-wire serial interface supports the standard system management bus (SMBusTM) protocols: write byte, read byte, send byte, and receive byte for reading the temperature data and programming the alarm thresholds. The MAX6699 is specified for an operating temperature range of -40C to +125C and is available in 16-pin QSOP and 16-pin TSSOP packages. Four Thermal-Diode Inputs Local Temperature Sensor 1C Remote Temperature Accuracy (+60C to +100C) Temperature Monitoring Begins at POR for Fail-Safe System Protection ALERT and OVERT Outputs for Interrupts, Throttling, and Shutdown Small 16-Pin QSOP and 16-Pin TSSOP Packages 2-Wire SMBus Interface
Features
MAX6699
Applications
Desktop Computers Notebook Computers Workstations Servers
SMBus is a trademark of Intel Corp.
PART MAX6699EE_ _ MAX6699UE_ _
Ordering Information
TEMP RANGE -40C to +125C -40C to +125C PIN-PACKAGE 16 QSOP 16 TSSOP
See the Slave Address section. Pin Configuration appears at end of data sheet.
Typical Application Circuit
+3.3V CPU 1 2200pF 2 3 2200pF 4 5 2200pF 6 7 2200pF 8 DXN4 N.C.2 9 DXN3 DXP4 OVERT 11 N.C.1 10 TO SYSTEM SHUTDOWN DXN2 DXP3 ALERT 13 VCC 12 0.1F INTERRUPT TO P DXN1 DXP2 DXP1 GND 16 4.7k EACH CLK DATA
MAX6699
SMBCLK 15 SMBDATA 14
________________________________________________________________ Maxim Integrated Products
1
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at 1-888-629-4642, or visit Maxim's website at www.maxim-ic.com.
5-Channel Precision Temperature Monitor MAX6699
ABSOLUTE MAXIMUM RATINGS
VCC, SCK, SDA, ALERT, OVERT to GND ................-0.3V to +6V DXP_ to GND..............................................-0.3V to (VCC + 0.3V) DXN_ to GND ........................................................-0.3V to +0.8V SDA, ALERT, OVERT Current .............................-1mA to +50mA DXN Current .......................................................................1mA Continuous Power Dissipation (TA = +70C) 16-Pin QSOP (derate 8.30mW/C above +70C) ....................727.3mW(E20-1) 16-Pin TSSOP (derate 9.40mW/C above +70C)..................879.1mW(U20-2) ESD Protection (all pins, Human Body Model) ................2000V Operating Temperature Range .........................-40C to +125C Junction Temperature ......................................................+150C Storage Temperature Range .............................-60C to +150C Lead Temperature (soldering, 10s) .................................+300C
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
(VCC = +3.0V to +5.5V, TA = -40C to +125C, unless otherwise noted. Typical values are at VCC = +3.3V and TA = +25C.) (Note 1)
PARAMETER Supply Voltage Standby Supply Current Operating Current Temperature Resolution SYMBOL VCC ISS ICC SMBus static During conversion Channel 1 only Other diode channels TA = TRJ = +60C to +100C Remote Temperature Accuracy VCC = 3.3V TA = TRJ = 0C to +125C DXN_ grounded, TRJ = TA = 0C to +85C TA = +60C to +100C TA = 0C to +125C -2.0 -3.0 0.2 tCONV1 tCONV_ IRJ UVLO High level Low level Falling edge of VCC disables ADC VCC falling edge Resistance cancellation on Resistance cancellation off 95 190 95 80 8 2.30 1.2 125 250 125 100 10 2.80 90 2.0 90 ISINK = 1mA ISINK = 6mA 0.3 0.5 1 2.5 156 312 156 120 12 2.95 -1.0 -3.0 CONDITIONS MIN 3.0 30 500 11 8 +1.0 +3.0 2.5 +2.0 +3.0
o o o
TYP
MAX 5.5 1000
UNITS V A A Bits
C
Local Temperature Accuracy Supply Sensitivity of Temperature Accuracy Remote Channel 1 Conversion Time Remote Channels 2 Through 4 Conversion Time Remote-Diode Source Current Undervoltage-Lockout Threshold Undervoltage-Lockout Hysteresis Power-On Reset (POR) Threshold POR Threshold Hysteresis ALERT, OVERT Output Low Voltage Output Leakage Current VOL
VCC = 3.3V
C
C/V ms ms A V
mV V mV
V A
2
_______________________________________________________________________________________
5-Channel Precision Temperature Monitor
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +3.0V to +5.5V, TA = -40C to +125C, unless otherwise noted. Typical values are at VCC = +3.3V and TA = +25C.) (Note 1)
PARAMETER SMBus INTERFACE (SCL, SDA) Logic Input Low Voltage Logic Input High Voltage Input Leakage Current Output Low Voltage Input Capacitance Serial Clock Frequency Bus Free Time Between STOP and START Condition START Condition Setup Time VOL CIN fSCL tBUF (Note 3) fSCL = 100kHz fSCL = 400kHz fSCL = 100kHz fSCL = 400kHz 90% of SCL to 90% of SDA, fSCL = 100kHz 90% of SCL to 90% of SDA, fSCL = 400kHz 10% of SDA to 90% of SCL 90% of SCL to 90% of SDA, fSCL = 100kHz 90% of SCL to 90% of SDA, fSCL = 400kHz 10% to 10%, fSCL = 100kHz 10% to 10%, fSCL = 400kHz 90% to 90% fSCL = 100kHz fSCL = 400kHz (Note 4) fSCL = 100kHz fSCL = 400kHz fSCL = 100kHz fSCL = 400kHz 0 SDA low period for interface reset 25 37 250 100 1 0.3 300 50 45 4.7 1.6 4.7 0.6 0.6 s 0.6 0.6 4 s 0.6 1.3 1.3 0.6 300 900 s s ns ns s ns ns ms s ISINK = 6mA 5 400 VIL VIH VCC = 3.0V VCC = 5.0V 2.2 2.4 -1 +1 0.3 0.8 V V V A V pF kHz s s SYMBOL CONDITIONS MIN TYP MAX UNITS
MAX6699
SMBus-COMPATIBLE TIMING (Figures 3 and 4) (Note 2)
Repeat START Condition Setup Time START Condition Hold Time
tSU:STA
tHD:STA
STOP Condition Setup Time
tSU:STO
Clock Low Period Clock High Period Data Hold Time Data Setup Time Receive SCL/DSA Rise Time Receive SCL/SDA Fall Time Pulse Width of Spike Suppressed SMBus Timeout
tLOW tHIGH tHD:DAT tSU:DAT tR tF tSP tTIMEOUT
Note 1: Note 2: Note 3: Note 4:
All parameters are tested at TA = +25C. Specifications over temperature are guaranteed by design. Timing specifications are guaranteed by design. The serial interface resets when SCL is low for more than tTIMEOUT. A transition must internally provide at least a hold time to bridge the undefined region (300ns max) of SCL's falling edge.
_______________________________________________________________________________________
3
5-Channel Precision Temperature Monitor MAX6699
Typical Operating Characteristics
(VCC = 3.3V, TA = +25C, unless otherwise noted.)
STANDBY SUPPLY CURRENT vs. SUPPLY VOLTAGE
MAX6699 toc01
SUPPLY CURRENT vs. SUPPLY VOLTAGE
MAX6699 toc02
REMOTE TEMPERATURE ERROR vs. REMOTE-DIODE TEMPERATURE
MAX6699 toc03
12 STANDBY SUPPLY CURRENT (A) 11 10 9 8 7 6 5 4 3 2 1 0 3.3 3.8 4.3 4.8 5.3 SUPPLY VOLTAGE (V)
360 355 SUPPLY CURRENT (A) 350 345 340 335 330 325 320 3.3 3.8 4.3 4.8 5.3 SUPPLY VOLTAGE (V)
3 2 TEMPERATURE ERROR (C) 1 0 -1 -2 -3 -4 0 25 50 75 100
125
REMOTE-DIODE TEMPERATURE (C)
LOCAL TEMPERATURE ERROR vs. DIE TEMPERATURE
MAX6699 toc04
REMOTE-DIODE TEMPERATURE ERROR vs. POWER-SUPPLY NOISE FREQUENCY
4 TEMPERATURE ERROR (C) 3 2 1 0 -1 -2 -3 -4 -5 100mVP-P
MAX6699 toc05
4 3 TEMPERATURE ERROR (C) 2 1 0 -1 -2 -3 -4 0 25 50 75 100
5
125
0.1 FREQUENCY (MHz)
1
DIE TEMPERATURE (C)
LOCAL TEMPERATURE ERROR vs. POWER-SUPPLY NOISE FREQUENCY
MAX6699 toc06
REMOTE TEMPERATURE ERROR vs. COMMON-MODE NOISE FREQUENCY
4 TEMPERATURE ERROR (C) 3 2 1 0 -1 -2 -3 -4 100mVP-P
MAX6699 toc07
5 4 TEMPERATURE ERROR (C) 3 2 1 0 -1 -2 -3 -4
100mVP-P
5
-5 0.001
0.01
0.1
1
FREQUENCY (MHz)
-5 0.001
0.01
0.1 FREQUENCY (MHz)
1
10
4
_______________________________________________________________________________________
5-Channel Precision Temperature Monitor
Typical Operating Characteristics (continued)
(VCC = 3.3V, TA = +25C, unless otherwise noted.)
REMOTE TEMPERATURE ERROR vs. COMMON-MODE NOISE FREQUENCY
MAX6699 toc08
MAX6699
TEMPERATURE ERROR vs. DXP-DXN CAPACITANCE
-0.5 TEMPERATURE ERROR (C) -1.0 -1.5 -2.0 -2.5 -3.0 -3.5 -4.0 -4.5 -5.0
MAX6699 toc09
5 4 TEMPERATURE ERROR (C) 3 2 1 0 -1 -2 -3 -4 -5 0.001 0.01 0.1 FREQUENCY (MHz) 1 100mVP-P
0
10
1
10 DXP-DXN CAPACITANCE (nF)
100
Pin Description
PIN 1 NAME DXP1 FUNCTION Combined Current Source and A/D Positive Input for Channel 1 Remote Diode. Connect to the anode of a remote-diode-connected temperature-sensing transistor. Leave floating or connect to DXN1 if no remote diode is used. Place a 2200pF capacitor between DXP1 and DXN1 for noise filtering. Cathode Input for Channel 1 Remote Diode. Connect the cathode of the channel 1 remote-diodeconnected transistor to DXN1. Combined Current Source and A/D Positive Input for Channel 2 Remote Diode. Connect to the anode of a remote-diode-connected temperature-sensing transistor. Leave floating or connect to DXN2 if no remote diode is used. Place a 2200pF capacitor between DXP2 and DXN2 for noise filtering. Cathode Input for Channel 2 Remote Diode. Connect the cathode of the channel 2 remote-diodeconnected transistor to DXN2. Combined Current Source and A/D Positive Input for Channel 3 Remote Diode. Connect to the anode of a remote-diode-connected temperature-sensing transistor. Leave floating or connect to DXN3 if no remote diode is used. Place a 2200pF capacitor between DXP3 and DXN3 for noise filtering. Cathode Input for Channel 3 Remote Diode. Connect the cathode of the channel 1 remote-diodeconnected transistor to DXN3.
2
DXN1
3
DXP2
4
DXN2
5
DXP3
6
DXN3
_______________________________________________________________________________________
5
5-Channel Precision Temperature Monitor MAX6699
Pin Description (continued)
PIN 7 NAME DXP4 FUNCTION Combined Current Source and A/D Positive Input for Channel 4 Remote Diode. Connect to the anode of a remote-diode-connected temperature-sensing transistor. Leave floating or connect to DXN4 if no remote diode is used. Place a 2200pF capacitor between DXP4 and DXN4 for noise filtering. Cathode Input for Channel 4 Remote Diode. Connect the cathode of the channel 1 remote-diodeconnected transistor to DXN4. No Connection. Must be connected to ground. Overtemperature Active-Low, Open-Drain Output. OVERT asserts low when the temperature of channels 1 and 4 exceeds the programmed threshold limit. Supply Voltage Input. Bypass to GND with a 0.1F capacitor. SMBus Alert (Interrupt), Active-Low, Open-Drain Output. ALERT asserts low when the temperature of any channel exceeds the programmed ALERT threshold. SMBus Serial-Data Input/Output. Connect to a pullup resistor. SMBus Serial-Clock Input. Connect to a pullup resistor. Ground
8 9, 10 11 12 13 14 15 16
DXN4 N.C._ OVERT VCC ALERT SMBDATA SMBCLK GND
Detailed Description
The MAX6699 is a precision multichannel temperature monitor that features one local and four remote temperature-sensing channels with a programmable alert threshold for each temperature channel and a programmable overtemperature threshold for channels 1 and 4 (see Figure 1). Communication with the MAX6699 is achieved through the SMBus serial interface and a dedicated alert pin. The alarm outputs, OVERT and ALERT, assert if the software-programmed temperature thresholds are exceeded. ALERT typically serves as an interrupt, while OVERT can be connected to a fan, system shutdown, or other thermal-management circuitry.
channels. If faster temperature changes must be monitored in one of the temperature channels, the MAX6699 allows channel 1 to be monitored at a faster rate than the other channels. In this mode (set by writing a 1 to bit 4 of the configuration 1 register), measurements of channel 1 alternate with measurements of the other channels. The sequence becomes channel 1, channel 2, channel 1, channel 3, channel 1, etc. Note that the time required to measure all five channels is considerably greater in this mode than in the default mode.
Low-Power Standby Mode
Standby mode reduces the supply current to less than 15A by disabling the internal ADC. Enter standby by setting the STOP bit to 1 in the configuration 1 register. During standby, data is retained in memory, and the SMBus interface is active and listening for SMBus commands, but the SMBus timeout is disabled. The timeout is enabled if a start condition is recognized on SMBus. Activity on the SMBus causes the supply current to increase. If a standby command is received while a conversion is in progress, the conversion cycle is interrupted, and the temperature registers are not updated. The previous data is not changed and remains available.
ADC Conversion Sequence
In the default conversion mode, the MAX6699 starts the conversion sequence by measuring the temperature on channel 1, followed by 2, 3, and local channel 4. The conversion result for each active channel is stored in the corresponding temperature data register. In some systems, one of the remote thermal diodes may be monitoring a location that experiences temperature changes that occur much more rapidly than in the other
6
_______________________________________________________________________________________
5-Channel Precision Temperature Monitor MAX6699
VCC
DXP1
MAX6699
DXN1 DXP2 10/100A DXN2 DXP3 ALARM ALU OVERT AVERT ADC
DXN3 DXP4
INPUT BUFFER
COUNT
REGISTER BANK COMMAND BYTE
COUNTER DXN4 REF
REMOTE TEMPERATURES LOCAL TEMPERATURES ALERT THRESHOLD OVERT THRESHOLD ALERT RESPONSE ADDRESS
SMBus INTERFACE
SCL
SDA
Figure 1. Internal Block Diagram
SMBus Digital Interface
From a software perspective, the MAX6699 appears as a series of 8-bit registers that contain temperature-measurement data, alarm threshold values, and control bits. A standard SMBus-compatible 2-wire serial interface is used to read temperature data and write control bits and alarm threshold data. The same SMBus slave address also provides access to all functions. The MAX6699 employs four standard SMBus protocols: write byte, read byte, send byte, and receive byte (Figure 2). The shorter receive-byte protocol allows quicker transfers, provided that the correct data register was previously selected by a read byte instruction. Use caution with the shorter protocols in multimaster
systems, since a second master could overwrite the command byte without informing the first master. Figure 3 is the SMBus write timing diagram, and Figure 4 is the SMBus read timing diagram. The remote diode 1 measurement channel provides 11 bits of data (1 LSB = 0.125C). All other temperaturemeasurement channels provide 8 bits of temperature data (1 LSB = 1C). The 8 most significant bits (MSBs) can be read from the local temperature and remote temperature registers. The remaining 3 bits for remote diode 1 can be read from the extended temperature register. If extended resolution is desired, the extended resolution register should be read first. This prevents the most significant bits from being overwritten by new
7
_______________________________________________________________________________________
5-Channel Precision Temperature Monitor MAX6699
Write Byte Format S ADDRESS 7 bits Slave Address: equivalent to chip-select line of a 3-wire interface Read Byte Format S ADDRESS 7 bits Slave Address: equivalent to chip-select line Send Byte Format S ADDRESS 7 bits WR ACK COMMAND 8 bits Command Byte: sends command with no data, usually used for one-shot command S = Start condition P = Stop condition Shaded = Slave transmission /// = Not acknowledged ACK P WR ACK COMMAND 8 bits Command Byte: selects from which register you are reading ACK S ADDRESS 7 bits Slave Address: repeated due to change in dataflow direction Receive Byte Format S ADDRESS 7 bits RD ACK DATA 8 bits Data Byte: reads data from the register commanded by the last read byte or write byte transmission; also used for SMBus alert response return address /// P RD ACK DATA 8 bits Data Byte: reads from the register set by the command byte /// P WR ACK COMMAND 8 bits Command Byte: selects to which register you are writing ACK DATA 8 bits ACK P 1
Data Byte: data goes into the register set by the command byte (to set thresholds, configuration masks, and sampling rate)
Figure 2. SMBus Protocols
Table 1. Main Temperature Register (High Byte) Data Format
TEMP (C) >127 127 126 25 0.00 <0.00 Diode fault (short or open) DIGITAL OUTPUT 0111 1111 0111 1111 0111 1110 0001 1001 0000 0000 0000 0000 1111 1111
Table 2. Extended Resolution Temperature Register (Low Byte) Data Format
TEMP (C) 0 +0.125 +0.250 +0.375 +0.500 +0.625 +0.725 +0.875 DIGITAL OUTPUT 000X XXXX 001X XXXX 010X XXXX 011X XXXX 100X XXXX 101X XXXX 110X XXXX 111X XXXX
conversion results until they have been read. If the most significant bits have not been read within an SMBus timeout period (nominally 37ms), normal updating continues. Table 1 shows the main temperature register (high byte) data format, and Table 2 shows the extended resolution register (low byte) data format.
Diode Fault Detection
If a channel's input DXP_ and DXN_ are left open or shorted together, the MAX6699 detects a diode fault. A diode fault, whether a short or an open circuit, does not cause either ALERT or OVERT to assert. A bit in the status register for the corresponding channel is set to 1, and the temperature data for the channel is stored as all 1s. It takes approximately 4ms for the MAX6699 to detect a diode fault. Once a diode fault is detected, the MAX6699 jumps onto the next channel in the conversion sequence.
8
_______________________________________________________________________________________
5-Channel Precision Temperature Monitor MAX6699
A tLOW B tHIGH C D E F G H I J K L M
SMBCLK
SMBDATA
tSU:STA tHD:STA A = START CONDITION B = MSB OF ADDRESS CLOCKED INTO SLAVE C = LSB OF ADDRESS CLOCKED INTO SLAVE D = R/W BIT CLOCKED INTO SLAVE
tSU:DAT E = SLAVE PULLS SMBDATA LINE LOW F = ACKNOWLEDGE BIT CLOCKED INTO MASTER G = MSB OF DATA CLOCKED INTO SLAVE H = LSB OF DATA CLOCKED INTO SLAVE I = MASTER PULLS DATA LINE LOW J = ACKNOWLEDGE CLOCKED INTO SLAVE K = ACKNOWLEDGE CLOCK PULSE L = STOP CONDITION M = NEW START CONDITION
tSU:STO
tBUF
Figure 3. SMBus Write Timing Diagram
A
tLOW
B
tHIGH
C
D
E
F
G
H
I
J
K
L
M
SMBCLK
SMBDATA tSU:STA tHD:STA tSU:DAT tHD:DAT F = ACKNOWLEDGE BIT CLOCKED INTO MASTER G = MSB OF DATA CLOCKED INTO MASTER H = LSB OF DATA CLOCKED INTO MASTER I = MASTER PULLS DATA LINE LOW
tSU:STO tBUF J = ACKNOWLEDGE CLOCKED INTO SLAVE K = ACKNOWLEDGE CLOCK PULSE L = STOP CONDITION M = NEW START CONDITION
A = START CONDITION B = MSB OF ADDRESS CLOCKED INTO SLAVE C = LSB OF ADDRESS CLOCKED INTO SLAVE D = R/W BIT CLOCKED INTO SLAVE E = SLAVE PULLS SMBDATA LINE LOW
Figure 4. SMBus Read Timing Diagram
Alarm Threshold Registers
There are 9 alarm threshold registers that store overtemperature ALERT and OVERT threshold values. Seven of these registers are dedicated to store one local alert temperature threshold limit and six remote alert temperature threshold limits (see the ALERT Interrupt Mode section). The remaining two registers are dedicated to remote channels 1 and 4 to store overtemperature threshold limits (see the OVERT Overtemperature Alarm section). Access to these registers is provided through the SMBus interface.
ALERT Interrupt Mode
An ALERT interrupt occurs when the internal or external temperature reading exceeds a high-temperature limit
(user programmable). The ALERT output clears if the temperature goes below the high-temperature limit threshold. The ALERT interrupt output signal can also be cleared by reading the status register(s) associated with the fault(s) or by successfully responding to an alert response address transmission by the master. In both cases, the alert is cleared, but is reasserted at the end of the next conversion if the fault condition still exists. The interrupt does not halt automatic conversions. The ALERT output is open drain so that multiple devices can share a common interrupt line. All ALERT interrupts can be masked using the configuration 3 register. The POR state of these registers is shown in Table 3.
_______________________________________________________________________________________
9
5-Channel Precision Temperature Monitor MAX6699
Table 3. Command Byte Register Bit Assignment
REGISTER Local Remote 1 Remote 2 Remote 3 Remote 4 Reserved Reserved Configuration 1 Configuration 2 Configuration 3 Status1 Status2 Status3 Local ALERT High Limit Remote 1 ALERT High Limit Remote 2 ALERT High Limit Remote 3 ALERT High Limit Remote 4 ALERT High Limit Reserved Reserved Remote 1 OVERT High Limit Remote 4 OVERT High Limit Reserved Reserved Remote 1 Extended Temperature Manufacturer ID ADDRESS (HEX) 07 01 02 03 04 05 06 41 42 43 44 45 46 17 11 12 13 14 15 16 21 24 25 26 09 0A POR STATE (HEX) 00 00 00 00 00 00 00 00 00 00 00 00 00 5A 7F 64 64 64 64 64 6E 7F 5A 5A 00 4D READ/ WRITE R R R R R R R R/W R/W R/W R R R R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R R DESCRIPTION Read local temperature register Read channel 1 remote temperature register Read channel 2 remote temperature register Read channel 3 remote temperature register Read channel 4 remote temperature register -- -- Read/write configuration register 1 Read/write configuration register 2 Read/write configuration register 3 Read status register 1 Read status register 2 Read status register 3 Read/write local alert high-temperature threshold limit register Read/write channel 1 remote-diode alert high-temperature threshold limit register Read/write channel 2 remote-diode alert high-temperature threshold limit register Read/write channel 3 remote-diode alert high-temperature threshold limit register Read/write channel 4 remote-diode alert high-temperature threshold limit register -- -- Read/write channel 1 remote-diode overtemperature threshold limit register Read/write channel 4 remote-diode overtemperature threshold limit register -- -- Read channel 1 remote-diode extended temperature register Read manufacturer ID
10
______________________________________________________________________________________
5-Channel Precision Temperature Monitor
ALERT Response Address
The SMBus alert response interrupt pointer provides quick fault identification for simple slave devices that lack the complex logic needed to be a bus master. Upon receiving an interrupt signal, the host master can broadcast a receive byte transmission to the alert response slave address (see the Slave Addresses section). Then, any slave device that generated an interrupt attempts to identify itself by putting its own address on the bus. The alert response can activate several different slave devices simultaneously, similar to the I2C* General Call. If more than one slave attempts to respond, bus arbitration rules apply, and the device with the lower address code wins. The losing device does not generate an acknowledgment and continues to hold the ALERT line low until cleared. (The conditions for clearing an alert vary depending on the type of slave device.) Successful completion of the alert response protocol clears the output latch. If the condition that caused the alert still exists, the MAX6699 reasserts the ALERT interrupt at the end of the next conversion. Configuration 1 Register The Configuration 1 register (Table 4) has several functions. Bit 7(MSB) is used to put the MAX6699 either in software standby mode (STOP) or continuous conversion mode. Bit 6 resets all registers to their power-on reset conditions and then clears itself. Bit 5 disables the SMBus timeout. Bit 4 enables more frequent conversions on channel 1, as described in the ADC Conversion Sequence section. Bit 3 enables resistance cancellation on channel 1. See the Series Resistance Cancellation section for more details. The remaining bits of the Configuration 1 register are not used. The POR state of this register is 0000 0000 (00h). Configuration 2 Register The Configuration 2 register functions are described in Table 5. Bits [6:0] are used to mask the ALERT interrupt output. Bit 6 masks the local alert interrupt and bit 5 through bit 2 mask the remote alert interrupts. The power-up state of this register is 0000 0000 (00h). Configuration 3 Register Table 6 describes the Configuration 3 register. Bits 3 and 0 mask the OVERT interrupt output for channels 4 and 1. The remaining bits, 7, 6, 5, 4, 2, and 1, are reserved. The power-up state of this register is 0000 0000 (00h).
MAX6699
OVERT Overtemperature Alarms
The MAX6699 has two overtemperature registers that store remote alarm threshold data for the OVERT output. OVERT is asserted when a channel's measured temperature is greater than the value stored in the corresponding threshold register. OVERT remains asserted until the temperature drops below the programmed threshold minus 4C hysteresis. An overtemperature output can be used to activate a cooling fan, send a warning, initiate clock throttling, or trigger a system shutdown to prevent component damage. See Table 3 for the POR state of the overtemperature threshold registers.
Status Registers Functions
Status registers 1, 2, and 3 (Tables 7, 8, and 9) indicate which (if any) temperature thresholds have been exceeded and if there is an open-circuit or short-circuit fault detected with the external sense junctions. Status register 1 indicates if the measured temperature has exceeded the threshold limit set in the ALERT registers for the local or remote-sensing diodes. Status register 2 indicates if the measured temperature has exceeded the threshold limit set in the OVERT registers. Status register 3 indicates if there is a diode fault (open or short) in any of the remote-sensing channels. Bits in the Alert Status register clear by a successful read, but set again after the next conversion unless the fault is corrected, either by a drop in the measured temperature or an increase in the threshold temperature. The ALERT interrupt output follows the status flag bit. Once the ALERT output is asserted, it can be deasserted by either reading Status register 1 or by successfully responding to an alert response address. In both
Command Byte Functions
The 8-bit Command Byte register (Table 3) is the master index that points to the various other registers within the MAX6699. This register's POR state is 0000 0000.
Configuration Bytes Functions
There are three Read-Write Configuration registers (Tables 4, 5, and 6) that can be used to control the MAX6699's operation.
*Purchase of I2C components from Maxim Integrated Products, Inc., or one of its sublicensed Associated Companies, conveys a license under the Philips I2C Patent Rights to use these components in an I2C system, provided that the system conforms to the I2C Standard Specification as defined by Philips. ______________________________________________________________________________________ 11
5-Channel Precision Temperature Monitor MAX6699
Table 4. Configuration 1 Register
BIT 7(MSB) 6 5 4 3 2 1 0 NAME STOP POR TIMEOUT Fast remote 1 Resistance cancellation Reserved Reserved Reserved POR STATE 0 0 0 0 0 0 0 0 FUNCTION Standby Mode Control Bit. If STOP is set to logic 1, the MAX6699 stops converting and enters standby mode. Reset Bit. Set to logic 1 to put the device into its power-on state. This bit is selfclearing. Timeout Enable Bit. Set to logic 0 to enable SMBus timeout. Channel 1 Fast Conversion Bit. Set to logic 1 to enable fast conversion of channel 1. Resistance Cancellation Bit. When set to logic 1, the MAX6699 cancels series resistance in the channel 1 thermal diode. -- -- --
Table 5. Configuration 2 Register
BIT 7(MSB) 6 5 4 3 2 1 0 NAME Reserved Mask Local ALERT Reserved Reserved Mask ALERT 4 Mask ALERT 3 Mask ALERT 2 Mask ALERT 1 POR STATE 0 0 0 0 0 0 0 0 Local Alert Mask. Set to logic 1 to mask local channel ALERT. -- -- Channel 4 Alert Mask. Set to logic 1 to mask channel 4 ALERT. Channel 3 Alert Interrupt Mask. Set to logic 1 to mask channel 3 ALERT. Channel 2 Alert Mask. Set to logic 1 to mask channel 2 ALERT. Channel 1 Alert Mask. Set to logic 1 to mask channel 1 ALERT. FUNCTION
cases, the alert is cleared even if the fault condition exists, but the ALERT output reasserts at the end of the next conversion. The bits indicating the fault for the OVERT interrupt output clear only on reading the Status 2 register even if the fault conditions still exist. Reading the Status 2 register does not clear the OVERT interrupt output. To eliminate the fault condition, either the measured temperature must drop below the temperature threshold minus the hysteresis value (4C), or the trip temperature must be set at least 4C above the current temperature.
sensing diodes (see the Typical Application Circuit), or it can measure the temperature of a discrete diodeconnected transistor.
Effect of Ideality Factor
The accuracy of the remote temperature measurements depends on the ideality factor (n) of the remote diode (actually a transistor). The MAX6699 is optimized for n = 1.008. A thermal diode on the substrate of an IC is normally a pnp with the base and emitter brought out the collector (diode connection) grounded. DXP_ must be connected to the anode (emitter), and DXN_ must be connected to the cathode (base) of this pnp. If a sense transistor with an ideality factor other than 1.008 is used, the output data is different from the data obtained with the optimum ideality factor. Fortunately, the difference is predictable. Assume a remote-diode
Applications Information
Remote-Diode Selection
The MAX6699 directly measures the die temperature of CPUs and other ICs that have on-chip temperature12
______________________________________________________________________________________
5-Channel Precision Temperature Monitor MAX6699
Table 6. Configuration 3 Register
BIT 7(MSB) 6 5 4 3 2 1 0 NAME Reserved Reserved Reserved Reserved Mask OVERT 4 Reserved Reserved Mask OVERT 1 POR STATE 0 0 -- -- 0 0 0 0 -- -- -- -- Channel 4 Remote-Diode OVERT Mask Bit. Set to logic 1 to mask channel 4 OVERT. -- -- Channel 1 Remote-Diode OVERT Mask Bit. Set to logic 1 to mask channel 1 OVERT. FUNCTION
sensor designed for a nominal ideality factor nNOMINAL is used to measure the temperature of a diode with a different ideality factor n1. The measured temperature TM can be corrected using: n1 TM = TACTUAL nNOMINAL where temperature is measured in Kelvin and nNOMIMAL for the MAX6699 is 1.008. As an example, assume you want to use the MAX6699 with a CPU that has an ideality factor of 1.002. If the diode has no series resistance, the measured data is related to the real temperature as follows:
n 1.008 TACTUAL = TM x NOMINAL = TM x = T (1.00599) 1.002 M n1
increases the conversion time for channel 1 by 125ms. This feature cancels the bulk resistance of the sensor and any other resistance in series (wire, contact resistance, etc.). The cancellation range is from 0 to 100.
Discrete Remote Diodes
When the remote-sensing diode is a discrete transistor, its collector and base must be connected together. Table 10 lists examples of discrete transistors that are appropriate for use with the MAX6699. The transistor must be a small-signal type with a relatively high forward voltage; otherwise, the A/D input voltage range can be violated. The forward voltage at the highest expected temperature must be greater than 0.25V at 10A, and at the lowest expected temperature, the forward voltage must be less than 0.95V at 100A. Large power transistors must not be used. Also, ensure that the base resistance is less than 100. Tight specifications for forward current gain (50 < <150, for example) indicate that the manufacturer has good process controls and that the devices have consistent V BE characteristics. Manufacturers of discrete transistors do not normally specify or guarantee ideality factor. This is normally not a problem since good-quality discrete transistors tend to have ideality factors that fall within a relatively narrow range. A variety of discrete transistors have variations in remote temperature readings of less than 2C. Still, it is good design practice to verify good consistency of temperature readings with several discrete transistors from any manufacturer under consideration.
For a real temperature of +85C (358.15K), the measured temperature is +82.87C (356.02K), an error of -2.13C.
Series Resistance Cancellation
Some thermal diodes on high-power ICs can have excessive series resistance, which can cause temperature-measurement errors with conventional remote temperature sensors. Channel 1 of the MAX6699 has a series resistance cancellation feature (enabled by bit 3 of the Configuration 1 register) that eliminates the effect of diode series resistance. Set bit 3 to 1 if the series resistance is large enough to affect the accuracy of channel 1. The series resistance cancellation function
______________________________________________________________________________________
13
5-Channel Precision Temperature Monitor MAX6699
Table 7. Status 1 Register
BIT 7(MSB) 6 5 4 3 NAME Reserved Local ALERT Reserved Reserved Remote 4 ALERT POR STATE 0 0 -- -- 0 -- Local Channel High-Alert Bit. This bit is set to logic 1 when the local temperature exceeds the temperature threshold limit in the local ALERT highlimit register. -- -- Channel 4 Remote-Diode High-Alert Bit. This bit is set to logic 1 when the channel 4 remote-diode temperature exceeds the temperature threshold limit in the remote 4 ALERT high-limit register. Channel 3 Remote-Diode High-Alert Bit. This bit is set to logic 1 when the channel 3 remote-diode temperature exceeds the programmed temperature threshold limit in the remote 3 ALERT high-limit register. Channel 2 Remote-Diode High-Alert Bit. This bit is set to logic 1 when the channel 2 remote-diode temperature exceeds the temperature threshold limit in the remote 2 ALERT high-limit register. Channel 1 Remote-Diode High-Alert Bit. This bit is set to logic 1 when the channel 1 remote-diode temperature exceeds the temperature threshold limit in the remote 1 ALERT high-limit register. FUNCTION
2
Remote 3 ALERT
0
1
Remote 2 ALERT
0
0
Remote 1 ALERT
0
Unused Diode Channels
If one or more of the remote-diode channels is not needed, short the DXP and DXN pins for that channel together. The status register indicates a diode fault for this channel and the channel is ignored during the temperature-measurement sequence.
Thermal Mass and Self-Heating
When sensing local temperature, the MAX6699 measures the temperature of the PC board to which it is soldered. The leads provide a good thermal path between the PC board traces and the die. As with all IC temperature sensors, thermal conductivity between the die and the ambient air is poor by comparison, making air temperature measurements impractical. Because the thermal mass of the PC board is far greater than that of the MAX6699, the device follows temperature changes on the PC board with little or no perceivable delay.
When measuring the temperature of a CPU or other IC with an on-chip sense junction, thermal mass has virtually no effect; the measured temperature of the junction tracks the actual temperature within a conversion cycle. When measuring temperature with discrete remote transistors, the best thermal response times are obtained with transistors in small packages (i.e., SOT23 or SC70). Take care to account for thermal gradients between the heat source and the sensor, and ensure that stray air currents across the sensor package do not interfere with measurement accuracy. Self-heating does not significantly affect measurement accuracy. Remote-sensor self-heating due to the diode current source is negligible.
14
______________________________________________________________________________________
5-Channel Precision Temperature Monitor MAX6699
Table 8. Status 2 Register
BIT 7(MSB) 6 5 4 3 2 1 0 NAME Reserved Reserved Reserved Reserved Remote 4 OVERT Reserved Reserved Remote 1 OVERT POR STATE 0 0 -- -- 0 0 0 0 -- -- -- -- Channel 4 Remote Diode Overtemperature Status Bit. This bit is set to logic 1 when the channel 4 remote-diode temperature exceeds the temperature threshold limit in the remote 4 OVERT high-limit register. -- -- Channel 1 Remote-Diode Overtemperature Status Bit. This bit is set to logic 1 when the channel 1 remote-diode temperature exceeds the temperature threshold limit in the remote 1 OVERT high-limit register. FUNCTION
Table 9. Status 3 Register
BIT 7(MSB) 6 5 4 3 2 1 0 NAME Reserved Reserved Reserved Diode fault 4 Diode fault 3 Diode fault 2 Diode fault 1 Reserved POR STATE 0 0 0 0 0 0 0 0 -- Not Used. 0 at POR, then 1. Not Used. 0 at POR, then 1. Channel 4 Remote-Diode Fault Bit. This bit is set to 1 when DXP4 and DXN4 are either shorted or open circuit. Channel 3 Remote-Diode Fault Bit. This bit is set to 1 when DXP3 and DXN3 are either shorted or open circuit. Channel 2 Remote-Diode Fault Bit. This bit is set to 1 when DXP2 and DXN2 are either shorted or open circuit. Channel 1 Remote-Diode Fault Bit. This bit is set to 1 when DXP1 and DXN1 are either shorted or open circuit. -- FUNCTION
______________________________________________________________________________________
15
5-Channel Precision Temperature Monitor MAX6699
ADC Noise Filtering
The integrating ADC has good noise rejection for lowfrequency signals, such as power-supply hum. In environments with significant high-frequency EMI, connect an external 2200pF capacitor between DXP_ and DXN_. Larger capacitor values can be used for added filtering, but do not exceed 3300pF because it can introduce errors due to the rise time of the switched current source. High-frequency noise reduction is needed for high-accuracy remote measurements. Noise can be reduced with careful PC board layout as discussed in the PC Board Layout section.
Table 10. Remote-Sensors Transistor Manufacturers
MANUFACTURER MODEL NO. Central Semiconductor (USA) Rohm Semiconductor (USA) Samsung (Korea) Zetex (England) Siemens (Germany) CMPT3904 SST3904
Note: Discrete transistors must be diode connected (base shorted to collector).
@@ ;;
GND 5 mils 5 mils DXP MINIMUM 5 mils DXN 5 mils GND
Figure 5. Recommended Minimum DXP-DXN PC Board Traces.
KST3904-TF
SMBT3904
FMMT3904CT-ND
noise sources are avoided. Noise sources include CRTs, clock generators, memory buses, and PCI buses. 2) Do not route the DXP-DXN lines next to the deflection coils of a CRT. Also, do not route the traces across fast digital signals, which can easily introduce +30C error, even with good filtering.
Slave Address
Table 11 shows the MAX6699 slave address.
Table 11. Slave Address
PART MAX6699EE34 MAX6699EE38 MAX6699EE99 MAX6697EE9C MAX6699UE34 MAX6699UE38 MAX6699UE99 MAX6697UE9C SMBus SLAVE ID 0011 010 0011 100 1001 100 1001 110 0011 010 0011 100 1001 100 1001 110 PIN-PACKAGE 16 QSOP 16 QSOP 16 QSOP 16 QSOP 16 TSSOP 16 TSSOP 16 TSSOP 16 TSSOP
3) Route the DXP and DXN traces in parallel and in close proximity to each other. Each parallel pair of traces should go to a remote diode. Route these traces away from any higher voltage traces, such as +12VDC. Leakage currents from PC board contamination must be dealt with carefully since a 20M leakage path from DXP to ground causes about +1C error. If high-voltage traces are unavoidable, connect guard traces to GND on either side of the DXP-DXN traces (Figure 5). 4) Route through as few vias and crossunders as possible to minimize copper/solder thermocouple effects. 5) Use wide traces when practical. 6) When the power supply is noisy, add a resistor (up to 47) in series with VCC.
Twisted-Pair and Shielded Cables
Use a twisted-pair cable to connect the remote sensor for remote-sensor distances longer than 8in or in very noisy environments. Twisted-pair cable lengths can be between 6ft and 12ft before noise introduces excessive errors. For longer distances, the best solution is a shielded twisted pair like that used for audio microphones. For example, Belden #8451 works well for distances up to 100ft in a noisy environment. At the device, connect the twisted pair to DXP and DXN and the shield to GND. Leave the shield unconnected at the
PC Board Layout
Follow these guidelines to reduce the measurement error when measuring remote temperature: 1) Place the MAX6699 as close as is practical to the remote diode. In noisy environments, such as a computer motherboard, this distance can be 4in to 8in (typ). This length can be increased if the worst
16
______________________________________________________________________________________
5-Channel Precision Temperature Monitor
remote sensor. For very long cable runs, the cable's parasitic capacitance often provides noise filtering, so the 2200pF capacitor can often be removed or reduced in value. Cable resistance also affects remote-sensor accuracy. For every 1 of series resistance, the error is approximately +1/2C.
Chip Information
TRANSISTOR COUNT: 21,278 PROCESS: BiCMOS
MAX6699
Pin Configuration
TOP VIEW
DXP1 1 DXN1 2 DXP2 3 DXN2 4 DXP3 5 DXN3 6 DXP4 7 DXN4 8 16 GND 15 SMBCLK 14 SMBDATA 13 ALERT
MAX6699
12 VCC 11 OVERT 10 N.C.1 9 N.C.2
QSOP/TSSOP
______________________________________________________________________________________
17
5-Channel Precision Temperature Monitor MAX6699
Package Information
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information, go to www.maxim-ic.com/packages.)
QSOP.EPS
PACKAGE OUTLINE, QSOP .150", .025" LEAD PITCH
21-0055
E
1
1
18
______________________________________________________________________________________
5-Channel Precision Temperature Monitor
Package Information (continued)
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information, go to www.maxim-ic.com/packages.)
TSSOP4.40mm.EPS
MAX6699
PACKAGE OUTLINE, TSSOP 4.40mm BODY
21-0066
G
1
1
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 ____________________ 19 (c) 2005 Maxim Integrated Products Printed USA is a registered trademark of Maxim Integrated Products.


▲Up To Search▲   

 
Price & Availability of MAX6699UE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X