Part Number Hot Search : 
20ETT NJL5168K 8FU60 P6N60F XF0053A BR9771 HAZ680 TPS40
Product Description
Full Text Search
 

To Download MAX589407 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 19-3631; Rev 1; 4/07
KIT ATION EVALU ILABLE AVA
14-Bit, 500Msps, Interpolating and Modulating Dual DAC with CMOS Inputs
General Description
The MAX5894 programmable interpolating, modulating, 500Msps, dual digital-to-analog converter (DAC) offers superior dynamic performance and is optimized for highperformance wideband, single-carrier transmit applications. The device integrates a selectable 2x/4x/8x interpolating filter, a digital quadrature modulator, and dual 14-bit, high-speed DACs on a single integrated circuit. At 30MHz output frequency and 500Msps update rate, the in-band SFDR is 86dBc while consuming 1.1W. The device also delivers 73dB ACLR for two-carrier WCDMA at a 61.44MHz output frequency. The selectable interpolating filters allow lower input data rates while taking advantage of the high DAC update rates. These linear-phase interpolation filters ease reconstruction filter requirements and enhance the passband dynamic performance. Individual offset and gain programmability allow the user to calibrate out local oscillator (LO) feedthrough and sideband suppression errors generated by analog quadrature modulators. The MAX5894 features a fIM / 4 digital image-reject modulator. This modulator generates a quadrature-modulated IF signal that can be presented to an analog I/Q modulator to complete the upconversion process. A second digital modulation mode allows the signal to be frequency-translated with image pairs at fIM / 2 or fIM / 4. The MAX5894 features a standard 1.8V CMOS, 3.3V tolerant data input bus for easy interface. A 3.3V SPITM port is provided for mode configuration. The programmable modes include the selection of 2x/4x/8x interpolating filters, fIM / 2, fIM / 4 or no digital quadrature modulation with image rejection, channel gain and offset adjustment, and offset binary or two's complement data interface. Pin-compatible 12- and 16-bit devices are also available. Refer to the MAX5893 data sheet for the 12-bit version and the MAX5895 data sheet for the 16-bit version.
Features
74dB ACLR at fOUT = 61.44MHz (Single-Carrier WCDMA) Meets 3G UMTS, cdma2000(R), GSM Spectral Masks (fOUT = 122MHz) Noise Spectral Density = -154dBFS/Hz at fOUT = 16MHz 91dBc SFDR at Low-IF Frequency (10MHz) 88dBc SFDR at High-IF Frequency (50MHz) Low Power: 886mW (fCLK = 250MHz) User Programmable Selectable 2x, 4x, or 8x Interpolating Filters < 0.01dB Passband Ripple > 99dB Stopband Rejection Selectable Real or Complex Modulator Operation Selectable Modulator LO Frequency: OFF, fIM / 2 or fIM / 4 Selectable Output Filter: Lowpass or Highpass Channel Gain and Offset Adjustment EV Kit Available (Order the MAX5894 EV Kit)
MAX5894
Ordering Information
PART MAX5894EGK-D TEMP RANGE PIN-PACKAGE -40C to +85C 68 QFN-EP* 68 QFN-EP* PKG CODE G6800-4 G6800-4
MAX5894EGK+D -40C to +85C
D = Dry pack. *EP = Exposed paddle. +Denotes lead-free package.
Selector Guide
PART MAX5893 MAX5894 MAX5895 MAX5898 RESOLUTION (BITS) 12 14 16 16 DAC UPDATE RATE (Msps) 500 500 500 500 INPUT LOGIC CMOS CMOS CMOS LVDS
Applications
Base Stations: 3G UMTS, CDMA, and GSM Broadband Wireless Transmitters Broadband Cable Infrastructure Instrumentation and Automatic Test Equipment (ATE) Analog Quadrature Modulation Architectures
Simplified Diagram
DATA PORT A OUTI
DAC
1x/2x/4x INTERPOLATING FILTERS
2x INTERPOLATING FILTERS
MODULATOR
DATA SYNCH AND DEMUX
Pin Configuration appears at end of data sheet. SPI is a trademark of Motorola, Inc. cdma2000 is a registered trademark of Telecommunications Industry Association.
DATACLK DATA PORT B
DAC
OUTQ
________________________________________________________________ Maxim Integrated Products
1
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at 1-888-629-4642, or visit Maxim's website at www.maxim-ic.com.
14-Bit, 500Msps, Interpolating and Modulating Dual DAC with CMOS Inputs MAX5894
ABSOLUTE MAXIMUM RATINGS
DVDD1.8, AVDD1.8 to GND, DACREF ..................-0.3V to +2.16V AVDD3.3, AVCLK, DVDD3.3 to GND, DACREF ........-0.3V to +3.9V DATACLK, A0-A13, B0-B11, SELIQ/B13, DATACLK/B12, CS, RESET, SCLK, DIN and DOUT to GND, DACREF ...-0.3V to (DVDD3.3 + 0.3V) CLKP, CLKN to GND, DACREF..............-0.3V to (AVCLK + 0.3V) REFIO, FSADJ to GND, DACREF ........-0.3V to (AVDD3.3 + 0.3V) OUTIP, OUTIN, OUTQP, OUTQN to GND, DACREF..................-1V to (AVDD3.3 + 0.3V) DOUT, DATACLK, DATACLK/B12 Continuous Current........8mA Continuous Power Dissipation (TA = +70C) 68-Pin QFN (derate 41.7mW/C above +70C) (Note 1) ...................................................................3333.3mW Junction Temperature ......................................................+150C Operating Temperature Range ...........................-40C to +85C Storage Temperature Range .............................-65C to +150C Lead Temperature (soldering, 10s) .................................+300C Thermal Resistance JC (Note 1)....................................0.8C/W
Note 1: Thermal resistance based on a multilayer board with 4 x 4 via array in exposed paddle area.
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
(DVDD1.8 = AVDD1.8 = 1.8V, AVCLK = AVDD3.3 = DVDD3.3 = 3.3V, modulator off, 2x interpolation, DATACLK output mode, dual-port mode, 50 double-terminated outputs, external reference at 1.25V, TA = -40C to +85C, unless otherwise noted. Typical values are at TA = +25C, unless otherwise noted.) (Note 2)
PARAMETER STATIC PERFORMANCE Resolution Differential Nonlinearity Integral Nonlinearity Offset Error Offset Drift Full-Scale Gain Error Gain-Error Drift Full-Scale Output Current Output Compliance Output Resistance Output Capacitance DYNAMIC PERFORMANCE Maximum Clock Frequency Minimum Clock Frequency Maximum DAC Update Rate Minimum DAC Update Rate Maximum Input Data Rate fCLK fCLK fDAC fDAC fDATA fDATACLK = 125MHz, fOUT = 16MHz, fOFFSET = 10MHz, -12dBFS Noise Spectral Density fDATACLK = 125MHz, fOUT = 16MHz, fOFFSET = 10MHz, 0dBFS No interpolation 2x interpolation 4x interpolation 4x interpolation fDAC = fCLK or fDAC = fCLK / 2 fDAC = fCLK or fDAC = fCLK / 2 125 -154 -154 -154 -151 dBFS/ Hz 500 1 500 1 MHz MHz Msps Msps MWps ROUT COUT IOUTFS 2 -0.5 1 5 GEFS -4 DNL INL OS -0.025 14 0.5 1.0 0.003 0.03 -0.6 110 20 +1.1 +4 +0.025 Bits LSB LSB %FS ppm/C %FS ppm/C mA V M pF SYMBOL CONDITIONS MIN TYP MAX UNITS
2
_______________________________________________________________________________________
14-Bit, 500Msps, Interpolating and Modulating Dual DAC with CMOS Inputs
ELECTRICAL CHARACTERISTICS (continued)
(DVDD1.8 = AVDD1.8 = 1.8V, AVCLK = AVDD3.3 = DVDD3.3 = 3.3V, modulator off, 2x interpolation, DATACLK output mode, dual-port mode, 50 double-terminated outputs, external reference at 1.25V, TA = -40C to +85C, unless otherwise noted. Typical values are at TA = +25C, unless otherwise noted.) (Note 2)
PARAMETER SYMBOL CONDITIONS fDATACLK = 125MHz, interpolation off, 0dBFS fOUT = 10MHz fOUT = 30MHz fOUT = 50MHz In-Band SFDR (DC to fDATA / 2) SFDR fDATACLK = 125MHz, 2x interpolation, 0dBFS fOUT = 10MHz fOUT = 30MHz fOUT = 50MHz fDATACLK = 125MHz, 4x interpolation, 0dBFS fDATACLK = 125MHz, fOUT1 = 9MHz, fOUT2 = 10MHz, -6.1dBFS fOUT = 10MHz fOUT = 30MHz fOUT = 50MHz No interpolation 2x interpolation 4x interpolation 77 MIN TYP 91 85 73 89 86 85 91 86 88 -102 -102 -102 -73 dBc MAX UNITS
MAX5894
2x interpolation, fIM / 4 complex fDATA = 125MHz, fOUT1 modulation = 79MHz, fOUT2 = 4x interpolation, 80MHz, -6.1dBFS fIM / 4 complex modulation Two-Tone IMD TTIMD fDATACLK = 62.5MHz, fOUT1 = 9MHz, fOUT2 = 10MHz, -6.1dBFS fDATACLK = 62.5MHz, fOUT1 = 69MHz, fOUT2 = 70MHz, -6.1dBFS
-75 dBc
8x interpolation
-99
8x interpolation, fIM / 4 complex modulation
-70
8x, highpass fDATACLK = 62.5MHz, interpolation, fOUT1 = 179MHz, fOUT2 fIM / 4 complex = 180MHz, -6.1dBFS modulation fDATACLK = 125MHz, fOUT spaced 1MHz apart from 32MHz, -12dBFS, 2x interpolation fDATACLK = 61.44MHz, fOUT = baseband ACLR for WCDMA (Note 3) fDATACLK = 122.88MHz, fOUT = 61.44MHz fDATACLK = 122.88MHz, fOUT = 122.88MHz 4x interpolation 8x interpolation 2x interpolation, fIM / 4 complex modulation 4x interpolation, fIM / 4 complex modulation
-63
Four-Tone IMD
FTIMD
-95 78 78 74
dBc
ACLR
dB
69
_______________________________________________________________________________________
3
14-Bit, 500Msps, Interpolating and Modulating Dual DAC with CMOS Inputs MAX5894
ELECTRICAL CHARACTERISTICS (continued)
(DVDD1.8 = AVDD1.8 = 1.8V, AVCLK = AVDD3.3 = DVDD3.3 = 3.3V, modulator off, 2x interpolation, DATACLK output mode, dual-port mode, 50 double-terminated outputs, external reference at 1.25V, TA = -40C to +85C, unless otherwise noted. Typical values are at TA = +25C, unless otherwise noted.) (Note 2)
PARAMETER Output Propagation Delay Output Rise Time Output Fall Time Output Settling Time Output Bandwidth Passband Width SYMBOL tPD tRISE tFALL CONDITIONS 1x interpolation (Note 4) 10% to 90% (Note 5) 10% to 90% (Note 5) To 0.5% (Note 5) -1dB bandwidth (Note 6) Ripple < -0.01dB 0.604 x fDATA, 2x interpolation Stopband Rejection 0.604 x fDATA, 4x interpolation 0.604 x fDATA, 8x interpolation 1x interpolation Data Latency 2x interpolation 4x interpolation 8x interpolation DAC INTERCHANNEL MATCHING Gain Match Gain-Match Tempco Phase Match Phase-Match Tempco DC Gain Match Channel-to-Channel Crosstalk REFERENCE Reference Input Range Reference Output Voltage Reference Input Resistance Reference Voltage Drift CMOS LOGIC INPUT/OUTPUT (A13-A0, SELIQ/B13, DATACLK/B12, B11-B0, DATACLK) Input High Voltage Input Low Voltage Input Current Input Capacitance VIH VIL IIN CIN -20 1 3 0.7 x DVDD1.8 0.3 x DVDD1.8 +20 V V A pF VREFIO RREFIO Internal reference 0.125 1.14 1.20 10 50 1.250 1.27 V V k ppm/C Gain Gain/C Phase fOUT = DC - 80MHz, IOUTFS = 20mA IOUTFS = 20mA fOUT = 60MHz, IOUTFS = 20mA IOUTFS = 20mA fOUT = 50MHz, fDAC = 250MHz, 0dBFS -0.25 0.1 0.02 0.13 0.006 0.04 -90 +0.25 dB ppm/C Deg Deg/C dB dB MIN TYP 2.9 0.75 1 11 240 0.4 x fDATA 100 100 100 22 70 146 311 Clock Cycles dB MAX UNITS ns ns ns ns MHz
Phase/C fOUT = 60MHz, IOUTFS = 20mA
4
_______________________________________________________________________________________
14-Bit, 500Msps, Interpolating and Modulating Dual DAC with CMOS Inputs
ELECTRICAL CHARACTERISTICS (continued)
(DVDD1.8 = AVDD1.8 = 1.8V, AVCLK = AVDD3.3 = DVDD3.3 = 3.3V, modulator off, 2x interpolation, DATACLK output mode, dual-port mode, 50 double-terminated outputs, external reference at 1.25V, TA = -40C to +85C, unless otherwise noted. Typical values are at TA = +25C, unless otherwise noted.) (Note 2)
PARAMETER Output High Voltage Output Low Voltage Output Leakage Current Rise/Fall Time CLOCK INPUT (CLKP, CLKN) Differential Input Voltage Swing Differential Input Slew Rate Common-Mode Voltage Input Resistance Input Capacitance Minimum Clock Duty Cycle Maximum Clock Duty Cycle CLKP/CLKN, DATACLK TIMING (Figure 4) (Note 7) CLK to DATACLK Delay Data Hold Time, DATACLK Input/Output (Pin 14) Data Setup Time, DATACLK Input/Output (Pin 14) Data Hold Time, DATACLK/B10 Input/Output (Pin 27) Data Setup Time, DATACLK/B10 Input/Output (Pin 27) SCLK Frequency CS Setup Time Input Hold Time Input Setup Time Data Valid Duration tD tDH tDS tDH tDS DATACLK output mode, CLOAD = 10pF Capturing rising edge Capturing falling edge Capturing rising edge Capturing falling edge Capturing rising edge Capturing falling edge Capturing rising edge Capturing falling edge 1.0 2.1 0.4 -0.7 1.0 2.3 0.2 -0.4 10 2.5 0 4.5 6.5 16.5 6.2 ns ns ns ns ns VCOM RCLK CCLK AC-coupled VDIFF Sine-wave input Square-wave input > 1.5 > 0.5 > 100 AVCLK / 2 5 3 45 55 VP-P V/s V k pF % % SYMBOL VOH VOL 200A load 200A load Three-state CLOAD = 10pF, 20% to 80% 1 1.6 CONDITIONS MIN 0.8 x DVDD3.3 0.2 x DVDD3.3 TYP MAX UNITS V V A ns
MAX5894
SERIAL-PORT INTERFACE TIMING (Figure 3) (Note 7) fSCLK tSS tSDH tSDS tSDV MHz ns ns ns ns
_______________________________________________________________________________________
5
14-Bit, 500Msps, Interpolating and Modulating Dual DAC with CMOS Inputs MAX5894
ELECTRICAL CHARACTERISTICS (continued)
(DVDD1.8 = AVDD1.8 = 1.8V, AVCLK = AVDD3.3 = DVDD3.3 = 3.3V, modulator off, 2x interpolation, DATACLK output mode, dual-port mode, 50 double-terminated outputs, external reference at 1.25V, TA = -40C to +85C, unless otherwise noted. Typical values are at TA = +25C, unless otherwise noted.) (Note 2)
PARAMETER POWER SUPPLIES Digital Supply Voltage Digital I/O Supply Voltage Clock Supply Voltage Analog Supply Voltage DVDD1.8 DVDD3.3 AVCLK AVDD3.3 AVDD1.8 IAVDD3.3 Analog Supply Current IAVDD1.8 Digital Supply Current Digital I/O Supply Current Clock Supply Current Total Power Dissipation IDVDD1.8 IDVDD3.3 IAVCLK PTOTAL fCLK = 250MHz, 2x interpolation, 0dBFS, fOUT = 10MHz fCLK = 250MHz, 2x interpolation, 0dBFS, fOUT = 10MHz fCLK = 250MHz, 2x interpolation, 0dBFS, fOUT = 10MHz fCLK = 250MHz, 2x interpolation, 0dBFS, fOUT = 10MHz fCLK = 250MHz, 2x interpolation, 0dBFS, fOUT = 10MHz fCLK = 250MHz, 2x interpolation, 0dBFS, fOUT = 10MHz AVDD3.3 Power-Down Current All I/O are static high or low, bit 2 to bit 4 of address 00h are set high AVDD1.8 DVDD1.8 DVDD3.3 AVCLK AVDD3.3 Power-Supply Rejection Ratio PSRRA (Note 8) 1.71 3.0 3.135 3.135 1.71 1.8 3.3 3.3 3.3 1.8 110 27 225 21 3 886 450 1 10 100 1 0.05 %FS/V A 1.89 3.6 3.465 3.465 1.89 130 mA 32 250 32 5 mA mA mA mW V V V V SYMBOL CONDITIONS MIN TYP MAX UNITS
Note 2: Note 3: Note 4: Note 5: Note 6: Note 7: Note 8:
All limit specifications are 100% tested at TA +25C. Specifications at TA < +25C are guaranteed by design and characterization. 3.84MHz bandwidth, single carrier. Excludes data latency. Measured single-ended into a 50 load. Excludes sin(x)/x rolloff. Guaranteed by design and characterization. Parameter defined as the change in midscale output caused by a 5% variation in the nominal supply voltage.
6
_______________________________________________________________________________________
14-Bit, 500Msps, Interpolating and Modulating Dual DAC with CMOS Inputs MAX5894
Typical Operating Characteristics
(DVDD1.8 = AVDD1.8 = 1.8V, AVCLK = AVDD3.3 = DVDD3.3 = 3.3V, modulator off, 2x interpolation, output is transformer-coupled to 50 load, TA = +25C, unless otherwise noted.)
IN-BAND SFDR vs. OUTPUT FREQUENCY fDATA = 125Mwps, 2x INTERPOLATION
MAX5894 toc01
0UT-OF-BAND SFDR vs. OUTPUT FREQUENCY fDATA = 125Mwps, 2x INTERPOLATION
MAX5894 toc02
IN-BAND SFDR vs. OUTPUT FREQUENCY fDATA = 125Mwps, 2x INTERPOLATION
-6dBFS -0.1dBFS 80 70 60 SFDR (dBc) -12dBFS -0.1dBFS
MAX5894 toc03
120 -0.1dBFS 100 80 SFDR (dBc) -6dBFS
100 90 80 70 SFDR (dBc) 60 50 40 30 20 -6dBFS -12dBFS -0.1dBFS
90
50 40 30 20 UPPER SIDEBAND MODULATION SPURS MEASURED BETWEEN 62.5MHz AND 125MHz 62.5 72.5 82.5 92.5
60 40 20 0 0
-12dBFS
SPURS MEASURED BETWEEN 0MHz AND 62.5MHz 10 20 30 40 50
10 0 0
SPURS MEASURED BETWEEN 62.5MHz AND 125MHz 10 20 30 40 50
10 0
102.5
112.5
OUTPUT FREQUENCY (MHz)
OUTPUT FREQUENCY (MHz)
OUTPUT FREQUENCY (MHz)
IN-BAND SFDR vs. OUTPUT FREQUENCY fDATA = 125Mwps, 4x INTERPOLATION
MAX5894 toc04
OUT-OF-BAND SFDR vs. OUTPUT FREQUENCY fDATA = 125Mwps, 4x INTERPOLATION
MAX5894 toc05
IN-BAND SFDR vs. OUTPUT FREQUENCY fDATA = 125Mwps, 4x INTERPOLATION
-0.1dBFS 80 70 60 SFDR (dBc) -6dBFS -12dBFS
MAX5894 toc06
120 -0.1dBFS 100 80 SFDR (dBc) -6dBFS
90 80 70 60 SFDR (dBc) 50 40 30 20 -6dBFS -12dBFS -0.1dBFS
90
50 40 30 20
60 40 20 0 0
-12dBFS
SPURS MEASURED BETWEEN 0MHz AND 62.5MHz 10 20 30 40 50
10 0 0
SPURS MEASURED BETWEEN 62.5MHz AND 250MHz 10 20 30 40 50
10 0 75
LOWER SIDEBAND MODULATION SPURS MEASURED BETWEEN 62.5MHz AND 125MHz 85 95 105 115 125
OUTPUT FREQUENCY (MHz)
OUTPUT FREQUENCY (MHz)
OUTPUT FREQUENCY (MHz)
IN-BAND SFDR vs. OUTPUT FREQUENCY fDATA = 125Mwps, 4x INTERPOLATION
MAX5894 toc07
TWO-TONE IMD vs. OUTPUT FREQUENCY fDATA = 125Mwps, 2x INTERPOLATION
MAX5894 toc08
TWO-TONE IMD vs. OUTPUT FREQUENCY fDATA = 125Mwps, 4x INTERPOLATION
1MHz CARRIER SPACING COMPLEX MODULATION FOR OUTPUT FREQUENCIES GREATER THAN 50MHz
MAX5894 toc09
90 80 70 60 SFDR (dBc) 50 40 30 20 10 0 125 UPPER SIDEBAND MODULATION SPURS MEASURED BETWEEN 125MHz AND 187.5MHz 135 145 155 165 -12dBFS -0.1dBFS -6dBFS
0 -20 TWO-TONE IMD (dBc) -40 -60 -80 -100 -120
TWO-TONE IMD (dBc)
1MHz CARRIER SPACING COMPLEX MODULATION FOR OUTPUT FREQUENCIES GREATER THAN 50MHz
0 -20 -40 -60 -80 -100 -120 -6dBFS 10 40 70 100 130 -12dBFS
-6dBFS -9dBFS -12dBFS -6dBFS 0 25 50 75 100
-9dBFS
175
160
OUTPUT FREQUENCY (MHz)
CENTER FREQUENCY (MHz)
CENTER FREQUENCY (MHz)
_______________________________________________________________________________________
7
14-Bit, 500Msps, Interpolating and Modulating Dual DAC with CMOS Inputs MAX5894
Typical Operating Characteristics (continued)
(DVDD1.8 = AVDD1.8 = 1.8V, AVCLK = AVDD3.3 = DVDD3.3 = 3.3V, modulator off, 2x interpolation, output is transformer-coupled to 50 load, TA = +25C, unless otherwise noted.)
GAIN MISMATCH vs. TEMPERATURE fDATA = 125Mwps, 2x INTERPOLATION
MAX5894 toc10
DIFFERENTIAL NONLINEARITY vs. DIGITAL INPUT CODE
MAX5894 toc11
INTEGRAL NONLINEARITY vs. DIGITAL INPUT CODE
1.5 1.0 INL (LSB) 0.5 0 -0.5 -1.0 -1.5 -2.0
MAX5894 toc12
0.100 fOUT = 22.7MHz AOUT = -6dBFS GAIN MISMATCH (dB) 0.075
1.00 0.75 0.50 DNL (LSB) 0.25 0 -0.25
2.0
0.050
0.025
-0.50 -0.75
0 -40 -15 10 35 60 85 TEMPERATURE (C)
-1.00 0 4096 8192 12,288 16,384 DIGITAL INPUT CODE
0
4096
8192
12,288
16,384
DIGITAL INPUT CODE
SUPPLY CURRENT vs. DAC UPDATE RATE 2x INTERPOLATION, fOUT = 5MHz
MAX5894 toc13
SUPPLY CURRENT vs. DAC UPDATE RATE 4x INTERPOLATION, fOUT = 5MHz
MAX5894 toc14
SUPPLY CURRENT vs. DAC UPDATE RATE 8x INTERPOLATION, fOUT = 5MHz
450 400 SUPPLY CURRENT (mA) 350 300 250 200 150 100 50 0 3.3V TOTAL 1.8V TOTAL
MAX5894 toc15
500 450 400 SUPPLY CURRENT (mA) 350 300 250 200 150 100 50 0 100 150 200 fDAC (MHz) 250 3.3V TOTAL 1.8V TOTAL
500 450 400 SUPPLY CURRENT (mA) 350 300 250 200 150 100 50 0 3.3V TOTAL 1.8V TOTAL
500
300
100
200
300 fDAC (MHz)
400
500
100
200
300 fDAC (MHz)
400
500
8
_______________________________________________________________________________________
14-Bit, 500Msps, Interpolating and Modulating Dual DAC with CMOS Inputs MAX5894
Typical Operating Characteristics (continued)
(DVDD1.8 = AVDD1.8 = 1.8V, AVCLK = AVDD3.3 = DVDD3.3 = 3.3V, modulator off, 2x interpolation, output is transformer-coupled to 50 load, TA = +25C, unless otherwise noted.)
WCDMA ACLR vs. OUTPUT FREQUENCY fDATA = 122.88Mwps, 4x INTERPOLATION
MAX5894 toc16
WCDMA ACLR vs. OUTPUT FREQUENCY fDATA = 76.8Mwps, 4x INTERPOLATION
MAX5894 toc17
WCDMA ACLR SPECTRAL PLOT fDATA = 61.44Mwps, 8x INTERPOLATION
-30 -40 OUTPUT POWER (dBm) -50 CARRIER = -11dBm -60 ACLR2 = 78dB ACLR1 = 76dB -70 -80 -90 -100 -110
MAX5894 toc18
100 90 80 ACLR (dB) 70 60 50 40 0 40 80 fCENTER (MHz) 120 TWO-CARRIER ADJACENT CHANNEL TWO-CARRIER ALTERNATE CHANNEL ONE-CARRIER ADJACENT CHANNEL ONE-CARRIER ALTERNATE CHANNEL
100 90 80 ACLR (dB) 70 60 50 40
ONE-CARRIER ADJACENT CHANNEL ONE-CARRIER ALTERNATE CHANNEL
-20
TWO-CARRIER ADJACENT CHANNEL
TWO-CARRIER ALTERNATE CHANNEL
160
0
40 fCENTER (MHz)
80
fCENTER = 61.44MHz SPAN = 25.5MHz
TWO-CARRIER WCDMA ACLR SPECTRAL PLOT fDATA = 61.44Mwps, 8x INTERPOLATION
MAX5894 toc19
WCDMA ACLR SPECTRAL PLOT fDATA = 122.88Mwps, 4x INTERPOLATION
MAX5894 toc20
TWO-CARRIER WCDMA ACLR SPECTRAL PLOT fDATA = 122.88Mwps, 4x INTERPOLATION
-30 -40 OUTPUT POWER (dBm) -50 CARRIER = -17dBm -60 ACLR2 = 68dB ACLR1 = 65dB -70 -80 -90 -100 -110
MAX5894 toc21
-20 -30 -40 OUTPUT POWER (dBm) -50 CARRIER = -14dBm -60 ACLR1 = 74dB ACLR2 = 75dB -70 -80 -90 -100 -110 fCENTER = 61.44MHz SPAN = 30.5MHz
-20 -30 -40 OUTPUT POWER (dBm) -50 CARRIER = -14dBm -60 ACLR2 = 70dB ACLR1 = 67dB -70 -80 -90 -100 -110 fCENTER = 122.88MHz SPAN = 25.5MHz
-20
ACLR1 = 75dB
ACLR2 = 74dB
ACLR1 = 73dB
ACLR1 = 67dB
ACLR2 = 69dB
fCENTER = 122.88MHz SPAN = 30.5MHz
ACLR1 = 65dB
ACLR2 = 67dB
ACLR2 = 77dB
_______________________________________________________________________________________
9
14-Bit, 500Msps, Interpolating and Modulating Dual DAC with CMOS Inputs MAX5894
Pin Description
PIN 1 2 3, 4, 5, 24, 25, 42, 43 6, 21, 30, 37 NAME CLKP CLKN N.C. DVDD1.8 FUNCTION Noninverting Differential Clock Input. Internally biased to AVCLK / 2. Inverting Differential Clock Input. Internally biased to AVCLK / 2. Internally Connected. Do not connect. Digital Power Supply. Accepts a 1.71V to 1.89V supply range. Bypass each pin to ground with a 0.1F capacitor as close to the pin as possible. A-Port Data Inputs. Dual-port mode: I-channel data input. Data is latched on the rising/falling edge (programmable) of the DATACLK. Single-port mode: I-channel and Q-channel data input, with SELIQ. CMOS I/O Power Supply. Accepts a 3.0V to 3.6V supply range. Bypass each pin to ground with a 0.1F capacitor as close to the pin as possible. Programmable Data Clock Input/Output. See the DATACLK Modes section for details. Select I-/Q-Channel Input or B-Port MSB Input. Single-port mode: If SELIQ = LOW, data is latched into Q-channel on the rising/falling edge (programmable) of the DATACLK. If SELIQ = HIGH, data is latched into I-channel on the rising/falling edge (programmable) of the DATACLK. Dual-port mode: Q-channel MSB input.
7-12, 15-20, 22, 23
A13-A0
13, 44 14
DVDD3.3 DATACLK
26
SELIQ/B13
27
Alternate DATACLK Input/Output or B-Port Bit 12 Input. Single-port mode: See the DATACLK Modes section for details. DATACLK/B12 Dual-port mode: Q-channel bit 12 input. If unused connect to GND. B-Port Data Bits 11-0. Dual-port mode: Q-channel inputs. Data is latched on the rising/falling (programmable) edge of the DATACLK. Single-port mode: Connect to GND. Serial-Port Data Output Serial-Port Data Input Serial-Port Clock Input. Data on DIN is latched on the rising edge of SCLK. Serial-Port Interface Select. Drive CS low to enable serial-port interface. Reset Input. Set RESET low during power-up. Reference Input/Output. Bypass to ground with a 1F capacitor as close to the pin as possible. Current-Set Resistor Return Path. For a 20mA full-scale output current, connect a 2k resistor between FSADJ and DACREF. Internally connected to GND. DO NOT USE AS AN EXTERNAL GROUND CONNECTION. Full-Scale Adjust Input. This input sets the full-scale output current of the DAC. For a 20mA fullscale output current, connect a 2k resistor between FSADJ and DACREF.
28, 29, 31-36, 38-41
B11-B0
45 46 47 48 49 50 51
DOUT DIN SCLK CS RESET REFIO DACREF
52
FSADJ
10
______________________________________________________________________________________
14-Bit, 500Msps, Interpolating and Modulating Dual DAC with CMOS Inputs
Pin Description (continued)
PIN 53, 67 54, 56, 59, 61, 64, 66 55, 60, 65 57 58 62 63 68 EP NAME AVDD1.8 GND AVDD3.3 OUTQN OUTQP OUTIN OUTIP AVCLK GND FUNCTION Low Analog Power Supply. Accepts a 1.71V to 1.89V supply range. Bypass each pin to GND with a 0.1F capacitor as close to the pin as possible. Ground Analog Power Supply. Accepts a 3.135V to 3.465V supply range. Bypass each pin to GND with a 0.1F capacitor as close to the pin as possible. Inverting Differential DAC Current Output for Q-Channel Noninverting Differential DAC Current Output for Q-Channel Inverting Differential DAC Current Output for I-Channel Noninverting Differential DAC Current Output for I-Channel Clock Power Supply. Accepts a 3.135V to 3.465V supply range. Bypass to ground with a 0.1F capacitor as close to the pin as possible. Exposed Paddle. Must be connected to GND through a low-impedance path.
MAX5894
Functional Diagram
MODULATOR
DIGITAL OFFSET ADJUST
DIGITAL GAIN ADJUST OUTIP
2x INTERPOLATING FILTER
2x INTERPOLATING FILTER
2x INTERPOLATING FILTER
MUX
MUX
IDAC OUTIN fDAC
A0-A13
DATA SYNCH AND DEMUX
DATACLK B0-B13 SELIQ
I Q fIM / 2, fIM / 4 I Q
MAX5894 DIGITAL OFFSET ADJUST DIGITAL GAIN ADJUST OUTQP
MUX
2x INTERPOLATING FILTER
/2
CONTROL REGISTERS RESET SERIAL INTERFACE REFERENCE
2x INTERPOLATING FILTER
/2
MUX
2x INTERPOLATING FILTER
/2 CLKN
QDAC OUTQN
fDAC
/2
fCLK CLOCK BUFFERS AND DIVIDERS
DOUT
DIN
CS
SCLK
DACREF
FSADJ
REFIO
CLKP
______________________________________________________________________________________
11
14-Bit, 500Msps, Interpolating and Modulating Dual DAC with CMOS Inputs MAX5894
Detailed Description
The MAX5894 dual, 500Msps, high-speed, 14-bit, current-output DAC provides superior performance in communication systems requiring low-distortion analog-signal reconstruction. The MAX5894 combines two DAC cores with 8x/4x/2x/1x programmable digital interpolation filters, a digital quadrature modulator, an SPIcompatible serial interface for programming the device, and an on-chip 1.20V reference. The full-scale output current range is programmable from 2mA to 20mA to optimize power dissipation and gain control. Each channel contains three selectable interpolating filters making the MAX5894 capable of 1x, 2x, 4x, or 8x interpolation, which allows for low input data rates and high DAC update rates. When operating in 8x interpolation mode, the interpolator increases the DAC conversion rate by a factor of eight, providing an eight-fold increase in separation between the reconstructed waveform spectrum and its first image. The MAX5894 accepts either two's complement or offset binary input data format and can operate from either a single- or dual-port input bus. The MAX5894 includes modulation modes at fIM / 2 and fIM / 4, where fIM is the data rate at the input of the modulator. If 2x interpolation is used, this data rate is 2x the input data rate. If 4x or 8x interpolation is used, this data rate is 4x the input data rate. Table 1 summarizes the modulator operating data rates for dual-port mode. The power-down modes can be used to turn off each DAC's output current or the entire digital section. Programming both DACs into power-down simultaneously automatically powers down the digital interpolator filters. Note the SPI section is always active. The analog and digital sections of the MAX5894 have separate power-supply inputs (AV DD3.3 , AV DD1.8 , AVCLK, DVDD3.3, and DVDD1.8), which minimize noise coupling from one supply to the other. AVDD1.8 and DVDD1.8 operate from a typical 1.8V supply, and all other supply inputs operate from a typical 3.3V supply.
Serial Interface
The SPI-compatible serial interface programs the MAX5894 registers. The serial interface consists of the CS, DIN, SCLK, and DOUT. Data is shifted into DIN on the rising edge of the SCLK when CS is low. When CS is high, data presented at DIN is ignored and DOUT is in high-impedance mode. Note: CS must transition high after each read/write operation. DOUT is the serial data output for reading registers to facilitate easy debugging during development. DIN and DOUT can be connected together to form a 3-wire serial interface bus or remain separate and form a 4-wire SPI bus. The serial interface supports two-byte transfer in a communication cycle. The first byte is a control byte written to the MAX5894 only. The second byte is a data byte and can be written to or read from the MAX5894.
Table 1. Quadrature Modulator Operating Data Rates (fIM is the Data Rate at the Input of the Modulator) for Dual-Port Mode
INTERPOLATION RATE 1x 2x 4x 8x MODULATION MODE (fLO) fIM / 2 fIM / 4 fIM / 2 fIM / 4 fIM / 2 fIM / 4 fIM / 2 fIM / 4 MODULATION FREQUENCY RELATIVE TO fDAC fDAC / 2 fDAC / 4 fDAC / 2 fDAC / 4 fDAC / 2 fDAC / 4 fDAC / 4 fDAC / 8 MODULATION FREQUENCY RELATIVE TO fDATA fDATA / 2 fDATA / 4 fDATA fDATA / 2 2 x fDATA fDATA 2 x fDATA fDATA
12
______________________________________________________________________________________
14-Bit, 500Msps, Interpolating and Modulating Dual DAC with CMOS Inputs
When writing to the MAX5894, data is shifted into DIN; data is shifted out of DOUT in a read operation. Bits 0 to 3 of the control byte are the address bits. These bits set the address of the register to be written to or read from. Bits 4 to 6 of the control byte must always be set to 0. Bit 7 is a read/write bit: 0 for write operation and 1 for read operation. The most significant bit (MSB) is shifted in first in default mode. If the serial port is set to LSB-first mode, both the control byte and data byte are shifted LSB in first. Figures 1 and 2 show the SPI serial-interface operation in the default write and read mode, respectively. Figure 3 is a timing diagram for the SPI serial interface.
MAX5894
CS
SCLK
DIN
0
0
0
0
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
DOUT
HIGH IMPEDANCE
Figure 1. SPI Serial-Interface Write Cycle, MSB-First Mode
CS
READ CYCLE N - 1
READ CYCLE N
READ CYCLE N + 1
SCLK ADDRESS 10003210 HIGH IMPEDANCE DATA IGNORED ADDRESS 10003210 HIGH IMPEDANCE DATA IGNORED ADDRESS 10003210 HIGH IMPEDANCE DATA IGNORED
DIN
DOUT
DATA N - 2
DATA N - 1
DATA N
Figure 2. SPI Serial-Interface Read Cycle, MSB-First Mode
______________________________________________________________________________________
13
14-Bit, 500Msps, Interpolating and Modulating Dual DAC with CMOS Inputs MAX5894
tSS
CS
SCLK tSDS tSDH
DIN
tSDV
DOUT
Figure 3. SPI Serial-Interface Timing Diagram
14
______________________________________________________________________________________
14-Bit, 500Msps, Interpolating and Modulating Dual DAC with CMOS Inputs
Programming Registers
Programming its registers with the SPI serial interface sets the MAX5894 operation modes. Table 2 shows all of the registers. The following are descriptions of each register.
MAX5894
Table 2. MAX5894 Programmable Registers
ADD BIT 7 BIT 6 0 = MSB first 1 = LSB first BIT 5 Software Reset 0 = Normal 1 = Reset all registers Third Interpolation Filter Configuration 0 = Lowpass 1 = Highpass BIT 4 Interpolator Power-Down 0 = Normal 1 = Power-down BIT 3 IDAC PowerDown 0 = Normal 1 = Power-down BIT 2 QDAC PowerDown 0 = Normal 1 = Power-down Mixer Modulation Mode 0 = Complex 1 = Real BIT 1 BIT 0
00h
Unused
Unused
01h
Interpolation Rate (Bit 7, Bit 6) 00 = No interpolation 01 = 2x interpolation 10 = 4x interpolation 11 = 8x interpolation 0 = Two's complement input data 1 = Offset binary input data Unused 0 = Single port (A), interleaved I/Q 1 = Dual port I/Q input
Modulation Mode (Bit 4, Bit 3) 00 = Modulation off 01 = fIM / 2 10 = fIM / 4 11 = fIM / 4 0 = Input data latched on rising clock edge 1 = Input data latched on falling clock edge
Modulation Sign 0 = e-j 1 = e-j
Unused
02h
0 = Clock output on DATACLK 1 = Clock output on DATACLK/B12
0 = Data clock input enabled 1 = Data clock output enabled
Data Synchronizer 0 = Enabled 1 = Disabled
Unused
03h 04h 05h 06h
8-Bit IDAC Fine-Gain Adjustment (see the Gain Adjustment section). Bit 7 is MSB and bit 0 is LSB. Default: 00h Unused 4-Bit IDAC Coarse-Gain Adjustment (see the Gain Adjustment section). Bit 3 is MSB and bit 0 is LSB. Default: Fh
10-Bit IDAC Offset Adjustment (see the Offset Adjustment section). Bits 7 to 0 of the 06h register are the MSB bits. Bit 1 and bit 0 are the LSB bits in 07h register. Default: 000h IDAC IOFFSET IDAC Offset Direction Adjustment 0 = Current on Unused Bit 1 OUTIN (see 06h 1 = Current on register) OUTIP 8-Bit QDAC Fine-Gain Adjustment (see the Gain Adjustment section). Bit 7 is MSB and bit 0 is LSB. Default: 00h Unused IDAC Offset Adjustment Bit 0 (see 06h register)
07h
08h 09h 0Ah
4-Bit QDAC Coarse-Gain Adjustment (see the Gain Adjustment section). Bit 3 is MSB and bit 0 is LSB. Default: Fh
10-Bit QDAC Offset Adjustment (see the Offset Adjustment section). Bits 7 to 0 of the 0Ah register are the MSB bits. Bit 1 and bit 0 are the LSB bits in 0Bh register. Default: 000h QDAC IOFFSET Direction 0 = Current on OUTQN 1 = Current on OUTQP QDAC Offset Adjustment Bit 1 (see 0Ah register) QDAC Offset Adjustment Bit 0 (see 0Ah register)
0Bh
Unused
0Ch 0Dh 0Eh
Reserved, do not write to these bits. Reserved, do not write to these bits. Reserved, do not write to these bits.
Conditions in bold are default states after reset.
______________________________________________________________________________________
15
14-Bit, 500Msps, Interpolating and Modulating Dual DAC with CMOS Inputs MAX5894
Address 00h Bit 6 Logic 0 (default) causes the serial port to use MSB first address/data format. When set to a logic 1, the serial port uses LSB first address/ data format. Bit 5 Bit 4 When set to a logic 1, all registers reset to their default state (this bit included). Logic 1 stops the clock to the digital interpolators. DAC outputs hold last value prior to interpolator power-down. IDAC power-down mode. A logic 1 to this bit powers down the IDAC. e -jw (default), cancelling the upper image when used with an external quadrature modulator. A logic 1 sets the complex modulation to be e+jw, cancelling the lower image when used with an external quadrature modulator. Address 02h Bit 7 Logic 0 (default) configures the data port for two's complement. A logic 1 configures the data ports for offset binary. Bit 6 Logic 0 (default) configures the data bus for single-port, interleaved I/Q data. I and Q data enter through one 14-bit bus. Logic 1 configures the data bus for dual-port I/Q data. I and Q data enter on separate buses. Bit 5 Logic 0 (default) configures the data clock for pin 14. A logic 1 configures the data clock for pin 27 (DATACLK/B12). Bit 4 Logic 0 (default) sets the internal latches to latch the data on the rising edge of DATACLK. A logic 1 sets the internal latches to latch the data on the falling edge of DATACLK. Logic 0 (default) configures the DATACLK pin (pin 14 or pin 27) to be an input. A logic 1 configures the DATACLK pin to be an output. Logic 0 (default) enables the data synchronizer circuitry. A logic 1 disables the data synchronizer circuitry.
Bit 3 Bit 2
QDAC power-down mode. A logic 1 to this bit powers down the QDAC. Note: If both bit 2 and bit 3 are 1, the MAX5894 is in full-power-down mode, leaving only the serial interface active. Address 01h Bits 7, 6 Configure the interpolation filters according to the following table: 00 1x (no interpolation) 01 10 11 Bit 5 2x 4x 8x (default)
Bit 3
Bit 2
Logic 0 configures FIR3 as a lowpass digital filter (default). A logic 1 configures FIR3 as a highpass digital filter.
Bits 4, 3 Configure the modulation frequency according to the following table: 00 No modulation 01 fIM / 2 modulation 10 fIM / 4 modulation (default) 11 fIM / 4 modulation where fIM is the data rate at the input of the modulator. Bit 2 Configures the modulation mode for either real or complex (image reject) modulation. Logic 1 sets the modulator to the real mode (default). Complex modulation is only available for fIM / 4 modulation. Bit 1 Quadrature modulator sign inversion. With Ichannel data leading Q-channel data by 90, logic 0 sets the complex modulation to be
Address 03h Bits 7-0 Unused. Address 04h Bits 7-0 These 8 bits define the binary number for fine-gain adjustment of the IDAC full-scale current (see the Gain Adjustment section). Bit 7 is the MSB. Default is all zeros. Address 05h Bits 3-0 These four bits define the binary number for the coarse-gain adjustment of the IDAC fullscale current (see the Gain Adjustment section). Bit 3 is the MSB. Default is all ones. Address 06h, Bits 7-0; Address 07h, Bit 1 and Bit 0 These 10 bits represent a binary number that defines the magnitude of the offset added to the IDAC output (see the Offset Adjustment section). Default is all zeros.
16
______________________________________________________________________________________
14-Bit, 500Msps, Interpolating and Modulating Dual DAC with CMOS Inputs
Address 07h Bit 7 Logic 0 (default) adds the 10 bits offset current to OUTIN. A logic 1 adds the 10 bits offset current to OUTIP. Address 08h Bits 7-0 These eight bits define the binary number for fine-gain adjustment of the QDAC full-scale current (see the Gain Adjustment section). Bit 7 is the MSB. Default is all zeros. Address 09h Bits 3-0 These four bits define the binary number for the coarse-gain adjustment of the QDAC fullscale current (see the Gain Adjustment section). Bit 3 is the MSB. Default is all ones. Address 0Ah, Bits 7-0; Address 0Bh, Bit 1 and Bit 0 These 10 bits represent a binary number that defines the magnitude of the offset added to the QDAC output (see the Offset Adjustment section). Default is all zeros. Address 0Bh Bit 7 Logic 0 (default) adds the 10 bits offset to OUTQN. A logic 1 adds the 10 bits offset to OUTQP. Offset Adjustment Offset adjustment is achieved by adding a digital code to the DAC inputs. The code OFFSET (see equation below), as stored in the relevant control registers, has a range from 0 to 1023 and a sign bit. The applied DAC offset is stored in the register, providing an offset adjustment range of 1023 LSB codes. The resolution is 1 LSB. IOFFSET = OFFSET 214 x IOUTFS default. The range for FINE is from 0 to 255 with 0 being the default. The gain can be adjusted in steps of approximately 0.01dB.
MAX5894
Single-Port/Dual-Port Data-Input Modes
The MAX5894 is capable of capturing data in singleport and dual-port modes (selected through bit 6, address 02h). In single-port mode, the data for both DAC channels is latched on the A port (A13-A0). The channel for the input data is determined by the state of the SELIQ/B13 (pin 26) bit. When SELIQ is set to logic-high, the input data is presented to the I-channel, when set to logic-low, the input data is presented to the Q-channel. The unused B-port inputs (DATACLK/B12, B11-B0) should be grounded when running in single-port mode. Dual-port mode, as the name implies, requires that each channel receives its data from a separate data bus. SELIQ/B13 and DATACLK/B12 revert to data bit inputs for the Q-channel in dual-port mode. The MAX5894 control registers can be programmed to allow either signed or unsigned binary format (bit 7, address 02h) data in either single-port or dual-port mode. Table 3 shows the corresponding DAC output levels when using signed or unsigned data modes.
Table 3. DAC Output Code Table
DIGITAL INPUT CODE OFFSET BINARY (UNSIGNED) TWO'S COMPLEMENT (SIGNED) OUT_P OUT_N
00 0000 0000 0000 10 0000 0000 0000 01 1111 1111 1111 00 0000 0000 0000 11 1111 1111 1111 01 1111 1111 1111
0 IOUTFS / 2 IOUTFS
IOUTFS IOUTFS / 2 0
Gain Adjustment Gain adustment is peformed by varying the full-scale current according to the following formula:
3 x IREF COARSE + 1 3 x IREF FINE 1024 IOUTFS = - 32 256 24 4 16
Data Synchronization Modes
Data synchronization circuitry is provided to allow operation with an input data clock. The data clock must be frequency locked to the DAC clock (f DAC), but can have arbitrary phase with respect to the DAC clock. The synchronization circuitry allows for phase jitter on the input data clock of up to 1 data clock cycles. Synchronization is initially established when the reset pin is asynchronously deasserted and the input data clock has been running for at least four clock cycles.
where IREF is the reference current (see the Reference Input/Output section). COARSE is the register content of registers 05h and 09h for the I- and Q-channel, respectively. FINE is the register content of register 04h and 08h for the I- and Q-channel, respectively. The range of coarse is from 0 to 15, with 15 being the
______________________________________________________________________________________
17
14-Bit, 500Msps, Interpolating and Modulating Dual DAC with CMOS Inputs
Subsequently, the MAX5894 monitors the phase relationship and detects if the phase drifts more than 1 data clock cycle. If this occurs, the synchronizer automatically re-establishes synchronization. However, during the resynchronization phase, up to 8 data words may be lost or repeated. Bit 2 of register 02h disables or enables (default) the automatic data clock phase detection. Disabling the data synchronization circuitry requires the data clock and the DAC clock phase to be locked.
MAX5894
Table 4. Clock Frequency Ratios in Various Modes
INPUT MODE INTERPOLATION RATE 1x Single Port 2x 4x 8x 1x Dual Port 2x 4x 8x fDATA:fCLK 1:1 1:1 1:2 1:4 1:1 1:2 1:4 1:8 fDAC:fCLK 1:2 1:1 1:1 1:1 1:1 1:1 1:1 1:1
DATACLK Modes
The MAX5894 has a main DATACLK available at pin 14. An alternate DATACLK is available at pin 27 (DATACLK/B12) when configured in single-port data input mode (bit 5, address 02h). The DATACLK can be configured to accept an input clock signal for latching the input data, or to source a clock signal that can drive up to 10pF load while latching the input data (bit 3, address 02h). If DATACLK is configured as an output, it is frequency divided from the CLKP/CLKN input, depending on the operating mode, see Table 4.
The MAX5894 can be configured to latch the input data on either the rising edge or falling edge of the DATACLK signal (bit 4, address 02h). Figure 4 shows the timing requirements between the DATACLK signal and the input-data bus with latching on the rising edge.
CLKP-CLKN
tCLK
DATACLK tD tDS tDH
A0-A13/B0-B13
Figure 4. Data-Input Timing Diagram
18
______________________________________________________________________________________
14-Bit, 500Msps, Interpolating and Modulating Dual DAC with CMOS Inputs
Interpolating Filter
The MAX5894 features three cascaded FIR half-band filters. The interpolating filters are enabled or disabled in combinations to support 1x (no interpolation), 2x, 4x, or 8x interpolation. Bits 7 and 6 of register 01h set the interpolation rate (see Table 2). The last interpolation filter is located after the modulator. In the 8x interpolation mode, the last filter (FIR3) can be configured as lowpass or highpass (bit 5, address 01h) to select the lower or upper sideband from the modulation output. The frequency responses of these three filters are plotted in Figures 5-8.
MAX5894
0 -20 GAIN (dBFS) GAIN (dBFS) -40 -60 -80 -100 -120 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 fOUT - NORMALIZED TO INPUT DATA RATE
PASSBAND DETAIL 0 -0.0002 -0.0004 0 0.1
0 -20 -40 -60 -80 -100 -120 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 fOUT - NORMALIZED TO INPUT DATA RATE
PASSBAND DETAIL 0 -0.0002 -0.0004 0 0.1 0.2 0.3 0.4
0.2
0.3
0.4
Figure 5. Interpolation Filter Frequency Response, 2x Interpolation Mode
Figure 6. Interpolation Filter Frequency Response, 4x Interpolation Mode
0
0 -20 GAIN (dBFS) GAIN (dBFS) -40 -60 -80 -100 -120 0 1 2 3 4 5 6 7 8 fOUT - NORMALIZED TO INPUT DATA RATE
PASSBAND DETAIL 0 -0.0002 -0.0004 0 0.1
0 -20 -40 -60
-0.0004 3.6 3.8 4.0 4.2 4.4 PASSBAND DETAIL 0 -0.0002
-0.0002
-0.0004
0.2
0.3
0.4
0
-80 -100 -120 0 1 2 3 4 5 6 7 8 fOUT - NORMALIZED TO INPUT DATA RATE
Figure 7. Interpolation Filter Frequency Response, 8x Interpolation Mode (FIR3 Lowpass Mode)
Figure 8. Interpolation Filter Frequency Response, 8x Interpolation Mode (FIR3 Highpass Mode) 19
______________________________________________________________________________________
14-Bit, 500Msps, Interpolating and Modulating Dual DAC with CMOS Inputs MAX5894
The programmable interpolation filters multiply the MAX5894 input data rate by a factor of 2x, 4x, or 8x to separate the reconstructed waveform spectrum and the DAC image. The original spectral images, appearing at around multiples of the input data rate, are attenuated by the internal digital filters. This feature provides three benefits: 1) Image separation reduces complexity of analog reconstruction filters.
FILTER RESPONSE
2) Lower input data rates eliminate board-level highspeed data transmission. 3) Sin(x)/x rolloff is reduced over the effective bandwidth. Figure 9 illustrates a practical example of the benefits when using the MAX5894 in 2x, 4x, and 8x interpolation modes with the third filter configured as a lowpass filter. With no interpolation filter, the first image signal appears in the second Nyquist zone between fS / 2 and fS. The first interpolating filter removes this image. In fact, all of the
NO INTERPOLATION
INPUT SPECTRUM AND FIRST FILTER RESPONSE
SIGNAL
IMAGE
fS
2fS
3fS
4fS
5fS
6fS
7fS
8fS
OUTPUT SPECTRUM OF THE FIRST FILTER
SIGNAL
IMAGE
2x INTERPOLATION
fS
2fS
3fS
4fS
5fS FILTER RESPONSE
6fS
7fS
8fS
INPUT SPECTRUM AND SECOND FILTER RESPONSE
SIGNAL
IMAGE
fS
2fS
3fS
4fS
5fS
6fS
7fS
8fS
OUTPUT SPECTRUM OF THE SECOND FILTER
SIGNAL IMAGE
4x INTERPOLATION
fS
2fS
3fS
4fS
5fS
6fS
7fS
8fS
INPUT SPECTRUM AND THIRD FILTER RESPONSE
SIGNAL FILTER RESPONSE
IMAGE
fS
2fS
3fS
4fS
5fS
6fS
7fS
8fS
OUTPUT SPECTRUM OF THE THIRD FILTER
SIGNAL
IMAGE
8x INTERPOLATION
fS
2fS
3fS
4fS
5fS
6fS
7fS
8fS
Figure 9. Spectral Representation of Interpolating Filter Responses (Output Frequencies are Relative to the Data Input Frequency, fS) 20 ______________________________________________________________________________________
14-Bit, 500Msps, Interpolating and Modulating Dual DAC with CMOS Inputs
images at odd numbers of fS are filtered. At the output of the first filter, the images are at 2fS, 4fS, etc. This signal is then passed to the second interpolating filter, which is similar to the first filter and removes the images at 2fS, 6fS, 10fS, etc. Finally, the third filter removes images at 4fS, 12fS, 20fS, etc. Figures 10, 11, and 12 similarly illustrate the spectral responses when using the interpolating filters combined with the digital modulator.
MAX5894
INPUT SPECTRUM AND FIRST FILTER RESPONSE
SIGNAL
IMAGE
FILTER RESPONSE
NO INTERPOLATION
fS
2fS
3fS
4fS
OUTPUT SPECTRUM OF THE FIRST FILTER
SIGNAL
IMAGE
2x INTERPOLATION
fS
2fS
3fS
4fS
INPUT SPECTRUM AND SECOND FILTER RESPONSE
SIGNAL
FILTER RESPONSE
IMAGE
fS
2fS
3fS
4fS
OUTPUT SPECTRUM OF THE SECOND FILTER
SIGNAL
IMAGE
4x INTERPOLATION
fS
2fS
3fS
4fS
OUTPUT SPECTRUM OF THE MODULATOR
LOWER SIDEBAND
SIGNAL
UPPER SIDEBAND
IMAGE
fS
2fS
3fS
4fS
FOR COMPLEX MODULATION THE MODULATION SIGN (BIT 1, ADDRESS 01h) SELECTS UPPER OR LOWER SIDEBAND
Figure 10. Spectral Representation of 4x Interpolation Filter with fIM / 4 Modulation (Output Frequencies are Relative to the Data Input Frequency, fS)
______________________________________________________________________________________
21
14-Bit, 500Msps, Interpolating and Modulating Dual DAC with CMOS Inputs MAX5894
INPUT SPECTRUM AND FIRST FILTER RESPONSE SIGNAL IMAGE FILTER RESPONSE NO INTERPOLATION
fS
2fS
3fS
4fS
5fS
6fS
7fS
8fS
OUTPUT SPECTRUM OF THE FIRST FILTER
SIGNAL
IMAGE
2x INTERPOLATION
fS
2fS
3fS
4fS FILTER RESPONSE
5fS
6fS
7fS
8fS
INPUT SPECTRUM AND SECOND FILTER RESPONSE
SIGNAL
IMAGE
fS
2fS
3fS
4fS
5fS
6fS
7fS
8fS
OUTPUT SPECTRUM OF THE SECOND FILTER
SIGNAL IMAGE
4x INTERPOLATION
fS SIGNAL UPPER SIDEBAND
2fS
3fS
4fS
5fS
6fS
7fS
8fS
OUTPUT SPECTRUM OF THE MODULATOR
LOWER SIDEBAND
IMAGE
fS 2fS 3fS 4fS 5fS 6fS FOR COMPLEX MODULATION THE MODULATION SIGN (BIT 1, ADDRESS 01h) SELECTS UPPER OR LOWER SIDEBAND INPUT SPECTRUM AND THIRD FILTER RESPONSE fS SIGNAL FILTER RESPONSE IMAGE
7fS
8fS
2fS
3fS
4fS
5fS
6fS
7fS
8fS
OUTPUT SPECTRUM OF THE THIRD FILTER fS
SIGNAL
IMAGE
8x INTERPOLATION
2fS
3fS
4fS
5fS
6fS
7fS
8fS
Figure 11. Spectral Representation of 8x Interpolation Filter with fIM / 4 Modulation and Lowpass Mode Enabled (Output Frequencies are Relative to the Data Input Frequency, fS) 22 ______________________________________________________________________________________
14-Bit, 500Msps, Interpolating and Modulating Dual DAC with CMOS Inputs MAX5894
SIGNAL FILTER RESPONSE NO INTERPOLATION
INPUT SPECTRUM AND FIRST FILTER RESPONSE
IMAGE
fS
2fS
3fS
4fS
5fS
6fS
7fS
8fS
OUTPUT SPECTRUM OF THE FIRST FILTER
SIGNAL
IMAGE
2x INTERPOLATION
fS
2fS
3fS
4fS
5fS FILTER RESPONSE
6fS
7fS
8fS
INPUT SPECTRUM AND SECOND FILTER RESPONSE
SIGNAL
IMAGE
fS
2fS
3fS
4fS
5fS
6fS
7fS
8fS
OUTPUT SPECTRUM OF THE SECOND FILTER
SIGNAL IMAGE
4x INTERPOLATION
fS SIGNAL UPPER SIDEBAND
2fS
3fS
4fS
5fS
6fS
7fS
8fS
OUTPUT SPECTRUM OF THE MODULATOR
LOWER SIDEBAND
IMAGE
fS 2fS 3fS 4fS 5fS 6fS FOR COMPLEX MODULATION THE MODULATION SIGN (BIT 1, ADDRESS 01h) SELECTS UPPER OR LOWER SIDEBAND INPUT SPECTRUM AND THIRD FILTER RESPONSE fS SIGNAL IMAGE FILTER RESPONSE
7fS
8fS
2fS
3fS
4fS
5fS
6fS
7fS
8fS
OUTPUT SPECTRUM OF THE THIRD FILTER fS 2fS 3fS
SIGNAL
IMAGE
8x INTERPOLATION
4fS
5fS
6fS
7fS
8fS
Figure 12. Spectral Representation of 8x Interpolation Filter with fIM / 4 Modulation and Highpass Mode Enabled (Output Frequencies are Relative to the Data Input Frequency, fS) ______________________________________________________________________________________ 23
14-Bit, 500Msps, Interpolating and Modulating Dual DAC with CMOS Inputs MAX5894
Digital Modulator
The MAX5894 features digital modulation at frequencies of fIM / 2 and fIM / 4, where fIM is the data rate at the input to the modulator. fIM equals fDAC in 1x, 2x, and 4x interpolation modes. In 8x interpolation mode, f IM equals fDAC / 2. The output rate of the modulator is always the same as the input data rate to the modulator. In complex modulation mode, data from the second interpolation filter is frequency mixed with the on-chip in-phase and quadrature (I/Q) local oscillator (LO). Complex modulation provides the benefit of image sideband rejection when combined with an external quadrature modulator commonly found in wireless communication systems. In the fLO = fIM / 4 mode, real or complex modulation can be used. The modulator multiplies successive input data samples by the sequence [1, 0, -1, 0] for a cos(t). The modulator modulates the input signal up to fIM / 4, creating upper and lower images around fIM / 4. The quadrature LO sin(t) is realized by delaying the cos(t) sequence by one clock cycle. Using complex modulation, complex IF is generated. The complex IF combined with an external quadrature modulator provides image rejection. The sign of the LO can be changed to allow the user to select whether the upper or the lower image should be rejected (bit 1 of register 01h). When fIM / 2 is chosen as the LO frequency, the input signal is multiplied by [-1, 1] on both channels. This produces images around fIM / 2. The complex image-reject modulation mode is not available for this LO frequency. The outputs of the modulator can be expressed as: I (t) = A(t) x cos(t) - B(t) x sin(t) Q (t) = A(t) x sin(t) + B(t) x cos(t) in complex modulation, e+jwt I (t) = A(t) x cos(t) + B(t) x sin(t) Q (t) = A(t) x sin(t) + B(t) x cos(t) in complex modulation, e-jwt where = 2 x x fLO. For real modulation, the outputs of the modulator can be expressed as: I (t) = A(t) x cos(t) Q (t) = A(t) x cos(t) If more than one MAX5894 is used, their LO phases can be synchronized by simultaneously releasing RESET. This sets the MAX5894 to its predefined initial phase.
Device Reset
The MAX5894 can be reset by holding the RESET pin low for 10ns. This will program the control registers to their default values in Table 2. During power-on, RESET must be held low until all power supplies have stabilized. Alternatively, programming bit 5 of address 00h to a logic-high also resets the MAX5894 after power-up.
I-CHANNEL INPUT DATA
I-CHANNEL INPUT DATA
cos(t)
I-CHANNEL OUTPUT DATA
cos(t)
I-CHANNEL OUTPUT DATA
sin(t)
TO FIR3
sin(t)
TO FIR3
sin(t)
sin(t)
Q-CHANNEL INPUT DATA cos(t) (a)
Q-CHANNEL OUTPUT DATA
Q-CHANNEL INPUT DATA cos(t) (b)
Q-CHANNEL OUTPUT DATA
Figure 13. (a) Modulator in Complex Modulation Mode; (b) Modulator in Real Modulation Mode 24 ______________________________________________________________________________________
14-Bit, 500Msps, Interpolating and Modulating Dual DAC with CMOS Inputs
Power-Down Mode
The MAX5894 features three power-saving modes. Each DAC can be individually powered down through bits 2 and 3 of address 00h. The interpolation filters can also be powered down through bit 4 of address 00h, preserving the output level of each DAC (the DACs remain powered). Powering down both DACs automatically puts the MAX5894 into full power-down, including the interpolation filters.
Data Clock
The MAX5894 features synchronizers that allow for arbitrary phase alignment between DATACLK and CLKP/CLKN. The DATACLK causes internal switching in the MAX5894 and the phase between DATACLK (input mode) to CLKP/CLKN influences the images at DATACLK. Optimum image rejection is achieved when DATACLK transitions are aligned with the falling edge of CLKP. Figure 14 shows the image level near DATACLK as a function of the DATACLK (input mode) to CLKP/CLKN phase at 500Msps, 4x interpolation for a 10MHz, -6dBFS output signal.
MAX5894
Applications Information
Frequency Planning
System designers need to take the DAC into account during frequency planning for high-performance applications. Proper frequency planning can ensure that optimal system performance is achieved. The MAX5894 is designed to deliver excellent dynamic performance across wide bandwidths, as required for communication systems. As with all DACs, some combinations of output frequency and update rate produce better performance than others. Harmonics are often folded down into the band of interest. Specifically, if the DAC outputs a frequency close to fS / N, the Mth harmonic of the output signal will be aliased down to:
N - M f = fS - M x fOUT = fS N
Clock Interface
The MAX5894 features a flexible differential clock input (CLKP, CLKN) with a separate supply (AV CLK ) to achieve optimum jitter performance. It uses an ultra-low jitter clock to achieve the required noise density. Clock jitter must be less than 0.5psRMS to meet the specified noise density. For that reason, the CLKP/CLKN input source must be designed carefully. The differential clock (CLKN and CLKP) input can be driven from a single-ended or a differential clock source. Differential clock drive is required to achieve the best dynamic performance from the DAC. For single-ended operation, drive CLKP with a low noise source and bypass CLKN to GND with a 0.1F capacitor. The CLKP and CLKN pins are internally biased to AV CLK / 2. This allows the user to AC-couple clock
fS / 4 IMAGES vs. CLKP/CLKN to DATACLK DELAY fDATA = 125Mwps, 4x INTERPOLATION
-50 -60 IMAGE LEVEL (dBc) -70 -80 -90 fS / 4 + fOUT -100 -110 0 2 4 6 8 CLKP/CLKN DELAY (ns) fOUT = 10MHz AOUT = -6dBFS fS / 4 - fOUT
Thus, if N (M + 1), the Mth harmonic will be close to the output frequency. SFDR performance of a currentsteering DAC is often dominated by 3rd-order harmonic distortion. If this is a concern, placing the output signal at a different frequency other than fS / 4 should be considered. Common to interpolating DACs are images near the divided clocks. In a DAC configured for 4x interpolation, this applies to images around fS / 4 and fS / 2. In a DAC configured for 8x interpolation, this applies to images around fS / 8, fS / 4, and fS / 2. Most of these images are not part of the in-band (0 to fDATA / 2) SFDR specification, though they are a consideration for out-of-band (fDATA / 2 - fDAC / 2) SFDR and may depend on the relationship of the DATACLK to DAC update clock (see the Data Clock section). When specifying the output reconstruction filter for other than baseband signals, these images should not be ignored.
Figure 14. Effect of CLKP/CLKN to DATACLK Phase on fS / 4 Images
______________________________________________________________________________________
25
14-Bit, 500Msps, Interpolating and Modulating Dual DAC with CMOS Inputs MAX5894
sources directly to the device without external resistors to define the DC level. The input resistance of CLKP and CLKN is 5k. A convenient way to apply a differential signal is with a balun transformer as shown in Figure 15. Alternatively, these inputs may be driven from a CMOS-compatible clock source, however it is recommended to use sine-wave or AC-coupled differential ECL/PECL drive for best dynamic performance.
Output Interface (OUTI, OUTQ)
The MAX5894 outputs complementary currents (OUTIP, OUTIN, OUTQP, and OUTQN) that can be utilized in a differential configuration. Load resistors convert these two output currents into a differential output voltage. The differential output between OUTIP (OUTQP) and OUTIN (OUTQN) can be converted to a single-ended output using a transformer or a differential amplifier. Figure 16 shows a typical transformer-based application circuit for generation of IF output signals. In this configuration, the MAX5894 operates in differential mode, which reduces even-order harmonics, and increases the available output power. Pay close attention to the transformer core saturation characteristics when selecting a transformer. Transformer core saturation can introduce strong second harmonic distortion, especially at low output frequencies and high signal amplitudes. It is recommended to connect the transformer center tap to ground.
100nF CLKP MINI-CIRCUITS ADTL1-12 24.9 MAX5894 1:1 RATIO 24.9 100nF CLKN
SINGLE-ENDED IINPUT
Figure 15. Single-Ended-to-Differential Clock Conversion Using a Balun Transformer
50 OUTIP 1:1
VIOUT, SINGLE-ENDED
IDAC 14 OUTIN
100 1:1 50
MAX5894
50 OUTQP QDAC 14 OUTQN 50 100 1:1 1:1
VQOUT, SINGLE-ENDED
Figure 16. Differential-to-Single-Ended Conversion Using Wideband RF Transformers 26 ______________________________________________________________________________________
14-Bit, 500Msps, Interpolating and Modulating Dual DAC with CMOS Inputs
If a transformer is not used, the outputs must have a resistive termination to ground. Figure 17 shows the MAX5894 output configured for differential DC-coupled mode. The DC-coupled configuration can be used to eliminate waveform distortion due to highpass filter effects. Applications include communication systems employing analog quadrature upconverters and requiring a high-speed DAC for baseband I/Q synthesis. If a single-ended DC-coupled unipolar output is desirable, OUTIP (OUTQP) should be selected as the output, and connect OUTIN (OUTQN) to ground. Using the MAX5894 output single-ended is not recommended because it introduces additional noise and distortion. The distortion performance of the DAC also depends on the load impedance. The MAX5894 is optimized for a 50 double termination. It can be used with a transformer output as shown in Figure 16 or just one 25 resistor from each output to ground and one 50 resistor between the outputs (Figure 17). Higher output termination resistors can be used, as long as each output voltage does not exceed +1V with respect to GND, but at the cost of degraded distortion performance and increased output noise voltage.
MAX5894
25 OUTIP
IDAC 14 OUTIN
50
25
MAX5894
25 OUTQP QDAC 14 OUTQN 25 50
Reference Input/Output
The MAX5894 supports operation with the on-chip 1.2V bandgap reference or an external reference voltage source. REFIO serves as the input for an external, lowimpedance reference source, and as the output if the DAC is operating with the internal reference. For stable operation with the internal reference, REFIO should be decoupled to GND with a 1F capacitor.
Figure 17. The DC-Coupled Differential Output Configuration
______________________________________________________________________________________
27
14-Bit, 500Msps, Interpolating and Modulating Dual DAC with CMOS Inputs MAX5894
REFIO must be buffered with an external amplifier, if heavy loading is required, due to its 10k output resistance. Alternatively, apply a temperature-stable external reference to REFIO (Figure 18). The internal reference is overdriven by the external reference. For improved accuracy and drift performance, choose a fixed output voltage reference such as the MAX6520 bandgap reference. The MAX5894's reference circuit (Figure 19) employs a control amplifier, designed to regulate the full-scale current IOUT for the differential current outputs of the DAC. The output current can be calculated as: IOUTFS = 32 x IREF x 16383 / 16384 where IREF is the reference output current (IREF = VREFIO / RSET). Located between FSADJ and DACREF, RSET is the reference resistor, which determines the amplifier's output current for the DAC. Use Table 5 for a matrix of different IOUTFS and RSET selections.
1.2V REFERENCE MAX5894 10k EXTERNAL 1.25V REFERENCE REFIO 1F 1F REFIO
1.2V REFERENCE MAX5894 10k
FSADJ IREF RSET DACREF
CURRENTSOURCE ARRAY DAC
FSADJ IREF RSET DACREF
CURRENTSOURCE ARRAY DAC
Figure 18. Typical External Reference Circuit
Figure 19. MAX5894 Internal Reference Architecture
Table 5. IOUTFS and RSET Selection Matrix Based on a Typical 1.20V Reference Voltage
FULL-SCALE CURRENT IOUTFS (mA) 2 5 10 15 20 REFERENCE CURRENT IREF (A) 62.50 156.26 312.50 468.75 625.00 19.2 7.68 3.84 2.56 1.92 RSET (k) CALCULATED 1% EIA STD 19.1 7.5 3.83 2.55 1.91 OUTPUT VOLTAGE VIOUTP/N* (mVP-P) 100 250 500 750 1000
*Terminated into a 50 load.
28
______________________________________________________________________________________
14-Bit, 500Msps, Interpolating and Modulating Dual DAC with CMOS Inputs
Power Supplies, Bypassing, Decoupling, and Layout
Grounding and power-supply decoupling strongly influence the MAX5894 performance. Unwanted digital crosstalk can couple through the input, reference, power-supply, and ground connections, which can affect dynamic specifications like signal-to-noise ratio or spurious-free dynamic range. In addition, electromagnetic interference (EMI) can either couple into or be generated by the MAX5894. Observe the grounding and power-supply decoupling guidelines for highspeed, high-frequency applications. Follow the powersupply and filter configuration guidelines to achieve optimum dynamic performance. Using a multilayer PCB with separate ground and power-supply planes, run high-speed signals on lines directly above the ground plane. Since the MAX5894 has separate analog and digital sections, the PCB should include separate analog and digital ground sections with only one point connecting the three planes at the exposed paddle under the MAX5894. Run digital signals above the digital ground plane and analog/clock signals above the analog/clock ground plane. Keep digital signals as far away from sensitive analog inputs, reference lines, and clock inputs as practical. Use a symmetric design of clock input and the analog output lines to minimize 2nd-order harmonic distortion components, thus optimizing the dynamic performance of the DAC. Keep digital signal paths short and run lengths matched to avoid propagation delay and data skew mismatches. The MAX5894 requires five separate power-supply inputs for the analog (AVDD1.8 and AVDD3.3), digital (DVDD1.8 and DVDD3.3), and clock (AVCLK) circuitry. Decouple each voltage supply pin with a separate 0.1F capacitor as close to the device as possible and with the shortest possible connection to the appropriate ground plane. Minimize the analog and digital load capacitances for optimized operation. Decouple all power-supply voltages at the point they enter the PCB with tantalum or electrolytic capacitors. Ferrite beads with additional decoupling capacitors forming a pi-network could also improve performance. The exposed paddle MUST be soldered to the ground. Use multiple vias, an array of at least 4 x 4 vias, directly under the EP to provide a low thermal and electrical impedance path for the IC.
Static Performance Parameter Definitions
Integral Nonlinearity (INL)
Integral nonlinearity is the deviation of the values on an actual transfer function from either a best straight-line fit (closest approximation to the actual transfer curve) or a line drawn between the end points of the transfer function, once offset and gain errors have been nullified. For a DAC, the deviations are measured at every individual step.
MAX5894
Differential Nonlinearity (DNL)
Differential nonlinearity is the difference between an actual step height and the ideal value of 1 LSB. A DNL error specification of less than 1 LSB guarantees no missing codes and a monotonic transfer function.
Offset Error
The offset error is the difference between the ideal and the actual offset current. For a DAC, the offset point is the average value at the output for the two midscale digital input codes with respect to the full-scale of the DAC. This error affects all codes by the same amount.
Gain Error
A gain error is the difference between the ideal and the actual full-scale output voltage on the transfer curve, after nullifying the offset error. This error alters the slope of the transfer function and corresponds to the same percentage error in each step.
Dynamic Performance Parameter Definitions
Settling Time
The settling time is the amount of time required from the start of a transition until the DAC output settles its new output value to within the specified accuracy.
Noise Spectral Density
The DAC output noise is the sum of the quantization noise and thermal noise. Noise spectral density is the noise power in 1Hz bandwidth, specified in dBFS/Hz.
Signal-to-Noise Ratio (SNR)
For a waveform perfectly reconstructed from digital samples, the theoretical maximum SNR is the ratio of the full-scale analog output (RMS value) to the RMS quantization error (residual error). The ideal, theoretical maximum SNR can be derived from the DAC's resolution (N bits): SNRdB = 6.02dB x N + 1.76dB
______________________________________________________________________________________
29
14-Bit, 500Msps, Interpolating and Modulating Dual DAC with CMOS Inputs MAX5894
However, noise sources such as thermal noise, reference noise, clock jitter, etc., affect the ideal reading. Therefore, SNR is computed by taking the ratio of the RMS signal to the RMS noise, which includes all spectral components minus the fundamental, the first four harmonics, and the DC offset.
Two-/Four-Tone Intermodulation Distortion (IMD)
The two-tone IMD is the ratio expressed in dBc (or dBFS) of the worst 3rd-order (or higher) IMD products to either output tone.
Spurious-Free Dynamic Range (SFDR)
SFDR is the ratio of the RMS amplitude of the carrier frequency (maximum signal components) to the RMS value of their next largest distortion component. SFDR is usually measured in dBc and with respect to the carrier frequency amplitude or in dBFS with respect to the DAC's full-scale range. Depending on its test condition, SFDR is observed within a predefined window or to Nyquist.
Adjacent Channel Leakage Power Ratio (ACLR)
Commonly used in combination with WCDMA (wideband code-division multiple-access), ACLR reflects the leakage power ratio in dB between the measured powers within a channel relative to its adjacent channel. ACLR provides a quantifiable method of determining out-of-band spectral energy and its influence on an adjacent channel when a bandwidth-limited RF signal passes through a nonlinear device.
30
______________________________________________________________________________________
14-Bit, 500Msps, Interpolating and Modulating Dual DAC with CMOS Inputs MAX5894
Pin Configuration
TOP VIEW
AVDD1.8 AVDD3.3 AVDD3.3 AVDD3.3 AVDD1.8 OUTQN OUTQP FSADJ
51 DACREF 50 REFIO 49 RESET 48 CS 47 SCLK 46 DIN 45 DOUT 44 DVDD3.3 43 N.C. 42 N.C. 41 B0 40 B1 39 B2 38 B3 37 DVDD1.8 36 B4 35 B5
OUTIP
OUTIN
AVCLK
GND
GND
GND
GND
GND
68
67 66 65 64
63 62 61 60 59 58
57 56 55 54 53 52
CLKP CLKN N.C. N.C. N.C. DVDD1.8 A13 A12 A11
1 2 3 4 5 6 7 8 9
EXPOSED PADDLE
MAX5894
A10 10 A9 11 A8 12 DVDD3.3 13 DATACLK 14 A7 15 A6 16 A5 17
18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34
A3
A2
N.C.
N.C.
SELIQ/B13
DATACLK/B12
A1
A0
B11
B10
A4
B9
B8
GND
B7
DVDD1.8
QFN
______________________________________________________________________________________
DVDD1.8
B6
31
14-Bit, 500Msps, Interpolating and Modulating Dual DAC with CMOS Inputs MAX5894
Package Information
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information, go to www.maxim-ic.com/packages.)
68L QFN.EPS
PACKAGE OUTLINE, 68L QFN, 10x10x0.9 MM 1 C 21-0122 2
32
______________________________________________________________________________________
14-Bit, 500Msps, Interpolating and Modulating Dual DAC with CMOS Inputs
Package Information (continued)
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information, go to www.maxim-ic.com/packages.)
MAX5894
PACKAGE OUTLINE, 68L QFN, 10x10x0.9 MM 1 C 21-0122 2
Revision History
Pages changed at Rev 1: 1, 3, 5, 17, 24, 25, 29, 32
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 ____________________ 33 (c) 2007 Maxim Integrated Products is a registered trademark of Maxim Integrated Products, Inc.


▲Up To Search▲   

 
Price & Availability of MAX589407

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X