Part Number Hot Search : 
B1010 N4948 C3901 TMF3000A XO5031 BRS320 MMBZ5 BD6XXX
Product Description
Full Text Search
 

To Download MAX4714EXT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MAX4714EXT Rev. A
RELIABILITY REPORT FOR MAX4714EXT PLASTIC ENCAPSULATED DEVICES
April 16, 2002
MAXIM INTEGRATED PRODUCTS 120 SAN GABRIEL DR. SUNNYVALE, CA 94086
Written by
Reviewed by
Jim Pedicord Quality Assurance Reliability Lab Manager
Bryan J. Preeshl Quality Assurance Executive Director
Conclusion The MAX4714 successfully meets the quality and reliability standards required of all Maxim products. In addition, Maxim's continuous reliability monitoring program ensures that all outgoing product will continue to meet Maxim's quality and reliability standards. Table of Contents I. ........Device Description II. ........Manufacturing Information III. .......Packaging Information IV. .......Die Information V. ........Quality Assurance Information VI. .......Reliability Evaluation ......Attachments
I. Device Description A. General The MAX4714 is a low on-resistance, low-voltage single-pole/double-throw (SPDT) analog switch that operates from a single +1.6V to +3.6V supply. The MAX4714 has break-before-make switching. This device also has fast switching speeds (t ON = 18ns max, tOFF = 12ns max). When powered from a +3V supply, the MAX4714 features 0.8 max on-resistance (RON), with 0.18 max RON matching and flatness. The digital logic input is 1.8V CMOS compatible when using a single +3V supply. The MAX4714 is pin compatible with the MAX4599 and is available in a 6-pin SC70 package B. Absolute Maximum Ratings Item V+, IN to GND COM, NC, NO to GND (Note 1) Continuous Current NO,NC to COM Peak Current NO,NC to COM (pulsed at 1ms, 10% duty cycle) Junction Temperature Storage Temp. Lead Temp. (10 sec.) Power Dissipation 6-Pin SC70 Derates above +70C 6-Pin SC70 Rating -0.3V to +4V -0.3V to (V+ + 0.3V) +/-150mA +/-300mA +150C -65C to +150C +300C 247mW 3.1mW/C
II. Manufacturing Information A. Description/Function: B. Process: C. Number of Device Transistors: D. Fabrication Location: E. Assembly Location: F. Date of Initial Production: 0.8 Ohm, Low-Voltage, Single-Supply SPDT Analog Switch in SC70 TC35 (0.35 Micron Poly Gate Process) 135 Taiwan Malaysia or Thailand April, 2001
III. Packaging Information A. Package Type: B. Lead Frame: C. Lead Finish: D. Die Attach: E. Bondwire: F. Mold Material: G. Assembly Diagram: H. Flammability Rating: I. Classification of Moisture Sensitivity per JEDEC standard JESD22-A112: 6-Lead SC70 Copper Copper or Alloy 42 Non-Conductive Gold (1.0 mil dia.) Epoxy with silica filler Buildsheet # 05-1201-0224 Class UL94-V0
Level 1
IV. Die Information A. Dimensions: B. Passivation: C. Interconnect: D. Backside Metallization: E. Minimum Metal Width: F. Minimum Metal Spacing: G. Bondpad Dimensions: H. Isolation Dielectric: I. Die Separation Method: 30 x 30 mils Si3N4/SiO2 (Silicon nitride/ Silicon dioxide) Al/Cu/Si/Ti None 0.35 microns (as drawn) 0.35 microns (as drawn) 5 mil. Sq. SiO2 Wafer Saw
V. Quality Assurance Information A. Quality Assurance Contacts: Jim Pedicord (Reliability Lab Manager) Bryan Preeshl (Executive Director of QA) Kenneth Huening (Vice President) B. Outgoing Inspection Level: 0.1% for all electrical parameters guaranteed by the Datasheet. 0.1% For all Visual Defects.
C. Observed Outgoing Defect Rate: < 50 ppm D. Sampling Plan: Mil-Std-105D VI. Reliability Evaluation A. Accelerated Life Test The results of the 135C biased (static) life test are shown in Table 1. Using these results, the Failure Rate () is calculated as follows:
=
1 = MTTF
1.83 192 x 4389 x 78 x 2
(Chi square value for MTTF upper limit)
Temperature Acceleration factor assuming an activation energy of 0.8eV
= 13.92 x 10
-9
= 13.92 F.I.T. (60% confidence level @ 25C)
This low failure rate represents data collected from Maxim's reliability qualification and monitor programs. Maxim also performs weekly Burn-In on samples from production to assure reliability of its processes. The reliability required for lots which receive a burn-in qualification is 59 F.I.T. at a 60% confidence level, which equates to 3 failures in an 80 piece sample. Maxim performs failure analysis on rejects from lots exceeding this level. The attached Burn-In Schematic (Spec. # 06-5735) shows the static circuit used for this test. Maxim also performs 1000 hour life test monitors quarterly for each process. This data is published in the Product Reliability Report (RR1M). B. Moisture Resistance Tests Maxim evaluates pressure pot stress from every assembly process during qualification of each new design. Pressure Pot testing must pass a 20% LTPD for acceptance. Additionally, industry standard 85C/85%RH or HAST tests are performed quarterly per device/package family. C. E.S.D. and Latch-Up Testing The AH80 die type has been found to have all pins able to withstand a transient pulse of 2500V, per MilStd-883 Method 3015 (reference attached ESD Test Circuit). Latch-Up testing has shown that this device withstands a current of 250mA and/or 20V.
Table 1 Reliability Evaluation Test Results MAX4714EXT
TEST ITEM TEST CONDITION FAILURE IDENTIFICATION SAMPLE SIZE NUMBER OF FAILURES
Static Life Test (Note 1) Ta = 135C Biased Time = 192 hrs. Moisture Testing (Note 2) Pressure Pot Ta = 121C P = 15 psi. RH= 100% Time = 168hrs. Ta = 85C RH = 85% Biased Time = 1000hrs.
DC Parameters & functionality
78
0
DC Parameters & functionality
77
0
85/85
DC Parameters & functionality
44
0
Mechanical Stress (Note 2) Temperature Cycle -65C/150C 1000 Cycles Method 1010 DC Parameters 77 0
Note 1: Life Test Data may represent plastic DIP qualification lots. Note 2: Generic Process/Package data
Attachment #1 TABLE II. Pin combination to be tested. 1/ 2/
Terminal A (Each pin individually connected to terminal A with the other floating) 1. 2. All pins except VPS1 3/ All input and output pins
Terminal B (The common combination of all like-named pins connected to terminal B) All VPS1 pins All other input-output pins
1/ Table II is restated in narrative form in 3.4 below. 2/ No connects are not to be tested. 3/ Repeat pin combination I for each named Power supply and for ground (e.g., where VPS1 is VDD, VCC, VSS, VBB, GND, +VS, -VS, VREF, etc). 3.4 a. b. Pin combinations to be tested. Each pin individually connected to terminal A with respect to the device ground pin(s) connected to terminal B. All pins except the one being tested and the ground pin(s) shall be open. Each pin individually connected to terminal A with respect to each different set of a combination of all named power supply pins (e.g., V , or V SS1 SS2 or V SS3 or V CC1 , or V CC2 ) connected to terminal B. All pins except the one being tested and the power supply pin or set of pins shall be open. Each input and each output individually connected to terminal A with respect to a combination of all the other input and output pins connected to terminal B. All pins except the input or output pin being tested and the combination of all the other input and output pins shall be open. TERMINAL C
R1 S1 R2
c.
TERMINAL A REGULATED HIGH VOLTAGE SUPPLY
S2 C1
DUT SOCKET
SHORT CURRENT PROBE (NOTE 6)
TERMINAL B
R = 1.5k C = 100pf
TERMINAL D Mil Std 883D Method 3015.7 Notice 8


▲Up To Search▲   

 
Price & Availability of MAX4714EXT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X