Part Number Hot Search : 
74AUP2G E4920 LF723RW OP292 AN8808SB SAC12 SRA2203K 1510G
Product Description
Full Text Search
 

To Download MAX21601 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 19-3561; Rev 0; 1/05
MAX2160 Evaluation Kit
General Description
The MAX2160 evaluation kit (EV kit) simplifies the testing and evaluation of the MAX2160 single-segment ISDB-T tuner. The evaluation kit is fully assembled and tested at the factory. Standard 50 SMA connectors are included on the EV kit for the inputs and outputs to allow quick and easy evaluation on the test bench. This document provides a list of equipment required to evaluate the device, a straightforward test procedure to verify functionality, a description of the EV kit circuit, the circuit schematic, a bill of materials (BOM) for the kit, and artwork for each layer of the PC board. Easy Evaluation of the MAX2160 50 SMA Connectors All Critical Peripheral Components Included Fully Assembled and Tested PC Control Software (Available at www.maximic.com)
Features
Evaluates: MAX2160
Ordering Information
PART MAX2160EVKIT TEMP RANGE -40C to +85C IC PACKAGE 40 Thin QFN-EP*
*EP = Exposed paddle.
Component List
DESIGNATION C1, C14, C15, C20-C24, C34, C35, C36, C38, C39 C2 C3, C4, C5, C7-C10, C12, C16, C17, C19 C6, C18 C11 C13 C25, C26 C27 C28 C29 C30 C31, C32, C33 QTY 13 DESCRIPTION 0.01F 10% ceramic capacitors (0402) Murata GRM155R71E103K 27pF 5% ceramic capacitor (0402) Murata GRM1555C1H270J 100pF 5% ceramic capacitors (0402) Murata GRM1555C1H101J 1000pF ceramic capacitors (0402) Murata GRM155R71H102K 0 resistor (0402) Not installed 1F 10% ceramic capacitors (0402) Murata GRM155R60J105K 0.1F 10% ceramic capacitor (0402) Murata GRM155R71C104K 0.047F ceramic capacitor (0402) Murata GRM155R71A473K 470pF 5% ceramic capacitor (0402) Murata GRM1555C1H471J 220pF 5% ceramic capacitor (0402) Murata GRM1555C1H221J 10F 10% tantalum capacitors (C case) AVX TAJC106K016 470nF 10% ceramic capacitor (0402) Murata GRM155R60J474K Edge-mount SMA connectors--round contacts Johnson 142-0701-801 DESIGNATION J4 J6 J7 J7, J27 J10 J11, J12 J13-J17, TP1-TP4 J18-J26 QTY 1 0 1 2 0 2 9 DESCRIPTION DB25 connector--right-angle male AMP 747238-4 2-pin in-line header--0.100in centers Sullins PTC36SAAN 2-pin in-line header--0.100in centers Sullins PTC36SAAN Shorting jumpers Sullins STC02SYAN Scope probe Tektronix 131-4244-00 (not installed) PC-mount SMA connectors Johnson 142-0701-201 Mini red test points Keystone 5000 2-pin in-line headers--0.100in centers Sullins PTC36SAAN (not installed) 3-pin in-line header--0.100in centers Sullins PTC36SAAN 10nH 5% inductor (0402) Murata LQG15HN10NJ00 (not installed) 0 resistors (0402) Not installed 4.7k 5% resistors (0402) 20k 5% resistors (0402) 1.2k 5% resistor (0402)
1 11 2 1 0 2 1 1 1 1 3
0
J27 L1 R1, R2, R4, R6, R7, R8, R18, R27, R28, R31, R33 R3, R5, R19 R9-R13, R32 R16, R17 R20
1 0
11 0 6 2 1
C37 J1, J2, J3, J5, J8, J9
1
6
________________________________________________________________ Maxim Integrated Products
1
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at 1-888-629-4642, or visit Maxim's website at www.maxim-ic.com.
MAX2160 Evaluation Kit Evaluates: MAX2160
Component List (continued)
DESIGNATION R21, R22 R23, R24, R26 R29, R30 U1 U2 U3 QTY DESCRIPTION 2 5.6k 5% resistors (0402) 3 10k 5% resistors (0402) 2 49.9 1% resistors (0402) ISDB-T receiver MAX2160 40-pin 1 TQFN Maxim MAX2160ETL Hex buffer/driver 14-pin SO 1 Texas Instruments SN74LV07ADR High-speed, single-supply, rail-to-rail 1 buffer MAX4217 8-pin MAX(R) Maxim MAX4217EUA 16MHz surface-mount crystal 1 Kyocera Kineski Corporation CX3225SB16000D0FLJ08
Connections and Setup
This section provides a step-by-step guide to testing the basic functionality of the EV kit. Do not turn on DC power or RF signal generators until all connections are completed: 1) Verify that all the desired jumpers are in place (see Table 1). 2) With its output disabled, set the DC power supply to +2.85V. Connect the power supply to the VCC (through an ammeter if desired) and GND terminals on the EV kit. If available, set the current limit to 75mA. 3) With its output disabled, set the dual-output DC power-supply voltages to +3V and -3V. Connect the +3V, -3V, and GND terminals of the power supply to jumpers J15, J17, and J16, respectively. If available, set the current limits to 50mA. 4) With its output disabled, set the RF signal generator to a 767.143MHz frequency and a -60dBm power level. Connect the output of the RF signal generator to J5 on the evaluation board. 5) Connect a 25-pin parallel cable between the PC's parallel port and the MAX2160 evaluation board. 6) Turn on the 3V power supply, followed by the +2.85V power supply. The supply current from the +2.85V supply should read approximately 44mA. Be sure to adjust the power supply to account for any voltage drop across the ammeter. 7) Adjust potentiometers R16 and R17 until the voltages at GC1 and GC2 are approximately 1.5V. 8) Install and run the MAX2160 control software. Software is available for download on the Maxim website at www.maxim-ic.com. 9) Load the default register settings from the control software by clicking the Defaults tab at the top of the screen. 10) Connect either the I or Q output to the spectrum analyzer, or connect both I and Q outputs to the oscilloscope. 11) Enable the RF signal generator's output. 12) If using a spectrum analyzer, set the center frequency of the analyzer to 571kHz and a span of 100kHz. Set the reference level to 0dBm. Increase the input power of the signal generator until the output level reaches -2dBm. This is the nominal output level for the I and Q channels. The gain of the receiver can be calculated by taking the difference in dB between the input and output power.
Y1
MAX is a registered trademark of Maxim Integrated Products, Inc.
Component Suppliers
SUPPLIER PHONE WEBSITE AVX 803-946-0690 www.avxcorp.com Johnson 507-833-8822 www.johnsoncomponents.com Murata 770-436-1300 www.murata.com
Note: Indicate that you are using the MAX2160 when contacting these suppliers.
Quick Start
The MAX2160 EV kit is fully assembled and factory tested. Follow the instructions in the Connections and Setup section for proper device evaluation.
Test Equipment Required
* One power supply capable of supplying at least 500mA, +2.85V * One dual-output power supply capable of supplying at least 500mA at +3V and -3V * One RF signal generator capable of delivering at least 0dBm of output power at frequencies up to 1GHz * One RF spectrum analyzer capable of covering the operating frequency range of the device * A PC (486DX33 or better) with Windows(R) 95/98, 2000, NT 4.0 or later operating system, 64MB of memory, and an available parallel port * A 25-pin parallel cable * (Optional) One multichannel digital oscilloscope * (Optional) A network analyzer to measure return loss * (Optional) An ammeter to measure supply current
Windows is a registered trademark of Microsoft Corp. 2
_______________________________________________________________________________________
MAX2160 Evaluation Kit
If using an oscilloscope, observe the 571kHz sine wave. Increase the input power of the signal generator until the I and Q outputs reach 0.5VP-P. This is the nominal output level for the I and Q channels. The I and Q waveforms will be out-of-phase by approximately 90. Voltage gain can be calculated by: Gain = 20 x LOG(VOUT_P-P / (2 x sqrt(2) x VIN_RMS) ) where VIN_RMS = ( 50 x 10[ (Pin (dBm) - 30) / 10] ) RF Gain-Control Range (GC1) To measure the gain-control range in the RF stage, follow the steps below: 1) Adjust R17 so VGC2 = 1.5V. 2) Adjust R16 so VGC1 = 0.3V. 3) Adjust the RF input power to achieve -2dBm at the I/Q outputs. Record this as the reference output level. 4) Adjust R16 until V GC1 = 2.7V, and record the change in the I/Q output levels in dB relative to -2dBm. This change in output power is the gaincontrol range of the RF stage. 5) The RF gain-control range will be at least 38dB. Baseband Gain-Control Range (GC2) To measure the gain-control range in the baseband stage, follow the steps below: 1) Adjust R16 so VGC1 = 1.5V. 2) Adjust R17 so VGC2 = 0.3V. 3) Adjust the RF input power to achieve -2dBm at the I/Q outputs. Record this as the reference output level. 4) Adjust R17 until VGC2 = 2.7V, and record the change in the I/Q output levels in dB relative to -2dBm. This change in output power is the gain-control range of the baseband stage. 5) The baseband gain-control range will be at least 57dB.
J7
In addition, the ground returns for the VCO, VTUNE, and charge pump require special layout consideration. The VCOBYP capacitor (C37) and the VCCVCO bypass capacitor (C19) ground returns must be routed back to the GNDVCO pin and then connected to the overall ground plane at that point (GNDVCO). All loop filter component grounds (C27-C30) and the VCCCP bypass capacitor (C17) ground must all be routed together back to the GNDCP pin. GNDTUNE must also be routed back to the GNDCP pin along with all other grounds from the PLL loop filter. The GNDCP pin must then be connected to the overall ground plane. See Figures 2-6 for recommended board layout.
Evaluates: MAX2160
Table 1. MAX2160 EV Kit Jumper Settings
JUMPER FUNCTION JUMPER POSITION OPEN: ENTCXO pin is controlled Sets control of by the PC software. the ENTCXO SHORT: ENTCXO pin is pulled low pin (remove R31 in this mode). OPEN: GC2 is controlled with an external voltage source applied to Sets control of TP4 (remove R18 in this mode). the GC2 pin SHORT: GC2 is controlled by the voltage set by potentiometer R17. OPEN: VCC1 through VCC9 can be individually applied. Set control of SHORT: VCC1 through VCC9 are VCC1 through connected to the board's main VCC9 supply voltage, VCC. (Note: These jumpers are hardwired as a short on the board.) 1-2: GC1 is controlled by the voltage set by potentiometer R16. Sets control of 2-3: GC1 is controlled by the RF the GC1 pin power-detector output (power detector must be enabled).
J6
J18-J26
J27
Layout Considerations
The MAX2160 evaluation board can serve as a reference board layout. Keep traces carrying RF signals as short as possible to minimize radiation and insertion loss. Place supply-decoupling capacitors as close to the device as possible. Solder the package's exposed paddle evenly to the board ground plane for a low-inductance ground connection and for improved thermal dissipation.
_______________________________________________________________________________________
3
MAX2160 Evaluation Kit Evaluates: MAX2160
TP3 J10 R21 5.6k R22 5.6k
J4
VCC9
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 40 39 38 37 J4-7 J4-8 J4-9 J4-10 J4-11 C17 100pF VCC7 J4-2 J4-3 J4-4 J4-5 J1 C20 0.01uF R19 OPEN R24 10k
C28 0.047uF
R20 1.2k C27 0.1uF
C29 470pF
C30 220pF
C19 100pF VCC6 C37 470nF +3V R27 0 R28 0 C24 0.01uF V C26 1uF 36 35 34 33 32 31 J12 J11 R29 49.9 C25 1uF
J8
17 18
VCCP
CPOUT
TEST
VCCVCO
GNDCP
VTUNE
GNDTUNE
GNDVCO
VCOBYP
N.C
19 20 21 22 23 24 25 Y1 16MHz 747238-4 C4 100pF 6 C5 100pF U2-C 5 6 R1 0 VCC9 7 4 C3 VCC8 100pF 5 J3 R3 OPEN R2 0 R11 4.7k J2 C1 0.01uF C2 27pF 1 N.C
U3 N.C 30 VCC5 C16 100pF R23 10k OUTA INAINA+ C22 0.01uF V -3V
CC
J9
2
TCXO
VCCBB
29
OUTB INBINB+ R30 49.9
3
XTAL
GNDBB
28
EE
GNDXTAL U1 VCCXTAL
QOUT
27
C23 MAX4217EUA 0.01uF
GNDBB
26 C21 0.01uF
XTALOUT
MAX2160
IOUT
25
VCCDIG
N.C
24 TP4
+3V R26 10k J7 R18 0 C15 0.01uF VCC VCC1
J4-2 +3V
8
SDA
GC2
23
74LV07A R4 0 R5 OPEN R6 0 U2-E 10 11 R13 4.7k
+3V
9
SCL VCCBIAS PWRDET VCCLNA
ENTCXO VCCFLT
22
RFIN
SHDN
74LV07A R8 4 0
12
13
14
15
16
17
18
19
U2-B 3
20
11
R12 4.7k
C18 1000pF
GC1
J4-11
VCCMX
10
LTC N.C
N.C
21
R17 20k
N.C
J4-3
R31 0 VCC1 VCC2 VCC3 C9 100pF VCC4
J6 OPEN VCC2 J18 + VCC3 J19 C31 10uF C35 0.01uF
J13
74LV07A R10 4.7k J4-10 R7 0 12 U2-F 13 R9 4.7k R33 0 C38 0.01uF
J14 C10 100pF VCC4 VCC5 J20 J21 +3V J15 VCC6 J22 J23 + C32 10uF C34 0.01uF J16 R16 20k VCC8 J24
C7 100pF
C8 100pF
74LV07A U2-A J4-4 1 2
TP1
TP2
74LV07A U2-D J4-5 +3V 9 8
R32 4.7k
3 2 1
J27 +3V
VCC7
74LV07A
J5
C11 SHORT
C12 100pF
C14 0.01uF
VCC9
J25
+
C33 10uF
C36 0.01uF J17
C39 0.01uF
C6 1000pF L1 OPEN
J26
-3V C13 OPEN
Figure 1. MAX2160 EV Kit Schematic
4
_______________________________________________________________________________________
MAX2160 Evaluation Kit Evaluates: MAX2160
1.0"
Figure 2. MAX2160 EV Kit PC Board Layout--Component Placement Guide
_______________________________________________________________________________________
5
MAX2160 Evaluation Kit Evaluates: MAX2160
1.0"
Figure 3. MAX2160 EV Kit PC Board Layout--Primary Component Side
6
_______________________________________________________________________________________
MAX2160 Evaluation Kit Evaluates: MAX2160
1.0"
Figure 4. MAX2160 EV Kit PC Board Layout--Inner Layer 2
_______________________________________________________________________________________
7
MAX2160 Evaluation Kit Evaluates: MAX2160
1.0"
Figure 5. MAX2160 EV Kit PC Board Layout--Inner Layer 3
8
_______________________________________________________________________________________
MAX2160 Evaluation Kit Evaluates: MAX2160
1.0"
Figure 6. MAX2160 EV Kit PC Board Layout--Secondary Component Side
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 _____________________ 9 (c) 2005 Maxim Integrated Products Printed USA is a registered trademark of Maxim Integrated Products, Inc.


▲Up To Search▲   

 
Price & Availability of MAX21601

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X