|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
19-0832; Rev 0; 6/07 KIT ATION EVALU LE B AVAILA Complete, Direct-Conversion Tuner for DVB-S and Free-to-Air Applications General Description The MAX2120 low-cost, direct-conversion tuner IC is designed for satellite set-top and VSAT applications. The IC is intended for QPSK, Digital Video Broadcast (DVB-S), DSS, and free-to-air applications. The MAX2120 directly converts the satellite signals from the LNB to baseband using a broadband I/Q downconverter. The operating frequency range extends from 925MHz to 2175MHz. The device includes an LNA and an RF variable-gain amplifier, I and Q downconverting mixers, and baseband lowpass filters with programmable cutoff frequency control and digitally controlled baseband variable-gain amplifiers. Together, the RF and baseband variable-gain amplifiers provide more than 80dB of gain-control range. The IC is compatible with virtually all QPSK demodulators. The MAX2120 includes fully monolithic VCOs, as well as a complete frequency synthesizer. Additionally, an onchip crystal oscillator is provided along with a buffered output for driving additional tuners and demodulators. Synthesizer programming and device configuration are accomplished with a 2-wire serial interface. The IC features a VCO autoselect (VAS) function that automatically selects the proper VCO. For multituner applications, the device can be configured to have one of two 2-wire interface addresses. A low-power standby mode is available whereupon the signal path is shut down while leaving the reference oscillator, digital interface, and buffer circuits active, providing a method to reduce power in single and multituner applications. The MAX2120 is the most advanced DBS tuner available today. The low noise figure eliminates the need for an external LNA. A small number of passive components are needed to form a complete DVB, DBS, or VSAT RF frontend solution. The tuner is available in a very small 28-pin thin QFN package. Features 925MHz to 2175MHz Frequency Range Monolithic VCO: No Calibration Required -75dBm to 0dBm High Dynamic Range 4MHz to 40MHz Integrated Variable BW LP Filters Single +3.3V 5% Supply Low-Power Standby Mode Multiple 2-Wire Addresses for Multituner Applications Differential I/Q Interface I2C 2-Wire Serial Interface Very Small 28-Pin Thin QFN Package MAX2120 Ordering Information PART MAX2120CTI+ TEMP RANGE 0C to +70C PIN-PACKAGE 28 Thin QFN-EP* PKG CODE T2855+3 *EP = Exposed paddle. +Denotes lead-free package. Pin Configuration/ Functional Diagram VCC_BB ADDR QDC+ QDCSDA IDC22 21 IDC+ SCL 27 + VCC_RF2 1 28 26 25 24 23 INTERFACE LOGIC AND CONTROL VCC_RF1 2 MAX2120 LPF BW CONTROL DC OFFSET CORRECTION 20 IOUT- GND 3 19 IOUT+ Applications DirecTV and Dish Network DBS DVB-S Two-Way Satellite Systems VSATs Free-to-Air VCC_LO 6 EP RFIN 4 5 DIV2/DIV4 FREQUENCY SYNTHESIZER / 16 VCC_DIG 18 QOUTGC1 17 QOUT+ VCC_VCO 7 8 VCOBYP 9 VTUNE 10 GNDTUNE 11 GNDSYN 12 CPOUT 13 VCC_SYN 14 XTAL 15 REFOUT ________________________________________________________________ Maxim Integrated Products 1 For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642, or visit Maxim's website at www.maxim-ic.com. Complete, Direct-Conversion Tuner for DVB-S and Free-to-Air Applications ABSOLUTE MAXIMUM RATINGS VCC to GND ...........................................................-0.3V to +3.9V All Other Pins to GND.................................-0.3V to (VCC + 0.3V) RF Input Power: RFIN .....................................................+10dBm VCOBYP, CPOUT, REFOUT, XTAL, IOUT_, QOUT_, IDC_, and QDC_ Short-Circuit Protection.............................................10s Continuous Power Dissipation (TA = +70C) 28-Pin Thin QFN (derated 34.5mW/C above +70C)........2.75W Operating Temperature Range...............................0C to +70C Junction Temperature ......................................................+150C Storage Temperature Range .............................-65C to +160C Soldering Temperature (10s) ...........................................+260C CAUTION! ESD SENSITIVE DEVICE Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. DC ELECTRICAL CHARACTERISTICS (MAX2120 Evaluation Kit: VCC = +3.13V to +3.47V, VGC1 = +0.5V (max gain), TA = 0C to +70C. No input signals at RF, baseband I/Os are open circuited, and LO frequency = 2150MHz. Default register settings except ICP = 1 and BBG[3:0] = 1011. Typical values measured at VCC = +3.3V, TA = +25C, unless otherwise noted.) (Note 1) PARAMETER SUPPLY Supply Voltage Supply Current Receive mode, bit STBY = 0 Standby mode, bit STBY = 1 2.4 0.5 50 -50 0.5 -50 0.4 2.7 +50 2.3 400 0.7 x VCC 0.3 x VCC Digital inputs = GND or VCC I SINK = 1mA 0.1 1 0.4 3.13 3.3 100 3 3.47 160 V mA CONDITIONS MIN TYP MAX UNITS ADDRESS SELECT INPUT (ADDR) Digital Input-Voltage High, VIH Digital Input-Voltage Low, VIL Digital Input-Current High, IIH Digital Input-Current Low, I IL ANALOG GAIN-CONTROL INPUTS (GC) Input Voltage Range Input Bias Current VCO TUNING VOLTAGE INPUT (VTUNE) Input Voltage Range 2-WIRE SERIAL INPUTS (SCL, SDA) Clock Frequency Input Logic-Level High Input Logic-Level Low Input Leakage Current 2-WIRE SERIAL OUTPUT (SDA) Output Logic-Level Low V kHz V V A V Maximum gain = 0.5V V V A A V A 2 _______________________________________________________________________________________ Complete, Direct-Conversion Tuner for DVB-S and Free-to-Air Applications AC ELECTRICAL CHARACTERISTICS (MAX2120 Evaluation Kit: VCC = +3.13V to +3.47V, VGC1 = +0.5V (max gain), TA = 0C to +70C. Default register settings except ICP = 1 and BBG[3:0] = 1011. Typical values measured at VCC = +3.3V, TA = +25C, unless otherwise noted.) (Note 1) PARAMETER MAIN SIGNAL PATH PERFORMANCE Input Frequency Range RF Gain-Control Range (GC1) Baseband Gain-Control Range In-Band Input IP3 Out-of-Band Input IP3 Input IP2 Adjacent Channel Protection (Note 2) 0.5V < VGC1 < 2.7V Bits GC2 = 1111 to 0000 (Note 3) (Note 4) (Note 5) (Note 6) VGC1 is set to 0.5V (maximum RF gain) and BBG[3:0] is adjusted to give a 1VP-P baseband output level for a -75dBm CW input tone at 1500MHz Starting with the same BBG[3:0] setting as above, VGC1 is adjusted to back off RF gain by 10dB (Note 7) Minimum RF Input Return Loss Nominal Output Voltage Swing I/Q Amplitude Imbalance I/Q Quadrature Phase Imbalance Single-Ended I/Q Output Impedance Output 1dB Compression Voltage Baseband Highpass -3dB Frequency Corner BASEBAND LOWPASS FILTERS Filter Bandwidth Range Rejection Ratio Group Delay Ratio of In-Filter-Band to Out-ofFilter-Band Noise FREQUENCY SYNTHESIZER RF-Divider Frequency Range RF-Divider Range (N) Reference-Divider Frequency Range Reference-Divider Range (R) Phase-Detector Comparison Frequency 925 16 4 1 1 2175 2175 30 31 2 MHz MHz MHz At 2 x f-3dB Up to 1dB bandwidth fINBAND = 100Hz to 22.5MHz, fOUTBAND = 87.5MHz to 112.5MHz 4 39 37 25 40 MHz dB ns dB 925MHz < fRF < 2175MHz, in 75 system RLOAD = 2k//10pF Measured at 500kHz; filter set to 22.27MHz Measured at 500kHz; filter set to 22.27MHz Real ZO, from 1MHz to 40MHz Differential 47nF capacitors at IDC_, QDC_ 30 3 400 0.5 BASEBAND OUTPUT CHARACTERISTICS 1 1 3.5 VP-P dB Degrees VP-P Hz 925 65 13 73 15 +2 +15 +40 25 8 dB 9 12 12 dB 2175 MHz dB dB dBm dBm dBm dB CONDITIONS MIN TYP MAX UNITS MAX2120 Noise Figure _______________________________________________________________________________________ 3 Complete, Direct-Conversion Tuner for DVB-S and Free-to-Air Applications MAX2120 AC ELECTRICAL CHARACTERISTICS (continued) MAX2120 Evaluation Kit: VCC = +3.13V to +3.47V, VGC1 = +0.5V (max gain), TA = 0C to +70C. Default register settings except ICP = 1 and BBG[3:0] = 1011. Typical values measured at VCC = +3.3V, TA = +25C, unless otherwise noted.) (Note 1) PARAMETER Guaranteed LO Frequency Range LO Phase Noise CONDITIONS MIN TYP MAX UNITS VOLTAGE-CONTROLLED OSCILLATOR AND LO GENERATION TA = 0C to +70C fOFFSET = 10kHz fOFFSET = 100kHz fOFFSET = 1MHz XTAL/REFERENCE OSCILLATOR INPUT AND OUTPUT BUFFER XTAL Oscillator Frequency Range Input Overdrive Level XTAL Output-Buffer Divider Range XTAL Output Voltage Swing XTAL Output Duty Cycle 4MHz to 30MHz, CLOAD = 10pF Parallel-resonance-mode crystal AC-coupled sine wave input 4 0.5 1 1 1.5 50 1 8 2.0 8 2 VP-P % MHz VP-P 925 -82 -102 -122 dBc/Hz 2175 MHz Note 1: Min/max values are production tested at TA = +70C. Min/max limits at TA = 0C and TA = +25C are guaranteed by design and characterization. Note 2: Gain-control range specifications met over this band. Note 3: In-band IIP3 test conditions: GC1 set to provide the nominal baseband output drive when mixing down a -23dBm tone at 2175MHz to 5MHz baseband (fLO = 2170MHz). Baseband gain is set to its default value (BBG[3:0] = 1011). Two tones at -26dBm each are applied at 2174MHz and 2175MHz. The IM3 tone at 3MHz is measured at baseband, but is referred to the RF input. Note 4: Out-of-band IIP3 test conditions: GC1 set to provide nominal baseband output drive when mixing down a -23dBm tone at 2175MHz to 5MHz baseband (fLO = 2170MHz). Baseband gain is set to its default value (BBG[3:0] = 1011). Two tones at -20dBm each are applied at 2070MHz and 1975MHz. The IM3 tone at 5MHz is measured at baseband, but is referred to the RF input. Note 5: Input IP2 test conditions: GC1 set to provide nominal baseband output drive when mixing down a -23dBm tone at 2175MHz to 5MHz baseband (fLO = 2170MHz). Baseband gain is set to its default value (BBG[3:0] = 1011). Two tones at -20dBm each are applied at 925MHz and 1250MHz. The IM2 tone at 5MHz is measured at baseband, but is referred to the RF input. Note 6: Adjacent channel protection test conditions: GC1 is set to provide the nominal baseband output drive with a 2110MHz 27.5Mbaud signal at -55dBm. GC2 set for mid-scale. The test signal will be set for PR = 7/8 and SNR of -8.5dB. An adjacent channel at 40MHz is added at -25dBm. DVB-S BER performance of 2E-4 will be maintained for the desired signal. GC2 may be adjusted for best performance. Note 7: Guaranteed by design and characterization at TA = +25C. 4 _______________________________________________________________________________________ Complete, Direct-Conversion Tuner for DVB-S and Free-to-Air Applications Typical Operating Characteristics (MAX2120 Evaluation Kit: VCC = +3.3V, baseband output frequency = 5MHz; VGC1 = 1.2V; TA = +25C. Default register settings except ICP = 1 and BBG[3:0] = 1011.) SUPPLY CURRENT vs. SUPPLY VOLTAGE MAX2120 toc01 MAX2120 STANDBY MODE SUPPLY CURRENT vs. SUPPLY VOLTAGE MAX2120 toc02 SUPPLY CURRENT vs. BASEBAND FILTER CUTOFF FREQUENCY 102 100 SUPPLY CURRENT (mA) 98 96 94 92 90 88 86 MAX2120 toc03 98 97 96 SUPPLY CURRENT (mA) 95 94 93 92 91 90 89 88 3.0 3.1 3.2 3.3 3.4 3.5 TA = 0C TA = +25C TA = +70C 2.900 2.800 SUPPLY CURRENT (mA) 2.700 2.600 2.500 2.400 2.300 TA = 0C, +25C 104 TA = +70C 3.6 3.0 3.1 3.2 3.3 3.4 3.5 3.6 84 4 8 12 16 20 24 28 32 36 40 BASEBAND FILTER CUTOFF FREQUENCY (MHz) SUPPLY VOLTAGE (V) SUPPLY VOLTAGE (V) HD3 vs. OUTPUT VOLTAGE MAX2120 toc04 QUADRATURE PHASE vs. LO FREQUENCY MAX2120 toc05a QUADRATURE MAGNITUDE MATCHING vs. LO FREQUENCY QUADRATURE MAGNITUDE MATCHING (%) 0.8 0.6 0.4 0.2 0 -0.2 -0.4 -0.6 -0.8 -1.0 900 1200 1500 1800 2100 2400 TA = 0C TA = +70C fBASEBAND = 10MHz TA = +25C MAX2120 toc05b -10 BASEBAND 3RD-ORDER HARMONIC (dBc) -15 -20 -25 -30 -35 -40 -45 -50 -55 -60 1.0 1.5 2.0 2.5 3.0 93.5 fBASEBAND = 10MHz 92.5 QUADRATURE PHASE () TA = +25C 91.5 90.5 89.5 88.5 87.5 86.5 TA = 0C TA = +70C 1.0 3.5 900 1200 1500 1800 2100 2400 VOUT (VP-P) LO FREQUENCY (MHz) LO FREQUENCY (MHz) QUADRATURE PHASE vs. BASEBAND FREQUENCY MAX2120 toc06a QUADRATURE MAGNITUDE MATCHING vs. BASEBAND FREQUENCY QUADRATURE MAGNITUDE MATCHING (dB) 0.8 0.6 0.4 0.2 0 -0.2 -0.4 -0.6 -0.8 -1.0 0 4 8 12 16 20 BASEBAND FREQUENCY (MHz) TA = +25C TA = 0C TA = +70C fLO = 925MHz MAX2120 toc06b 93.5 fLO = 925MHz 92.5 QUADRATURE PHASE () TA = +70C 91.5 90.5 89.5 88.5 87.5 86.5 0 4 8 12 16 TA = +25C TA = 0C 1.0 20 BASEBAND FREQUENCY (MHz) _______________________________________________________________________________________ 5 Complete, Direct-Conversion Tuner for DVB-S and Free-to-Air Applications MAX2120 Typical Operating Characteristics (continued) (MAX2120 Evaluation Kit: VCC = +3.3V, baseband output frequency = 5MHz; VGC1 = 1.2V; TA = +25C. Default register settings except ICP = 1 and BBG[3:0] = 1011.) BASEBAND FILTER FREQUENCY RESPONSE MAX2120 toc07 BASEBAND FILTER HIGHPASS FREQUENCY RESPONSE 0 BASEBAND OUTPUT LEVEL (dB) -2 -4 -6 -8 -10 -12 -14 MAX2120 toc08 0 -10 BASEBAND OUTPUT LEVEL (dB) -20 -30 -40 -50 -60 -70 -80 0 20 40 60 2 80 100 1000 BASEBAND FREQUENCY (MHz) 10,000 BASEBAND FREQUENCY (MHz) PROGRAMMED f-3dB FREQUENCY vs. MEASURED f-3dB FREQUENCY MAX2120 toc09 BASEBAND FILTER 3dB FREQUENCY vs. TEMPERATURE BASEBAND GAIN ERROR AT f-3dB (dB) 0.8 0.6 0.4 0.2 0 -0.2 -0.4 -0.6 -0.8 -1.0 NORMALIZED TO TA = +25C MAX2120 toc10 45 LPF[7:0] = 12 + (f-3dB - 4MHz) / 290kHz MEASURED f-3dB FREQUENCY (MHz) 40 35 30 25 20 15 10 5 0 0 5 10 15 20 25 30 35 40 1.0 45 0 10 20 30 40 50 60 70 PROGRAMMED f-3dB FREQUENCY (MHz) TEMPERATURE (C) INPUT POWER vs. VGC1 MAX2120 toc11 NOISE FIGURE vs. FREQUENCY ADJUST BBG[3:0] FOR 1VP-P BASEBAND OUTPUT WITH PIN = -75dBm AND VGC1 = 0.5V TA = +70C MAX2120 toc12 10 0 -10 INPUT POWER (dBm) -20 -30 -40 -50 -60 -70 -80 0.5 1.0 1.5 2.0 2.5 TA = +25C TA = +70C ADJUST BBG[3:0] FOR 1VP-P BASEBAND OUTPUT WITH PIN = -75dBm AND VGC1 = 0.5V 10.0 9.5 NOISE FIGURE (dB) 9.0 8.5 8.0 TA = +25C 7.5 3.0 900 1100 1300 1500 1700 1900 2100 2300 FREQUENCY (MHz) VGC1 (V) 6 _______________________________________________________________________________________ Complete, Direct-Conversion Tuner for DVB-S and Free-to-Air Applications Typical Operating Characteristics (continued) (MAX2120 Evaluation Kit: VCC = +3.3V, baseband output frequency = 5MHz; VGC1 = 1.2V; TA = +25C. Default register settings except ICP = 1 and BBG[3:0] = 1011.) MAX2120 NOISE FIGURE vs. INPUT POWER MAX2120 toc13 OUT-OF-BAND IIP3 vs. INPUT POWER SEE NOTE 4 ON PAGE 4 FOR CONDITIONS 20 OUT-OF-BAND IIP3 (dBm) 10 0 -10 -20 -30 MAX2120 toc14 70 60 NOISE FIGURE (dB) 50 40 30 20 10 0 -80 -70 -60 -50 -40 -30 -20 -10 0 INPUT POWER (dBm) ADJUST BBG[3:0] FOR 1VP-P BASEBAND OUTPUT WITH PIN = -75dBm AND VGC1 = 0.5V fLO = 1500MHz 30 -80 -70 -60 -50 -40 -30 -20 -10 0 INPUT POWER (dBm) IN-BAND IIP3 vs. INPUT POWER MAX2120 toc15 IIP2 vs. INPUT POWER SEE NOTE 5 ON PAGE 4 FOR CONDITIONS 50 40 IIP2 (dBm) 30 20 10 0 -10 MAX2120 toc16 30 SEE NOTE 3 ON PAGE 4 FOR CONDITIONS 20 10 IN-BAND IIP3 (dBm) 0 -10 -20 -30 -40 -50 -60 -80 -70 -60 -50 -40 -30 -20 -10 0 INPUT POWER (dBm) 60 -80 -70 -60 -50 -40 -30 -20 -10 0 INPUT POWER (dBm) INPUT RETURN LOSS vs. FREQUENCY MAX2120 toc17 PHASE NOISE AT 10kHz OFFSET vs. CHANNEL FREQUENCY PHASE NOISE AT 10kHz OFFSET (dBc/Hz) -72 -74 -76 -78 -80 -82 -84 -86 -88 -90 925 1115 1305 1495 1685 1875 2065 2255 CHANNEL FREQUENCY (MHz) MAX2120 toc18 0 -70 INPUT RETURN LOSS (dB) -5 VGC1 = 0.5V -10 -15 -20 VGC1 = 2.7V 900 1125 1350 1575 1800 2025 2250 FREQUENCY (MHz) -25 _______________________________________________________________________________________ 7 Complete, Direct-Conversion Tuner for DVB-S and Free-to-Air Applications MAX2120 Typical Operating Characteristics (continued) (MAX2120 Evaluation Kit: VCC = +3.3V, baseband output frequency = 5MHz; VGC1 = 1.2V; TA = +25C. Default register settings except ICP = 1 and BBG[3:0] = 1011.) PHASE NOISE vs. OFFSET FREQUENCY MAX2120 toc19 LO LEAKAGE vs. LO FREQUENCY MEASURED AT RF INPUT MAX2120 toc20 -60 -70 PHASE NOISE (dBc/Hz) -80 -90 -100 -110 -120 -130 0.1 1 10 -70 fLO = 1800MHz -75 LO LEAKAGE (dBm) -80 -85 -90 100 1000 925 1175 1425 1675 1925 2175 OFFSET FREQUENCY (kHz) LO FREQUENCY (MHz) Pin Description PIN 1 NAME VCC_RF2 DESCRIPTION DC Power Supply for LNA. Connect to a +3.3V low-noise supply. Bypass to GND with a 1nF capacitor connected as close as possible to the pin. Do not share capacitor ground vias with other ground connections. DC Power Supply for LNA. Connect to a +3.3V low-noise supply. Bypass to GND with a 1nF capacitor connected as close as possible to the pin. Do not share capacitor ground vias with other ground connections. Ground. Connect to the board's ground plane for proper operation. Wideband 75 RF Input. Connect to an RF source through a DC-blocking capacitor. RF Gain-Control Input. High-impedance analog input, with a 0.5V to 2.7V operating range. VGC1 = 0.5V corresponds to the maximum gain setting. DC Power Supply for LO Generation Circuits. Connect to a +3.3V low-noise supply. Bypass to GND with a 1nF capacitor connected as close as possible to the pin. Do not share capacitor ground vias with other ground connections. DC Power Supply for VCO Circuits. Connect to a +3.3V low-noise supply. Bypass to GND with a 1nF capacitor connected as close as possible to the pin. Do not share capacitor ground vias with other ground connections. Internal VCO Bias Bypass. Bypass to GND with a 100nF capacitor connected as close as possible to the pin. Do not share capacitor ground vias with other ground connections. High-Impedance VCO Tune Input. Connect the PLL loop filter output directly to this pin with as short of a connection as possible. Ground for VTUNE. Connect to the PCB ground plane. Ground for Synthesizer. Connect to the PCB ground plane. Charge-Pump Output. Connect this output to the PLL loop filter input with the shortest connection possible. 2 3 4 5 VCC_RF1 GND RFIN GC1 6 VCC_LO 7 VCC_VCO 8 9 10 11 12 VCOBYP VTUNE GNDTUNE GNDSYN CPOUT 8 _______________________________________________________________________________________ Complete, Direct-Conversion Tuner for DVB-S and Free-to-Air Applications Pin Description (continued) PIN 13 NAME VCC_SYN DESCRIPTION DC Power Supply for Synthesizer Circuits. Connect to a +3.3V low-noise supply. Bypass to GND with a 1nF capacitor connected as close as possible to the pin. Do not share capacitor ground vias with other ground connections. Crystal-Oscillator Interface. Use with an external parallel-resonance-mode crystal by a series 1nF capacitor. See the Typical Operating Circuit. Crystal-Oscillator Buffer Output. A DC-blocking capacitor must be used when driving external circuitry. DC Power Supply for Digital Logic Circuits. Connect to a +3.3V low-noise supply. Bypass to GND with a 1nF capacitor connected as close to the pin as possible. Do not share capacitor ground vias with other ground connections. Quadrature Baseband Differential Output. AC-couple with a 47nF capacitor to the demodulator input. In-Phase Baseband Differential Output. AC-couple with a 47nF capacitor to the demodulator input. I-Channel baseband DC Offset Correction. Connect a 47nF ceramic chip capacitor from IDC- to IDC+. Q-Channel Baseband DC Offset Correction. Connect a 47nF ceramic chip capacitor from QDC- to QDC+. DC Power Supply for Baseband Circuits. Connect to a +3.3V low-noise supply. Bypass to GND with a 1nF capacitor connected as close as possible to the pin. Do not share capacitor ground vias with other ground connections. 2-Wire Serial Data Interface. Requires a 2.7k pullup resistor to VCC. 2-Wire Serial Clock Interface. Requires a 2.7k pullup resistor to VCC. Address. ADDR is at logic-high if unconnected. Exposed Paddle. Solder evenly to the board's ground plane for proper operation. MAX2120 14 15 XTAL REFOUT 16 17 18 19 20 21 22 23 24 25 26 27 28 EP VCC_DIG QOUT+ QOUTIOUT+ IOUTIDC+ IDCQDC+ QDCVCC_BB SDA SCL ADDR EP _______________________________________________________________________________________ 9 Complete, Direct-Conversion Tuner for DVB-S and Free-to-Air Applications MAX2120 Detailed Description Register Description The MAX2120 includes 12 user-programmable registers and 2 read-only registers. See Table 1 for register configurations. The register configuration of Table 1 shows each bit name and the bit usage information for all registers. Note that all registers must be written after and no earlier than 100s after the device is powered up. Table 1. Register Configuration MSB REG NO 1 2 3 4 5 6 REGISTER READ/ REG NAME WRITE ADDRESS D[7] N-Divider MSB N-Divider LSB Charge Pump Not Used Not Used XTAL Divider/ R-Divider PLL VCO LPF Control Shutdown Test Status Byte-1 Status Byte-2 Write Write Write Write Write Write 0x00 0x01 0x02 0x03 0x04 0x05 X N[7] CPMP[1] 0 X X XD[2] D[6] N[14] N[6] CPMP[0] 0 X X XD[1] CPS 0 VCO[3] LP[6] X PLL CPTST[1] 0 VASA D[5] N[13] N[5] CPLIN[1] 0 X X XD[0] ICP 1 VCO[2] LP[5] PWDN DIV CPTST[0] 0 VASE DATA BYTE D[4] N[12] N[4] CPLIN[0] 0 X X R[4] D[3] N[11] N[3] X X X R[3] D[2] N[10] N[2] X X X R[2] D[1] N[9] N[1] X X X R[1] D[0] N[8] N[0] X X X R[0] LSB 7 8 9 10 11 12 Write Write Write Write Write Write 0x06 0x07 0x08 0x09 0x0A 0x0B D24 VCO[4] LP[7] STBY X CPTST[2] 0 POR X VCO[1] LP[4] X VCO X X VCO[0] LP[3] BBG[3] BB TURBO 1 X X VAS LP[2] X ADL LP[1] X ADE LP[0] FE BBG[2] BBG[1] BBG[0] RFMIX RFVG LD LD LD MUX[2] MUX[1] MUX[0] 0 0 0 X X X 13 14 Read Read 0x0C 0x0D LD VCOSBR[4] VCOSBR[3] VCOSBR[2] VCOSBR[1] VCOSBR[0] ADC[2] ADC[1] ADC[0] 0 = Set to "0" for factory-tested operation. 1 = Set to "1" for factory-tested operation. X = Don't care. Table 2. N-Divider MSB Register BIT NAME X N[14:8] BIT LOCATION (0 = LSB) 7 6-0 DEFAULT X 0000011 Don't care. Sets the most significant bits of the PLL integer-divide number (N). Default value is N = 950 decimal. N can range from 16 to 2175. FUNCTION Table 3. N-Divider LSB Register BIT NAME N[7:0] BIT LOCATION (0 = LSB) 7-0 DEFAULT 10110110 FUNCTION Sets the least significant bits of the PLL integer-divide number (N). Default value is N = 950 decimal. N can range from 16 to 2175. 10 ______________________________________________________________________________________ Complete, Direct-Conversion Tuner for DVB-S and Free-to-Air Applications MAX2120 Table 4. Charge-Pump Register BIT NAME CPMP[1:0] BIT LOCATION (0 = LSB) 7, 6 DEFAULT 00 FUNCTION Charge-pump minimum pulse width. Users must program to 00 upon powering up the device. Controls charge-pump linearity. 00 = Typically balanced charge and sink currents. Other values are not tested. Don't care. CPLIN[1:0] X 5, 4 3-0 00 X Table 5. XTAL Buffer and Reference Divider Register BIT NAME BIT LOCATION (0 = LSB) DEFAULT FUNCTION Sets the crystal-divider setting. 000 = Divide by 1 (default) 001 = Divide by 2 011 = Divide by 3 100 = Divide by 4 101 through 110 = All divide values from 5 (101) to 7 (110) 111 = Divide by 8 Sets the PLL reference-divider (R) number. 00001 = Divide by 1 00010 = Divide by 2 00011 = Divide by 3 00100 = Divide by 4 (default) 00101 through 11110 = All divide values from 3 (00101) to 29 (11110) 11111 = Divide by 31 XD[2:0] 7, 6, 5 000 R[4:0] 4-0 00100 Table 6. PLL Register BIT NAME D24 BIT LOCATION (0 = LSB) 7 DEFAULT 1 VCO divider setting. 0 = Divide by 2 1 = Divide by 4 (default) Charge-pump current mode. Users must program to 0 upon powering up the device. 0 = Charge-pump current controlled by ICP bit 1 = Charge-pump current controlled by VCO autoselect (VAS) Charge-pump current. 0 = 600A typical 1 = 1200A typical Don't care. FUNCTION CPS 6 1 ICP X 5 4-0 0 X ______________________________________________________________________________________ 11 Complete, Direct-Conversion Tuner for DVB-S and Free-to-Air Applications MAX2120 Table 7. VCO Register BIT NAME VCO[4:0] BIT LOCATION (0 = LSB) 7-3 DEFAULT 11001 FUNCTION Controls which VCO is activated when using manual VCO programming mode. This also serves as the starting point for the VCO autoselect mode. VCO Autoselection (VAS) Circuit 2 0 = Disable VCO selection must be program through I C 1 = Enable VCO selection controlled by autoselection circuit Enables or disables the VCO tuning voltage ADC latch when the VCO autoselect mode (VAS) is disabled. 0 = Disables the ADC latch 1 = Latches the ADC value Enables or disables VCO tuning voltage ADC read when the VCO autoselect mode (VAS) is disabled. 0 = Disables ADC read 1 = Enables ADC read VAS 2 1 ADL 1 0 ADE 0 0 Table 8. Lowpass Filter Register BIT NAME LPF[7:0] BIT LOCATION (0 = LSB) 7-0 DEFAULT 01001011 FUNCTION Sets the baseband lowpass filter 3dB corner frequency. 3dB corner frequency = 4MHz + (LPF[7:0] - 12) x 290kHz. Table 9. Control Register BIT NAME BIT LOCATION (0 = LSB) DEFAULT FUNCTION Software standby control. 0 = Normal operation 1 = Disables the signal path and frequency synthesizer, leaving only the 2-wire bus, crystal oscillator, XTALOUT buffer, and XTALOUT buffer divider active Don't care. Software power-down control. 0 = Normal operation 1 = Shuts down the entire chip, but leaves the 2-wire bus active and maintains the current register states Don't care. Baseband gain setting (1dB typical per step). 0000 = Minimum gain (0dB) ... 1111 = Maximum gain (15dB typical) STBY 7 0 X 6 X PWDN 5 0 X 4 X BBG[3:0] 3-0 0000 12 ______________________________________________________________________________________ Complete, Direct-Conversion Tuner for DVB-S and Free-to-Air Applications MAX2120 Table 10. Shutdown Register BIT NAME X PLL BIT LOCATION (0 = LSB) 7 6 DEFAULT X 0 Don't care. PLL enable. 0 = Normal operation 1 = Shuts down the PLL Divider enable. 0 = Normal operation 1 = Shuts down the divider VCO enable. 0 = Normal operation 1 = Shuts down the VCO Baseband enable. 0 = Normal operation 1 = Shuts down the baseband RF mixer enable. 0 = Normal operation 1 = Shuts down the RF mixer RF VGA enable. 0 = Normal operation 1 = Shuts down the RF VGA RF front-end enable. 0 = Normal operation 1 = Shuts down the RF front-end FUNCTION DIV 5 0 VCO 4 0 BB 3 0 RFMIX 2 0 RFVGA 1 0 FE 0 0 Table 11. Test Register BIT NAME BIT LOCATION (0 = LSB) DEFAULT FUNCTION Charge-pump test modes. 000 = Normal operation (default) 001 = Crystal translator ECL to CMOS path 100 = Both source and sink currents enabled 101 = Source current enabled 110 = Sink current enabled 111 = High impedance (both source and sink current disabled) Don't care. Charge-pump fast lock. Users must program to 1 upon powering up the device. 0 = Turbo mode off, used for CP test modes (default) 1 = Turbo mode on, used for LD function REFOUT output. 000 = Normal operation; other values are not tested CPTST[2:0] 7, 6, 5 000 X 4 X TURBO 3 0 LDMUX[2:0] 2, 1, 0 000 ______________________________________________________________________________________ 13 Complete, Direct-Conversion Tuner for DVB-S and Free-to-Air Applications MAX2120 Table 12. Status Byte-1 Register BIT NAME BIT LOCATION (0 = LSB) FUNCTION Power-on reset status. 0 = Chip status register has been read with a stop condition since last power-on 1 = Power-on reset (power cycle) has occurred, default values have been loaded in registers Indicates whether VCO autoselection was successful. 0 = Indicates the autoselect function is disabled or unsuccessful VCO selection 1 = Indicates successful VCO autoselection Status indicator for the autoselect function. 0 = Indicates the autoselect function is active 1 = Indicates the autoselect process is inactive PLL lock detector. 0 = Unlocked 1 = Locked Don't care. POR 7 VASA 6 VASE 5 LD X 4 3-0 Table 13. Status Byte-2 Register BIT NAME VCOSBR[4:0] BIT LOCATION (0 = LSB) 7-3 VCO band readback. VAS ADC output readback. 000 = Out of lock 001 = Locked 010 = VAS locked 101 = VAS locked 110 = Locked 111 = Out of lock FUNCTION ADC[2:0] 2, 1, 0 14 ______________________________________________________________________________________ Complete, Direct-Conversion Tuner for DVB-S and Free-to-Air Applications 2-Wire Serial Interface The MAX2120 uses a 2-wire I 2 C-compatible serial interface consisting of a serial data line (SDA) and a serial clock line (SCL). SDA and SCL facilitate bidirectional communication between the MAX2120 and the master at clock frequencies up to 400kHz. The master initiates a data transfer on the bus and generates the SCL signal to permit data transfer. The MAX2120 behaves as a slave device that transfers and receives data to and from the master. SDA and SCL must be pulled high with external pullup resistors (1k or greater) for proper bus operation. One bit is transferred during each SCL clock cycle. A minimum of nine clock cycles is required to transfer a byte in or out of the MAX2120 (8 bits and an ACK/NACK). The data on SDA must remain stable during the high period of the SCL clock pulse. Changes in SDA while SCL is high and stable are considered control signals (see the START and STOP Conditions section). Both SDA and SCL remain high when the bus is not busy. Slave Address The MAX2120 has a 7-bit slave address that must be sent to the device following a START condition to initiate communication. The slave address is internally programmed to 1100000. The eighth bit (R/W) following the 7-bit address determines whether a read or write operation will occur. The MAX2120 continuously awaits a START condition followed by its slave address. When the device recognizes its slave address, it acknowledges by pulling the SDA line low for one clock period; it is ready to accept or send data depending on the R/W bit (Figure 1). MAX2120 SLAVE ADDRESS S SDA SCL 1 1 0 0 0 0 0 R/W ACK 1 2 3 4 5 6 7 8 9 START and STOP Conditions The master initiates a transmission with a START condition (S), which is a high-to-low transition on SDA while SCL is high. The master terminates a transmission with a STOP condition (P), which is a low-to-high transition on SDA while SCL is high. Acknowledge and Not-Acknowledge Conditions Data transfers are framed with an acknowledge bit (ACK) or a not-acknowledge bit (NACK). Both the master and the MAX2120 (slave) generate acknowledge bits. To generate an acknowledge, the receiving device must pull SDA low before the rising edge of the acknowledge-related clock pulse (ninth pulse) and keep it low during the high period of the clock pulse. To generate a not-acknowledge condition, the receiver allows SDA to be pulled high before the rising edge of the acknowledge-related clock pulse, and leaves SDA high during the high period of the clock pulse. Monitoring the acknowledge bits allows for detection of unsuccessful data transfers. An unsuccessful data transfer happens if a receiving device is busy or if a system fault has occurred. In the event of an unsuccessful data transfer, the bus master must reattempt communication at a later time. Figure 1. MAX2120 Slave Address Byte Write Cycle When addressed with a write command, the MAX2120 allows the master to write to a single register or to multiple successive registers. A write cycle begins with the bus master issuing a START condition followed by the seven slave address bits and a write bit (R/W = 0). The MAX2120 issues an ACK if the slave address byte is successfully received. The bus master must then send to the slave the address of the first register it wishes to write to (see Table 1 for register addresses). If the slave acknowledges the address, the master can then write one byte to the register at the specified address. Data is written beginning with the most significant bit. The MAX2120 again issues an ACK if the data is successfully written to the register. The master can continue to write data to the successive internal registers with the MAX2120 acknowledging each successful transfer, or it can terminate transmission by issuing a STOP condition. The write cycle will not terminate until the master issues a STOP condition. ______________________________________________________________________________________ 15 Complete, Direct-Conversion Tuner for DVB-S and Free-to-Air Applications MAX2120 Figure 2 illustrates an example in which registers 0 through 2 are written with 0x0E, 0xD8, and 0xE1, respectively. read bit (R/W = 1). If the slave address byte is successfully received, the MAX2120 will issue an ACK. The master then reads the contents of the Status Byte-1 register, beginning with the most significant bit, and acknowledges if the byte is received successfully. Next, the master reads the contents of the Status Byte-2 register. At this point the master can issue an ACK or NACK and then a STOP condition to terminate the read cycle. Figure 3 illustrates an example in which the read registers are read by the master. Read Cycle There are only two registers on the MAX2120 that are available to be read by the master. When addressed with a read command, the MAX2120 will send back the contents of both read registers (Status Byte-1 and Status Byte-2). A read cycle begins with the bus master issuing a Start condition followed by the seven slave address bits and a START WRITE DEVICE ADDRESS 1100000 R/W 0 ACK -- WRITE REGISTER ADDRESS 0x00 ACK -- WRITE DATA TO REGISTER 0x00 0x0E ACK -- WRITE DATA TO REGISTER 0x01 0xD8 ACK -- WRITE DATA TO REGISTER 0x02 0x0E1 ACK -- STOP Figure 2. Example: Write Registers 0 through 2 with 0x0E, 0xD8, and 0xE1, respectively. START WRITE DEVICE ADDRESS 1100000 R/W 1 ACK -- READ FROM STATUS BYTE-1 REGISTER -- ACK -- READ FROM STATUS ACK/ BYTE-2 REGISTER NACK -- -- STOP Figure 3. Example: Receive Data from Read Registers 16 ______________________________________________________________________________________ Complete, Direct-Conversion Tuner for DVB-S and Free-to-Air Applications Applications Information The MAX2120 downconverts RF signals in the 925MHz to 2175MHz range directly to the baseband I/Q signals. The devices are targeted for digital DBS tuner applications. channel, and an external capacitor between QDC+ and QDC- forms a highpass filter for the Q channel. Keep the value of the external capacitor less than 47nF to form a typical highpass corner of 400Hz. MAX2120 RF Input The RF input of the MAX2120 is internally matched to 75. Only a DC-blocking capacitor is needed. See the Typical Operating Circuit. XTAL Oscillator The MAX2120 contains an internal reference oscillator, reference output divider, and output buffer. All that is required is to connect a crystal through a series, 1nF capacitor. Use a crystal with an ESR of less than 150 for a 4MHz crystal. The typical input capacitance is 40pF. Contact the factory for more information if not using a 4MHz crystal. RF Gain Control The MAX2120 features a variable-gain low-noise amplifier providing 73dB of RF gain range. The voltage-control (VGC) range is 0.5V (minimum attenuation) to 2.7V (maximum attenuation). VCO Autoselect (VAS) The MAX2120 includes 24 VCOs. The local oscillator frequency can be manually selected by programming the VCO[4:0] bits in the VCO register. The selected VCO is reported in the Status Byte-2 register (see Table 13). Alternatively, the MAX2120 can be set to autonomously choose a VCO by setting the VAS bit in the VCO register to logic-high. The VAS routine is initiated once the N-divider LSB register word (REG 2) is loaded. In the event that only the R-divider register or Ndivider MSB register word is changed, the N-divider LSB word must also be loaded last to initiate the VCO autoselect function. The VCO value programmed in the VCO[4:0] register serves as the starting point for the automatic VCO selection process. During the selection process, the VASE bit in the Status Byte-1 register is cleared to indicate the autoselection function is active. Upon successful completion, bits VASE and VASA are set and the VCO selected is reported in the Status Byte-2 register (see Table 13). If the search is unsuccessful, VASA is cleared and VASE is set. This indicates that searching has ended but no good VCO has been found, and occurs when trying to tune to a frequency outside the VCO's specified frequency range. Refer to the MAX2112/MAX2120 VAS application note for more information. Baseband Variable-Gain Amplifier The receiver baseband variable-gain amplifiers provide 15dB of gain-control range programmable in 1dB steps. The VGA gain can be serially programmed through the SPITM interface by setting bits BBG[3:0] in the Control register. Baseband Lowpass Filter The MAX2120 includes a programmable on-chip 7thorder Butterworth filter. The -3dB corner frequency of the baseband filter is programmable by setting the bits LPF[7:0] in the Lowpass register. The value of the LPF[7:0] is determined by the following equation: (f - 4MHz) LPF[7:0]dec = -3db + 12, 0.29MHz where f-3dB is in units of MHz. The filter can be adjusted from approximately 4MHz to 40MHz. Total device supply current depends on the filter BW setting, with increasing current commensurate with increasing 3dB BW. DC Offset Cancellation The DC offset cancellation is required to maintain the I/Q output dynamic range. Connecting an external capacitor between IDC+ and IDC- forms a highpass filter for the I SPI is a trademark of Motorola, Inc. ______________________________________________________________________________________ 17 Complete, Direct-Conversion Tuner for DVB-S and Free-to-Air Applications MAX2120 3-Bit ADC The MAX2120 has an internal 3-bit ADC connected to the VCO tune pin (VTUNE). This ADC can be used for checking the lock status of the VCOs. Table 14 summarizes the ADC trip points, and the VCO lock indication. The VCO autoselect routine will only select a VCO in the "VAS locked" range. This allows room for a VCO to drift over temperature and remain in a valid "locked" range. The ADC must first be enabled by setting the ADE bit in the VCO register. The ADC reading is latched by a subsequent programming of the ADC latch bit (ADL = 1). The ADC value is reported in the Status Byte-2 register (see Table 13). Power-Down and Standby Modes The MAX2120 features normal operating mode, powerdown mode, and standby mode using the I2C interface. Setting a logic-high to the PWDN bit in the Control register enables power-down. In this mode, all circuitries except for the 2-wire-compatible bus are disabled, allowing for programming of the MAX2120 registers while in power-down. Setting a logic-high to the STBY bit in the Control register puts the device into standby mode, during which only the 2-wire-compatible bus, the crystal oscillator, the XTAL buffer, and the XTAL buffer divider are active. In all cases, register settings loaded prior to entering shutdown are saved upon transition back to active mode. Default register values are provided for the user's convenience only. It's the user's responsibility to load all the registers no sooner than 100s after the device is powered up. The various power-down modes are summarized in Table 15. Table 14. ADC Trip Points and Lock Status ADC[2:0] 000 001 010 101 110 111 LOCK STATUS Out of Lock Locked VAS Locked VAS Locked Locked Out of Lock Layout Considerations The MAX2120 EV kit serves as a guide for PCB layout. Keep RF signal lines as short as possible to minimize losses and radiation. Use controlled impedance on all high-frequency traces. For proper operation, the exposed paddle must be soldered evenly to the board's ground plane. Use abundant vias beneath the exposed paddle for maximum heat dissipation. Use abundant ground vias between RF traces to minimize undesired coupling. Bypass each VCC pin to ground with a 1nF capacitor placed as close as possible to the pin. Table 15. Power-Down Modes POWER-DOWN CONTROL MODE Normal Power-Down Standby PWDN BIT 0 1 0 STBY BIT 0 0 1 SIGNAL PATH On Off Off CIRCUIT STATES 2-WIRE INTERFACE On On On XTAL On Off On DESCRIPTION All circuits active. 2-wire interface is active. 2-wire interface, XTAL, and XTAL buffer/divider are active. 18 ______________________________________________________________________________________ Complete, Direct-Conversion Tuner for DVB-S and Free-to-Air Applications Typical Operating Circuit SERIAL DATA INPUT/OUTPUT SERIAL CLOCK INPUT VCC MAX2120 VCC_BB ADDR QDC- QDC+ VCC + VCC_RF2 1 28 27 SDA 26 25 24 23 IDC22 21 IOUT20 IOUT+ SCL IDC+ VCC VCC_RF1 2 GND RF INPUT INTERFACE LOGIC AND CONTROL MAX2120 LPF BW CONTROL DC OFFSET CORRECTION 3 19 QOUTBASEBAND OUTPUTS RFIN GC1 4 5 DIV2/DIV4 6 EP FREQUENCY SYNTHESIZER / 18 QOUT+ 17 VCC_DIG 16 REFOUT VCC VCC VCC_LO VCC VCC_VCO 7 8 VCOBYP VTUNE 9 GNDTUNE 10 GNDSYN 11 12 CPOUT VCC_SYN 13 XTAL 14 15 VCC Chip Information PROCESS: BiCMOS ______________________________________________________________________________________ 19 Complete, Direct-Conversion Tuner for DVB-S and Free-to-Air Applications MAX2120 Package Information (The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information, go to www.maxim-ic.com/packages.) PACKAGE OUTLINE, 16, 20, 28, 32, 40L THIN QFN, 5x5x0.8mm 21-0140 K 1 2 20 ______________________________________________________________________________________ QFN THIN.EPS Complete, Direct-Conversion Tuner for DVB-S and Free-to-Air Applications Package Information (continued) (The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information, go to www.maxim-ic.com/packages.) MAX2120 PACKAGE OUTLINE, 16, 20, 28, 32, 40L THIN QFN, 5x5x0.8mm 21-0140 K 2 2 Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time. 21 ____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 (c) 2007 Maxim Integrated Products is a registered trademark of Maxim Integrated Products, Inc. |
Price & Availability of MAX2120CTI |