Part Number Hot Search : 
10ET3 RS1GG 09100 74HC74PW UPC311C KBP100 3256A MC33001D
Product Description
Full Text Search
 

To Download MAX20211 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 19-0579; Rev 0; 10/06
MAX2021 Evaluation Kit
General Description
The MAX2021 evaluation kit (EV kit) simplifies the evaluation of the MAX2021 direct upconversion (downconversion) quadrature modulator (demodulator) designed for RFID handheld and portal readers, as well as single and multicarrier 750MHz to 1200MHz GSM/EDGE, cdma2000(R), WCDMA and iDEN(R) base-station applications. It is fully assembled and tested at the factory. Standard 50 SMA connectors are included on the EV kit's input and output ports to allow quick and easy evaluation on the test bench using RF test equipment. This document provides a list of test equipment required to evaluate the device, a straight-forward test procedure to verify functionality, a description of the EV kit circuit, the circuit schematic, a bill of materials (BOM) for the kit, and artwork for each layer of the PCB.
cdma2000 is a registered trademark of Telecommunications Industry Association. iDEN is a registered trademark of Motorola, Inc.
Features
o Fully Assembled and Tested o 50 SMA Connectors on Input and Output Ports o 750MHz to 1200MHz RF Range o High-Linearity and Low-Noise Performance o Broadband Baseband Input/Output o DC-Coupled Input Provides for Direct DAC/ADC Interface
Evaluates: MAX2021
Ordering Information
PART MAX2021EVKIT TEMP RANGE -40C to +85C IC PACKAGE 36 QFN-EP*
*EP = Exposed paddle.
Component List
DESIGNATION C1, C6, C7, C10, C13 QTY 5 DESCRIPTION 33pF 5%, 50V C0G ceramic capacitors (0402) Murata GRM1555C1H330J 0.1F 10%, 16V X7R ceramic capacitors (0603) Murata GRM188R71C104K 82pF 5%, 50V C0G ceramic capacitor (0402) Murata GRM1555C1H820J 8.2pF 0.25pF, 50V C0G ceramic capacitor (0402) Murata GRM1555C1H8R2C Not installed PCB edge-mounted SMA RF connectors (flat-tab launch) Johnson 142-0741-856 Headers 1 x 3 (0.100 spacing 0.062in thick board) Not installed 432 1% resistor (0402) Any
DESIGNATION R2 R3 R4-R11 TP1
QTY 1 1 0 1
DESCRIPTION 619 1% resistor (0402) Any 332 1% resistor (0402) Any Not installed Large test point for 0.062in PCB (red) Mouser 151-107-RC Large test point for 0.062in PCB (black) Mouser 151-103-RC Large test point for 0.062in PCB (white) Mouser 151-101-RC Mod/Demod IC (6mm x 6mm, 36-pin QFN exposed paddle) Maxim MAX2021ETX+ Note: U1 has an exposed paddle conductor that requires it to be solder attached to a grounded pad on the circuit board to ensure a proper electrical/thermal design.
C2, C5, C8, C11, C12
5
C3
1
TP2
1
C9 C14-C25
1 0
TP3, TP4
2
J1-J6
6
J7, J8 L1-L4 R1
2 0 1
U1
1
________________________________________________________________ Maxim Integrated Products
1
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at 1-888-629-4642, or visit Maxim's website at www.maxim-ic.com.
MAX2021 Evaluation Kit Evaluates: MAX2021
Component Suppliers
SUPPLIER Johnson M/A-Com Murata PHONE 507-833-8822 800-366-2266 770-436-1300 WEBSITE www.johnsoncomponents.com www.macom.com www.murata.com
1) Calibrate the power meter. For safety margin, use a power sensor rated to at least +20dBm, or use padding to protect the power head as necessary. 2) Connect a 3dB pad to the DUT end of the RF signal generators' SMA cable. This padding improves VSWR and reduces the errors due to mismatch. 3) Use the power meter to set the RF signal generators according to the following: * LO signal source: 0dBm into DUT at 900MHz (this will be approximately 3dBm before the 3dB pad). Use an oscilloscope to calibrate the baseband I/Q differential inputs to the following: * Use a signal source where I+, I-, Q+, and Qare all 50 single-ended outputs. Load the I+/Iports and Q+/Q- ports with 50 differential loads. Set the voltage across the 50 differential loads to be 1.4VP-P differential. Remove the 50 differential loads. Note that the DUT's I+/Iand Q+/Q- port impedances will provide the differential loading in Step 10.
Note: Indicate that you are using the MAX2021 when contacting these component suppliers.
Quick Start
The MAX2021 EV kit is fully assembled and factory tested. Follow the instructions in the Connections and Setup section for proper device evaluation as an upconverter.
Test Equipment Required
This section lists the recommended test equipment to verify the operation of the MAX2021 as an upconverter. It is intended as a guide only, and substitutions may be possible. * * One DC supply capable of delivering +5.0V and 350mA One low-noise RF signal generator capable of delivering 10dBm of output power in the 1GHz to 3GHz frequency range (i.e., HP 8648) One I/Q generator capable of producing two differential 1MHz sine waves, 90 out-of-phase with each other, with a 1.4VP-P differential amplitude One quad-channel oscilloscope with a 100MHz minimum bandwidth Low-capacitance oscilloscope probes One RF spectrum analyzer with a 100kHz to 3GHz frequency range (HP 8561E) One RF power meter (HP 437B) One power sensor (HP 8482A)
4) Disable the signal generator outputs. 5) Connect the I/Q source to the differential I/Q ports. 6) Connect the LO source to the EV kit LO input. 7) Measure the loss in the 3dB pad and cable that will be connected to the RF port. Losses are frequency dependent, so test this at 900MHz (the RF frequency). Use this loss as an offset in all output power/gain calculations. 8) Connect this 3dB pad to the EV kit's RF port connector and connect a cable from the pad to the spectrum analyzer. 9) Set DC supply to +5.0V, and set a current limit around 350mA, if possible. Disable the output voltage and connect the supply to the EV kit (through an ammeter, if desired). Enable the supply. Readjust the supply to get +5.0V at the EV kit. A voltage drop occurs across the ammeter when the device is drawing current. 10) Enable the LO and the I/Q sources.
*
* * * * *
Connections and Setup
This section provides a step-by-step guide to testing the basic functionality of the EV kit as an upconverter. As a general precaution to prevent damaging the outputs by driving high VSWR loads, do not turn on DC power or RF signal generators until all connections are made. This upconverter procedure is general to operation with an I/Q baseband input signal at 1MHz. Choose the test frequency based on the particular system's frequency plan and adjust the following procedure accordingly. See Figure 2 for the test setup diagram.
Testing the Direct Upconverter
Adjust the center and span of the spectrum analyzer to 900MHz and 5MHz, respectively. The LO leakage appears at 900MHz and there are two sidebands at 899MHz and 901MHz (LSB and USB). One of the sidebands is the selected RF signal, while the second is the image. Depending on whether the Q channel is 90 degrees advanced or 90 degrees delayed from the I channel determines which sideband is selected and
2
_______________________________________________________________________________________
MAX2021 Evaluation Kit
which is rejected. Note that the sideband suppression is about 40dB typical down from the desired sideband. The desired sideband power level should be approximately -2.3dBm (0.7dBm output power including 3dB pad loss). Phase and amplitude differences at the I and Q inputs result in degradation of the sideband suppression. Note that the spectrum analyzer's uncalibrated absolute magnitude accuracy is typically no better than 1dB.
LO Bias
The bias current for the integrated LO buffer is set with resistor R1 (432 1%). Resistors R2 (619 1%) and R3 (332 1%) set the bias currents for the LO driver amplifiers. Increasing the value of R1, R2, and R3 reduces the current, but the device operates at reduced performance levels. Doubling the values of R1, R2, and R3 reduces the total current to approximately 166mA, but the OIP3 degrades by approximately 4.5dB. Refer to the MAX2021 data sheet for more details.
Evaluates: MAX2021
Detailed Description
The MAX2021 is designed for upconverting (downconverting) to (from) a 750MHz to 1200MHz RF from (to) baseband. Applications include RFID handheld and portal readers, as well as single and multicarrier 750MHz to 1200MHz GSM/EDGE, cdma2000, WCDMA, and iDEN base stations. Direct upconversion (downconversion) architectures are advantageous since they significantly reduce transmitter (receiver) cost, part count, and power consumption compared to traditional heterodyne conversion systems. The MAX2021 integrates internal baluns, an LO buffer, a phase splitter, two LO driver amplifiers, two matched double-balanced passive mixers, and a wideband quadrature combiner. The MAX2021's high-linearity mixers, in conjunction with the part's precise in-phase and quadrature channel matching, enable the device to possess excellent dynamic range, ACLR, 1dB compression point, and LO and sideband suppression characteristics. These features make the MAX2021 ideal for four-carrier WCDMA operation. The MAX2021 EV kit circuit allows for thorough analysis and a simple design-in.
IF Bias
LO leakage nulling is usually accomplished by adjusting the external driving DACs to produce an offset in the common-mode voltage to compensate for any imbalance from I+ to I- and from Q+ to Q-. The EV kit has an added feature to null the LO leakage if the above method is not available. To enable this added feature one would first need to install 8k resistors for R8 through R11 (see Figure 3 for schematic details). To minimize cross coupling of the BB signals, consider adding in the C22 through C25 bypass capacitors. For this method to work, a DC-coupled source impedance (typically 50) needs to appear on all four baseband inputs to form voltage-dividers with the 8k injection resistors. Use a shunt to connect pin 1 of J7 to pin 2 of J7 and a second shunt to connect pin 1 of J8 to pin 2 of J8. Set two DC supplies to 0V and connect one to QBIAS (TP4) and one to IBIAS (TP3). Observe the LO leakage level out of the RF port and slowly adjust the QBIAS positive and observe whether the LO leakage increase or decreases. If the LO leakage decreases, the polarity of the offset is correct. If the LO leakage increases, QBIAS can be adjusted negative or the shunt can be moved on J8 to connect pin 2 to pin 3. Perform the same adjustment and method to the IBIAS (TP3) supply. Optimize the QBIAS and IBIAS voltages to null out the LO leakage.
Supply-Decoupling Capacitors
The MAX2021 has several RF processing stages that use the various V CC pins. While they have on-chip decoupling, off-chip interaction between them can degrade gain, linearity, carrier suppression, and output power. Proper voltage-supply bypassing is essential for high-frequency circuit stability. C1, C6, C7, C10, and C13 are 33pF supply-decoupling capacitors used to filter high-frequency noise. C2, C5, C8, C11, and C12 are larger 0.1F capacitors used for filtering lower-frequency noise on the supply.
External Diplexer
LO leakage at the RF port can be nulled to a level less than -80dBm by introducing DC offsets at the I and Q ports. However, this null at the RF port can be compromised by an improperly terminated I/Q IF interface. Care must be taken to match the I/Q ports to the driving DAC circuitry. Without matching, the LO's second-order (2fLO) term may leak back into the modulator's I/Q input port where it can mix with the internal LO signal to produce additional LO leakage at the RF output. This leakage effectively counteracts against the LO
DC-Blocking Capacitors
The MAX2021 has internal baluns at the RF output and LO input. These inputs have almost 0 resistance at DC, so DC-blocking capacitors C3 and C9 are used to prevent any external bias from being shunted directly to ground.
_______________________________________________________________________________________
3
MAX2021 Evaluation Kit Evaluates: MAX2021
C = 6.8pF MAX2021 RF MODULATOR 100 I L = 40nH C = 6.8pF C = 6.8pF 100 LO 100 Q L = 40nH C = 6.8pF 100 0 90 RF
Figure 1. Example Diplexer Network for GSM 900 Applications
nulling. In addition, the LO signal reflected at the I/Q IF port produces a residual DC term that can disturb the nulling condition. As shown in Figure 1, providing an RC termination on each of the I+, I-, Q+, Q- ports reduces the amount of LO leakage present at the RF port under varying temperature, LO frequency, and baseband drive conditions. Note that the resistor value is chosen to be 100 with a corner frequency 1 / (2RC) selected to adequately filter the fLO and 2fLO leakage, yet not affecting the flatness of the baseband response at the highest baseband frequency. The common-mode fLO and 2fLO signals at I+/I- and Q+/Q- effectively see the RC networks and thus become terminated in 50 (R/2). The RC network provides a path for absorbing the 2fLO and fLO leakage, while the inductor provides high impedance at fLO and 2fLO to help the diplexing process. The MAX2021 EV kit includes flexibility for a diplexer network to be installed if desired. See Figure 3 for details on the EV kit schematic.
Layout Considerations
The MAX2021 evaluation board can be a guide for your board layout. Pay close attention to thermal design and close placement of components to the IC. The MAX2021 package's exposed paddle (EP) conducts heat from the device and provides a low-impedance electrical connection to the ground plane. The EP must be attached to the PCB ground plane with a low thermal and electrical impedance contact. Ideally, this is achieved by soldering the backside of the package directly to a top metal ground plane on the PCB. Alternatively, the EP can be connected to an internal or bottom-side ground plane using an array of plated vias directly below the EP. The MAX2021 EV kit uses nine evenly spaced 0.016in-diameter, plated through holes to connect the EP to the lower ground planes. Depending on the ground plane spacing, large surface-mount pads in the IF path may need to have the ground plane relieved under them to reduce parasitic shunt capacitance.
4
_______________________________________________________________________________________
MAX2021 Evaluation Kit Evaluates: MAX2021
DIFFERENTIAL I/Q GENERATOR
BENCH MULTIMETER HPIB (HP 34401A)
POWER SUPPLY 3-OUT, HPIB (AG E3631A)
271mA
5.0V, 350mA (max)
(AMMETER)
+
-
+
-
Q+
+ 5V GND
Q-
MAX2021EVKIT
I+
LO
3dB
RF SIGNAL GENERATOR (HP 8648B)
900MHz
I-
3dB RF
RF SPECTRUM ANALYZER (HP 8561x) QUAD-CHANNEL OSCILLOSCOPE RF POWER METER (GIGA 80701A, HP 437B)
RF HIGH POWER SENSOR
Figure 2. Test Setup Diagram
_______________________________________________________________________________________
5
Evaluates: MAX2021
J3 J4 Q+ C24 R10 1 2 3 J8 VCC TP4 QBIAS VCC C20 C21 R11 C25 Q-
GND
GND
GND GND VCCLOQ1
VCCLOQ2 GND
R3 332
36 35 34 33 32 31 30 29 28
U1
GND
GND
MAX2021 Evaluation Kit
GND
GND
GND
GND
GND GND VCCLOI1
VCCLOI2 GND
Figure 3. MAX2021 EV Kit Schematic
C12 0.1F L3* C18 R6 R7 C19 L4* C13 33pF C10 33pF C11 0.1F GND RBIASLO3
1 2 3 4
90
0
6
J1 LO
24 23 22 21
BIAS LO2
VCC C3 82pF
25
BIAS LO3
MAX2021
27 26
GND BBQ+ BBQGND RFOUT GND BBIBBI+ GND C9 8.2pF J2 RF
C2 0.1F VCCLOA LO GND RBIASLO1
5 6 7 8
EP
BIAS LO1
C1 33pF
R1 432
20 19
N.C. RBIASLO2 GND R2 619
10 11 12 13 14 15 16 17 18
9
EXPOSED PADDLE
VCC VCC +5V TP1 TP2 GND C5 0.1F C6 33pF GND
L1* VCC
C14 L2* R4 C7 33pF C8 0.1F
C15 R5
C16
C17 123 J7 C22 R8 J5 I+ R9 J6 IC23 TP3 IBIAS
_______________________________________________________________________________________
*IF THE DIPLEXER IS INSTALLED, THE TRACE JUMPERS ACROSS L1-L4 MUST BE CUT AWAY.
MAX2021 Evaluation Kit Evaluates: MAX2021
Figure 4. MAX2021 EV Kit PCB Layout--Top Silkscreen
Figure 5. MAX2021 EV Kit PCB Layout--Top Soldermask
Figure 6. MAX2021 EV Kit PCB Layout--Top Layer Metal
Figure 7. MAX2021 EV Kit PCB Layout--Inner Layer 2 (GND)
_______________________________________________________________________________________
7
MAX2021 Evaluation Kit Evaluates: MAX2021
Figure 8. MAX2021 EV Kit PCB Layout--Inner Layer 3 (Routes)
Figure 9. MAX2021 EV Kit PCB Layout--Bottom Layer (Metal)
Figure 10. MAX2021 EV Kit PCB Layout--Bottom Soldermask
Figure 11. MAX2021 EV Kit PCB Layout--Bottom Silkscreen
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
8 _____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 (c) 2006 Maxim Integrated Products is a registered trademark of Maxim Integrated Products, Inc.


▲Up To Search▲   

 
Price & Availability of MAX20211

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X