Part Number Hot Search : 
198000 AHCT1 BYD33K LB341 P4KE22 1029G TSL262 55V162
Product Description
Full Text Search
 

To Download MAX-9H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 High IP3
Active Mixer
Level 0
Storage Temperature LO Power RF Power DC Voltage
MAX-9H
810 to 930 MHz
low LO power, 0 dBm gain, 9 dB typ. output IP3, 33 dBm typ. noise figure, 9 dB typ. patent pending
(LO Power +0 dBm)
-40C to 85C -55C to 100C 10 dBm 15 dBm +5.5V
Maximum Ratings
Operating Temperature
Features
* * * * *
CASE STYLE: BJ937 PRICE: $19.95 ea. QTY (10)
Applications Pin Connections
LO RF IF DC GROUND 1 3 5 7 2,4,6,8 FREQUENCY (MHz)
RF 810-930 LO 570-675 IF 240-260
* GSM * DCS/PCS
Electrical Specifications (TAMB=25C)
RF OUTPUT CONVERSION NOISE INPUT IP3 FIGURE GAIN @ 1dB (dBm) (dB) (dB) compr.
Typ. 33 (dBm) 8 Min. 8 Max. 11 Max. 11
LO-RF ISOL. (dB)
Typ. Min. 22 10
LO-IF* ISOL. (dB)
Typ. Min. 2 --
DC POWER
Current Volt (mA) Nom. Max. 5 165
Outline Drawing
*LO to IF isolation is measured at input to LO internal amplifier and at output of internal IF amplifier. To improve rejection, select filter from LFCN or HFCN series.
Typical Performance Data
Frequency RF LO MHz MHz
810.00 820.00 840.00 860.00 865.00 870.00 875.00 880.00 900.00 920.00 935.00 563.00 573.00 593.00 613.00 618.00 623.00 628.00 633.00 653.00 673.00 688.00
Conversion Gain (dB)
8.65 8.77 8.94 9.02 9.04 9.05 9.04 9.02 9.08 9.14 9.10
L-R Isolation (dB)
32.33 30.54 25.49 22.92 21.85 21.01 20.84 21.27 24.70 28.99 24.71
Output IP3 (dBm)
30.73 31.17 31.81 33.59 34.12 32.97 31.60 31.61 32.34 32.93 32.73
MAX-9H CONVERSION GAIN
MAX-9H L-R ISOLATION 35 30 ISOLATION (dB)
10.0
GAIN (dB)
Outline Dimensions ( inch ) mm
A .395 10.03 H .047 1.19 B .520 13.21 J .065 1.65 C --K .065 1.65 D .100 2.54 L .425 10.80 E .230 5.84 F .110 2.79 G .100 2.54 wt grams 0.85
9.5 9.0 8.5 8.0 790
25 20 15 10 5
840
890
940
0 790
840
890
940
FREQUENCY (MHz) MAX-9H OUTPUT IP3 40 35 IP3 (dBm) 30 25 20 15 10 790
FREQUENCY (MHz)
electrical schematic
RF
IF
LO +5V
840
890
940
FREQUENCY (MHz)
Mini-Circuits
(R)
INTERNET http://www.minicircuits.com P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers NORTH AMERICA 800-654-7949 * 417-335-5935 * Fax 417-335-5945 * EUROPE 44-1252-832600 * Fax 44-1252-837010
Mini-Circuits ISO 9001 & ISO 14001 Certified
REV. B M102806 ED-11110/1 MAX-9H DJ/RS/CP 060223


▲Up To Search▲   

 
Price & Availability of MAX-9H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X