Part Number Hot Search : 
BB104G IM811 FDS8690 W83310 6220A IS126 M6M50 R1500
Product Description
Full Text Search
 

To Download MAVR-000409-0287FT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Also Offering RoHs Compliant Equivalent Parts
Surface Mount Hyperabrupt Varactors
Features
* * * * * * *
*
MA4ST400 Series V2
Absolute Maximum Ratings @ TA=+25 C (Unless Otherwise Noted) 1
Parameter Reverse Voltage Forward Current Total Power Dissipation Operating Temperature Storage Temperature Absolute Maximum 22V 50 mA 250 mW -55 C to +125 C -55 C to +125 C
Surface Mount Packages High Quality Factor Capacitance Ratio to 9.5:1 Tape and Reel Packaging Available SPC Monitored Ion Implantation for Excellent C-V Repeatability Singles and Common Cathode Pairs Lead-Free (RoHS Compliant) Equivalents Available with 260 C Reflow Compatibility
Description
M/A-COM's MA4ST400 series are ion-implanted, hyperabrupt junction, silicon tuning varactors in the SOT-23 surface mount package. These thermal oxide passivated diodes feature high capacitance ratio and quality factor. They are well suited for octave bandwidth tuning in the HF to UHF frequency bands. The standard capacitance tolerance is 10%, with tighter tolerances available. Capacitance matching at one or more bias voltages is also available.These diodes are offered with standard Sn/Pb plating, as well as with 100% matte Sn plating on our RoHS compliant devices.
1. Operation of this device above any one of these parameters may cause permanent damage. 2. Please refer to application note M538 for surface mounting instructions
RoHs Compliant Parts
Part Number
MA4ST401-287T MA4ST402-287T MA4ST403-287T MA4ST404-287T
RoHs Compliant Part Number
MAVR-000401-0287AT MAVR-000402-0287AT MAVR-000403-0287AT MAVR-000404-0287AT MAVR-000405-0287AT MAVR-000406-0287AT MAVR-000407-0287AT MAVR-000408-0287AT MAVR-000409-0287AT MAVR-000401-0287FT MAVR-000402-0287FT MAVR-000403-0287FT MAVR-000404-0287FT MAVR-000405-0287FT MAVR-000406-0287FT MAVR-000407-0287FT MAVR-000408-0287FT MAVR-000409-0287FT
Configuration
Single Single Single Single Single Single Single Single Single Common Cathode Common Cathode Common Cathode Common Cathode Common Cathode Common Cathode Common Cathode Common Cathode Common Cathode
Applications
The MA4ST400 series tuning varactors are useful for octave bandwidth tuning applications in the HF through UHF ranges. Applications include VCOs and voltage tuned filters in radios, cable TV tuners and test instruments where low cost and excellent lot-to-lot repeatability are critical. Linear tuning performance is available from 3 to 8 volts.
MA4ST405-287T MA4ST406-287T MA4ST407-287T MA4ST408-287T MA4ST409-287T MA4ST401CK-287T MA4ST402CK-287T MA4ST403CK-287T
Configurations
MA4ST404CK-287T MA4ST405CK-287T MA4ST406CK-287T MA4ST407CK-287T MA4ST408CK-287T MA4ST409CK-287T
Common Cathode
Single
1 Suffix refers to package style , configuration and packaging requirements. Other packages and configurations may be available upon request.
1
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
Also Offering RoHs Compliant Equivalent Parts
Surface Mount Hyperabrupt Varactors
Electrical Specifications @ TA = +25 C
Breakdown Voltage @ IR = 10A, Vb = 22 V Minimum Reverse Leakage Current @ VR =20V, IR = 100 nA Maximum
MA4ST400 Series V2
C T2 RoHs Compliant Part Number Base1 (pF) f=1 MHz, VR=4.0V Min. MAVR-000401-0287AT MAVR-000402-0287AT MAVR-000403-0287AT MAVR-000404-0287AT MAVR-000405-0287AT MAVR-000406-0287AT MAVR-000407-0287AT MAVR-000408-0287AT MAVR-000409-0287AT MAVR-000401-0287FT MAVR-000402-0287FT MAVR-000403-0287FT MAVR-000404-0287FT MAVR-000405-0287FT MAVR-000406-0287FT MAVR-000407-0287FT MAVR-000408-0287FT MAVR-000409-0287FT 9.0 10.8 13.5 16.2 19.8 24.3 29.7 35.1 42.3 9.0 10.8 13.5 16.2 19.8 24.3 29.7 35.1 42.3 Nom. 10.0 12.0 15.0 18.0 22.0 27.0 33.0 39.0 47.0 10.0 12.0 15.0 18.0 22.0 27.0 33.0 39.0 47.0 Max. 11.0 13.2 16.5 19.8 24.2 29.7 36.3 42.9 51.7 11.0 13.2 16.5 19.8 24.2 29.7 36.3 42.9 51.7
Capacitance Ratio CT2.0/CT20 Typ. 6 6.5 7 7 7.5 8 9 9.5 9.5 6 6.5 7 7 7.5 8 9 9.5 9.5
Q Factor f=50 MHz, Min. 250 250 250 175 175 150 150 150 150 250 250 250 175 175 150 150 150 150
Part Number Base MA4ST401-287T MA4ST402-287T MA4ST403-287T MA4ST404-287T MA4ST405-287T MA4ST406-287T MA4ST407-287T MA4ST408-287T MA4ST409-287T MA4ST401CK-287T MA4ST402CK-287T MA4ST403CK-287T MA4ST404CK-287T MA4ST405CK-287T MA4ST406CK-287T MA4ST407CK-287T MA4ST408CK-287T MA4ST409CK-287T
1 2
The suffix defines package style, configuration and packaging information. Contact representative for complete part identification. Capacitance specification is per diode
2
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
Also Offering RoHs Compliant Equivalent Parts
Surface Mount Hyperabrupt Varactors
Typical Performance Curves
MA4ST400 Series Hyperabrupt Varactor
100
MA4ST401 MA4ST402 MA4ST403
MA4ST400 Series V2
Capacitance (pF)
MA4ST404 MA4ST405 MA4ST406 MA4ST407 MA4ST408 MA4ST409
10
1 1 10 Reverse Voltage (V) 100
Tabulated Capacitance Data
Bias (V) 0 1 2 3 4 5 6 8 10 12 15 20 22 MA4ST401 30.37 20.86 16.19 12.83 9.99 7.59 5.80 3.76 2.86 2.41 2.03 1.68 1.60 MA4ST402 33.12 23.02 18.20 14.87 12.14 9.69 7.56 4.79 3.41 2.74 2.23 1.83 1.77 MA4ST403 47.05 32.12 24.72 19.33 14.74 10.90 8.08 4.96 3.76 3.17 2.66 2.21 2.09 MA4ST404 59.64 40.43 30.89 24.00 18.35 13.95 10.94 7.61 6.00 5.12 4.33 3.60 3.39 MA4ST405 69.45 47.47 36.55 28.57 21.73 15.95 11.73 7.11 5.37 4.53 3.81 3.18 3.11 MA4ST406 86.29 58.98 45.41 35.50 27.00 19.82 14.57 8.83 6.67 5.63 4.73 3.95 3.86 MA4ST407 105.60 72.34 55.93 44.02 33.85 25.13 18.64 11.37 8.45 7.05 5.87 4.81 4.53 MA4ST408 124.52 85.20 65.82 51.83 39.95 29.86 22.36 13.80 10.23 8.50 7.05 5.76 5.42 MA4ST409 150.59 103.10 79.70 62.79 48.45 36.27 27.26 17.11 12.73 10.58 8.79 7.17 6.75
3
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
Also Offering RoHs Compliant Equivalent Parts
Surface Mount Hyperabrupt Varactors
Mounting Information
The illustration indicates the recommended mounting pad configuration for the SOT-23 package. Solder paste containing flux should be screened onto the pads to a thickness of 0.005- 0.007 inches. The plastic package is placed in position, firmly adhering to the solder paste. Permanent attachment is performed by a reflow soldering procedure during which the tab temperature does not exceed +275 C and the body temperature does not exceed +250 C, for standard models and +260 C for the RoHS compliant devices. Please refer to Application Note M538 for surface mounting instructions.
MA4ST400 Series V2
SOT-23
.030 min. 0.80
.035 min. 0.90 .037 0.95 0.75 1.9
.090 2.2
Dimenstions: inches mm
SOT-23 Case Style 287
SOT-23 (Case Style 287)
INCHES
F D A N
MILLIMETERS MIN. MAX.
1.22 0.20 1.00 0.35 0.50 0.08 0.15 2.80 3.00 1.20 1.40 0.95 typical 1.90 typical 2.60 0.60
DIM.
A B C D E F G H J K L
MIN.
MAX.
M G
B K
L H J C E
0.048 0.008 0.040 0.013 0.020 0.003 0.006 0.110 0.119 0.047 0.056 0.037 typical 0.075 typical 0.103 0.024
DIM.
M N
GRADIENT
10 max.1 2 . . .30
4
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.


▲Up To Search▲   

 
Price & Availability of MAVR-000409-0287FT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X